Part Number Hot Search : 
Z5233B IRF370 MMA690XQ VRE4141B U4072B UPA1709G AN5750 LB1922
Product Description
Full Text Search
 

To Download IRF7322D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD- 91705A
IRF7322D1
FETKYTM MOSFET / Schottky Diode
q q q q q q
Co-packaged HEXFET(R) Power MOSFET and Schottky Diode Ideal For Buck Regulator Applications P-Channel HEXFET Low VF Schottky Rectifier Generation 5 Technology SO-8 Footprint
A A S G
1
8 7
K K D D
VDSS = -20V RDS(on) = 0.058 Schottky Vf = 0.39V
2
3
6
4
5
Top Vie w
Description
The FETKY family of co-packaged MOSFETs and Schottky diodes offers the designer an innovative, board space saving solution for switching regulator and power management applications. Generation 5 HEXFET Power MOSFETs utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. Combinining this technology with International Rectifier's low forward drop Schottky rectifiers results in an extremely efficient device suitable for use in a wide variety of portable electronics applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics. The SO-8 package is designed for vapor phase, infrared or wave soldering techniques.
S O -8
Absolute Maximum Ratings (TA = 25C unless otherwise noted)
Parameter
ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS @ -4.5V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Maximum
-5.3 -4.3 -43 2.0 1.3 16 12 -5.0 -55 to +150
Units
A
W mW/C V V/ns C
Thermal Resistance Ratings
Parameter
RJA Junction-to-Ambient
Maximum
62.5
Units
C/W
Notes: Repetitive rating; pulse width limited by maximum junction temperature (see figure 9) ISD -2.9A, di/dt -77A/s, VDD V(BR)DSS, TJ 150C Pulse width 300s; duty cycle 2% Surface mounted on FR-4 board, t 10sec.
www.irf.com
1
3/17/99
IRF7322D1
MOSFET Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V(BR)DSS RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Drain-to-Source Breakdown Voltage Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -20 -- -- -0.70 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. -- 0.049 0.082 -- 5.9 -- -- -- -- 19 4.0 7.7 15 40 42 49 780 470 240 Max. Units Conditions -- V V GS = 0V, ID = -250A 0.062 VGS = -4.5V, ID = -2.9A 0.098 VGS = -2.7V, ID = -1.5A -- V V DS = VGS, ID = -250A -- S VDS = -10V, ID = -1.5A -1.0 VDS = -16V, VGS = 0V A -25 VDS = -16V, VGS = 0V, TJ = 55C 100 VGS = -12.0V nA -100 V GS = 12.0V 29 ID = -2.9A 6.1 nC VDS = -16V 12 VGS = -4.5V (see figure 6) 22 VDD = -10V 60 ID = -2.9A ns 63 RG = 6.0 73 R D = 3.4 -- VGS = 0V -- pF VDS = -15V -- = 1.0MHz (see figure 5) Conditions
2
MOSFET Source-Drain Ratings and Characteristics
Parameter IS Continuous Source Current (Body Diode) ISM Pulsed Source Current (Body Diode) VSD Body Diode Forward Voltage trr Reverse Recovery Time (Body Diode) Qrr Reverse Recovery Charge Min. Typ. Max. Units -- -- -2.5 A -- -- -21 -- -- -1.2 V -- 47 71 ns -- 49 73 nC
TJ = 25C, IS = -2.9A, VGS = 0V TJ = 25C, IF = -2.9A di/dt = 100A/s
Schottky Diode Maximum Ratings
IF(av)
ISM
Parameter Max. Average Forward Current Max. peak one cycle Non-repetitive Surge current
Max. Units. 2.7 A 2 120 11 A
Conditions 50% Duty Cycle. Rectangular Wave, TA = 25C See Fig. 14 TA = 70C 5s sine or 3s Rect. pulse Following any rated 10ms sine or 6ms Rect. pulse load condition & with VRRM applied
Schottky Diode Electrical Specifications
VFM Parameter Max. Forward voltage drop Max. Units 0.50 0.62 V 0.39 0.57 0.02 mA 8 92 pF 3600 V/ s Conditions IF = 1.0A, TJ = 25C IF = 2.0A, TJ = 25C IF = 1.0A, TJ = 125C IF = 2.0A, TJ = 125C . VR = 20V TJ = 25C TJ = 125C VR = 5Vdc ( 100kHz to 1 MHz) 25C Rated VR
IRM Ct dv/dt
Max. Reverse Leakage current Max. Junction Capacitance Max. Voltage Rate of Charge
2
www.irf.com
2 Power Mosfet Characteristics
100
VGS -7.50V -4.50V -4.00V -3.50V -3.00V -2.70V -2.00V BOTTOM -1.50V TOP
IRF7322D1
100
-I D , Drain-to-Source Current (A)
-I D , Drain-to-Source Current (A)
VGS -7.50V -4.50V -4.00V -3.50V -3.00V -2.70V -2.00V BOTTOM -1.50V TOP
10
10
-1.50V
1
1
-1.50V
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10
-VDS , Drain-to-Source Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
TJ = 25 C TJ = 150 C
10
R D S (on ) , D rain-to-S ource O n R esistance (N orm alized)
100
2.0
I D = -2.9 A
-I D , Drain-to-Source Current (A)
1.5
1.0
0.5
1 1.5
V DS = -10V 20s PULSE WIDTH 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.0 -60 -40 -20 0 20 40 60 80
V G S = -4 .5V
100 120
140 160
A
-VGS, Gate-to-Source Voltage (V)
T J , Junction T em perature (C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF7322D1
Power Mosfet Characteristics
1400
1200
-V G S , Gate-to-Source Voltage (V)
V GS C is s C rs s C o ss
= = = =
0V , f = 1M H z C g s + C g d , Cd s S H O R T E D C gd C d s + C gd
10
I D = -2.9A V D S = -16V
8
C , Capacitance (pF)
1000
C iss C oss
800
6
600
4
400
C rss
2
200
0 1 10 100
A
0 0 5 10 15 20 25 30
A
-VD S , D rain-to-S ourc e V oltage (V )
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
-ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
-ID , Drain Current (A) I
TJ = 150 C
100us
TJ = 25 C
1
10 1ms
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2 1.4
1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
-VSD ,Source-to-Drain Voltage (V)
-VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF7322D1
Power Mosfet Characteristics
100
Thermal Response (Z thJA )
0.50
0.20 10 0.10 0.05 0.02 1 0.01 PDM t1 t2 SINGLE PULSE (THERMAL RESPONSE) 0.1 0.00001 0.0001 0.001 0.01 0.1 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 1 10 100
t1 , Rectangular Pulse Duration (sec)
Fig 9. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.8
0.08
RDS (on) , Drain-to-Source On Resistance ()
RDS (on) , Drain-to-Source On Resistance ()
0.07
0.6
V G S = -2.7V
0.06
0.4
I D = -5.3A
0.05
0.2
0.04
V G S = -4.5V
0.0 0 4 8 12 16 20
A
0.03 0.0 2.0 4.0 6.0 8.0
A
-I D , Drain Current (A)
V G S , Gate-to-Source Voltage (V)
Fig 10. Typical On-Resistance Vs. Drain Current
Fig 11. Typical On-Resistance Vs. Gate Voltage
www.irf.com
5
IRF7322D1
Schottky Diode Characteristics
10
100
10
TJ = 150C 125C
Reverse Current - IR (mA)
1
100C 75C 50C
0.1
In sta n tan e o us Fo rw a rd C urre nt - I F (A )
0.01
25C
0.001
0.0001 0 4 8 12 16 20
)
Reverse Voltage - V R (V)
1
T J = 1 50 C T J = 1 25 C T J = 2 5 C
160 140 120 100 80 60 40 20 0 0.0
Fig. 13 - Typical Values of Reverse Current Vs. Reverse Voltage
A llow a b le A m b ie n t T em p e ra ture - ( C )
V r = 20 V R t hJA = 6 2 .5 C /W Sq uare w ave
0.1 0.0 0.2 0.4 0.6 0.8 1.0
Forwa rd V o lta ge D ro p - V FM (V ) Forward Voltage Drop - VF (V)
D D D D D
= 3 /4 = 1 /2 =1 /3 = 1 /4 = 1 /5
DC
A
0.5 1.0 1.5 2.0 2.5 3.0
Fig. 12 - Typical Forward Voltage Drop Characteristics
A v e ra ge F orw a rd C u rre nt - I F (AV ) (A )
Fig.14 - Maximum Allowable Ambient Temp. Vs. Forward Current
6
www.irf.com
IRF7322D1
SO-8 Package Details
D -B -
D IM
5
IN C H E S M IN .0532 .0040 .014 .0 075 .1 89 .150 MAX .0688 .0098 .018 .0 098 .1 96 .157
M IL LIM E T E R S M IN 1 .35 0 .10 0 .36 0 .19 4 .80 3 .81 M AX 1 .75 0 .25 0 .46 0.25 4.98 3 .99
A A1 B
5
8 E -A -
7
6
5 H 0.2 5 (.0 10 ) M AM
1
2
3
4
C D E e e1 H K
e 6X
e1 A
K x 45
.050 B A S IC .025 B A S IC .2 284 .011 0 .16 0 .2 440 .019 .050 8
1.2 7 B A S IC 0.6 35 B A S IC 5 .80 0 .28 0 .41 0 6.20 0 .48 1.27 8
-CB 8X 0 .25 (.01 0) A1 M CASBS
0 .10 (.00 4)
L 8X
6
C 8X
L
R E CO M M E ND E D F O O TP R IN T 0 .72 (.02 8 ) 8X
N O TE S : 1 . D IM EN SIO N IN G AN D TO L ER A NC IN G P ER AN S I Y1 4.5 M -198 2. 2 . C O N TRO L LIN G D IM EN SIO N : IN C H . 3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S). 4 . O U TLIN E CO N F O RM S TO JED E C O U TLINE M S -0 12 AA . 5 D IM E NS IO N D O ES N O T IN C LU D E M O LD PR O TR US IO N S M O LD P R O TR U SIO NS N O T TO EXCE ED 0 .2 5 (.00 6). 6 D IM E NS IO N S IS TH E LE N G TH O F L EA D FO R SO L DE R IN G TO A SU B STRA TE..
6 .46 ( .25 5 )
1 .78 (.07 0) 8X
1.27 ( .0 50 ) 3X
Part Marking
www.irf.com
7
IRF7322D1
Tape and Reel
T E R M IN A L N U M B E R 1
12 .3 ( .484 ) 11 .7 ( .461 )
8.1 ( .31 8 ) 7.9 ( .31 2 )
F E E D D IR E C T IO N
N OTE S : 1 . C ON TR O LL IN G D IM E N S ION : M IL LIM E TE R. 2 . A L L D IM E N S ION S A RE S H O W N IN M IL L IM E TE R S (INC H E S ). 3 . O U TL IN E C O N FO R M S TO E IA -4 81 & E IA -54 1 .
33 0.00 (12 .992 ) M AX .
14.4 0 ( .5 66 ) 12.4 0 ( .4 88 ) NOTES : 1. C O N T R O LLIN G D IM E N S IO N : M ILL IM E T E R . 2. O U T LIN E C O N F O R M S T O E IA -481 & E IA -541.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111 IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 221 8371 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936 http://www.irf.com/ Data and specifications subject to change without notice . 3/99
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7322D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X