Part Number Hot Search : 
XCL200H5 APTM5 4504B AK4381 AK4373 1N4573 51F3A PE90GB80
Product Description
Full Text Search
 

To Download HMPSA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6301-B Issued Date : 1992.09.09 Revised Date : 2000.10.01 Page No. : 1/4
HMPSA05
NPN SILICON TRANSISTOR
Description
Amplifier transistor
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ 60 V VCEO Collector to Emitter Voltage ..................................................................................... 60 V VEBO Emitter to Base Voltage ............................................................................................. 4 V IC Collector Current ....................................................................................................... 500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. 60 60 4 50 50 100 Typ. Max. 100 100 0.25 1.2 Unit V V V nA nA V V Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=100uA, IC=0 VCB=60V, IE=0 VCE=60V, IB=0 IC=100mA, IB=10mA IC=100mA, VCE=1V IC=10mA, VCE=1V IC=100mA, VCE=1V IC=10mA, VCE=2V, f=100MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HE6301-B Issued Date : 1992.09.09 Revised Date : 2000.10.01 Page No. : 2/4
Saturation Voltage & Collector Current
hFE
VCE=1V 100
Saturation Voltage (mV)
100
VCE(sat) @ IC=10IB 10 0.1 1 10 100 1000 10 0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10000 1000
Cutoff Frequency & Ic
Cutoff Frequency (MHz)
On Voltage (mV)
VCE=2V 100
1000
VBE(on) @ VCE=1V
100 0.1 1 10 100 1000
10 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 10000
Safe Operating Area
Collector Current-IC (mA)
1000
Capacitance (pF)
10
Cob
PT=1ms 100 PT=100ms PT=1s 10
1 0.1 1 10 100 1000
1 1 10 100 1000
Reverse Biased Voltage (V)
Forward Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6301-B Issued Date : 1992.09.09 Revised Date : 2000.10.01 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD(mW)
500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta( C)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6301-B Issued Date : 1992.09.09 Revised Date : 2000.10.01 Page No. : 4/4
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Base 3.Collector
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMPSA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X