Part Number Hot Search : 
1ZB220Z L30TPG NTE18 AN5817NK SB1100 LD6805 354406 TC141
Product Description
Full Text Search
 

To Download HMC441 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
Features
Gain: 15.5 dB Saturated Power: +22 dBm @ 23% PAE Single Supply Voltage: +5.0 V w/ Optional Gate Bias 50 Ohm Matched Input/Output
1
AMPLIFIERS - CHIP
Typical Applications
The HMC441 is ideal for use as a medium power amplifier for: * Point-to-Point Radios * Point-to-Multi-Point Radios * VSAT * LO Driver for HMC Mixers * Military EW & ECM
Functional Diagram
General Description
The HMC441 is an efficient GaAs PHEMT MMIC Medium Power Amplifier which operates between 6.0 and 18.0 GHz*. The amplifier provides 15.5 dB of gain, +22 dBm of saturated power, and 23% PAE from a +5.0 V supply voltage. An optional gate bias is provided to allow adjustment of gain, RF output power, and DC power dissipation. The HMC441 amplifier can easily be integrated into Multi-Chip-Modules (MCMs) due to its small (.99mm2) size. The backside of the die is both RF and DC ground, simplifying the assembly process and reducing performance variation. All data is tested with the chip in a 50 Ohm test fixture connected via 0.025mm (1 mil) diameter wire bonds of minimal length 0.31mm (12 mils).
Vgg1, Vgg2: Optional Gate Bias
Electrical Specifications, TA = +25 C, Vdd1 = Vdd2 = 5V, Vgg1 = Vgg2 = Open
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Noise Figure Supply Current (Idd) 15.5 17 13 Min. Typ. 7.0 - 8.0 15.5 0.015 10 14 18.5 20 29 5.0 90 16 18 0.02 14 Max. Min. Typ. 8.0 - 12.5 16.5 0.015 13 17 19 21 31 4.5 90 17 19 0.02 13 Max. Min. Typ. 12.5 - 14.0 15.5 0.015 15 23 20 22 32 4.5 90 17 19 0.02 12 Max. Min. Typ. 14.0 - 15.5 14.5 0.015 14 18 20 22 32 4.5 90 0.02 Max. Units GHz dB dB/ C dB dB dBm dBm dBm dB mA
*Contact HMC for Electrical Spec Limits for 6-7 & 15.5 - 18 GHz.
1 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
GaAs MMIC SUB-HARMONICALLY Gain vs. Temperature PUMPED MIXER Broadband Gain & Return Loss
20 15 10
RESPONSE (dB)
17 - 25 GHz
20 18 16
S21
1
AMPLIFIERS - CHIP
1 - 61
5 0 -5 -10 -15 -20 -25 -30 4 6 8 10
14
GAIN (dB)
S11 S22
12 10 8 6 4 2 0
+25 C +85 C -55 C
12
14
16
18
20
6
7
8
9
10
11
12
13
14
15
16
17
18
FREQUENCY (GHz)
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0 -2 -4 RETURN LOSS (dB) -6 -8 -10 -12 -14 -16 -18 -20 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25 C +85 C -55 C
Output Return Loss vs. Temperature
0 -5
RETURN LOSS (dB)
+25 C +85 C -55 C
-10 -15 -20 -25 -30 -35 6 7 8 9 10 11 12 13
14
15
16
17
18
FREQUENCY (GHz)
P1dB vs. Temperature
25 24 23 22
P1dB (dBm)
Psat vs. Temperature
25 24 23 22
Psat (dBm)
21 20 19 18 17 16 15 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25 C +85 C -55 C
21 20 19 18 17 16 15 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25 C +85 C -55 C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
1
AMPLIFIERS - CHIP
Power Compression @ 11 GHz
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 -10
Pout (dBm), GAIN (dB), PAE (%)
Pout (dBm) Gain (dB) PAE (%)
Power Compression @ 15 GHz
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0 -10
Pout (dBm), GAIN (dB), PAE (%)
Pout (dBm) Gain (dB) PAE (%)
-8
-6
-4
-2
0
2
4
6
8
10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
INPUT POWER (dBm)
INPUT POWER (dBm)
Output IP3 vs. Temperature
36 34 32 30
OIP3 (dBm)
Noise Figure vs. Temperature
10 9 8
NOISE FIGURE (dB)
+25 C +85 C -55 C
7 6 5 4 3 2 1 0
28 26 24 22 20 18 16 6 7 8 9 10 11 12 13 14 15 16 17 18 FREQUENCY (GHz)
+25 C +85 C -55 C
6
7
8
9
10
11
12
13
14
15
16
17
18
FREQUENCY (GHz)
Gain & Power vs. Supply Voltage @ 11 GHz
24
GAIN (dB), P1dB (dBm), Psat (dBm)
Reverse Isolation vs. Temperature
0 -10
ISOLATION (dB)
+25 C +85 C -55 C
22 20 18 16 14 12 10 2.7
Gain P1dB Psat
-20 -30 -40 -50 -60
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
6
7
8
9
10
11
12
13
14
15
16
17
18
Vdd Supply Voltage (Vdc)
FREQUENCY (GHz)
1 - 62
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
Gain, Power & Output IP3 vs. Gate Voltage @ 12 GHz
GAIN (dB), P1dB (dBm), Psat (dBm), OIP3 (dBm)
35 30 25 20 15 10 5 0 -1 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0
Gain P1dB Psat OIP3 Idd
210 180 150 120 90 60 30 0
1
AMPLIFIERS - CHIP
1 - 63
Idd (mA)
Vgg1, Vgg2 Gate Voltage (Vdc)
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2) Gate Bias Voltage (Vgg1,Vgg2) RF Input Power (RFin)(Vdd = +5.0 Vdc) Channel Temperature Continuous Pdiss (T= 85 C) (derate 10 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature +5.5 Vdc -8.0 to 0 Vdc +20 dBm 175 C 0.9 W
Typical Supply Current vs. Vdd
Vdd (V) +4.5 +5.0 +5.5 +2.7 +3.0 Idd (mA) 88 90 92 80 82 83
100 C/W -65 to +150 C -55 to +85 C
+3.3
Note: Amplifier will operate over full voltage ranges shown above
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
1
AMPLIFIERS - CHIP
Outline Drawing
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM] 2. DIE THICKNESS IS .004" 3. TYPICAL BOND IS .004" SQUARE 4. BACKSIDE METALLIZATION: GOLD 5. BOND PAD METALLIZATION: GOLD 6. BACKSIDE METAL IS GROUND. 7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Pad Descriptions
Pin Number Function Description This pad is AC coupled and matched to 50 Ohms from 7 - 15.5 GHz. Interface Schematic
1
RF IN
2, 3
Vdd1, Vdd2
Power Supply Voltage for the amplifier. An external bypass capacitor of 100 pF is required.
4
RF OUT
This pad is AC coupled and matched to 50 Ohms from 7 -15.5 GHz.
5, 6
Vgg1, Vgg2
Optional gate control for amplifier. If left open, the amplifier will run at standard current. Negative voltage applied will reduce current.
1 - 64
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
(a) Assembly for single supply voltage operation
1
AMPLIFIERS - CHIP
(b) Assembly with optional gate bias voltage operation
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
1 - 65
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
1
AMPLIFIERS - CHIP
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should brought as close to the die as possible in order to minimize bond wire length. Typical dieto-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils).
1 - 66
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v02.0304
HMC441
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.0 - 18.0 GHz
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
1
AMPLIFIERS - CHIP
1 - 67
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC441

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X