Part Number Hot Search : 
GKDD32PX GKDD32PX 5KP10 C1213 3K7002 NDY050 ILE4268 18F66
Product Description
Full Text Search
 

To Download HLMP16XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps Technical Data
HLMP-1600, HLMP-1601 HLMP-1620, HLMP-1621 HLMP-1640, HLMP-1641 HLMP-3600, HLMP-3601 HLMP-3650, HLMP-3651 HLMP-3680, HLMP-3681
Features
* Integral Current Limiting Resistor * TTL Compatible Requires no External Current Limiter with 5 Volt/12 Volt Supply * Cost Effective Saves Space and Resistor Cost * Wide Viewing Angle * Available in All Colors Red, High Efficiency Red, Yellow, and High Performance Green in T-1 and T-13/4 Packages
Description
The 5 volt and 12 volt series lamps contain an integral current limiting resistor in series with the LED. This allows the lamp to be driven from a 5 volt/12 volt source without an external current limiter. The red LEDs are made from GaAsP on a GaAs substrate. The High Efficiency Red and Yellow devices use GaAsP on a GaP substrate. The green devices use GaP on a GaP substrate. The diffused lamps provide a wide off-axis viewing angle. The T-13/4 lamps are provided with sturdy leads suitable for wire wrap applications. The T-13/4 lamps may be front panel mounted by using the HLMP-0103 clip and ring.
Package Dimensions
Figure A. T-1 Package.
Figure B. T-13/4 Package.
2
Selection Guide
Package Outline A 60 60 T-1 3/4 Tinted Diffused B 60 12 12 5 Operating Voltage(V) 5 Part Number HLMP1600 1600-D00xx 1601 1601-D00xx 1601-GH0xx 3600 3600-D00xx 3601 3601-D00xx 1620 1620-C00xx 1620-C0Bxx 1620-EFBxx 1621 1621-C00xx 3650 3650-C00xx 3651 3651-C00xx 1640 1640-B00xx 1640-B0Dxx 1640-DE0xx 1641 1641-B00xx 3680 3680-B00xx 3681 3681-B00xx Luminous Intensity Iv (mcd) Min. 2.1 2.1 2.1 2.1 8.6 2.1 2.1 2.1 2.1 2.2 2.2 2.2 3.4 2.2 2.2 2.2 2.2 2.2 2.2 1.6 1.6 1.6 4.2 1.6 1.6 1.6 1.6 1.6 1.6 Max. 27.6 10.8 13.4 -
Color
Package Description T-1 Tinted Diffused
21/2[1] 60
Red
60 T-1 Tinted Diffused Yellow A 60 60 T-1 3/4 Tinted Diffused B 60
5
12 5 12
60 T-1 Tinted Diffused Green A 60 60 T-1 3/4 Tinted Diffused B 60
5
12 5 12
Note: 1. 1/2 is the off-axis angle at which the luminous intensity is 1/2 the axial luminous intensity.
3
Part Numbering System
HLMX-X 6 XXX X X XX Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads A1,B1: Right Angle Housing, Uneven Leads A2,B2: Right Angle Housing, Even Leads Color Bin Options 0: Full color bin distribution B: Color bin 2&3 only D: Color bin 4&5 only Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv bin Table Minimum Iv Bin Options Please refer to the Iv bin Table Operating Voltage 0: 5 V 1: 12 V Color Options 0: GaP HER 2,5: GaP Yellow 4,8: GaP Green Package Options 3: T-13/4 (5 mm) 1: T-1 (3 mm)
Absolute Maximum Ratings at TA = 25C
Red/HER/ Yellow 5 Volt Lamps DC Forward Voltage (TA = 25C) Reverse Voltage (IR = 100 A) Operating Temperature Range Storage Temperature Range Lead Soldering Temperature
Notes: 2. Derate from TA = 50C at 0.071 V/C, see Figure 3. 3. Derate from TA = 50C at 0.086 V/C, see Figure 4.
Red/HER/ Yellow 12 Volt Lamps 15 Volts[3] 5 Volts -40C to 85C -55C to 100C
Green 5 Volt Lamps 7.5 Volts[2] 5 Volts -20C to 85C -55C to 100C
Green 12 Volt Lamps 15 Volts[3] 5 Volts -20C to 85C -55C to 100C
7.5 Volts[2] 5 Volts -40C to 85C -55C to 100C
260C for 5 seconds
4
Electrical/Optical Characteristics at TA = 25C
High Efficiency Red Symbol P d 1/2 RJ-PIN Description Peak Wavelength Dominant Wavelength Spectral Line Halfwidth Thermal Resistance Thermal Resistance Forward Current 12 V Devices Forward Current 5 V Devices Luminous Efficacy Reverse Breakdown Voltage 5.0 Min. Typ. 635 626 40 290 Max. Min. Yellow Typ. 583 585 36 290 Max. Min. Green Typ. 565 569 28 290 Max. Unit nm nm nm C/W Junction to Cathode Lead (Note 6) Junction to Cathode Lead (Note 7) VF = 12 V Note 4 Test Condition
RJ-PIN
210
210
210
C/W
IF
13
20
13
20
13
20
mA
IF
10
15
10
15
10
15
mA
VF = 5 V
V VR
145 5.0
500 5.0
595
lumen Note 2 /Watt V IR = 100 A
Notes: 4. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 5. Radiant intensity, Ie , in watts/steradian, may be found from the equation Ie = lV/V, where l V is the luminous intensity in candelas and V is the luminous efficacy in lumens/Watt. 6. For Figure A package type. 7. For Figure B package type.
5
Figure 1. Forward Current vs. Applied Forward Voltage. 5 Volt Devices.
Figure 2. Forward Current vs. Applied Forward Voltage. 12 Volt Devices.
Figure 3. Maximum Allowed Applied Forward Voltage vs. Ambient Temperature RJA = 175C/W. 5 Volt Devices.
Figure 4. Maximum Allowed Applied Forward Voltage vs. Ambient Temperature RJA = 175C/W. 12 Volt Devices.
Figure 4. Relative Luminous Intensity vs. Angular Displacement for T-1 Package.
Figure 5. Relative Luminous Intensity vs. Angular Displacement for T-13/4 Package.
6
Figure 6. Relative Luminous Intensity vs. Applied Forward Voltage. 5 Volt Devices.
Figure 7. Relative Luminous Intensity vs. Applied Forward Voltage. 12 Volt Devices.
7
Intensity Bin Limit
Intensity Range (mcd) Bin Min. Max. D 2.4 3.8 E 3.8 6.1 F 6.1 9.7 G 9.7 15.5 H 15.5 24.8 I 24.8 39.6 J 39.6 63.4 K 63.4 101.5 L 101.5 162.4 M 162.4 234.6 N 234.6 340.0 O 340.0 540.0 P 540.0 850.0 Q 850.0 1200.0 R 1200.0 1700.0 S 1700.0 2400.0 T 2400.0 3400.0 U 3400.0 4900.0 V 4900.0 7100.0 W 7100.0 10200.0 X 10200.0 14800.0 Y 14800.0 21400.0 Z 21400.0 30900.0
(Cont'd) Intensity Range (mcd) Bin Min. Max. C 2.5 4.0 D 4.0 6.5 E 6.5 10.3 F 10.3 16.6 G 16.6 26.5 H 26.5 42.3 I 42.3 67.7 J 67.7 108.2 K 108.2 173.2 L 173.2 250.0 M 250.0 360.0 N 360.0 510.0 O 510.0 800.0 P 800.0 1250.0 Q 1250.0 1800.0 R 1800.0 2900.0 S 2900.0 4700.0 T 4700.0 7200.0 U 7200.0 11700.0 V 11700.0 18000.0 W 18000.0 27000.0
(Cont'd) Intensity Range (mcd) Bin Min. Max. B 1.8 2.9 C 2.9 4.7 D 4.7 7.6 E 7.6 12.0 F 12.0 19.1 G 19.1 30.7 H 30.7 49.1 I 49.1 78.5 J 78.5 125.7 K 125.7 201.1 L 201.1 289.0 M 289.0 417.0 N 417.0 680.0 O 680.0 1100.0 P 1100.0 1800.0 Q 1800.0 2700.0 R 2700.0 4300.0 S 4300.0 6800.0 T 6800.0 10800.0 U 10800.0 16000.0 V 16000.0 25000.0 W 25000.0 40000.0
Color
Color
Color
Yellow
Green
Red
Maximum tolerance for each bin limit is 18%.
Color Categories
Lambda (nm) Color Cat # 6 5 Green 4 3 2 1 3 Yellow 2 4 5
Tolerance for each bin limit is 0.5 nm.
Min. 561.5 564.5 567.5 570.5 573.5 582.0 584.5 587.0 589.5 592.0
Max. 564.5 567.5 570.5 573.5 576.5 584.5 587.0 589.5 592.0 593.0
Mechanical Option Matrix
Mechanical Option Code 00 01 02 A1 A2 B1 B2 Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, crimped leads, minimum increment 1300 pcs/bag Tape & Reel, straight leads, minimum increment 1300 pcs/bag T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag T-1, Right Angle Housing, even leads, minimum increment 500 pcs/bag T-13/4 Angle Housing, uneven lead, minimum increment 500 pcs/bag T-13/4 Angle Housing, even leads, minimum increment 500 pcs/bag
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. November 20, 2001 Obsoletes 5988-2148EN 5988-4732EN


▲Up To Search▲   

 
Price & Availability of HLMP16XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X