![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) HIP5500 July 1998 WN ITHDRA PART W BSOLETE SS O PROCE IGNS W DES NO NE File Number 3210.3 Features * 500V Maximum Rating * 2A Peak Gate Drive High Voltage IC Half Bridge Gate Driver The HIP5500, a high voltage integrated circuit (HVIC) halfbridge gate driver for standard power MOSFETs, IGBTs, and the new Intersil Buffered MOSFET (RFV10N50BE), can be employed in a wide variety of switching regulator circuits. The HIP5500 combines the functionality and flexibility of a PWM IC with the convenience of a high voltage half-bridge driver optimized for power supply inverters. It can be used either open-loop or in closed-loop fashion using the SS input for controlling the output waveform duty-cycle. The HIP5500 incorporates a precision oscillator, adjustable using an external resistor and capacitor. The resistor sets the capacitor charging current and the capacitor sets the integration time of a triangle wave. Another resistor connected to the DIS pin adjusts the dead-time and can be tailored to the application. The oscillator switches at twice the output waveform fundamental frequency. The result is an output waveform whose positive and negative half-cycles are near perfect balance (volt-second equalization). Short-Detect (SD) and Soft-Start (SS) inputs provide alternative means for limiting and regulating respectively the half-bridge output voltage. A capacitor on the SS input will begin charging up once the EN input is made high and causes the duty cycle of each half-cycle to "ramp" the duty cycle of the output waveform. The SD input can sense a signal proportional to current, providing a means of shortening the conduction periods below that imposed by the SS input. Other circuits within the HIP5500 "match" upper and lower turn-on and turn-off propagation times in order to minimize flux imbalances when driving output transformer loads. * Ability to Interface and Drive N-Channel Power Devices With Complimentary Outputs For Buffered FETs * Fault Output, Overcurrent Detection and Undervoltage Holdoff * Over 600kHz Sawtooth Oscillator Frequency * Adjustable Deadtime Control * Soft-Start Capability * Low Current Standby State * Sleep Mode Reduces Bias Current When Not Enabled Applications * Switching and Distributed Power Supplies * Electronic Lighting Supplies Ordering Information PART NUMBER HIP5500IP HIP5500IB TEMPERATURE RANGE -40oC to +85oC -40oC to +85oC PACKAGE 20 Lead Plastic DIP 20 Lead Plastic SOIC (W) Pinout HIP5500 (PDIP, SOIC) TOP VIEW NC RT DIS NC CT SD FLT SS EN 1 2 3 4 5 6 7 8 9 20 HO 19 HO 18 VB 17 VS 16 NC 15 NC 14 GND 13 VCC 12 LO 11 LO OSC 10 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved HIP5500 Typical Application Block Diagram POWER TRANSFORMER + LOAD HO OSC FLT SD + 500VDC EN DIS CT VCC RT + SS HO HO VB VS LO LO GND TO BUFFERED FETs TO BUFFERED FETs HO BUFFERED FETs LO LO 15VDC - Functional Block Diagram VCC FLT NOR LATCH SD VCC VB VCC VB UV OSC VCC BUFFER VS LEVEL SHIFT UPPER DRIVE HO HO VS RT CT OSCILLATOR VCC DFF D Q CK VCC QN DIS LOWER DRIVE LO LO CURRENT SOURCE SS UV VCC GND EN 2 HIP5500 Absolute Maximum Ratings Offset Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . . -VBS to +500V Floating Supply Voltage (VB to VS) . . . . . . . . . . . . . . -0.3V to +18V High Side Channel Output Voltage, VHO, VNHO . VS -0.5 to VB +0.5 Fixed Supply Voltage, V CC . . . . . . . . . . . . . . . . . . . . -0.5V to +18V Low Side Channel Output Voltage . . . . . . . . . . . -0.5V to VCC +0.5V All Other Pin Voltages (SD, RT, CT, DIS, SS, EN and FLT) . . . . . . . . . -0.5V to VCC +0.5V Storage Temperature Range . . . . . . . . . . . . . . . . . -40oC to +150oC Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125oC Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC (SOIC - Lead Tips Only) Offset Supply Maximum dv/dt, dVS /dt . . . . . . . . . . . . . . . . . . 50V/ns ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 Thermal Information Thermal Resistance JA Plastic DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . 75oC/W Plastic SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . 80oC/W See Maximum Power Dissipation vs Temperature Curve Figure 21 CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Recommended Operating Conditions (TJ = -40oC to +125oC Unless Otherwise Noted, All Voltages Referenced to VSS) Offset Supply Voltage, VS . . . . . . . . . . . . . . . . . . . . -2.0V to +500V Floating Supply Voltage, V BS (VB to VS) . . . . . . . . . . +10V to +15V High Side Channel Output Voltage, VHO,VNHO . . . . . . . 0V to VBS Fixed Supply Voltage, V CC . . . . . . . . . . . . . . . . . . . . +10V to +15V Low Side Channel Output Voltage, V LO,VNLO. . . . . . . . . 0V to VCC All Other Pin Voltages (SD, RT, CT, DIS, SS, FLT and EN) 0V to VCC Discharge Time Constant . . . . . . . . . . . . . . . . . . . . . . . . . 100ns Min Discharge Resistor Range, RDIS . . . . . . . . . . . . . . . . . 1k to 50k Charging Resistor Range, R T . . . . . . . . . . . . . . . . . .6.8k to 400k Oscillator Capacitor Range, C T. . . . . . . . . . . . . . . . . 100pF to 0.1F Oscillator Frequency Range . . . . . . . . . . . . . . . . . . . . . 300kHz Max Oscillator Capacitor Charge Current Range, IRT . . . . . 21A to 5mA Electrical Specifications VCC = VBS = +15V, VS = GND = 0V, Unless Otherwise Specified TJ = +25oC TJ = -40oC TO +125oC MAX 7.0 400 3.0 3.5 145 8.5 9.5 9.7 0.7 4.5 1.1 MIN 60 7.4 7.4 7.6 0.05 3.4 0.85 MAX 8.0 435 5.0 160 8.6 9.6 9.8 0.75 4.6 1.15 UNITS mA A A mA A V V V V V V A PARAMETER Quiescent VCC Current Quiescent VBS Current Quiescent Leakage Current Standby V CC Current SS Current Source Input Threshold Input Hysteresis Undervoltage Threshold Undervoltage Threshold Undervoltage Hysteresis Short Detect Threshold CT /RT Current Ratio HO, LO Peak Output Current HO, LO Peak Output Current LO, HO Peak Output Current LO, HO Peak Output Current SYMBOL IQCC IQBS ILK ISTBY ISFT/PWM V EN VEN-HYS VUVHL VUVLH VUVHYS V THSD ICTRAT IOUT + IOUT IBUF + IBUF - TEST CONDITIONS MIN - TYP 5.5 300 0.4 2.0 110 7.8 2 8.6 8.8 0.3 4.0 1 (VS - GND) = 5.0V RT = 0 2 1/ V 3 CC < VSFT < /3V CC 70 7.5 - Low to High Transition High to Low Transition Low to High Transition 7.7 7.9 0.08 3.5 IRT = 100A, VCC /3 < VCT < 2/3VCC Sourcing, LO, HO = GND Sinking, LO, HO = VCC = VBS Sourcing, LO, HO = Vss Sinking, LO, HO = VCC = VBS 0.9 1.5 1.5 170 170 1.95 2.0 250 230 - 1.0 1.0 110 110 - A A mA mA 3 HIP5500 Electrical Specifications VCC = VBS = +15V, VS = GND = 0V, Unless Otherwise Specified (Continued) TJ = +25oC PARAMETER Soft-Start VTHRESH, Low to High Soft-Start VTHRESH, High to Low OSC Input Upper Threshold OSC Input Upper Threshold Oscillator Upper to Lower Threshold Difference OSC_OUT RDS ON, Sinking OSC_OUT RDS ON, Sourcing DIS Output On Resistance FLT Output On Resistance TJ = -40oC TO +125oC MAX 8.1 7.8 11.0 6.2 5.1 MIN 7.4 7.1 9.7 4.9 4.4 MAX 8.2 7.9 11.1 6.3 5.2 UNITS V V V V V SYMBOL V TSSHL V TSSLH V TCTLH V TCTHL VCTDIF TEST CONDITIONS CT = 7.5V MIN 7.5 7.2 9.8 TYP 7.8 7.5 10.4 5.6 4.8 CT to DIS VT CTLH - VT CTHL IOSC_OUT = -50mA IOSC_OUT = 50mA IDIS = 10mA IFLT = 5mA 5.0 4.5 OSCRDSL OSCR DH RDSDIS RDSFLT 5 14 75 100 8.5 19 115 165 12 30 150 230 2 9 40 17 40 200 320 Dynamic Electrical Specifications VCC = VBS = +15V, GND = 0V, Unless Otherwise Specified TJ = +25oC PARAMETER Turn-On Rise Time, HO, LO Turn-Off Fall Time, HO, LO Turn-On Rise Time, HO, LO Turn-Off Fall Time, HO, LO CT Fall to LO/HO Rise CT Rise to LO/HO Fall LO-HO Prop Delay Mismatch CT Rise to DIS Fall CT Fall to DIS Rise Minimum Dead Time Short Detect Propagation Delay Soft-Start Propagation Delay Time SYMBOL tDR tDF tDNR tDNF TPCTLH TPCTHL Delmatch TPCTDISHL TPCTDISLH tDTMIN tSDLO/HO tSSDLY SD = VTHSD, LO/HO = 200pF SS = VTSSLH, LO/HO = 200pF TEST CONDITIONS CL = 2000pF CL = 2000pF CBUF = 200pF CBUF = 200pF CT = VTCTHL LO/HO LOAD = 200pF CT = VTCTLH LO/HO LOAD = 200pF TPCTLH and TPCTHL CT = VTCTHL CT = VTCTLH MIN TYP 25 25 475 MAX 50 50 35 35 700 TJ = -40oC TO +125oC MIN MAX 925 UNITS ns ns ns ns ns - 475 700 - 925 ns - 60 300 600 200 425 500 450 800 850 750 - 475 825 1100 775 ns ns ns ns ns ns 4 HIP5500 Typical Performance Curves 100.0 50 LEAKAGE CURRENT (A) 20 10.0 5 2 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0.005 -40 All Curves are V CC = +15V, TA = +25oC, Unless Otherwise Specified 6.4 6.2 6.0 5.8 5.6 5.4 5.2 5.0 4.8 4.6 4.4 4.2 4.0 3.8 3.6 3.4 -40 QUIESCENT VCC SUPPLY CURRENT (mA) VCC = 15V VCC = 12V VCC = 10V -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 1. OFFSET SUPPLY LEAKAGE CURRENT vs TEMPERATURE AT 300VDC 325 FIGURE 2. QUIESCENT V CC CURRENT vs TEMPERATURE AND V CC SUPPLY VOLTAGE 3.4 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 VBS = 15V STANDBY CURRENT (mA) QUIESCENT FLOATING BIAS SUPPLY CURRENT (A) 275 VBS = 12V 225 VCC = 15V VCC = 12V 175 VBS = 10V 125 -40 VCC = 10V -40 -20 0 +20 +40 +60 TEMPERATURE (oC) +80 +100 +120 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 3. QUIESCENT FLOATING BIAS SUPPLY CURRENT vs TEMPERATURE AND V BS SUPPLY VOLTAGE ENABLE/DISABLE THRESHOLD VOLTAGE (% OF VCC) 65 VCC = 10V VCC = 12V VCC = 15V FIGURE 4. QUIESCENT STANDBY CURRENT vs TEMPERATURE AND VCC SUPPLY VOLTAGE ENABLE/DISABLE HYSTERESIS VOLTAGE (V) 2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.1 1.0 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 VCC = 12V VCC = 15V 60 55 50 VCC = 10V VCC = 12V VCC = 15V 45 VCC = 10V 40 35 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 5. ENABLE/DISABLE THRESHOLD (PERCENT V CC) vs TEMPERATURE AND V CC SUPPLY VOLTAGE FIGURE 6. ENABLE/DISABLE HYSTERESIS VOLTAGE TEMPERATURE AND VCC SUPPLY VOLTAGE 5 HIP5500 Typical Performance Curves 120 SOFT-START CURRENT SOURCE (A) 1.9 FAULT_NOT OUTPUT VOLTAGE (V) 1.7 1.5 1.3 1.1 0.9 0.7 0.5 -40 VCC = 10V VCC = 12V VCC = 15V All Curves are V CC = +15V, TA = +25oC, Unless Otherwise Specified (Continued) 110 100 VCC = 15V VCC = 12V VCC = 10V 90 80 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 7. SOFT-START CURRENT SOURCE CURRENT vs TEMPERATURE AND VCC SUPPLY VOLTAGE CT TRIGGER/DISCHARGE VOLTAGES (% OF VCC 100 VCC = 15V VCC = 12V VCC = 10V FIGURE 8. FAULT_NOT LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE AND V CC SUPPLY VOLTAGE, SINKING 5mA 1.00 CT TO RT CURRENT RATIO 80 0.98 60 0.96 40 0.94 20 VCC = 15V VCC = 12V VCC = 10V -20 0 +20 +40 +60 +80 +100 +120 0.92 0 -40 TEMPERATURE (oC) 0.90 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 9. C T RAMP TRIGGER AND DISCHARGE VOLTAGE TRIP POINT vs TEMPERATURE AND VCC SUPPLY VOLTAGE FIGURE 10. CT TO R T CURRENT SOURCE RATIO vs TEMPERATURE 27.5 SD THRESHOLD VOLTAGE (% OF VCC) VCC = 15V VCC = 12V VCC = 10V 27.0 26.5 26.0 25.5 25.0 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 11. SHUTDOWN THRESHOLD VOLTAGE (% OF VCC) vs TEMPERATURE AND VCC SUPPLY VOLTAGE 6 HIP5500 Typical Performance Curves 340 320 300 280 260 240 220 200 180 160 140 120 100 80 60 -40 All Curves are V CC = +15V, TA = +25oC, Unless Otherwise Specified (Continued) 340 320 300 280 260 240 220 200 180 160 140 120 100 80 60 -40 VCC = 15V SOURCING CURRENT (mA) VCC = 15V SINKING CURRENT (mA) VCC = 12V VCC = 12V VCC = 10V VCC = 10V -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 12. BUFFER GATE OUTPUT SHORT CIRCUIT SINKING CURRENT vs TEMPERATURE AND V CC SUPPLY VOLTAGE UNDER-VOLTAGE THRESHOLD VOLTAGES (V) 10.0 FIGURE 13. BUFFER GATE OUTPUT SHORT CIRCUIT SOURCING CURRENT vs TEMPERATURE AND VCC SUPPLY VOLTAGE UNDER-VOLTAGE THRESHOLD VOLTAGE (V) 10.0 TRIP 9.5 9.5 9.0 TRIP 8.5 9.0 8.5 RESET 8.0 8.0 RESET 7.5 -40 -20 0 +20 +40 +60 +80 +100 +120 TEMPERATURE (oC) 7.5 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 14. LOW-SIDE UNDERVOLTAGE THRESHOLD VOLTAGE (TRIP/RESET) vs TEMPERATURE 1.0 PROPAGATION DELAY (s) 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 -40 FIGURE 15. HIGH-SIDE UNDERVOLTAGE THRESHOLD VOLTAGE(TRIP/RESET) vs TEMPERATURE 1.0 PROPAGATION DELAY (s) 0.8 CT -DIS FALL 0.6 0.4 CT -DIS RISE 0.2 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 0.0 -40 -20 0 +20 +40 +60 +80 TEMPERATURE (oC) +100 +120 FIGURE 16. PROPAGATION DELAY, CT TO GATE OUTPUTS vs TEMPERATURE AT VCC = +15V FIGURE 17. PROPAGATION DELAY, C T TO DIS vs TEMPERATURE AT VCC = +15V 7 HIP5500 Typical Performance Curves 1.6 All Curves are V CC = +15V, TA = +25oC, Unless Otherwise Specified (Continued) 1.0 0.9 PROPAGATION DELAY (s) PROPAGATION DELAY (s) 0.8 0.7 0.6 0.5 0.4 0.3 SD-LO FALL 1.2 SD-LO RISE 0.8 0.4 -40 -20 0 +20 +40 +60 +80 +100 +120 TEMPERATURE (oC) 0.2 -40 -20 0 +20 +40 +60 +80 +100 +120 TEMPERATURE (oC) FIGURE 18. PROPAGATION DELAY, SS TO LO GATE RISING vs TEMPERATURE AT VCC = +15V 1.0 0.9 PROPAGATION DELAY (s) FIGURE 19. PROPAGATION DELAYS, SD TO LO GATE RISE/FALL vs TEMPERATURE AT VCC = +15V 3 2.75 POWER DISSIPATION (W) 2.5 2.25 2 1.75 1.5 1.25 1 0.75 0.5 0.25 0 -40 HIP5500IP HIP5500IB 0.8 0.7 0.6 0.5 0.4 0.3 0.2 10 11 12 13 SUPPLY VOLTAGE (VCC) 14 15 -20 0 +20 +40 +60 +80 +100 +120 AMBIENT TEMPERATURE (oC) FIGURE 20. PROPAGATION DELAY, C T TO GATE OUT vs SUPPLY VOLTAGE, VCC AT +25oC FOR RISING AND FALLING GATE OUTPUTS HIGH VOLTAGE POWER DISSIPATION (W) 1.0 VBS = VCC = 15V CL = 100pF TA = +25 oC FIGURE 21. MAXIMUM POWER DISSIPATION vs TEMPERATURE 10 POWER DISSIPATION (W) VS = 400V VS = 300V VS = 200V VS = 100V VS = VSS = COM VBS = VCC = 15VDC TA = +25 oC 0.1 1.0 2100pF 0.1 907pF 100pF 0.01 0.001 10 100 SWITCHING FREQUENCY (kHz) 1000 0.01 10 100 SWITCHING FREQUENCY (kHz) 1000 NOTE: All switching losses assumed to be in IC. FIGURE 22. HIGH VOLTAGE POWER DISSIPATION vs SWITCHING FREQUENCY FIGURE 23. LOW VOLTAGE POWER DISSIPATION vs FREQUENCY 8 VBUS RSD VS RT U1 J2 HO1 20 NC RG1 1 3 DBS NC NC RBS J3 J4 RG2 NC C4 CZ 3 C D 1 Q2 C2 2 OUT2 2 CBS Q1 1 HO2 19 VB 18 VS 17 NC4 16 NC3 15 GND 14 VCC 13 LO2 12 LO1 11 2 OUT1 A B CTAP J1 C3 C1 NC RDIS 3 DIS NC 5 CT R1 LED1 7 FLT 8 SS CT1 CSS HIP5500 10 OSC 9 EN 6 SD 4 NC2 2 RT 1 NC1 CY 9 C5 GND +15VDC VCC COM SD CT HIP5500 SS VCC CX REN EN OSC FIGURE 24. EVALUATION BOARD SCHEMATIC HIP5500 COM VBUS C1 CY C2 U1 RG1 CT SD SS EN OSC +15VDC VCC C5 LED1 CZ C4 CX CT 1 CSS CBS RT RDIS RSD REN R1 DBS 1 Q2 C3 RBS RG2 Q1 1 HIP5500 C GND TRANSFORMER T1 GND D A CTAP B FIGURE 25. HIP5500 EVALUATION BOARD SILKSCREEN 10 HIP5500 Dual-In-Line Plastic Packages (PDIP) N INDEX AREA E1 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 -CA2 L A1 A C L E E20.3 (JEDEC MS-001-AD ISSUE D) 20 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B B1 C D D1 E E1 e eA eB L N eA eC C MILLIMETERS MIN 0.39 2.93 0.356 1.55 0.204 24.89 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 26.9 8.25 7.11 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93 MIN 0.015 0.115 0.014 0.045 0.008 0.980 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 1.060 0.325 0.280 e C A BS eB NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). 0.100 BSC 0.300 BSC 0.115 20 0.430 0.150 - 2.54 BSC 7.62 BSC 10.92 3.81 20 2.93 11 HIP5500 Small Outline Plastic Packages (SOIC) N INDEX AREA H E -B1 2 3 SEATING PLANE -AD -CA h x 45o 0.25(0.010) M BM M20.3 (JEDEC MS-013-AC ISSUE C) 20 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 B C D E e H C MILLIMETERS MIN 2.35 0.10 0.33 0.23 12.60 7.40 10.00 0.25 0.40 20 8o 0o 8o MAX 2.65 0.30 0.51 0.32 13.00 7.60 10.65 0.75 1.27 NOTES 9 3 4 5 6 7 Rev. 0 12/93 MIN 0.0926 0.0040 0.013 0.0091 0.4961 0.2914 0.394 0.010 0.016 20 0o MAX 0.1043 0.0118 0.0200 0.0125 0.5118 0.2992 0.419 0.029 0.050 L e B 0.25(0.010) M C A M BS A1 0.10(0.004) 0.050 BSC 1.27 BSC h L N NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. The lead width "B", as measured 0.36mm (0.014 inch) or greater above the seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch) 10. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 12 |
Price & Availability of HIP5500
![]() |