Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download HFA320NJ40C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -2.449 rev. B 02/99
HFA320NJ40C
HEXFRED
Features
Reduced RFI and EMI Reduced Snubbing Extensive Characterization of Recovery Parameters
TM
Ultrafast, Soft Recovery Diode
LUG TERMINAL ANODE 1 LUG TERMINAL ANODE 2
BASE COMMON CATHODE
V R = 400V VF(typ.) = 1V IF(AV) = 320A Qrr (typ.) = 420nC IRRM(typ.) = 8.7A trr(typ.) = 45ns di(rec)M/dt (typ.) = 280A/s
Description
HEXFRED diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses.
TM
TO-244AB
Absolute Maximum Ratings (per Leg)
Parameter
VR IF @ TC = 25C IF @ TC = 100C IFSM EAS PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Continuous Forward Current Single Pulse Forward Current Non-Repetitive Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
400 321 160 1200 1.4 625 250 -55 to +150
Units
V A mJ W C
Thermal - Mechanical Characteristics
Parameter
RthJC RthCS Wt Junction-to-Case, Single Leg Conducting Junction-to-Case, Both Legs Conducting Case-to-Sink, Flat, Greased Surface Weight Mounting Torque Mounting Torque Center Hole Terminal Torque Vertical Pull 2 inch Lever Pull
Min.
30 (3.4) 12 (1.4) 30 (3.4)
Typ.
0.10 79 (2.8)
Max.
0.24 0.12 40 (4.6) 18 (2.1) 40 (4.6) 80 35
Units
C/W K/W g (oz) lbfin (Nm) lbfin
Note: Limited by junction temperature L = 100H, duty cycle limited by max TJ 125C
Mounting surface must be smooth, flat, free or burrs or other protrusions. Apply a thin even film or thermal grease to mounting surface. Gradually tighten each mounting bolt in 5-10 lbfin steps until desired or maximum torque limits are reached. Module
1
HFA320NJ40C
PD-2.449 rev. B 02/99
Electrical Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
VBR VFM Cathode Anode Breakdown Voltage Max Forward Voltage
Min. Typ. Max. Units
400 1.10 1.35 1.30 1.55 1.00 1.20 2.0 12 3.0 16 370 500 5.0 V V A mA pF nH
Test Conditions
IR = 100A IF = 160A IF = 320A See Fig. 1 IF = 160A, TJ = 125C VR = VR Rated See Fig. 2 TJ = 125C, VR = 320V VR = 200V See Fig. 3 From top of terminal hole to mounting plane
IRM CT LS
Max Reverse Leakage Current Junction Capacitance Series Inductance
Dynamic Recovery Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M /dt1 di(rec)M /dt2 Reverse Recovery Time
Min. Typ. Max. Units
Test Conditions
Peak Recovery Current Reverse Recovery Charge Peak Rate of Fall of Recovery Current During tb
45 IF = 1.0A, di f /dt = 200A/s, VR = 30V 90 140 ns TJ = 25C See Fig. 290 440 TJ = 125C 5 I F = 160A 8.7 20 TJ = 25C See Fig. A 18 30 TJ = 125C 6 VR = 200V 420 1100 TJ = 25C See Fig. nC 2600 7000 TJ = 125C 7 dif /dt = 200A/s 300 TJ = 25C See Fig. A/s 280 TJ = 125C 8
80.01 (3.150) 40.26 (1.585) 39.75 (1.565)
2
10.41 (0.410) DIA. 9.65 (0.380)
20.32 (0.800) 17.78 (0.700) 7.49 (0.295) DIA. 6.99 (0.275) (2 PLCS.)
LEAD ASSIGNMENTS 1 - ANODE 2 - CATHODE 3 - ANODE
34.925 (1.375) REF.
4.95 (0.195) DIA. 4.70 (0.185) 1/4-20 SLOTTED HEX
63.50 (2.500) 60.96 (2.400)
1 3
23.55 (0.927) 20.42 (0.804)
15.75 (0.620) 14.99 (0.590)
3.35 (0.132)
CONFORMS TO JEDEC OUTLINE TO-244AB
Dimensions in Millimeters and (Inches)
92.71 (3.650) 90.17 (3.550)
3.02 (0.119)
2
HFA320NJ40C
1000
PD-2.449 rev. B 02/99
100000
Reverse Current - I R (A)
10000 1000 100 10 1 0.1 0
TJ = 150C TJ = 125C
Instantaneous Forward Current - IF (A)
100
TJ = 150C TJ = 125C TJ = 25C
TJ = 25C
100
200
300
400
Junction Capacitance - C T (pF)
10
Fig. 2 - Typical Reverse Current vs. Reverse Voltage, (per Leg)
A
Reverse Voltage - VR (V)
10000
TJ = 25C
1000
1 0.4
0.8
1.2
1.6
2.0
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current, (per Leg)
1
100 1 10 100 1000
Reverse Voltage - VR (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage, (per Leg)
Thermal Impedance - Z thJC (K/W)
0.1
D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08
P DM
t 1
0.01
Single Pulse (Thermal Resistance)
0.0001 0.001 0.01 0.1
t2 Notes: 1. Duty factor D = t / t 12 2. Peak TJ = PDM x Z thJC + T C
1 10 100
0.001 0.00001
t 1, Rectangular Pulse Duration (Seconds)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics, (per Leg)
3
HFA320NJ40C
PD-2.449 rev. B 02/99
500
100
VR = 200V TJ = 125C TJ = 25C
400
VR = 200V TJ = 125C TJ = 25C IF = 200A
I F = 200A IF = 160A
I IRRM - (A)
t rr - (ns)
300
IF = 70A
I F = 160A
10
I F = 70A
200
100
0 100
di f /dt - (A/s)
1000
1 100
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery vs. di f/dt, (per Leg)
6000
Fig. 6 - Typical Recovery Current vs. dif/dt, (per Leg)
10000
VR = 200V TJ = 125C TJ = 25C I F = 200A
4000
VR = 200V TJ = 125C TJ = 25C
Q RR - (nC)
I F = 160A I F = 70A
di(rec)M/dt - (A/s)
IF = 70A
1000
2000
IF = 160A
I F = 200A
0 100
di f /dt - (A/s)
1000
100 100
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif /dt, (per Leg)
4
Fig. 8 - Typical di(rec)M /dt vs. dif /dt, (per Leg)
HFA320NJ40C
3
PD-2.449 rev. B 02/99
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0 Q rr I RRM
2
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. D IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
dif/dt ADJUST G
1. dif /dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
L = 100H HIGH-SPEED SWITCH Rg = 25 ohm CURRENT MONITOR FREE-WHEEL DIODE + Vd = 50V
Fig. 10 - Reverse Recovery Waveform and Definitions
I L(PK)
DUT
DECAY TIME V (AVAL) V R(RATED)
Fig. 11 - Avalanche Test Circuit and Waveforms
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
5


▲Up To Search▲   

 
Price & Availability of HFA320NJ40C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X