Part Number Hot Search : 
AX232CPE L190G 100000 CZRW5222 70N10 MB16CA IRF3007 MYGB64T
Product Description
Full Text Search
 

To Download HDCS-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated CMOS Image Sensor with Digital Output and Timing Controller (352 x 288 Resolution)
Technical Data
HDCS-1000 (Color) HDCS-1100 (Monochrome)
Description
A CMOS active pixel sensor (APS) array, available in both color and monochrome, containing an array of 352 x 288 pixels. This product offers excellent image quality with low power consumption, low dark current, high sensitivity and anti-blooming characteristics. High temperature tolerant color filter array enables machine solderability. Operating from a single bias voltage, this sensor simplifies overall system design.
Features
* CIF (352 x 288 pixels) array size in two options. Color or monochrome versions available * Random access and windowing capability to zoom to any sized window on 4 x 4 pixel boundaries * Panning capability to any location within the sensor array * Video rates up to 45 frames per second for CIF window size * 4:1 sub-sampling capability of viewing window, providing up to 162 frames per second * Still image capability * Mechanical shutter and flash trigger * Accumulation mode to aid in determining proper exposure time * Low power/standby modes * Machine solderable, high temperature tolerant color filter array * Two 10-bit internal successive-approximation ADCs * Automatic subtraction of column fixed pattern noise * Color array using RGB Bayer filter pattern * Integrated timing controller simplifying system design * Digital output via l0-bit synchronous parallel interface * Programmable features include: window size, integration time, gain control (separate for red, green and blue), data rate, interface timing, interrupt control, operation modes, selection of 8 or 10 bit output, drive level of output pads, access to status signals via a synchronous serial or asynchronous UART interface
Typical Applications
* Video conferencing camera * Digital still camera * Surveillance and security video camera * Automotive * Machine vision system * Biometric security system (e.g., fingerprint recognition) * Toys
Typical Electrical Specifications
Pixel Size Maximum Clock Rate A/D Dynamic Range Pixel Signal-to-Noise Ratio (SNR) Noise (Equivalent electrons) kTC Dark Current [1] Sensitivity[2] Peak Quantum Efficiency[1, 2] Saturation Full Well Capacity Conversion Gain[2] Programmable Gain Range Fill Factor Exposure Control Package Supply Voltage Power Consumption Operating Temperature
Notes: 1. Specified over complete pixel 2. Measured at unity gain
7.8 x 7.8 m 25 MHz from externally supplied clock source 60 dB 66 dB 36 electrons 0.1 nA/cm 2 @ 22C ambient 1.3 V/(Lux-sec @ 550 nm) 21% 1.3 V 65,000 electrons 16 V/electron 1 - 40 (255 increments) 42% 0.5 s - 4 s in 0.5 s steps 44 pin gull wing optical PQFP 3.3 V, -5/+10% 200 mW max operating; 3.3 mW max standby -5 to 65C
Main Control Sequencer
Register Bus Control Bus
Ctrl Row Control Row Decoder Row Addr Column Addr
APS ARRAY
Register Set Reg 0 Reg 1 ... ... Reg n
Ctrl Reg Data
Column Control
Analog Row Buffer Ctrl Column Decoder
www.hp.com/go/imagingelectronics
PGA GAIN0/1 PGA Control Ctrl Gain PGA 0 Gain PGA 1
Serial Interface Control
DIN DO OE
For technical assistance or the location of your nearest Hewlett-Packard sales office, distributor or representative call: Americas/Canada: 1-800-235-0312 or 408-654-8675
SIPO
PISO
ADC Control
Ctrl
ADC 0
ADC 1
Parallel Ctrl Interface Control
Far East/Australasia: Call your local HP sales office.
Output Buffer
Japan: (81 3) 3335-8152
Serial Serial Data Clock Data Out Control Signals 10 Bit Parallel Data Out
Europe: Call your local HP sales office. Data subject to change. Copyright (c) 1998 Hewlett-Packard Co. Obsoletes 5968-2422E 5968-3057E (11/98)
Block Diagram-- Sensor Architecture


▲Up To Search▲   

 
Price & Availability of HDCS-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X