|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES PACKAGE H11A617 SERIES H11A817 SERIES H11AA814 SCHEMATIC 1 4 COLLECTOR 4 2 3 EMITTER 1 DESCRIPTION The H11AA814 Series consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a single silicon phototransistor in a 4-pin dual in-line package. The H11A617 and H11A817 Series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 4-pin dual in-line package. H11A617 & H11A817 SCHEMATIC ANODE 1 4 COLLECTOR FEATURES * Compact 4-pin package * Current transfer ratio in selected groups: H11AA814: 20-300% H11A817: H11AA814A: 50-150% H11A817A: H11A617A: 40%-80% H11A817B: H11A617B: 63%-125% H11A817C: H11A617C: 100%-200% H11A817D: H11A617D: 160%-320% * Minimum BVCEO of 70V guaranteed 50-600% 80-160% 130-260% 200-400% 300-600% CATHODE 2 3 EMITTER APPLICATIONS H11AA814 Series * AC line monitor * Unknown polarity DC sensor * Telephone line interface H11A617 and H11A817 Series * Power supply regulators * Digital logic inputs * Microprocessor inputs (c) 2003 Fairchild Semiconductor Corporation Page 1 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES Parameter TOTAL DEVICE Storage Temperature Operating Temperature Lead Solder Temperature Total Device Power Dissipation (-55C to 50 C) EMITTER Continuous Forward Current Reverse Voltage Forward Current - Peak (1 s pulse, 300 pps) LED Power Dissipation (25C ambient) Derate above 25C DETECTOR Collector-Emitter Voltage Emitter-Collector Voltage Continuous Collector Current Detector Power Dissipation (25C ambient) Derate above 25C VCEO VECO IC PD All H11AA814/A H11A617A/B/C/D H11A817/A/B/C/D All All 70 6 7 6 50 150 2.0 V V mA mW mW/C IF VR IF(pk) PD All H11A617A/B/C/D H11A817/A/B/C/D All All 50 6 5 1.0 100 1.33 mA V A mW mW/C TSTG TOPR TSOL PD All All All All -55 to +150 -55 to +100 260 for 10 sec 200 C C C mW H11A617 SERIES Symbol Device H11A817 SERIES Value Units ELECTRICAL CHARACTERISTICS (TA = 25C Unless otherwise specified.) INDIVIDUAL COMPONENT CHARACTERISTICS Parameter EMITTER Input Forward Voltage Reverse Leakage Current DETECTOR Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Test Conditions Symbol (IF = 60 mA) (IF = 20 mA) (IF = 20 mA) (VR = 6.0 V) (VR = 5.0 V) (IC = 1.0 mA, IF = 0) (IE = 100 A, IF = 0) IR VF Device H11A617A/B/C/D H11A817/A/B/C/D H11AA814/A H11A617A/B/C/D H11A817/A/B/C/D Min Typ* 1.35 1.2 1.2 .001 Max 1.65 1.5 1.5 10 A V Unit BVCEO BVECO ALL H11AA814/A H11A617A/B/C/D H11A817/A/B/C/D H11AA814/A, H11A817/A/B/C/D, H11A617C/D H11A617A/B ALL 70 6 7 6 100 V 10 V Collector-Emitter Dark Current Collector-Emitter Capacitance *Typical values at TA = 25C. (VCE = 10V, IF = 0) (VCE = 0 V, f = 1 MHz) ICEO CCE 1 8 100 50 nA pF (c) 2003 Fairchild Semiconductor Corporation Page 2 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES H11A617 SERIES H11A817 SERIES TRANSFER CHARACTERISTICS (TA = 25C Unless otherwise specified.) DC Characteristic Test Conditions (IF = 1 mA, VCE = 5 V) (note 1) (IF = 1 mA, VCE = 5 V) (note 1) Symbol Device H11AA814 H11AA814A H11A617A (IF = 10 mA, VCE = 5 V) (note 1) H11A617B H11A617C H11A617D Current Transfer Ratio (IF = 5 mA, VCE = 5 V) (note 1) H11A817 CTR H11A817A H11A817B H11A817C H11A817D H11A617A (IF = 1 mA, VCE = 5 V) (note 1) H11A617B H11A617C H11A617D Collector-Emitter Saturation Voltage AC Characteristic Rise Time Fall Time (IC = 2 mA, VCE = 2 V, RL = 100V) (note 2) (IC = 2 mA, VCE = 2 V, RL = 100V) (note 2) tr tf ALL ALL 2.4 2.4 18 18 s s (IC = 1 mA, IF = 20 mA) (IC = 2.5 mA, IF = 10 mA) (IC = 1 mA, IF = 20 mA) H11AA814/A VCE (SAT) H11A617A/B/C/D H11A817/A/B/C/D Min 20 50 40 63 100 160 50 80 130 200 300 13 22 34 56 0.2 0.4 0.2 V Typ* Max 300 150 80 125 200 320 600 160 260 400 600 Unit % % % % % % % % % % % % % % % ISOLATION CHARACTERISTICS Characteristic Input-Output Isolation Voltage (note 3) Isolation Resistance Isolation Capacitance *Typical values at TA = 25C. NOTES 1. Current Transfer Ratio (CTR) = IC/IF x 100%. 2. For test circuit setup and waveforms, refer to Figure 8. 3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common. Test Conditions f = 60Hz, t = 1 min (VI-O = 500 VDC) (VI-O = 0, f = 1 MHz) Symbol VISO RISO CISO Min 5300 1011 0.5 Typ* Max Units Vac(rms) pf (c) 2003 Fairchild Semiconductor Corporation Page 3 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES CTR NORMALIZED @ IF = 5 mA, VCE = 5 V, TA = 25C H11A617 SERIES NORMALIZED CTR CTR NORMALIZED @ IF = 5 mA, VCE = 5 V, TA = 25C H11A817 SERIES Fig. 2 Normalized CTR vs. Ambient Temperature Fig. 1 Normalized CTR vs. Forward Current 1.4 1.2 IF = 10 mA 1.2 1 1 NORMALIZED CTR 0.8 IF = 5 mA 0.8 0.6 0.4 0.6 0.2 0 0 5 10 15 20 25 30 IF - FORWARD CURRENT (mA) 0.4 -50 -25 0 +25 +50 +75 +100 TA - AMBIENT TEMPERATURE (C) Fig. 3 Collector-Emitter Saturation Voltage vs. Ambient Temperature .14 IF = 20 mA IC = 1 mA Fig. 4 Forward Voltage vs. Forward Current 1.7 VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V) .12 VF - FORWARD VOLTAGE (V) 1.5 .1 1.3 T = -55C .08 1.1 T = 25C .06 .04 0.9 T = 100C .02 0.7 0 -50 0.5 -25 0 25 50 75 100 125 0.1 0.2 0.5 1.0 2.0 5 10 20 50 100 TA - AMBIENT TEMPERATURE (C) IF - FORWARD CURRENT (mA) Fig. 5 Collector Current vs. Collector-Emitter Voltage 25 IC - COLLECTOR CURRENT (mA) IF = 20 mA 20 15 IF = 10 mA 10 IF = 5 mA 5 IF = 1 mA 0 0 1 2 3 4 5 6 7 8 9 10 VCE - COLLECTOR-EMITTER VOLTAGE (V) (c) 2003 Fairchild Semiconductor Corporation Page 4 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES Fig. 6 Collector Leakage Current vs. Ambient Temperature H11A617 SERIES H11A817 SERIES Fig. 7 Rise and Fall Time vs. Load Resistor ICEO - COLLECTOR-EMITTER CURRENT (A) 10 VCE = 10 V 1000 IF = 5 mA VCC = 5 V TA = 25C Tr/ Tf- RISE AND FALL TIME (s) 1 toff tf 10-1 100 10-2 10 10-3 10-4 1 tr ton 10-5 10-6 0 25 50 75 100 125 0.1 0.1 1 10 100 R - LOAD RESISTOR (KV) TA - AMBIENT TEMPERATURE (C) Figure 8. Switching Time Test Circuit and Waveforms TEST CIRCUIT VCC = 10V WAVE FORMS INPUT PULSE IF INPUT IC RL = 100 10% 90% OUTPUT PULSE OUTPUT tr Adjust IF to produce IC = 2 mA tf Recommended Thermal Reflow Profile for Surface Mount DIP Package Temperature (C) 250 220C: 10 sec to 40 sec 200 150 Time > 183C: 120 sec to 180 sec 100 50 0 0 1 2 3 4 5 Time (Min) 225C (c) 2003 Fairchild Semiconductor Corporation Page 5 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES H11A617 SERIES H11A817 SERIES Package Dimensions (Through Hole) Package Dimensions (Surface Mount) 0.270 (6.86) 0.250 (6.35) 0.270 (6.86) 0.250 (6.35) SEATING PLANE 0.190 (4.83) 0.175 (4.45) SEATING PLANE 0.270 (6.86) 0.250 (6.35) 0.190 (4.83) 0.175 (4.45) 0.300 (7.62) TYP 0.200 (5.08) 0.115 (2.92) 0.200 (5.08) 0.115 (2.92) 0.070 (1.78) 0.045 (1.14) 0.154 (3.90) 0.120 (3.05) 0.020 (0.51) MIN 0.016 (0.40) 0.008 (0.20) 0.300 (7.62) typ 0.100 (2.54) TYP 0.020 (0.51) MIN 0.022 (0.56) 0.016 (0.41) 0.315 (8.00) MIN 0.405 (10.30) MAX 0.016 (0.40) 0.008 (0.20) 15 0.100 (2.54) TYP Lead Coplanarity 0.004 (0.10) MAX Package Dimensions (0.4" Lead Spacing) Footprint Dimensions (Surface Mount) 0.070 (1.78) 0.270 (6.86) 0.250 (6.35) 0.060 (1.52) SEATING PLANE 0.190 (4.83) 0.175 (4.45) 0.200 (5.08) 0.115 (2.92) 0.270 (6.86) 0.250 (6.35) 0.100 (2.54) 0.295 (7.49) 0.415 (10.54) 0.030 (0.76) 0.154 (3.90) 0.120 (3.05) 0.004 (0.10) MIN 0.400 (10.16) TYP 0 to 15 0.016 (0.40) 0.008 (0.20) 0.100 (2.54) TYP NOTE All dimensions are in inches (millimeters) (c) 2003 Fairchild Semiconductor Corporation Page 6 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES ORDERING INFORMATION Option S SD W 300 300W 3S 3SD Order Entry Identifier .S .SD .W .300 .300W .3S .3SD Description Surface Mount Lead Bend Surface Mount; Tape and reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape & Reel H11A617 SERIES H11A817 SERIES MARKING INFORMATION 4 5 V X YY T 3 6 814 1 2 Definitions 1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code Two digit work week ranging from `01' to `53' Assembly package code (c) 2003 Fairchild Semiconductor Corporation Page 7 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES Carrier Tape Specifications 12.0 0.1 5.00 0.20 0.30 0.05 4.0 0.1 4.0 0.1 O1.55 0.05 1.75 0.10 H11A617 SERIES H11A817 SERIES 7.5 0.1 13.2 0.2 16.0 0.3 4.95 0.20 0.1 MAX 10.30 0.20 O1.6 0.1 User Direction of Feed NOTE All dimensions are in millimeters (c) 2003 Fairchild Semiconductor Corporation Page 8 of 9 4/24/03 4-PIN PHOTOTRANSISTOR OPTOCOUPLERS H11AA814 SERIES H11A617 SERIES H11A817 SERIES DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. (c) 2003 Fairchild Semiconductor Corporation Page 9 of 9 4/24/03 |
Price & Availability of H11A817300 |