|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD FCQ30A06 T y p e : FCQ30A06 OUTLINE DRAWING FEATURES *Similar to TO-220AB Case *Fully Molded Isolation *Dual Diodes - Cathode Common *Low Forward Voltage Drop *High Surge Capability *Tj=150 C operation Maximum Ratings Rating Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.75g Symbol VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 200 30 FCQ30A06 60 50 Hz Full Sine Wave Tc=94C Resistive Load 33.3 50Hz Full Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5 Unit V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 15 0.65 1.5 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 15 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin FCQ30A06 OUTLINE DRAWING (Dimentions in mm) |
Price & Availability of FCQ30A06 |