Part Number Hot Search : 
4AUP1G 743SURD 2SK3948G ADP130 IRF84 E330M HP2601 15T60
Product Description
Full Text Search
 

To Download FC903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN3869B
FC903
FC903
Silicon Epitaxial Planar Type
High-Speed Switching Composite Diode
Features
Composite type with 3 diodes contained in the CP package currently in use, improving the mounting efficiency greatly. * The FC903 is formed with 3 chips, each being equivalent to the DSB010, placed in one package. * High switching speed. Electrical Connection 1 2 3
*
Package Dimensions
unit : mm 1296
[FC903]
0.3 1 2 3
1.6 2.8
0.15 0 to 0.1
0.3 to 0.6
Specifications
Parameter Peak Reverse Voltage Reverse Voltage Peak Forward Current Average Rectified Current Surge Forward Current Allowable Power Dissipation Junction Temperature Storage Temperature
6
5
4
1 : Cathode 2 : Cathode 3 : Cathode 4 : Anode 5 : Anode 6 : Anode
6 5 4 0.95 0.95 1.9 2.9 1.1
0.8
1 : Cathode 2 : Cathode 3 : Cathode 4 : Anode 5 : Anode 6 : Anode SANYO : TCP6
Absolute Maximum Ratings at Ta=25C
Symbol VRM VR IFM IO IFSM P Tj Tstg Conditions Ratings
1s Total value
85 80 300 100 4 300 125 -- 55 to + 125
Unit V V mA mA A mW C C
Electrical Characteristics at Ta=25C
Parameter Forward Voltage Symbol VF 1 VF 2 VF 3 IR1 IR2 C trr Conditions IF=1mA IF=10mA IF=100mA VR=30V VR=80V VR=0, f=1MHz IF=10mA, VR=6V, RL=50, Irr=0.1Irp Ratings min typ 0.60 0.72 max Unit V V V A A pF ns
Reverse Current Interterminal Capacitance Reverse Recovery Time
1.2 0.1 0.5 3.0 4.0
Note : The specifications shown above are for each individual diode. trr Test Circuit
0.01 F 0 50ns 50 2k D.U.T IF=10mA 50 Irp trr
Marking : 903
0.1Irp
--6V--
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
82599 GI IM 63098HA(KT) / 31497 GI / N151MH, (KOTO) No.3869-1/2
FC903 IF -- VF IR -- VR
Ta=100C
1000 5 2
10 5 2
Forward Current, IF -- mA
100
Reverse Current, IR -- A
5 2 10
1.0 5 2 0.1 5 2 0.01 5 2 0.001
75C 50C 25C
5 2 0.1 5 2 0.01 0 0.2 0.4
25 C --25 C
0.6 0.8
Ta =1
2 1.0
00 C
5
1.2
1.6 ID01119 2.4
0
20
40
60
80
100 ID01120
Forward Voltage, VF -- V
100 7
Reverse Voltage, VR -- V
trr -- IF
Interterminal Capacitance, C -- pF
C -- VR
f=1MHz
Reverse Recovery Time, trr -- ns
5 3 2 10 7 5 3 2 1.0 7 5 0.1
2.0
1.6
1.2
0.8
0.4
2
3
5 7 1.0
2
3
5 7 10
2
3
5 7 100 ID01121
0 0.1
2
3
5 7 1.0
2
3
5 7 10
2
3
5 7 100
2
Forward Current, IF -- mA
Reverse Voltage, VR -- V
ID01122
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of August, 1999. Specifications and information herein are subject to change without notice.
PS No.3869-2/2


▲Up To Search▲   

 
Price & Availability of FC903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X