Part Number Hot Search : 
FTSO5551 CXA2542 MIX17 TZMC30 LF721RW BAV99BDW K4164 T5551
Product Description
Full Text Search
 

To Download BCM94710AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM94702AP/BCM94710AP
PRODUCT
(R)
Brief
S O F T W A R E F E AT U R E S
AIRFORCETM WIRELESS AP/ROUTER
W I R E L E S S F E AT U R E S H A R D W A R E F E AT U R E S
* IEEE 802.11a/b/g and 54gTM router compatible access point and SmartRadio continuous * calibration reduces test time and
TM
* * * * * *
improves manufacturability Superior performance in real-world operating environments where interference is present Routing between 10/100 WAN, 10/100 LAN, and wireless LAN Upgradeable to future wireless LAN standards Capable of simultaneous dual-band wireless LAN communication Support for 802.11 requirements worldwide High-performance security through platform support for WEP weak key avoidance MAC filtering, closed networks, TKIP, AES, 802.11i, and 802.1x
* Turnkey access point and router configurations * 10/100 Ethernet WAN port * 4-port 10/100 Ethernet LAN * External 2.4-GHz antenna * Dual Mini PCI supports dual-band 802.11a/b/g wireless communication USB 1.1 host support * 32-Mbps * HPNA 2.0 only with LAN port (available BCM94710AP) via Mini PCI * VPN accelerationaccelerator and BCM5802 IPSec 4-MB flash/16-MB SDRAM default * configuration for * Footprint support SDRAM 2-MB flash/8-MB * CardBus footprint
* Production quality AP and router reference code provides an easily * * * * * * *
customized turnkey solution AirForce OneDriverTM software is forward compatible with future wireless LAN standards Network processor performance supports concurrent bridging of 802.11a, 802.11b, and 802.11g High-performance routing between 10/100 WAN and 10/100 LAN Software support for LinuxTM and VxWorks(R) operating systems yields fast time-to-market Fully tested kernel, BSP, and driver packages enable custom OEM differentiation Intuitive browser-based configuration and management tools are intuitive to the end user Memory requirement as low as 1 MB of flash and 4 MB of SDRAM
BCM94710AP Reference Design
Wireless Gateway Management Software
BCM94702AP/BCM94710AP BCM94702AP System Diagram
OVERVIEW
Broadcom's AirForceTM product family is the most complete product portfolio in the industry with single and multifunction integrated circuits that enable end-to-end wireless LAN solutions for both consumer and business wireless users. AirForce reference design packages enable manufacturers to build high performance wireless LAN access points and routers on a platform that supports 802.11a, 802.11b, 802.11a/b and will support future IEEE 802.11 standards such as 802.11g. These products build on the BCM4702 System-On-Chip which features a powerful MIPS32TM processor for performing data processing, routing security, network management, and communications controller functions for wireless access points and wireless routers. Because of this, these products are software scalable from simple APs to fully functional residential gateways and routers. The reference AP code is designed to be portable across Broadcom's entire range of broadband processors including the industry leading single-chip cable and DSL modem solutions. The BCM94702AP and the BCM94710AP designs are pin-compatible and software-compatible. As a result, HPNA 2.0 can be added to an OEM product with only simple component substitutions. The BCM94710AP version is ideal for MSO trials requiring high reliability data/voice/video communication using HomePNA 2.0 or HomePNA-over-cable interfaces.
LED 8MB SDRAM 8MB SDRAM BCM 4100 BCM5221 or AC101L Mini PCI BCM5325 Mini PCI Quad 10/100 Mag
BCM4702/ BCM4710
2 or 4MB Flash
UART
Power & Volt Reg
HPNA 2.0 Mag Mag
Reset
Phone RJ-11
USB 1.1 Host
RJ-45
Quad RJ-45
BCM94702AP and BCM94710AP Specifications
Radio Standards Radio Power Bandwidth Frequencies Supported Modulation Range IEEE 802.11b, IEEE 802.11a, and IEEE 802.11g draft standard, 54gTM Transmit power 15 dBm in 802.11b, 14 dBm in 802.11a, 15 dBm in 802.11g Up to 54 Mbps 2.4-2.4835 GHz, 4.9-5.0 GHz, 5.03-5.091GHz, 5.15-5.25 GHz, 5.25-5.35 GHz, and 5.725-5.825 GHz CCK, DQPSK, DBPSK, OFDM 802.11b: 11 Mbps up to 200 m LOS and 80 m indoors; 1 Mbps up to 425 m LOS and 150 m indoors 802.11a: 54 Mbps up to 30 m in line-of-sight (LOS) and 10 m indoors; 18 Mbps up to 100 m LOS and 50 m indoors Antenna diversity supported for 802.11a/b/g Supports up to 64 users 10/100 Ethernet WAN, 4-port 10/100 Ethernet LAN (RJ45), 802.11b and/or 802.11a, HPNA 2.0, USB Host 125 MHz Minimum: 1-MB flash/4-MB SDRAM; Maximum: 4-MB flash/16-MB SDRAM WEP 64/128, weak key avoidance, closed networks, MAC address filtering, IPSec, stateful firewall Link status, browser-based management, HTTP software upgrade, UPnP IGD 1.0 Roaming, NAT, DHCP Client, DHCP Server, PPPoE, IPSec & PPTP passthrough, DNS, NTP, logging, 802.1D bridging, spanning tree, TFTP, MAC address cloning, DMZ, port forwarding, MAC/IP/port filters, and WDS Linux (kernel version 2.4.5), VxWorks Tornado 2.1 Power; 802.11a and 802.11b/g: link and activity; LAN 10/100: link/activity, full-duplex; WAN 10/100: link/activity; HPNA: link/activity/collision External 5 volt AC, 2.5 amp 6.3 by 5.4 inches
Antenna Simultaneous Sessions Available Ports Processor Speed Memory Security Manageability Protocols
Operating Systems LEDs Power Supply Size
Ordering Information
BCM94702BR (4-port router with embedded 802.11b Access Point) BCM94702GR (4-port router with embedded 802.11g Access Point) BCM94702AGR (4-port router with embedded 802.11a/b/g Access Point) BCM94710BR (4-port router with embedded 802.11b Access Point and HPNA) BCM94710GR (4-port router with embedded 802.11g Access Point and HPNA) BCM94710AGR (4-port router with embedded 802.11a/b/g Access Point and HPNA)
Broadcom(R), the pulse logo, OneDriverTM, SmartRadioTM, 54gTM, AirForceTM and Connecting Everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2002 by BROADCOM CORPORATION. All rights reserved. 94702AP_94710AP-PB00-R 11.07.02
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM94710AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X