Part Number Hot Search : 
ALVCH GBPC35 3080E USBPSV FR204 APT50M 65110 CLLA1016
Product Description
Full Text Search
 

To Download BA7664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multimedia ICs
75 driver with Y / C MIX circuit
BA7664FV
The BA7664FV is a 75 driver with a 6dB amplifier and a Y / C MIX circuit. The 75 driver is capable of driving a load sufficient for two circuits, as well as being equipped with a sag correction function which reduces the capacitance of the output coupling capacitor. The IC comes in the compact 8-pin SSOP-B package. The composite Y signal input pin is sync chip clamped input, while the chrominance input pin is bias input. An internal power-saving circuit is also included which provides an output muting function and output pin shorting protection.
*Applications electronic cameras and others Video cameras, *Features 8-pin SSOP-B package is used. 1) The compact
2) 3) 4) 5) Operates at a low power consumption (60mW Typ.). Internal Y / C MIX circuit. Internal output muting circuit. Internal power-saving circuit. 6) Internal output protection circuit. 7) Internal sag correction function makes it possible to reduce the capacitance of the output coupling capacitor. 8) A load sufficient for two circuits can be driven.
*Absolute maximum ratings (Ta = 25C)
Parameter Power supply voltage Power dissipation Operating temperature Storage temperature Symbol VCC Pd Topr Tstg Limits 8 350 - 25 ~ + 75 - 55 ~ + 125 Unit V mW C C
Reduced by 3.5mW for each increase in Ta of 1C over 25C
*Recommended operating conditions (Ta = 25C)
Parameter Operating power supply voltage Symbol VCC Min. 4.5 Typ. 5.0 Max. 5.5 Unit V
Not designed for radiation resistance.
1
Multimedia ICs
BA7664FV
*Block diagram
MUTE MUTEA 1 8 VCC
YIN
2
+
6dB
75
7
OUT1
GND
3
6
OUT2
20k CHROMA MUTE CIN 4 5 MUTEB
2
Multimedia ICs
BA7664FV
*Pin descriptions and input / output circuits
Pin. No Pin name IN OUT Reference potential Equivalent circuit Pin description Muting control 1 5 MUTEA MUTEB K -- --
15k
14k
If MUTEA (pin 1) is set to HIGH, the output is muted. If MUTEB (pin 8) is set to HIGH, only the chrominance signal is muted. (The Y signal is output without being muted.)
Signal input 2 YIN K -- 2.0V This is the input pin for composite Y signals, and is sync chip clamped input.
Ground 3 GND -- -- 0V
GND
Signal input 4 CIN K -- 2.0V
20k
This is the input pin for chrominance signals, and is bias-type input. The input impedance is 20k.
Signal output
6pin
6 7
MIXOUT2 MIXOUT1
--
K
0.9V 0.95V
7pin
These are the Y / C MIX signal output. Pin 6 is the pin for sag correction. If pin 7 is set to 0.2V or less, the protective circuit is triggered and the power-saving mode is accessed.
Power supply
VCC
8
VCC
--
--
5.0V
3
Multimedia ICs
BA7664FV
*Electrical characteristics (unless otherwise noted, Ta = 25C, VCC = 5V)
Parameter Circuit current Max. output level Voltage gain Frequency characteristic Muting attenuation Muting switching high level Muting switching low level Input impedance Circuit current when muted Symbol ICC Vom GV GF MT VTHH VTHL ZIN IMUTE Min. 6.1 2.6 - 1.0 - 1.5 -- 2.2 0 16 -- Typ. 12.2 3.0 - 0.2 - 0.5 - 60 -- -- 20 1.3 Max. 18.3 -- 0.6 0.5 -- VCC 0.7 24 2.6 Unit mA VP-P dB dB dB V V k mA Conditions With no signal f = 1kHz,THD = 1%V02 f = 4.43MHz / V01 f = 7MHz / 1MHz,1VP-P / V01 f = 4.43MHz,1VP-P / V01 -- -- Chrominance input pin (pin 7) MUTEA "H"
*Guaranteed design parameters (unless otherwise noted, Ta = 25C, VCC = 5V)
Parameter Differential gain Differential phase Symbol DG DP Min. -- -- Typ. 1.0 0.5 Max. 2.0 2.0 Unit % DEG Conditions VIN = 1.0VP-P reference staircase signal VIN = 1.0VP-P reference staircase signal
*Mute switch mode settings
* MUTEA (1pin) H L MUTE NORMAL
* MUTEB (5pin) H L CHROMA MUTE NORMAL
4
Multimedia ICs
BA7664FV
*Measurement circuit
2.1V 1 2 SW1 3 1F 1F 2 SW2 2
+
MUTE 1 8
SW16 1 2
A
+
0.8V
47
0.1
1 100
+
6dB
75
7
+
75
V02 V01
2.5V 3 6
+
0.1F 1 0.1F 2 3 V SW4 4 20k CHROMA MUTE 5 SW5 1 2 3
*Measurement conditions
Parameter Circuit current Max. output level Voltage gain YOUT COUT Frequency characteristic Muting attenuation Chroma muting attenuation Input impedance Circuit current when muted Symbol 1 ICC VOM GV1 GV2 GF MT MTC ZIN IMUTE 2 3 3 3 3 1 3 3 1 2 1 2 2 3 1 2 3 1 1 SW Conditions 4 1 1 1 2 2 1 2 3 1 5 2 3 3 3 3 3 1 3 2 8 1 2 2 2 2 2 2 2 1 Measurement method
The muting switching level is substituted by carrying out the above measurement at H = 2.1V, L = 0.8V.
Measurement method 1 Measure the circuit current when no signal is present. 2 Apply a sine wave of f = 1kHz to the input, and adjust the input level so that the output distortion is 1%. At this time, set the output voltage to the maximum output level of VOM [VP-P]. 3 Measure the output VO [VP-P] with a sine wave of f = 4.43MHz, 1VP-P applied to the input. Voltage gain GV is: GV = 20 Log (VO / VIN) [dB] 4 Measure the outputs VO7 and VO1 [VP-P] each with sine waves of f = 7MHz, 1VP-P and f = 1MHz, 1VP-P applied to the input. Voltage frequency GF is: GF = 20 Log (VO7 / VO1) [dB] 5 Measure the output VO [VP-P] with a sine wave of f = 4.43MHz, 1VP-P applied to the input. The muting attenuation MT is: MT = 20 Log (VO / VIN) [dB] 6 Measure the input voltage VINSO [V] and the open voltage of the input VINO [V] when 50A is introduced. The input impedance ZIN is: ZIN = |VINSO - VINO| / 50 x 1000 [k] 7 Measure the circuit current when MUTEA (pin 1) is HIGH.
+
150 3 22
75
2.1V
0.8V
Fig.1
1 2 3 3 4 5 5 6 7
5
Multimedia ICs
BA7664FV
*Application examples
MUTE 1 8
+
47F
0.1F 75
1F
+
100F 2
Composite Y
+
6dB
75
7
+
75
22F 3 6
+
0.1F Chroma 4
20k CHROMA MUTE 5
Fig.2
MUTE 1 Open or GND 1F
+
8
+
47F
0.1F 75
1000F 2
Composite Y
+
6dB
75
7
+
75
3
6
0.1F Chroma 4
20k CHROMA MUTE 5 Open or GND
Fig.3
6
Multimedia ICs
BA7664FV
*External dimensions (Units: mm)
3.0 0.2 8 6.4 0.3 4.4 0.2 5
1.15 0.1
1 0.1
4
(0.52)
0.65 0.22 0.1
0.3Min. 0.1
SSOP-B8
0.15 0.1
7


▲Up To Search▲   

 
Price & Availability of BA7664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X