Part Number Hot Search : 
T5001340 FQB9N25 AD7400 CM800 N5232 S8035 TA8025P FAIRCHIL
Product Description
Full Text Search
 

To Download ASI3001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASI3001
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI 3001 is Designed for General Purpose Class C Power Amplifier Applications up to 3500 MHz.
PACKAGE STYLE .250 2L FLG
A OD C E .060 x 45 CHAMFER
B
FEATURES:
* PG = 7 dB min. at 1.0 W / 3,000 MHz * Hermetic Microstrip Package * OmnigoldTM Metalization System
DIM A L
G
H J
F I K P MN
MINIMUM
inches / mm
MAXIMUM
inches / mm
.028 / 0.71 .740 / 18.80 .245 / 6.22 .128 / 3.25 .125 / 3.18 .110 / 2.79 .117 / 2.97 .560 / 14.22 .790 / 20.07 .225 / 5.72 .165 / 4.19 .003 / 0.08 .058 / 1.47 .119 / 3.02 .149 / 3.78
.032 / 0.81 .255 / 6.48 .132 / 3.35 .117 / 2.97 .570 / 14.48 .810 / 20.57 .235 / 5.97 .185 / 4.70 .007 / 0.18 .068 / 1.73 .135 / 3.43 .187 / 4.75
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O
B C D E F G H I J K L M N P
200 mA 30 V 6.0 W @ TC = 25 C -65 C to +200 C -65 OC to +200 OC 25 OC/W
O O
ORDER CODE: ASI10538
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICBO hFE COB PG C IC = 1 mA IC = 5 mA IE = 1 mA VCB = 28 V
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
45 45 3.5 0.5
UNITS
V V V mA --pF dB %
VCE = 5.0 V VCB = 28 V VCC = 28 V
IC = 100 mA f = 1.0 MHz POUT = 1.0 W f = 3.0 GHz
30
300 3.5
7.0 30
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI3001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X