Part Number Hot Search : 
BA6996 00225 BA6996 2SK735 20211 14001 150K6 HYB51
Product Description
Full Text Search
 

To Download AH292 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Features
- On chip Hall sensor - Rotor-locked shutdown - Automatically restart - Frequency generator (FG) output - Buil t-in Zener protection for output driver - Operating voltage: 1.8V~5.75 V - Output current: IO( AVE ) = 400 mA - Package: SIP-5L, SOT23-5L, SOT89-5L
General Description
AH292 is a monolithic fan motor controller with Hall sensor's capability. It contains two complementary open-collector transistors for motor's coil driving, automatic lock current shutdown, and recovery protections. Besides, frequency generator (FG) output is for speed detection relatively. To avoid coil burning, rotor-lock shutdown detection circuit shut down the output driver if the rotor is blocked and then the automatic recovery circuit will try to restart the motor. These protecting actions are repeated and periodic during the blocked period. Until the blocking is removed, the motor recovers running normally.
Pin Configuration
FG 5 DOB 4
292
( Front View )
1 : FG 2 : VCC 3 : DO 4 : DOB 5 : GND
VCC 1
292
5 FG AH292 7 DOB 4 SOT89-5L
GND 2
3
1
2
DO 3
123 45
SIP-5L
VCC GND DO SOT23-5
Pin Descriptions
Symbol FG VCC DO DOB GND Description Frequency generation Input power Output pin Output pin Ground
Ordering Information
AH292 X - X X X
Wafer Body Blank or A~Z : if necessary to specify
Package P: SIP-5L W: SOT23-5L Y: SOT89-5L
Lead L : Lead Free Blank: Normal
Packing Blank : Tube or Bulk A : Tape & Reel
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 0.6 Jan 27, 2005 1/9
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Block Diagram (SIP5)
VCC 2
Lock shutdown and Automatic recovery Regulator
3
Hall Plate
DO
Amp.
Control Logic
4
DOB
5 GND
1 FG
Typical Application Circuit
D2 Vcc (1.8V/5.75V) R pu D1
1 2
292
Coil2
3 4 5
Coil1
FG C3
Notes: R1, R2: typical 56 C1, C2, C3: typical 2.2F The R, C value need to be fine tuned base on coils design.
GND
R1 C1
R2 C2
1.8V/5.75V DC Brush-less Fan with FG output function
Anachip Corp. www.anachip.com.tw 2/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Absolute Maximum Ratings
Characteristics Output Zener-breakdown Voltage Operating Supply Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Maximum Junction Temp. PD Topr Tstg Tj (Ta = 25C) Symbol Vz VCC IO(AVE) IO(PEAK) SIP5 SOT23-5 SOT89-5 Rating 38 8 400 700 550 230 800 -20 ~ 100 -55 ~ 150 150 Unit V V mA mW C C C
Electrical Characteristics (Ta = 25 C, VCC = 5V, unless otherwise notice)
Characteristics Supply Voltage Supply current Locked Protection On Locked Protection Off Output saturation voltage Symbol Vcc
Icc Tlrp-on Tlrp-off
Conditions Operating Operating
Min. 1.8 2.4 -
Typ. 2.6 0.4 3 300 600 1.75 0.5
Max. 5.75 4.0 3.6 -
Unit V mA Sec Sec
VOUT( sat ) Rds(on) Vol
IO=180mA IO=350mA
mV ohm V
Output On resistance FG output Vds
IO=10mA
Magnetic Characteristics (Ta = 25 C, VCC = 5V, unless otherwise specified)
(1mT=10 Gauss)
Characteristics Symbol Min. Typ. Max. Unit
Operate Point Release Point Hysteresis
Bop Brp Bhy
--60 --
30 -30 60
60 ---
Gauss Gauss Gauss
Anachip Corp. www.anachip.com.tw 3/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Operating Characteristics
DOB
Output Voltage in Volts Output Voltage in Volts 12 10 8 6 4 ON 2 OP Vsat Brp 0 Bop Magnetic Flux Density in Gauss
DO
12 10 8 6 4 RP Vsat Brp 0 Bop Magnetic Flux Density in Gauss 2 ON
RP
OFF
OFF
OP
Performance Characteristics (SIP5)
Ta (C) Pd (mW) Ta (C) Pd (mW)
P d (m W ) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 T a ( C )
25 550 105 198
50 440 110 176
60 396 115 154
70 352 120 132
80 308 125 110
85 286 130 88
90 264 135 66
95 242 140 44
100 220 150 0
P o w e r D is s ip a tio n C u rve
Anachip Corp. www.anachip.com.tw 4/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Performance Characteristics (SOT23-5)
Ta (C) 25 50 60 70 80 90 100 110 120 130 140 150
Pd (mW)
P d (m W )
230
184
166
147
129
110
92
74
55
37
18
0
P o w e r D is s ip a tio n C u rv e 300 200 100 0 0 25 50 75 100 125 150
T a ( C )
Performance Characteristics (SOT89-5)
Ta (C) 25 50 60 70 75 80 85 90 95 100
Pd (mW)
Ta (C)
800
105
640
110
576
115
512
120
480
125
448
130
416
135
384
140
352
145
320
150
Pd (mW)
P d (m W )
288
256
224
192
160
128
96
64
32
0
P o w e r D is s ip a tio n C u r v e
900 800 700 600 500 400 300 200 100 0 0 25 50 75 100 125 150
T a ( C )
Anachip Corp. www.anachip.com.tw 5/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Marking Information
(1)SIP-5L
( Top View ) Part Number
292 X XX X X
Blank : normal L : Lead Free Package ID Code Nth week: 01~52 Year: "1" = 2001 "2" = 2002 ~
(2)SOT23-5L
(Top View) ID code A~Z: Non-Lead Free a~z: Lead Free RB:AH292 Date code Y : Year M :Month(A~L)
XX YM X
(3)SOT89-5L
5
4
7
292 Y M X
1
2
3
ID code A~Z: Non-Lead Free a~z : Lead Free M : Month: A~L Y : Year: 0-9
Anachip Corp. www.anachip.com.tw 6/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller Package Information
(1)Package type: SIP-5L
( unit: mm / [inch] )
5.22 0.1 [0.206 0.003 ]
2 ~ 3
2-0.3C [0.079-0.012C] 2 ~ 5 1.55 0.1 [0.061 0.003] 4.2 REF [0.165 REF] 2 ~ 5 3.65 0.1 [0.144 0.003] 0.48 0.1 [0.019 0.003] 14.3 0.3 [0.563 0.012] 0.41 0.03 [0.016 0.001] 0.73 0.1 [0.029 0.003] 2 ~ 3
0.95 0.03 [0.037 0.001]
0.38 0.03 [0.015 0.001]
Location of Sensing Point
2.006 mm [0.079 inch]
( Top View)
1.016 mm [0.04 inch]
1
2
3
4
5
Anachip Corp. www.anachip.com.tw 7/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller
(2) Package type: SOT23-5L
D e1
1(4x)
5
4 0.10 C 5x Seating Plane
E1 Y 1 X e 2 3 b
E
A
A2
A1
2(4x)
With Plating
b1
C
C1
Gauge Plane 0.25 mm
Base Metal
b
L L1
Symbol
Dimensions In Millimeters Min. 1.05 0.05 1.00 0.25 0.25 0.08 0.08 2.70 2.60 1.50 0.35 Nom. 1.20 0.10 1.10 0.40 0.11 2.85 2.80 1.60 0.45 0.60 Ref. 0.95 Bsc. 1.90 Bsc. o 5 5o 8o 1.067 0.432 Max. 1.35 0.15 1.20 0.55 0.45 0.20 0.15 3.00 3.00 1.70 0.55
Dimensions In Inches Min. 0.041 0.002 0.039 0.010 0.010 0.003 0.003 0.106 0.102 0.059 0.014 Nom. 0.047 0.004 0.043 0.016 0.004 0.112 0.110 0.063 0.018 0.024 Ref. 0.037 Bsc. 0.075 Bsc. o 5 5o 8o 0.042 0.017 Max. 0.053 0.006 0.047 0.022 0.018 0.008 0.006 0.118 0.118 0.067 0.022
A A1 A2 b b1 c c1 D E E1 L L1 e e1 1 2 X Y
0 3o 6o -
o
10 7o 10o -
o
0 3o 6o -
o
10 7o 10o -
o
Anachip Corp. www.anachip.com.tw 8/9
Rev 0.6 Jan 27, 2005
AH292
Low Voltage Hall-Effect Smart Fan Motor Controller
(3) Package type: SOT89-5L
A C D F
E
B K
J F L I H G
Package Sensor Location
Y
X
Symbol
A B C D E F G H I J K L X Y
Dimensions In Millimeters Min. Nom. Max. 4.40 4.50 4.60 4.05 4.15 4.25 1.50 1.60 1.70 1.30 1.40 1.50 2.40 2.50 2.60 0.80 3.00 Ref. 1.50 Ref. 0.40 0.46 0.52 1.40 1.50 1.60 0.35 0.39 0.43 5o Typ. 1.90 1.65 -
Dimensions In Inches Min. Nom. Max. 0.173 0.177 0.181 0.159 0.163 0.167 0.059 0.063 0.067 0.051 0.055 0.059 0.094 0.098 0.102 0.031 0.118 Ref. 0.059 Ref. 0.016 0.018 0.020 0.055 0.059 0.063 0.014 0.015 0.017 5o Typ. 0.075 0.065 -
Anachip Corp. www.anachip.com.tw 9/9
Rev 0.6 Jan 27, 2005


▲Up To Search▲   

 
Price & Availability of AH292

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X