Part Number Hot Search : 
RU60E16R B2300 EA100 80N03S F9N50 SD101B 2SH16 FRF1260
Product Description
Full Text Search
 

To Download ADXL330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small, Low Power, 3-Axis 2 g i MEMS(R) Accelerometer
Preliminary Technical Data
FEATURES
3-axis sensing Small, low-profile package 4 mm x 4 mm x 1.45 mm LFCSP Low power 200 A at VS = 2.0 V (typ) Single-supply operation 2.0 V to 3.6 V 10,000 g shock survival Good zero g bias stability Good sensitivity accuracy BW adjustment with a single capacitor RoHS/WEEE lead-free compliant
ADXL330
GENERAL DESCRIPTION
The ADXL330 is a small, low power complete three axis accelerometer with signal conditioned voltage outputs, all on a single monolithic IC. The product measures acceleration with a minimum full-scale range of 2 g. It can measure the static acceleration of gravity in tilt-sensing applications, as well as dynamic acceleration resulting from motion, shock, or vibration. The user selects the bandwidth of the accelerometer using capacitors CX, CY, CZ and at the XOUT, YOUT, and ZOUT pins. Bandwidths may be selected to suit the application, with a range of 0.5 Hz to 1,600 Hz for X and Y axes, and a range of 0.5 Hz to 550 Hz for the Z axis. The ADXL330 is available in a small, low-profile, 4 mm x 4 mm x 1.45 mm, 16-lead, plastic lead frame chip scale package (LFCSP).
APPLICATIONS
Cost-sensitive motion- and tilt-sensing applications Cellular handsets Gaming devices Disk drive protection Image stabilization Sports and health devices
FUNCTIONAL BLOCK DIAGRAM
+3V
VS
ADXL330
OUTPUT AMP 3-AXIS SENSOR CDC AC AMP DEMOD OUTPUT AMP
RFILT
XOUT
CX
RFILT YOUT
CY
RFILT OUTPUT AMP ZOUT
CZ COM ST
05677-001
Figure 1.
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c) 2005 Analog Devices, Inc. All rights reserved.
ADXL330 TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3
Preliminary Technical Data
Absolute Maximum Ratings ............................................................4 ESD Caution...................................................................................4 Pin Configuration and Function Descriptions..............................5 Axes of Acceleration Sensitivity ......................................................6 Outline Dimensions ..........................................................................7 Ordering Guide .............................................................................7
REVISION HISTORY
10/05--Revision PrA: Preliminary Version
Rev. PrA | Page 2 of 8
Preliminary Technical Data SPECIFICATIONS
ADXL330
TA = 25C, VS = 3 V, CX = CY = CZ = 0.1 F, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed. Table 1.
Parameter SENSOR INPUT Measurement Range Nonlinearity Inter-Axis Alignment Error Cross Axis Sensitivity 1 SENSITIVITY (RATIOMETRIC) 2 Sensitivity at XOUT, YOUT, ZOUT Sensitivity Change Due to Temperature 3 ZERO g BIAS LEVEL (RATIOMETRIC) 0 g Voltage at XOUT, YOUT, ZOUT 0 g Offset vs. Temperature NOISE PERFORMANCE Noise Density XOUT, YOUT Noise Density ZOUT FREQUENCY RESPONSE 4 Bandwidth XOUT, YOUTT 5 Bandwidth ZOUT RFILT Tolerance Sensor Resonant Frequency SELF-TEST 6 Logic Input Low Logic Input High Output Change at XOUT Output Change at YOUT Output Change at ZOUT OUTPUT AMPLIFIER Output Swing Low Output Swing High POWER SUPPLY Operating Voltage Range Quiescent Supply Current Turn-On Time 7 TEMPERATURE Operating Temperature Range
1 2
Conditions Each axis % of full scale
Min 2
Typ 4 0.3 0.1 1 300 0.01 1.5 1 170 350
Max
Unit g % Degrees %
Each axis VS = 3 V VS = 3 V Each axis VS = 3 V
270
330
mV/g %/C V mg/C g/Hz rms g/Hz rms Hz Hz k kHz V V mV mV mV V V
1.2
1.8
No external filter No external filter
1600 550 32 15% 5.5 +0.6 +2.4 -130 +130 -70 0.1 2.8 2.0 3.6 320 1 -25 70
Self-test 0 to 1 Self-test 0 to 1 Self-test 0 to 1 No load No load
No external filter
V A ms C
Defined as coupling between any two axes. Sensitivity is essentially ratiometric to VS. For VS = 2.7 V to 3.3 V, sensitivity is TBD mV/V/g to TBD mV/V/g typical. 3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature. 4 Actual frequency response controlled by user-supplied external filter capacitors (CX, CY, CZ). 5 Bandwidth with external capacitors = 1/(2 x x 32 k x C). For CX, CY, CZ = 0.003 F, bandwidth = 1.6 kHz. For CX, CY, CZ = 10 F, bandwidth = 0.5 Hz. 6 Self-test response changes cubically with VS. 7 Turn-on time is dependent on CX, CY, CZ and is approximately 160 x CX or CY or CZ + 1 ms, where CX, CY, CZ are in F.
Rev. PrA | Page 3 of 8
ADXL330 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Acceleration (Any Axis, Unpowered) Acceleration (Any Axis, Powered) VS All Other Pins Output Short-Circuit Duration (Any Pin to Common) Temperature Range (Powered) Temperature Range (Storage) Rating 10,000 g 10,000 g -0.3 V to +7.0 V (COM - 0.3 V) to (VS + 0.3 V) Indefinite -55C to +125C -65C to +150C
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrA | Page 4 of 8
Preliminary Technical Data PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC NC VS VS
ADXL330
16 15 14 13 NC ST COM NC 1 2 3 4 5 COM ADXL330
TOP VIEW (Not to Scale)
12 11 10 9
XOUT NC YOUT NC
+z +x
+y
6 COM
7 COM
8 ZOUT
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Mnemonic NC ST COM NC COM COM COM ZOUT NC YOUT NC XOUT NC VS VS NC Description No Connect Self-Test Common No Connect Common Common Common Z Channel Output No Connect Y Channel Output No Connect X Channel Output No Connect Supply Voltage (2.0 V to 3.6 V) Supply Voltage (2.0 V to 3.6 V) No Connect
Rev. PrA | Page 5 of 8
ADXL330 AXES OF ACCELERATION SENSITIVITY
AZ
Preliminary Technical Data
AY
AX
Figure 3. Axes of Acceleration Sensitivity (Corresponding Output Voltage Increases When Accelerated Along the Sensitive Axis)
XOUT = -1 g YOUT = 0 g ZOUT = 0 g
Top
XOUT = 0 g YOUT = 1 g ZOUT = 0 g
Top
Top
XOUT = 0 g YOUT = -1 g ZOUT = 0 g
Top
XOUT = 1 g YOUT = 0 g ZOUT = 0 g
XOUT = 0 g YOUT = 0 g ZOUT = 1 g
XOUT = 0 g YOUT = 0 g ZOUT = -1 g
Figure 4. Output Response vs. Orientation to Gravity
Rev. PrA | Page 6 of 8
Preliminary Technical Data OUTLINE DIMENSIONS
0.20 MIN 0.20 MIN
13 16 1
ADXL330
PIN 1 INDICATOR 2.43 1.75 SQ 1.08
PIN 1 INDICATOR
TOP VIEW
4.15 4.00 SQ 3.85 0.65 BSC
12
BOTTOM VIEW
9 8 5 4
0.55 0.50 0.45 1.50 1.45 1.40 SEATING PLANE 0.05 MAX 0.02 NOM 0.35 0.30 0.25 COPLANARITY 0.05
1.95 BSC
Figure 5. 16-Lead Lead Frame Chip Scale Package [LFCSP] 4 mm x 4 mm Body (CP-16-5) Dimensions shown in millimeters (Drawing Not to Scale)
ORDERING GUIDE
Model ADXL330KCPZ 1 ADXL330KCPZ-RL EVAL-ADXL330
1
Measurement Range 2 g 2 g
Specified Voltage (V) 3 3
Temperature Range -25C to +70C -25C to +70C
Package Description 16-Lead LFCSP 16-Lead LFCSP Evaluation Board
Package Option CP-16-5 CP-16-5
Lead finish--matte tin.
Rev. PrA | Page 7 of 8
ADXL330 NOTES
Preliminary Technical Data
(c) 2005 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05677-0-10/05(PrA)
Rev. PrA | Page 8 of 8


▲Up To Search▲   

 
Price & Availability of ADXL330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X