Part Number Hot Search : 
TDA7303 VP210 DFP1612 B82499A TS4972 HT46R RE031 E427406
Product Description
Full Text Search
 

To Download 40CTQ150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20694 rev. B 07/03
40CTQ150 40CTQ150S 40CTQ150-1
SCHOTTKY RECTIFIER 40 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 20 Apk, TJ=125C (per leg)
Description/ Features Units
A V A V The 40CTQ... center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-220 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
40CTQ...
40 150 1500 0.71
- 55 to 175
C
Case Styles
40CTQ150
40CTQ150S
40CTQ150-1
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
TO-220AB
D2PAK
TO-262
www.irf.com
1
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
Value
150
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR (Per Leg) (Per Device)
40CTQ.. Units
20 40 1500 250 1.0 1.5 A mJ A A
Conditions
50% duty cycle @ TC = 140 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
TJ = 25 C, IAS = 1.5 Amps, L = 0.9 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
40CTQ.. Units
0.93 1.16 0.71 0.85 50 15 450 8.0 10000 V V V V A mA pF nH V/ s @ 20A @ 40A @ 20A @ 40A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range Per Leg Junction to Case RthJC Max. Thermal Resistance Per Package Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Min. Max. 0.75 0.5 2 (0.07) 6 (5) 12 (10) C/W DC operation C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
40CTQ.. Units
-55 to 175 -55 to 175 1.5 C C
Conditions
RthJC Max. Thermal Resistance
C/W DC operation
* See Fig. 4
2
www.irf.com
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
100
(mA)
1000 100 10 1 0.1 0.01 0.001
Tj = 175C
Tj = 175C 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I
Reverse Current - I
F
(A)
R
0
20 40 60 80 100 120 140 160
Reverse Voltage - VR (V)
10
Tj = 125C Tj = 25C
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1000
(pF)
T J = 25C
Junction Capacitance - C
T
100
1 0
Forward Voltage Drop - VFM (V)
10
0.4
0.8
1.2
1.6
0
40
80
120
160
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
(C/W)
thJC
Thermal Impedance Z
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
t1
0.1
Single Pulse (Thermal Resistance)
Notes:
t2 1. Duty factor D = t1/ t 2 2. Peak Tj = Pdmx ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
25 20
DC
160
DC
15
RMS Limit
140
Square wave (D = 0.50) 120 80% Vr applied see note (2)
10 5 0
DC = 0.20 DC = 0.25 DC = 0.33 DC = 0.50 DC = 0.75
100 0 5 10 15 20 25 30
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
0
5
10
15
20
25
30
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
FSM
(A)
10000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
Non-Repetitive Surge Current - I
1000
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec) Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR = 80% VR applied
4
www.irf.com
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 2 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
2.89 (0.11) 2.64 (0.10)
BASE COMMON CATHODE 2
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
ANODE COMMON ANODE CATHODE 1 2
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
3X
BASE COMMON CATHODE 2
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
1 2 3 ANODE COMMON ANODE CATHODE 1 2
3
4.57 (0.18)
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08)
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
2X
2.54 (0.10) 2X
www.irf.com
5
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Marking Information
EXAMPLE: THIS IS A 40CTQ150 LOT CODE 1789 ASSEMBLED ON WW 19, 2000 IN THE ASSEMBLY LINE "C"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 0 = 2000 WEEK 19 LINE C
6
www.irf.com
40CTQ150, 40CTQ150S, 40CTQ150-1
Bulletin PD-20694 rev. B 07/03
Ordering Information Table
Device Code
40
1 1 2 3 4 5 6
C
2 -
T
3
Q
4
150
5
-1
6
Essential Part Number Common Cathode T = TO-220 Q = Schottky Q Series Voltage Rating 150 = 150V "-1" = TO-262 Option S = D2Pak None = TO-220AB
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/03
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 40CTQ150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X