Part Number Hot Search : 
LM320S 1803E LB261 MMBT2222 29220 MMBT2222 1N5937 15121452
Product Description
Full Text Search
 

To Download 2SK3541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3541
Transistor
Small switching (30V, 0.1A)
2SK3541
!Applications Interfacing, switching (30V, 100mA) !External dimensions (Units : mm)
!Features 1) Low on-resistance. 2) Fast switching speed. 3) Low voltage drive (2.5V) makes this device ideal for portable equipment. 4) Easily designed drive circuits. 5) Easy to parallel.
ROHM : VMT3
0.2
1.2 0.8
(2) (3) (1)
0.2
1.2 0.32
0.4 0.4
0.13 0~0.1
0.5
0.15Max.
0.22
0.8
(1) Gate (2) Source (3) Drain Abbreviated symbol : KN
!Structure Silicon N-channel MOSFET
!Absolute maximum ratings (Ta=25C)
Parameter Drain-source voltage Gate-source voltage Continuous Drain current Reverse drain current Pulsed Continuous Pulsed Symbol VDSS VGSS ID IDP1 IDR IDRP1 PD2 Tch Tstg Limits 30 20 100 400 100 400 150 150 -55~+150 Unit V V mA mA mA mA mW C C
!Equivalent circuit
Drain
Gate
Total power dissipation (Tc=25C) Channel temperature Storage temperature
Gate Protection Diode
Source
1 Pw10s, Duty cycle<1% 2 With each pin mounted on the recommended lands.
A protection diode is included between the gate
and the source terminals to protect the diode against static electricity when the product is in use. Use a protection circuit when the fixed voltages are exceeded.
2SK3541
Transistor
!Electrical characteristics (Ta=25C)
Parameter Gate-source leakage Drain-source breakdown voltage Zero gate voltage drain current Gate threshold voltage Static drain-source on-state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IGSS V(BR)DSS IDSS VGS(th) RDS(on) RDS(on) |Yfs| Ciss Coss Crss td(on) tr td(off) tr Min. - 30 - 0.8 - - 20 - - - - - - - Typ. - - - - 5 7 - 13 9 4 15 35 80 80 Max. 1 - 1.0 1.5 8 13 - - - - - - - - Unit A V A V ms pF pF pF ns ns ns ns Conditions VGS=20V, VDS=0V ID=10A, VGS=0V VDS=30V, VGS=0V VDS=3V, ID=100A ID=10mA, VGS=4V ID=1mA, VGS=2.5V ID=10mA, VDS=3V VDS=5V VGS=0V f=1MHz ID=10mA, VDD VGS=5V RL=500 RGS=10 5V
!Packaging specifications
Package Type Code Basic ordering unit (pieces) 2SK3541 Taping T2R 8000
!Electrical characteristic curves
GATE THRESHOLD VOLTAGE : VGS(th) (V)
0.15 4V
DRAIN CURRENT : ID (A)
200m
3V
DRAIN CURRENT : ID (A)
3.5V
Ta=25C Pulsed
100m 50m 20m 10m 5m 2m 1m
0.5m
VDS=3V Pulsed
2
VDS=3V ID=0.1mA Pulsed
1.5
0.1
2.5V
1
0.05
2V VGS=1.5V
Ta=125C 75C 25C -25C
0.5
0.2m
4 5
0 0
1
2
3
0.1m 0
1
2
3
4
0 -50 -25
0
25
50
75
100
125 150
DRAIN-SOURCE VOLTAGE : VDS (V)
GATE-SOURCE VOLTAGE : VGS (V)
CHANNEL TEMPERATURE : Tch (C)
Fig.1 Typical output characteristics
Fig.2 Typical transfer characteristics
Fig.3 Gate threshold voltage vs. channel temperature
2SK3541
Transistor
50
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
20 10 5
Ta=125C 75C 25C -25C
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
20 10 5
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
VGS=4V Pulsed
50
Ta=125C 75C 25C -25C
VGS=2.5V Pulsed
15
Ta=25C Pulsed
10
2 1 0.5 0.001 0.002
2 1 0.5 0.001 0.002
5
ID=0.1A ID=0.05A
0.005
0.01
0.02
0.05
0.1
0.2
0.5
0.005
0.01
0.02
0.05
0.1
0.2
0.5
0 0
5
10
15
20
DRAIN CURRENT : ID (A)
DRAIN CURRENT : ID (A)
GATE-SOURCE VOLTAGE : VGS (V)
Fig.4 Static drain-source on-state resistance vs. drain current ()
Fig.5 Static drain-source on-state resistance vs. drain current ()
Fig.6 Static drain-source on-state resistance vs. gate-source voltage
9
STATIC DRAIN-SOURCE ON-STATE RESISTANCE : RDS(on) ()
REVERSE DRAIN CURRENT : IDR (A)
8 7 6 5 4 3 2 1 0 -50 -25 0 25 50 75
ID=100mA
VGS=4V Pulsed
FORWARD TRANSFER ADMITTANCE : |Yfs| (S)
0.5
VDS=3V Pulsed
200m 100m 50m 20m 10m 5m 2m 1m 0.5m 0.2m 0.1m
0.2 0.1 0.05 0.02 0.01 0.005 0.002 Ta=-25C 25C 75C 125C
VGS=0V Pulsed
ID=50mA
Ta=125C 75C 25C -25C
100 125
150
0.001 0.0001 0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05 0.1 0.2
0.5
0
0.5
1
1.5
CHANNEL TEMPERATURE : Tch (C)
DRAIN CURRENT : ID (A)
SOURCE-DRAIN VOLTAGE : VSD (V)
Fig.7 Static drain-source on-state resistance vs. channel temperature
Fig.8 Forward transfer admittance vs. drain current
Fig.9 Reverse drain current vs. source-drain voltage ()
REVERSE DRAIN CURRENT : IDR (A)
200m 100m 50m
Ta=25C Pulsed
50
20
CAPACITANCE : C (pF)
Ta=25C f=1MHZ VGS=0V Ciss
SWITHING TIME : t (ns)
1000 tf 500 td(off)
200 100 50
tr
20m 10m 5m 2m 1m 0.5m 0.2m 0.1m VGS=4V
Ta=25C VDD=5V VGS=5V RG=10 Pulsed
10 5
0V
Coss Crss
20 10 5
td(on)
2 1 0.5 0.1
0
0.5
1
1.5
0.2
0.5
1
2
5
10
20
50
2 0.1 0.2
0.5
1
2
5
10
20
50
100
SOURCE-DRAIN VOLTAGE : VSD (V)
DRAIN-SOURCE VOLTAGE : VDS (V)
DRAIN CURRENT : ID (mA)
Fig.10 Reverse drain current vs. source-drain voltage ()
Fig.11 Typical capacitance vs. drain-source voltage
Fig.12 Switching characteristics (See Figures 13 and 14 for the measurement circuit and resultant waveforms)
2SK3541
Transistor
!Switching characteristics measurement circuit
Pulse width 50% 10% 10% 90% 50%
VGS
ID D.U.T. RL
VDS
VGS VDS
RG
10% 90% 90%
td (off) tf toff
VDD
td (on) ton tr
Fig.13 Switching time measurement circuit
Fig.14 Switching time waveforms
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of 2SK3541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X