Part Number Hot Search : 
LT310 SC461 11800 LJ64KM01 RB521G BA5954FM 2SJ0164 HA1210
Product Description
Full Text Search
 

To Download 2SD1423 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD1423, 2SD1423A
Silicon NPN epitaxial planer type
For low-frequency amplification Complementary to 2SB1030 and 2SB1030A
Unit: mm
4.00.2
3.00.2
s Features
q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to 2SD1423 2SD1423A 2SD1423 VCBO VCEO VEBO ICP IC PC Tj Tstg Symbol
(Ta=25C)
0.70.1 2.00.2
marking 1 2 3
30 60 25 50 7 1 0.5 300 150 -55 ~ +150
V
emitter voltage 2SD1423A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
V V A A mW C C
1:Emitter 2:Collector 3:Base
1.27 1.27 2.540.15
EIAJ:SC-72 New S Type Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SD1423 2SD1423A 2SD1423 2SD1423A
(Ta=25C)
Symbol ICBO ICEO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) fT Cob Conditions VCB = 20V, IE = 0 VCE = 20V, IB = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 150mA*2 VCE = 10V, IC = 500mA*2 IC = 300mA, IB = 30mA*2 VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 200 6
*2
+0.2 0.45-0.1
Ratings
Unit
15.60.5
Optimum for high-density mounting. Allowing supply with the radial taping.
min
typ
max 0.1 1
Unit A A V
30 60 25 50 7 85 40 0.6 340
V V
Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
V MHz
15
pF
Pulse measurement
*1h
FE1
Rank classification
Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
500 1200 Ta=25C 1000
2SD1423, 2SD1423A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 30 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.01 0.03 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
400
800 IB=10mA 9mA 8mA 7mA 6mA 5mA 4mA 3mA 2mA 200 1mA
300
600
200
400
100
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10 12
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=10 300 VCE=10V 160
fT -- I E
VCB=10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
250 Ta=75C 200 25C -25C
Transition frequency fT (MHz)
0.3 1 3 10
30 10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 75C
Forward current transfer ratio hFE
140 120 100 80 60 40 20
25C
150
100
50
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
10
Collector output capacitance Cob (pF)
IE=0 f=1MHz Ta=25C 8
6
4
2
0 1 3 10 30 100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD1423

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X