Part Number Hot Search : 
GB15JHF S447A 21A090I F3709Z 12N23 310ALTM1 CT230802 E004225
Product Description
Full Text Search
 

To Download 2SC3569 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON POWER TRANSISTOR
2SC3569
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
The 2SC3569 is a mold power transistor developed for highvoltage high-speed switching, and is ideal for use in drivers such as switching regulators, DC/DC converters, and high-frequency power amplifiers.
PACKAGE DRAWING (UNIT: mm)
FEATURES
* Mold package that does not require an insulating board or insulation bushing * Low collector saturation voltage: VCE(sat) = 1.0 V MAX. (@ 0.7 A) * Fast switching speed: tf 1.0 s MAX. (@ 0.7 A) * Wide base reverse-bias SOA: VCEX(SUS) = 450 V MIN. (@ 0.5 A)
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) Collector current (pulse) Base current (DC) Total power dissipation Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC(DC) IC(pulse)* IB(DC) PT (Tc = 25C) PT (Ta = 25C) Tj Tstg Ratings 500 400 7.0 2.0 4.0 1.0 15 2.0 150 -55 to +150 Unit V V V A A A W W C C
Electrode Connection 1. Base 2. Collector 3. Emitter
* PW 300 s, duty cycle 10%
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D16187EJ1V0DS00 Date Published April 2002 N CP(K) Printed in Japan
(c)
2002 1998
2SC3569
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter Collector to emitter voltage Collector to emitter voltage Collector to emitter voltage Collector cutoff current Collector cutoff current Collector cutoff current Collector cutoff current Emitter cutoff current DC current gain DC current gain Collector saturation voltage Base saturation voltage Turn-on time Storage time Fall time Symbol VCEO(SUS) VCEX(SUS)1 VCEX(SUS)2 ICBO ICER ICEX1 ICEX2 IEBO hFE1* hFE2* VCE(sat)* VBE(sat)* ton tstg tf Conditions IC = 0.5 A, IB1 = 0.1 A, L = 1 mH IC = 0.5 A, IB1 = -IB2 = 0.1 A, L = 180 H, clamped IC = 1.0 A, IB1 = 0.2 A, -IB2 = 0.1 A, L = 180 H, clamped VCB = 400 V, IE = 0 VCE = 400 V, RBE = 51 , Ta = 125C VCE = 400 V, VBE(OFF) = -1.5 V VCE = 400 V, VBE(OFF) = -1.5 V, Ta = 125C VEB = 5.0 V, IC = 0 VCE = 5.0 V, IC = 0.2 A VCE = 5.0 V, IC = 0.5 A IC = 0.7 A, IB = 0.14 A IC = 0.7 A, IB = 0.14 A IC = 0.7 A, RL = 214 , IB1 = -IB2 = 0.14 A, VCC 150 V Refer to the test circuit. 20 10 1.0 1.2 1.0 2.5 1.0 V V MIN. 400 450 400 10 1.0 10 1.0 10 80 TYP. MAX. Unit V V V
A
mA
A
mA
A
s s s
* Pulse test PW 350 s, duty cycle 2%
hFE CLASSIFICATION
Marking HFE1 M 20 to 40 L 30 to 60 K 40 to 80
TYPICAL CHARACTERISTICS (Ta = 25C)
Total Power Dissipation PT (W)
Case Temperature TC (C)
Collector Current IC (mA)
Collector to Emitter Voltage VCE (V)
2
Data Sheet D16187EJ1V0DS
2SC3569
Transient Thermal Resistance Rth(j-c) (C/W)
IC Derating dT (%)
Ta = 25C (without heatsink) (with infinite heatsink)
Case Temperature TC (C) Pulse Width PW (s)
Collector Current IC (A)
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
Collector to Emitter Voltage VCE (V)
Collector Current IC (mA)
Collector Saturation Voltage VCE(sat) (V) Base Saturation Voltage VBE(sat) (V)
DC Current Gain hFE
Collector Current IC (mA)
Data Sheet D16187EJ1V0DS
3
2SC3569
Turn-On Time ton (s) StorageTime tstg (s) Fall Time tf (s)
Collector Current IC (A)
Base current waveform
Collector current waveform
4
Data Sheet D16187EJ1V0DS
2SC3569
[MEMO]
Data Sheet D16187EJ1V0DS
5


▲Up To Search▲   

 
Price & Availability of 2SC3569

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X