Part Number Hot Search : 
1468F C471MPD 7805A STK6328A 68801 66000 UPD17132 6029E
Product Description
Full Text Search
 

To Download 2SA1890 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1890
Silicon PNP epitaxial planer type
For low-frequency output amplification Complementary to 2SC5026
Unit: mm
s Features
2.60.1
4.50.1 1.60.2
1.50.1
q q q
1.0-0.2
Low collector to emitter saturation voltage VCE(sat). High collector to emitter voltage VCEO. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. (Ta=25C)
0.4max.
45
+0.1
0.40.08 0.50.08 1.50.1 3.00.15 3 2 1
4.0-0.20
0.40.04
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation (TC=25C) Junction temperature Storage temperature
*
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
Ratings -80 -80 -5 -1.5 -1 1 150 -55 ~ +150
Unit V V V A A W C C
1:Base 2:Collector 3:Emitter EIAJ:SC-62 Mini Power Type Package
marking
Marking symbol :
1Z
Printed circuit board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*1
Conditions VCB = -40V, IE = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -100mA VCE = -2V, IC = -500mA*2 IC = -500mA, IB = -50mA*2 IC = -500mA, IB = -50mA*2 VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min
typ
max - 0.1
-80 -80 -5 120 60 - 0.2 - 0.85 120 15
*2
2.50.1
+0.25
Unit A V V V
340
- 0.3 -1.2
V V MHz
30
pF
Pulse measurement
*1h
FE1
Rank classification
Q 120 ~ 240 R 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
1.2 -1.2 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C -1.0
2SA1890
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (W)
1.0
0.8
Collector current IC (A)
IB=-8mA
-7mA -6mA -5mA -4mA -3mA -2mA
- 0.8
0.6
- 0.6
0.4
- 0.4 -1mA
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0.2
- 0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=-25C 25C -75C IC/IB=10 300
hFE -- IC
200 VCE=-2V 180 250 Ta=75C 25C 150 -25C 100
fT -- IE
VCB=-10V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
160 140 120 100 80 60 40 20
200
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
50
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
12
Collector output capacitance Cob (pF)
10
IE=0 f=1MHz Ta=25C
8
6
4
2
0 1 3 10 30 100 300 1000
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SA1890

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X