Part Number Hot Search : 
815AF CFB940P MOG2388C DTC124 10R0J SC5707 IRH7250 M38C82M1
Product Description
Full Text Search
 

To Download 2N6727 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ISSUE 1 MARCH 94 FEATURES * 40 Volt VCEO * Gain of 50 at IC = 1 Amp * Ptot=1 Watt
2N6726 2N6727
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Power Dissipation at Tamb= 25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC Ptot Tj:Tstg 2N6726 -40 -30 -5 -2 -1 1
E-Line TO92 Compatible 2N6727 -50 -40 UNIT V V V A A W C
-55 to +200
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Turn-On Voltage SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) VBE(on) 55 60 50 50 -40 -30 -5 -0.1 -0.1 -0.5 -1.2 55 60 50 50 2N6726 MIN. MAX. -50 -40 -5 -0.1 -0.1 -0.5 -1.2 2N6727 MIN. MAX. V V V
A A A
UNIT
CONDITIONS. IC=-1mA, IE=0 IC=-10mA, IB=0* IE=-1mA, IC=0 VCB=-40V, IE=0 VCB=-50V, IE=0 VEB=-5V, IC=0 IC=-1A, IB=-100mA* IC=-1A, VCE=-1V* IC=-10mA, VCE=-1V* IC=-100mA, VCE=-1V* IC=-1A, VCE=-1V*
V V
Static Forward hFE Current Transfer Ratio Transition Frequency Collector Base Capacitance fT CCB
250 500 30 3-8
250 500 30 MHz pF
IC=-50mA, VCE=-10V VCE=-10V, f=1MHz


▲Up To Search▲   

 
Price & Availability of 2N6727

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X