Part Number Hot Search : 
SSM6J CSC815 003930 29040 USB3311 470M1 Q12R12 LC352
Product Description
Full Text Search
 

To Download 2N4912X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N4910X 2N4911X 2N4912X
MECHANICAL DATA Dimensions in mm (inches)
3.68 (0.145) rad. max.
6.35 (0.250) 8.64 (0.340) 3.61 (0.142) 3.86 (0.145) rad.
NPN EPITAXIAL POWER TRANSISTOR IN TO66 HERMETIC PACKAGE
APPLICATIONS
24.33 (0.958) 24.43 (0.962)
14.48 (0.570) 14.99 (0.590)
4.83 (0.190) 5.33 (0.210) 9.14 (0.360) min.
1.27 (0.050) 1.91 (0.750)
TO-66 Metal Package.
PIN 1 = BASE PIN 2 = EMITTER CASE = COLLECTOR
ABSOLUTE MAXIMUM RATINGS
V(BR)CBO V(BR)CEO V(BR)EBO IC IB PD TC Tstg RqJC (Tcase = 25C unless otherwise stated) 2N4910X 2N4911X 2N4912X Collector - Base Breakdown Voltage 40V 60V 80V Collector - Emitter Breakdown Voltage 40V 60V 80V Emitter - Base Breakdown Voltage 5V Continuous Collector Current 4A Base Current 1A Total Power Dissipation 25W Operating Case Temperature Range -65 to +200C Storage Temperature Range -65 to +200C Thermal Resistance , Junction To Case 7.0C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
11.94 (0.470) 12.70 (0.500)
1
2
0.71 (0.028) 0.86 (0.034)
* SCREENING OPTIONS AVAILABE * TO66 PACKAGE
Prelim. 4/98
2N4910X 2N4911X 2N4912X
Electrical Characteristics (TC = 25C unless otherwise stated.)
Parameter
ICEO ICEX ICBO ICES VCE(sat)* VBE(sat)* VBE* hFE* Collector - Emitter Cut-off Current Collector - Emitter Cut-off Current Collector - Base Cut-off Current Collector - Emitter Leakage Current Collector - Emitter Saturation Voltage Base - Emitter Saturation Voltage Base - Emitter Voltage DC Current Gain
Test Conditions
VCE = 30V VCE = V(BR)CEO VCB = V(BR)CBO VCE = V(BR)CEO IC = 1A IC = 1A IC = 1A VCE = 1V VCE = 1V VCE = 1V IB = 0 VBE = 1.5V TC = 150C IE = 0 VBE = 0 IB = 0.1A IB = 0.1A VCE = 1V IC = .5mA IC = 1mA IC = .05A
Min.
Typ.
Max. Units
0.50 100 1.0 0.1 100 0.60 1.3V 1.3V mA
mA
mA mA
mA
V V V --
20 10 40
175
* Pulse Test: tp = 300ms, d = 2%.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 4/98


▲Up To Search▲   

 
Price & Availability of 2N4912X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X