Part Number Hot Search : 
1N5713 44050 D1585 PR500 25F80 74ACT86 2SB1287 0498050
Product Description
Full Text Search
 

To Download UC387Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UC1861-1868 UC2861-2868 UC3861-3868
Resonant-Mode Power Supply Controllers
FEATURES DESCRIPTION
* Controls Zero Current Switched (ZCS) The UC1861-1868 family of ICs is optimized for the control of Zero Curor Zero Voltage Switched (ZVS) rent Switched and Zero Voltage Switched quasi-resonant converters. DifQuasi-Resonant Converters ferences between members of this device family result from the various combinations of UVLO thresholds and output options. Additionally, the * Zero-Crossing Terminated One-Shot one-shot pulse steering logic is configured to program either on-time for Timer ZCS systems (UC1865-1868), or off-time for ZVS applications (UC1861* Precision 1%, Soft-Started 5V 1864). Reference The primary control blocks implemented include an error amplifier to com* Programmable Restart Delay pensate the overall system loop and to drive a voltage controlled oscillator Following Fault (VCO), featuring programmable minimum and maximum frequencies. Triggered by the VCO, the one-shot generates pulses of a programmed maxi* Voltage-Controlled Oscillator (VCO) mum width, which can be modulated by the Zero Detection comparator. with Programmable Minimum and Maximum Frequencies from 10kHz to This circuit facilitates "true" zero current or voltage switching over various line, load, and temperature changes, and is also able to accommodate the 1MHz resonant components' initial tolerances. * Low Start-Up Current (150A typical) Under-Voltage Lockout is incorporated to facilitate safe starts upon * Dual 1 Amp Peak FET Drivers power-up. The supply current during the under-voltage lockout period is typically less than 150A, and the outputs are actively forced to the low * UVLO Option for Off-Line or DC/DC state. (continued) Applications
Device UVLO Outputs "Fixed" 1861 16.5/10.5 Alternating Off Time 1862 16.5/10.5 Parallel Off Time 1863 36014 Alternating Off Time 1864 36014 Parallel Off Time 1865 16.5/10.5 Alternating On Time 1866 16.5/10.5 Parallel On Time 1867 36014 Alternating On Time 1868 36014 Parallel On Time
BLOCK DIAGRAM
Pin numbers refer to the J and N packages.
UDG-92018
10/98
Powered by ICminer.com Electronic-Library Service CopyRight 2003
UC1861-1868 UC2861-2868 UC3861-3868 DESCRIPTION (cont.)
UVLO thresholds for the UC1861/62/65/66 are 16.5V (ON) and 10.5V (OFF), whereas the UC1863/64/67/68 thresholds are 8V (ON) and 7V (OFF). After VCC exceeds the UVLO threshold, a 5V generator is enabled which provides bias for the internal circuits and up to 10mA for external usage. A Fault comparator serves to detect fault conditions and set a latch while forcing the output drivers low. The SoftRef pin serves three functions: providing soft start, restart delay, and the internal system reference. Each device features dual 1 Amp peak totem pole output drivers for direct interface to power MOSFETS. The outputs are programmed to alternate in the UC1861/63/65/67 devices. The UC1862/64/66/68 outputs operate in unison alllowing a 2 Amp peak current.
CONNNECTION DIAGRAMS ABSOLUTE MAXIMUM RATINGS
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22V Output Current Source or Sink (Pins 11 & 14) . . . . . . . . . . . . . . . . . . . . . 0.5A DC Pulse (0.5s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A Power Ground Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.2V Inputs (Pins 2, 3, 10, & 15) . . . . . . . . . . . . . . . . . . . . -0.4 to 7V Error Amp Output Current . . . . . . . . . . . . . . . . . . . . . . . . 2mA Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W Junction Temperature (Operating). . . . . . . . . . . . . . . . . . 150C Lead Temperature (Soldering, 10 seconds) . . . . . . . . . . 300C
PLCC-20 & LCC-20 (Top View) Q & L Package
PACKAGE PIN FUNCTION
FUNCTION PIN
All voltages are with respect to signal ground and all currents are positive into the specified terminal. Pin numbers refer to the J and N packages. Consult Unitrode Integrated Circuits databook for information regarding thermal specifications and limitations of packages.
DIL-16, SOIC-16 (Top View) J or N, DW Packages
Soft Ref 5V NI INV E/A Out Sig Gnd Range RMIN CVCO RC Zero NC NC A Out Pwr Gnd Pwr Gnd VCC B Out
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Powered by ICminer.com Electronic-Library Service CopyRight 2003
2
UC1861-1868 UC2861-2868 UC3861-3868 ELECTRICAL CHARACTERISTICS Unless otherwise stated, all specifications apply for -55CTA125C for the UC186x, -25CTA85C for the UC286x, and 0CTA70C for the UC386x, VCC=12V, CVCO=1nF, Range=7.15k, RMIN=86.6k, C=200pF, R=4.02k, and Csr=0.1F. TA=TJ . PARAMETER TEST CONDITIONS MIN TYP MAX UNITS 5V Generator
Output Voltage Short Circuit Current Soft-Reference Restart Delay Current Soft Start Current Reference Voltage Line Regulation Load Regulation Error Amplifier (Note 3) Input Offset Voltage Input Bias Current Voltage Gain Power Supply Rejection Ratio Error Amplifier (Note 3) (cont.) Common Mode Rejection Ratio VOUT Low VOUT High Unity Gain Bandwidth Voltage Controlled Oscillator Maximum Frequency Minimum Frequency One Shot Zero Comparator Vth Propagation Delay Maximum Pulse Width Maximum to Minimum Pulse Width Ratio Output Stage Rise and Fall Time Output Low Saturation Output High Saturation UVLO Low Saturation Fault Comparator Fault Comparator Vth Delay to Output (Note 4) (Note 5) CLOAD = 1nF (Note 4) IO = 20mA IO = 200mA IO = -200mA, down from Vcc IO = 20mA 2.85 25 0.2 0.5 1.7 0.8 3.00 100 45 0.5 2.2 2.5 1.5 3.15 200 ns V V V V V ns (Note 4) VZERO = 1V VZERO = 0V VZERO = 0V VZERO = 0V UCx861 - UCx864 UCx865 - UCx868. -55C to +85C UCx865 - UCx868, +125C 850 2.5 4 3.8 0.45 0.50 120 1000 4 5.5 5.5 0.55 200 1150 5.5 7 7 V ns ns 12V Vcc 20V, -10mA IO 0mA VO = 0V V = 2V V = 2V TJ = 25C, IO = 0A 12V VCC 20V, -200A IO 200A 12V VCC 20V -200A IO 200A VCM = 5V, Vo = 2V, IO = 0A VCM = 0V Vcm = 5V, 0.5V VO 3.7V, IO = 0A Vcm = 5V, VO = 2V, 12V VCC 20V 0V Vcm 6V, VO = 2V VID = -100mV, IO = 200A VID = 100mV, IO = -200A (Note 4) VID (Error Amp) = 100mV, TJ = 25C VID (Error Amp) = 100mV VID (Error Amp) = -100mV, TJ = 25C VID (Error Amp) = -100mV 3.9 0.5 450 425 45 42 50 -10 -2.0 70 70 65 -0.3 100 100 100 0.17 4.2 0.8 500 550 575 55 58 0.25 4.8 -150 10 -650 4.95 4.85 2 10 20 -500 5.00 5.0 5.2 -15 35 -350 5.05 5.15 20 30 10 V mA A A V V mV mV mV A dB dB dB V V MHz kHz kHz kHz kHz
Powered by ICminer.com Electronic-Library Service CopyRight 2003
3
UC1861-1868 UC2861-2868 UC3861-3868
ELECTRICAL CHARACTERISTICS Unless otherwise stated, all specifications apply for -55CTA125C for the UC186x, -25CTA85C for the UC286x, and 0CTA70C for the UC386x, VCC=12V, CVCO=1nF, Range=7.15k, RMIN=86.6k, C=200pF, R=4.02k, and Csr=0.1F. TA=TJ . PARAMETER TEST CONDITIONS MIN TYP MAX UNITS UVLO
Vcc Turn-on Threshold Vcc Turn-off Threshold Icc Start Icc Run UCx861, UCx862, UCx865, UCx866 UCx863, UCx864, UCx867, UCx868 UCx861, UCx862, UCx865, UCx866 UCx863, UCx864, UCx867, UCx868 VCC = VCC(on) - 0.3V VID = 100mV 15 7 9.5 6 16.5 8.0 10.5 7.0 150 25 18 9 11.5 8 300 32 V V V V A mA
Note 1: Currents are defined as positive into the pin. Note 2: Pulse measurement techniques are used to insure that TJ = TA. Note 3: VID = V(NI) - V(INV). Note 4: This parameter is not 100% tested in production but guaranteed by design. Note 5: Vi = 0 to 4V tr(Vi) 10ns tpd = t(Vo = 6V) - t(Vi = 3V)
APPLICATION INFORMATION
UVLO & 5V GENERATOR (See Figure 1): When power is applied to the chip and Vcc is less than the upper UVLO threshold, Icc will be less than 300A, the 5V generator will be off, and the outputs will be actively held low. When Vcc exceeds the upper UVLO threshold, the 5V generator turns on. Until the 5V pin exceeds 4.9V, the outputs will still remain low. The 5V pin should be bypassed to signal ground with a 0.1F capacitor. The capacitor should have low equivalent series resistance and inductance. FAULT AND SOFT-REFERENCE (See Figure 1): The Soft-Ref pin serves three functions: system reference, restart delay, and soft-start. Designed to source or sink 200A, this pin should be used as the input reference for the error amplifier circuit. This pin requires a bypass capacitor of at least 0.1F. This yields a minimum soft-start time of 1ms. Under-Voltage Lockout sets both the fault and restart delay latches. This holds the outputs low and discharges the Soft-Ref pin. After UVLO, the fault latch is reset by the low voltage on the Soft-Ref pin. The reset fault latch resets the delay latch and Soft-Ref charges via the 0.5mA current source. The fault pin is input to a high speed comparator with a threshold of 3V. In the event of a detected fault, the fault latch is set and the outputs are driven low. If Soft-Ref is above 4V, the delay latch is set. Restart delay is timed as Soft-Ref is discharged by 20A. When Soft-Ref is fully discharged, the fault latch is reset if the fault input signal is low. The Fault pin can be used as a system shutdown pin. If a fault is detected during soft-start, the fault latch is set and the outputs are driven low. The delay latch will remain reset until Soft-Ref charges to 4V. This sets the delay latch, and restart delay is timed. Note that restart delay for a single fault event is longer than for recurring faults since Soft-Ref must be discharged from 5V instead of 4V. The restart delay to soft-start time ratio is 24:1 for a fault occurring during normal operation and 19:1 for faults occurring during soft-start. Shorter ratios can be programmed down to a limit of approximately 3:1 by the addition of a 20k or larger resistor from Soft-Ref to ground. A 100k resistor from Soft-Ref to 5V will have the effect of permanent shut down after a fault since the internal 20A current source can't pull Soft-Ref low. This feature can be used to require recycling Vcc after a fault. Care must be taken to insure Soft-Ref is indeed low at start up, or the fault latch will never be reset. 4
Powered by ICminer.com Electronic-Library Service CopyRight 2003
UC1861-1868 UC2861-2868 UC3861-3868 APPLICATION INFORMATION
UDG-92020
UDG-92021-1
Figure 1. UVLO, 5V, fault and soft-ref.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
5
UDG-92022-1
UDG-92023-1
Figure 2. Error Amp, Voltage Controlled Oscillator, and One Shot
Powered by ICminer.com Electronic-Library Service CopyRight 2003
6
UC1861-1868 UC2861-2868 UC3861-3868 APPLICATION INFORMATION
Minimum oscillator frequency is set by Rmin and Cvco. The minimum frequency is approximately given by the equation: The Error Amplifier directly controls the oscillator frequency. E/A output low corresponds to minimum frequency and output high corresponds to maximum frequency. At the end of each oscillator cycle, the RC pin is discharged to one diode drop above ground. At the beginning of the oscillator cycle, V(RC) is less than Vth1 and so the output of the zero detect comparator is ignored. After V(RC) exceeds Vth1, the one shot pulse will be terminated as soon as the zero pin falls below 0.5V or V(RC) exceeds Vth2. The minimum one shot pulse width is approximately given by the equation:
FMIN
43 . RMIN * CVCO
Maximum oscillator frequency is set by Rmin, Range & Cvco. The maximum frequency is approximately given by the equation:
FMAX
(RMIN
3.3 / / Range ) * CVCO
Tpw(min)
0.3 R C.
The maximum pulse width is approximately given by:
Tpw(max)
1.2 R
C.
STEERING LOGIC
UDG-92013
UDG-92014
The steering logic is configured on the UC1861,63 to result in dual non-overlapping square waves at outputs A & B. This is suited to drive dual switch ZVS systems.
The steering logic is configured on the UC1862,64 to result in inverted pulse trains occurring identically at both output pins. This is suited to drive single switch ZVS systems. Both outputs are available to drive the same MOSFET gate. It is advisable to join the pins with 0.5 ohm resistors.
UDG-92015
The steering logic is configured on the UC1865,67 to result in alternating pulse trains at outputs A & B. This is suited to drive dual switch ZCS systems.
UDG-92016
The steering logic is configured on the UC1866,68 to result in non-inverted pulse trains occurring identically at both output pins. This is suited to drive single switch ZCS systems. Both outputs are available to drive the same MOSFET gate. It is advisable to join the pins with 0.5 ohm resistors.
Powered by ICminer.com Electronic-Library Service CopyRight 2003
7
UC1861-1868 UC2861-2868 UC3861-3868 APPLICATION INFORMATION (cont.)
UDG-92017
Figure 3. Current waveforms.
UNITRODE CORPORATION 7 CONTINENTAL BLVD. * MERRIMACK, NH 03054 TEL. (603) 424-2410 * FAX (603) 424-3460
Powered by ICminer.com Electronic-Library Service CopyRight 2003
8
IMPORTANT NOTICE Texas Instruments and its subsidiaries (TI) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. TI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with TI's standard warranty. Testing and other quality control techniques are utilized to the extent TI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). TI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF TI PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK. In order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. TI assumes no liability for applications assistance or customer product design. TI does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of TI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. TI's publication of information regarding any third party's products or services does not constitute TI's approval, warranty or endorsement thereof.
Copyright (c) 1999, Texas Instruments Incorporated
Powered by ICminer.com Electronic-Library Service CopyRight 2003


▲Up To Search▲   

 
Price & Availability of UC387Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X