Part Number Hot Search : 
00080 74HC299 SMC13C CPC5603C MM3033E 00035 RN2909 PE9375
Product Description
Full Text Search
 

To Download TSP5070FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS5070 TS5071
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
COMPLETE CODEC AND FILTER SYSTEM INCLUDING : - TRANSMIT AND RECEIVE PCM CHANNEL FILTERS - -LAW OR A-LAW COMPANDING CODER AND DECODER - RECEIVE POWER AMPLIFIER DRIVES 300 - 4.096 MHz SERIAL PCM DATA (max) PROGRAMMABLE FUNCTIONS : - TRANSMIT GAIN : 25.4 dB RANGE, 0.1 dB STEPS - RECEIVE GAIN : 25.4 dB RANGE, 0.1 dB STEPS - HYBRID BALANCE CANCELLATION FILTER - TIME-SLOT ASSIGNMENT: UP TO 64 SLOTS/FRAME - 2 PORT ASSIGNMENT (TS5070) - 6 INTERFACE LATCHES (TS5070) - A OR -LAW - ANALOG LOOPBACK - DIGITAL LOOPBACK DIRECT INTERFACE TO SOLID-STATE SLICs SIMPLIFIES TRANSFORMER SLIC, SINGLE WINDING SECONDARY STANDARD SERIAL CONTROL INTERFACE 80 mW OPERATING POWER (typ) 1.5mW STANDBY POWER (typ) MEETS OR EXCEEDS ALL CCITT AND LSSGR SPECIFICATIONS TTL AND CMOS COMPATIBLE DIGITAL INTERFACES DESCRIPTION The TS5070series are the second generationcombined PCM CODEC and Filter devices optimized for digital switching applications on subscriber and trunk line cards. Using advanced switched capacitor techniques the TS5070 and TS5071 combine transmit bandpass and receive lowpass channel filters with a companding PCM encoder and decoder. The devices are A-law and -law selectable and employ a conventional serial PCM interface capable of being clocked up to 4.096 MHz. A number of programmable functions may be controlled via a serial control port.
December 1997
DIP20 (Plastic) ORDERING NUMBER:TS5071N
PLCC28 ORDERING NUMBERS: TS5070FN TS5070FNTR
Channel gains are programmable over a 25.4 dB range in each direction, and a programmable filter is included to enable Hybrid Balancing to be adjusted to suit a wide range of loop impedance conditions. Both transformer and active SLIC interface circuits with real or complex termination impedances can be balanced by this filter, with cancellation in excess of 30 dB being readily achievable when measured across the passbandagainst standardtest termination networks. To enable COMBO IIG to interface to the SLIC control leads, a number of programmable latches are included ; each may be configured as either an input or an output. The TS5070 provides 6 latches and the TS5071 5 latches.
1/32
TS5070 - TS5071
TS5070 PIN FUNCTIONALITY (PLCC28)
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Name GND VFR0 VSS NC NC IL3 IL2 FSR D R1 D R0 CO CI CCLK CS MR BCLK MCLK DX0 DX1 TSX0 TSX1 FSX IL5 IL4 IL1 IL0 VCC VFXI Function Ground Input (+0V) Analog Output Supply Input (-5V) Not Connected Not Connected Digital Input or Output defined by LDR register content Digital Input or Output defined by LDR register content Digital input Digital input sampled by BCLK falling edge Digital input sampled by BCLK falling edge Digital output (shifted out on CCLK rising edge) Digital input (sampled on CCLK falling edge) Digital input (clock) Digital input (chip select for CI/CO) Digital Input Digital input (clock) Digital input Digital output clocked by BCLK rising edge Digital output clocked by BCLK rising edge Open drain output (pulled low by active DX0 time slot) Open drain output (pulled low by active DX1 time slot) Digital input Digital input or output defined by LDR register content Digital input or output defined by LDR register content Digital input or output defined by LDR register content Digital input or output defined by LDR register content Supply input (+5V) Analog input
TS5070 FUNCTIONAL DIAGRAM
VCC=+5V VFXI ENCODER
AZ
VSS=-5V
TX GAIN
TX TIME SLOT
TX REGISTER
DX0 DX1 TSX0
HYBRID BALANCE FILTER
HYBAL 1 HYBAL 2 HYBAL 3
Vref TIME-SLOT ASSIGNMENT
CTL REG.
TSX1 FSX BCLK FSR
VFRO
RX REGISTER
DR0 DR1 MCLK
GND
TS5070/71
RX TIME SLOT
DECODER IL5 IL4 IL3 IL2 IL1 IL0
D94TL135
MR
RX GAIN
CS CONTROL INTERFACE CCLK CO CI
INTERFACE LATCHES
LATCH DIR LATCH CONT.
2/32
TS5070 - TS5071
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VSS VIN IO Tstg Tlead VCC to GND VSS to GND Voltage at VFXI Voltage at Any Digital Input Current at VFRO Current at Any Digital Output Storage Temperature Range Lead Temperature Range (soldering, 10 seconds) Parameter Value 7 -7 VCC + 0.5 to VSS - 0.5 VCC + 0.5 to GND - 0.5 100 50 - 65, + 150 300 Unit V V V V mA mA C C
3/32
TS5070 - TS5071
PIN CONNECTIONS
PLCC28 TS5070FN
DIP20 TS5071N
POWER SUPPLY, CLOCK
Name VCC VSS GND BCLK Pin Type S S S I TS5070 FN 27 3 1 16 TS5071 N 19 3 1 12 Function Positive Power Supply Negative Power Supply Ground Bit Clock +5V5% - 5 V 5% All analog and digital signals are referenced to this pin. Bit clock input used to shift PCM data into and out of the DR and DX pins. BCLK may vary from 64 kHz to 4.096 MHz in 8 kHz increments, and must be synchronous with MCLK (TS5071 only). Master clock input used by the switched capacitor filters and the encoder and decoder sequencing logic. Must be 512 kHz, 1. 536/1. 544 MHz, 2.048 MHz or 4.096 MHz and synchronous with BCLK. BCLK and MCLK are wired together in the TS5071. Description
MCLK
I
17
12
Master Clock
4/32
TS5070 - TS5071
TRANSMIT SECTION
Name FSX Pin Type I TS5070 FN 22 TS5071 N 15 Function Transmit Frame Sync. Description Normally a pulse or squarewave waveform with an 8 kHz repetition rate is applied to this input to define the start of the transmit time-slot assigned to this device (non-delayed data mode) or the start of the transmit frame (delayed data mode using the internal time-slot assignment counter). This is a high-impedance input. Voice frequency signals present on this input are encoded as an A-law or -law PCM bit stream and shifted out on the selected DX pin. DX1 is available on the TS5070 only, DX0 is available on all devices. These transmit data TRI-STATE(R) outputs remain in the high impedance state except during the assigned transmit time-slot on the assigned port, during which the transmit PCM data byte is shifted out on the rising edges of BCLK. TSX1 is available on the TS5070 only. TSX0 is available on all devices. Normally these opendrain outputs are floating in a high impedance state except when a time-slot is active on one of the D X outputs, when the apppropriate TSX output pulls low to enable a backplane line-driver. Should be strapped to ground (GND) when not used.
VFXI
I
28
20
Transmit Analog
D X0 D X1
0 0
18 19
13 -
Transmit Data
TSX0 TSX1
0 0
20 21
14 -
Transmit Time-slot
RECEIVE SECTION
Name FSR Pin Type I TS5070 FN 8 TS5071 N 6 Function Receive Frame Sync. Description Normally a pulse or squarewave waveform with an 8 kHz repetition rate is applied to this input to define the start of the receive time-slot assigned to this device (non-delayed frame mode) or the start of the receive frame (delayed frame mode using the internal time-slot assignment counter. The receive analog power amplifier output, capable of driving load impedances as low as 300 (depending on the peak overload level required). PCM data received on the assigned DR pin is decoded and appears at this output as voice frequency signals. DR1 is available on the TS5070 only, DR0 is available on all devices. These receive data input(s) are inactive except during the assigned receive time-slot of the assigned port when the receive PCM data is shifted in on the falling edges of BCLK.
VFR0
0
2
2
Receive Analog
DR0 DR1
I I
10 9
7 -
Receive Data
5/32
TS5070 - TS5071
INTERFACE, CONTROL, RESET
Name IL5 IL4 IL3 IL2 IL1 IL0 Pin Type I/O I/O I/O I/O I/O I/O TS5070 FN 23 24 6 7 25 26 TS5071 N - 16 4 5 17 18 Function Interface Latches Description IL5 through IL0 are available on the TS5070, IL4 through IL0 are available on the TS5071. Each interface Latch I/O pin may be individually programmed as an input or an output determined by the state of the corresponding bit in the Latch Direction Register (LDR) . For pins configured as inputs, the logic state sensed on each input is latched into the interface Latch Register (ILR) whenever control data is written to COMBO IIG, while CS is low, and the information is shifted out on the CO (or CI/O) pin. When configured as outputs, control data written into the ILR appears at the corresponding IL pins. This clock shifts serial control information into or out of CI or CO (or CI/O) when the CS input is low depending on the current instruction. CCLK may be asynchronous with the other system clocks. This is Control Data I/O pin wich is provided on the TS5071. Serial control information is shifted into or out of COMBO IIG on this pin when CS is low. The direction of the data is determined by the current instruction as defined in Table 1. These are separate controls, availables only on the TS5070. They can be wired together if required.
CCLK
I
13
9
Control Clock
CI/O
I/O
-
8
Control Data Input/output
CI CO
I O
12 11
- -
Control Data Input Control Data Output Chip Select
CS
I
14
10
When this pins is low, control information can be written to or read from the COMBO IIG via the CI and CO pins (or CI/O). This logic input must be pulled low for normal operation of COMBO IIG. When pulled momentarily high, all programmable registers in the device are reset to the states specified under "Power-on Initialization".
MR
I
15
11
Master Reset
FUNCTIONAL DESCRIPTION POWER-ON INITIALIZATION When power is first applied, power-on reset circuitry initializes COMBO IIG and puts it into the power-down state. The gain control registers for the transmit and receive gain sections are programmed for no output, the hybrid balance circuit is turned off, the power amp is disabled and the device is in the non-delayed timing mode. The Latch Direction Register (LDR) is pre-set with all IL pins programmed as inputs, placing the SLIC interface pins in a high impedance state. The
6/32
CI/O pin is set as an input ready for the first control byte of the initialization sequence. Other initial states in the Control Register are indicated in Table 2. A reset to these same initial conditions may also be forced by driving the MR pin momentarilyhigh. This may be done either when powered-up or down. For normal operation this pin must be pulled low. If not used, MR should be hard-wired to ground. The desired modes for all programmable functions may be initialized via the control port prior to a Power-up command.
TS5070 - TS5071
POWER-DOWN STATE Following a period of activity in the powered-up state the power-down state may be re-entered by writing any of the control instructions into the serial control port with the "P" bit set to "1" It is recommended that the chip be powered down before writing any additional instructions. In the power-down state, all non-essential circuitry is de-activated and the DX0 and DX1 outputs are in the high impedance TRI-STATE condition. The coefficients stored in the Hybrid Balance circuit and the Gain Control registers, the data in the LDR and ILR, and all control bits remain unchanged in the power-down state unless changed by writing new data via the serial control port, which remains operational. The outputs of the Interface Latches also remain active, maintaining the ability to monitor and control a SLIC. TRANSMIT FILTER AND ENCODER The Transmit section input, VFXI, is a high impedance summing input which is used as the differencing point for the internal hybrid balancecancellation signal. No external components are needed to set the gain. Following this circuit is a programmable gain/attenuationamplifier which is controlled by the contents of the Transmit Gain Register (see Programmable Functions section). An active prefilter then precedes the 3rd order high-pass and 5th order low-pass switched capacitor filters. The A/D converter has a compressingcharacteristicaccording to the standard CCITT A or 255 coding laws, which must be selected by a controlinstructionduring initialization (see table 1 and 2). A precision onchip voltage reference ensures accurate and highly stable transmission levels. Any offset voltage arising in the gain-set amplifier, the filters or the comparator is cancelled by an internal auto-zero circuit. Each encode cycle begins immediately following the assigned Transmit time-slot. The total signal delay referenced to the start of the time-slot is approximately 165 s (due to the Transmit Filter) plus 125 s (due to encoding delay), which totals 290 s. Data is shifted out on DX0 or DX1 during the selected time slot on eight rising edges of BCLK. DECODER AND RECEIVE FILTER PCM data is shifted into the Decoder's Receive PCM Register via the DR0 or DR1 pin during the selected time-slot on the 8 fallingedges of BCLK. The Decoder consists of an expanding DAC with either A or 255 law decoding characteristic, which is selected by the same control instructionused to select the Encode law during initialization. Following the Decoder is a 5th order low-pass switched capacitor filter with integral Sin x/x correction for the 8 kHz sample and hold. A programmable gain amplifier, which must be set by writing to the Receive Gain Register,is included,and finally a Post-Filter/Power Amplifier capable of driving a 300 load to 3.5 V, a 600 load to 3.8 V or 15 k load to 4.0 V at peak overload. A decode cycle begins immediately after each receive time-slot, and 10 s later the Decoder DAC output is updated. The total signal delay is 10 s plus 120 s (filter delay) plus 62.5 s (1/2 frame) which gives approximately 190 s. PCM INTERFACE The FSX and FSR frame sync inputs determine the beginning of the 8-bit transmit and receive timeslots respectively. They may have any duration from a single cycle of BCLK to one MCLK period LOW. Two different relationships may be established betweenthe framesync inputs and theactual time-slots on the PCM busses by setting bit 3 in the Control Register (see table 2). Non delayed data mode is similar to long-frame timing on the ETC5050/60 series of devices : time-slots being nominally coincident with the rising edge of the appropriate FS input. The alternative is to use Delayed Data mode which is similar to short-frame sync timing, in which each FS input must be high at least a half-cycle of BCLK earlier than the timeslot. The Time-Slot Assignment circuit on the device can only be used with Delayed Data timing. When using Time-Slot Assignment, the beginning of the first time-slot in a frame is identified by the appropriate FS input. The actual transmit and receive time-slots are then determined by the internal Time-Slot Assignment counters. Transmit and Receive frames and time-slots may be skewed from each other by any number of BCLK cycles. During each assigned transmit time-slot, the selected DX0/1 output shifts data out from the PCM register on the rising edges of BCLK. TSX0 (or TSX1 as appropriate) also pulls low for the first 7 1/2 bit times of the time-slot to control the TRISTATE Enable of a backplane line driver. Serial PCM data is shifted into the selected DR0/1 input during each assigned Receive time slot on the falling edges of BCLK. DX0 or DX1 and DR0 or DR1 are selectable on the TS5070 only. SERIAL CONTROL PORT Control information and data are written into or readback from COMBO IIG via the serial control port consistingof the controlclock CCLK ; the serial data input/ou tput CI/O (or separate input CI, and output CO on the TS5070 only) ; and the Chip Select input CS. All control instructions require 2 bytes,as listed in table 1, with the exceptionof a single byte power-up/down command. The byte 1 bits are used as follows: bit 7 specifies power-up or power-down; bits 6, 5, 4 and 3 specify the register address; bit 2 specifies whether the instructions is read or write; bit 1 specifies a one or two byte in7/32
TS5070 - TS5071
struction; and bit 0 is not used. To shift control data into COMBO IIG, CCLK must be pulsed high 8 timeswhile CS is low. Data on the CI or CI/O input is shifted into the serial input register on the falling edge of each CCLK pulse. After all data is shifted in, the content s of the input shift register are decoded, and may indicate that a 2nd byte of control data will follow. This second byte may either be defined by a secondbyte-wide CS pulse or may follow the first continuously,i.e. it is not mandatory for CS to return high in between the first and second control bytes. On the falling edge of the 8th CCLK clock pulse in the 2nd control byte the data is loaded into the appropriateprogrammable register. CS may remain low continuouslywhen programming succesTable 1: Programmable Register Instructions
Function 7 Single Byte Power-up/down Write Control Register Read-back Control Register Write Latch Direction Register (LDR) Read Latch Direction Register Write Latch Content Register (ILR) Read Latch Content Register Write Transmit Time-slot/port Read-back Transmit Time-slot/port Write Receive Time-slot/port Read-back Receive Time-slot/port Write Transmit Gain Register Read Transmit Gain Register Write Receive Gain Register Read Receive Gain Register Write Hybrid Balance Register 1 Read Hybrid Balance Register 1 Write Hybrid Balance Register 2 Read Hybrid Balance Register 2 Write Hybrid Balance Register 3 Read Hybrid Balance Register 3 P P P P P P P P P P P P P P P P P P P P P 6 X 0 0 0 0 0 0 1 1 1 1 0 0 0 0 0 0 0 0 1 1 5 X 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 Byte 1 4 X 0 0 1 1 0 0 1 1 0 0 0 0 0 0 1 1 1 1 0 0 3 X 0 0 0 0 1 1 0 0 1 1 1 1 0 0 0 0 1 1 0 0 2 X 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 X X X X X X X X X X X X X X X X X X X X X None See Table 2 See Table 2 See Table 4 See Table 4 See Table 5 See Table 5 See Table 6 See Table 6 See Table 6 See Table 6 See Table 7 See Table 7 See Table 8 See Table 8 See Table 9 See Table 9 See Table 10 See Table 10 Byte 2
sive registers, if desired.However CS shouldbe set high when no data transfers are in progress. To readbackinterface Latch data or status information from COMBO IIG, the first byte of the appropriate instruction is strobed in during the first CS pulse, as defined in table 1. CS must then be taken low for a further 8 CCLK cycles, during which the data is shifted onto the CO or CI/O pin on the rising edges of CCLK. When CS is high the CO or CI/O pin is in the high-impedanceTRI-STATE, enabling the CI/O pins of many devices to be multiplexed together. Thus, to summarize, 2-byte READ and WRITE instructions may use either two 8-bit wide CS pulses or a single 16-bit wide CS pulse.
Notes: 1. Bit 7 of bytes 1 and 2 is always the first bit clocked into or out of the CI, CO or CI/CO pin. 2. "P" is the power-up/down control bit, see "Power-up" section ("0" = Power Up "1" = Power Down).
PROGRAMMABLE FUNCTIONS POWER-UP/DOWN CONTROL Following power-on initialization, power-up and power-down control may be accomplished by writing any of the control instructions listed in table 1 into COMBO IIG with the "P" bit set to "0" for power-up or "1" for power-down. Normally it is recommended that all programmable functions be initially programmed while the device is powered down. Power state control can then be included with the last programming instruction or the sepa8/32
rate single-byte instruction. Any of the programmable registers may also be modified while the device is powered-up or down be setting the "P" bit as indicated. When the power up or down control is entered as a single byte instruction, bit one (1) must be set to a 0. When a power-up command is given, all de-activated circuits are activated, but the TRI-STATE PCM output(s), DX0 (and DX1), will remain in the high impedance state until the second FSX pulse after power-up.
TS5070 - TS5071
CONTROL REGISTER INSTRUCTION The first byte of a READ or WRITE instruction to the Control Register is as shown in table 1. The second byte functions are detailed in table 2. MASTER CLOCK FREQUENCY SELECTION A Master clock must be provided to COMBO IIG for operation of the filter and coding/decoding functions. The MCLK frequency must be either 512 kHz, 1.536 MHz, 1.544 MHz, 2.048 MHz, or 4.096 MHz and must be synchronous with BCLK. Bits F1 and F0 (see table 2) must be set during initialization to select the correct internal divider. CODING LAW SELECTION Bits "MA" and "IA" in table 2 permit the selection of 255 coding or A-law coding with or without even-bit inversion. Table 2: Control Register Byte 2 Functions
Bit Number 7 F1 0 0 1 1 6 F0 0 1 0 1 0 1 1 X 0 1 0 1 0 1 0 0 X 1 0 1 (*) State at power-on initialization (bit 4 = 0) 5 MA 4 IA 3 DN 2 DL 1 AL 0 PP MCLK = MCLK = MCLK = MCLK = 512 kHz 1. 536 or 1. 544 MHz 2. 048 MHz * 4. 096 MHz
*
ANALOG LOOPBACK Analog Loopback mode is entered by setting the "AL" and "DL" bits in the Control Register as shown in table 2. In the analog loopback mode, the Transmit input VFXI is isolated from the input pin and internally connected to the VFRO output, forming a loop from the Receive PCM Register back to the Transmit PCM Register. The VFRO pin remains active, and the programmed settings of the Transmit and Receive gains remain unchanged, thus care must be taken to ensure that overload levels are not exceeded anywhere in the loop. Hybrid balancing must be disabled for meaning ful analog loopback Function. DIGITAL LOOPBACK Digital Loopback mode is entered by setting the "DL" bit in the Control Register as shown in table 2.
Function
Select . 255 Law A-law, Including Even Bit Inversion A-Law, No Even Bit Inversion Delayed Data Timing Non-delayed Data Timing Normal Operation * Digital Loopback Analog Loopback Power Amp Enabled in PDN Power Amp Disabled in PDN *
*
Table 3: Coding Law Conventions.
m255 Law MSB LSB VIN = +Full Scale 1 VIN = 0V VIN = -Full Scale 1 0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 1 0 0 0 1 1 0 True A-law with even bit inversion MSB LSB 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 0 0 1 0 1 1 0 1 1 0 0 1 0 0 1 A-law without even bit inversion MSB LSB 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1
Note: The MSB is always the first PCM bit shifted in or out of COMBO IIG.
9/32
TS5070 - TS5071
This mode provides another stage of path verification by enabling data written into the Receive PCM Register to be read back from that register in any Transmit time-slot at DX0 or DX1. For Analog Loopback as well as for Digital Loopback PCM decoding continues and analog output appears at VFRO. The output can be disabled by pro gramming "No Output" in the Receive Gain Register (see table 8). INTERFACE LATCH DIRECTIONS Immediately following power-on, all Interface Latches assume they are inputs, and therefore all IL pins are in a high impedance state. Each IL pin may be individually programmed as a logic input or output by writing the appropriate instruction to the LDR, see table 1 and 4. Bits L5-L0 must be set by writing the specific instruction to the LDR with the L bits in the second byte set as specified in table 4. Unused interface latches should be programmed as outputs. For the TS5071, L5 should always be programmed as an output. Table 4: Byte 2 Function of Latch Direction Register
Bit Number 7 L0 6 L1 5 L2 4 L3 3 L4 2 L5 1 X 0 X
INTERFACE LATCH STATES Interface Latches configured as outputs assume the state determined by the appropriate data bit in the 2-byte instruction written to the Latch Content Register (ILR) as shown in tables 1 and 5. Latches configured as inputs will sense the state applied by an external source, such as the OffHook detect output of a SLIC. All bits of the ILR, i.e. sensed inputs and the programmed state of outputs, can be read back in the 2nd byte of a READ from the ILR. It is recommended that, during initialization, the state of IL pins to be configured as outputs should first be programmed, followed immediately by the Latch Direction Register. Table 5: Interface Latch Data Bit Order
Bit Number 7 D0 6 D1 5 D2 4 D3 3 D4 2 D5 1 X 0 X
LN Bit 0 1
IL Direction Input * Output
(*) State at power-on initilization. Note: L5 should be programmed as an output for the TS5071.
TIME-SLOT ASSIGNMENT COMBO IIG can operate in either fixed time-slot or time-slot assignment mode for selecting the Transmit and Receive PCM time-slots. Following poweron, the deviceis automaticallyin Non-Delayed Timing mode, in which the time-slot always begins with the leading (rising) edge of frame sync inputs FSX and FSR. Time-Slot Assignment may only be used with Delayed Data timing : see figure 6. FSX and FSR may have any phase relationship with each other in BCLK period increments.
Table 6: Byte 2 of Time-slot and Port Assignment Instructions
Bit Number 5 6 7 T5 PS EN (note 1) (note 2) 0 X X 4 T4 X 3 T3 X 2 T2 X 1 T1 X 0 T0 X Disable DX Outputs (transmit instruction) * Disable DR Inputs (receive instruction) * Enable DX0 Output, Disable D X1 Output (Transmit instruction) Enable DR0 Input, Disable D R1 Input (Receive Instruction) Enable DX1 Output, Disable D X0 Output (Transmit instruction) Enable DR1 Input, Disable D R0 Input (Receive Instruction) Function
Assign One Binary Coded Time-slot from 0-63 1 0 Assign One Binary Coded Time-slot from 0-63 Assign One Binary Coded Time-slot from 0-63 1 1 Assign One Binary Coded Time-slot from 0-63
Notes: 1. The "PS" bit MUST always be set to 0 for the TS5071. 2. T5 is the MSB of the time-slot assignment. (*) State at power-on initialization
10/32
TS5070 - TS5071
Alternatively, the internal time-slot assignment counters and comparators can be used to access any time-slot in a frame,using the framesync inputs as marker pulses for the beginning of transmit and receive time-slot 0. In this mode, a frame may consist of up to 64 time-slots of 8 bits each. A time-slot is assignedby a 2-byte instructionas shown in table 1 and 6. The last 6 bits of the second byte indicate the selected time-slot from 0-63 using straight binary notation. A new assignment becomes active on the second frame following the end of the Chip Select for the second control byte. The "EN" bit allows the PCM inputs DR0/1 or outputs DX0/1 as appropriate, to be enabled or disabled. Time-Slot Assignment mode requires that the FSX and FSR pulses must conformto the delayedtiming format shown in figure 6. PORT SELECTION On the TS5070 only, an additional capability is available : 2 Transmit serial PCM ports, DX0 and DX1, and 2 receive serial PCM ports, DR0 and DR1, are provided to enable two-way space switching to be implemented. Port selections for transmit and receive are made within the appropriate time-slot Table 7: Byte 2 of Transmit Gain Instructions.
Bit Number 7 0 0 0 1 1 1 6 0 0 0 0 1 1 5 0 0 0 1 1 1 4 0 0 0 1 1 1 3 0 0 0 1 1 1 2 0 0 0 1 1 1 1 0 0 1 1 1 1 0 0 1 0 1 0 1 0dBm0 Test Leve at VFXI In dBm (Into 600) No Output - 19 - 18.9 0 +6.3 +6.4 0.087 0.088 0.775 1.60 1.62 In Vrms (approx.)
assignmentinstruction using the "PS" bit in the second byte. On the TS5071, only ports DX0 and DR0 are available, therefore the "PS" bit MUST always be set to 0 for these devices. Table 6 shows the format for the second byte of both transmitand receive time-slot and port assignment instructions. TRANSMIT GAIN INSTRUCTION BYTE 2 The transmit gain can be programmed in 0.1 dB steps by writing to the Transmit Gain Register as defined in tables 1 and 7. This corresponds to a range of 0 dBm0 levels at VFXI between 1.619 Vrms and 0.087 Vrms (equivalent to + 6.4 dBm to - 19.0 dBm in 600 ). To calculate the binary code for byte 2 of this instruction for any desired input 0 dBm0 level in Vrms, take the nearest integer to the decimal number given by : 200 X log10 (V/ ) + 191 6 and convert to the binary equivalent. Some examples are given in table 7.
(*) State at power initialization
RECEIVE GAIN INSTRUCTION BYTE 2 The receive gain can be programmed in 0.1 dB steps by writing to the Receive GainRegister as defined in table 1 and 8. Note the following restriction on output drive capability : a) 0 dBm0 levels 8.1dBm at VFRO may be driven into a load of 15 k to GND, b) 0 dBm0 levels 7.6dBm at VFRO may be driven into a load of 600 to GND, c) 0 dBm levels 6.9dBm at VFRO may be driven
into a load of 300 to GND. To calculate the binary code for byte 2 of this instruction for any desired output 0 dBm0 level in Vrms, take the nearest integer to the decimal number given by : 6 200 X log10 (V/ ) + 174 a n d convert to the binary equivalent. Some examples are given in table 8.
11/32
TS5070 - TS5071
Table 8: Byte 2 of Receive Gain Instructions.
Bit Number 7 0 0 0 1 1 1 1 6 0 0 0 0 1 1 1 5 0 0 0 1 1 1 1 4 0 0 0 0 1 1 1 3 0 0 0 1 0 1 1 2 0 0 0 1 0 0 1 1 0 0 1 1 1 1 1 0 0 1 0 0 1 0 1
3. RL 15K
0dBm0 Test Leve at VFR0 In dBm (Into 600) No Output - 17.3 - 17.2 0 + 6.9 (note 1) + 7.6 (note 2) + 8.1 (note 3)
(*) State at power on initialization
In Vrms (approx.)
0.106 0.107 0.775 1.71 1.86 1.07
Notes: 1. Maximum level into 300 ; 2. Maximum level into 600;
HYBRID BALANCE FILTER The Hybrid Balance Filter on COMBO IIG is a programmable filter consisting of a second-order Bi-Quad section, Hybal1, followed by a first-order section, Hybal2, and a programmable attenuator. Either of the filter sections can be bypassed if only one is required to achieve good cancellation. A selectable 180 degree inverting stage is included to compensate for interface circuits which also invert the transmit input relative to the receive output signal. The Bi-Quad is intended mainly to balance low frequency signals across a transformer SLIC, and the first order section to balance midrange to higher audio frequency signals. The attenuator can be programmed to compensate for VF RO to VFXI echos in the range of -2.5 to - 8.5 dB. As a Bi-Quad, Hybal1 has a pair of low frequency zeroes and a pair of complex conjugate poles. When configuring the Bi-Quad, matching the phase of the hybrid at low to midband frequencies is most critical. Once the echo path is correctly balanced in phase, the magnitude of the cancellation signal can be corrected by the programmable Table 9: Hybrid Balance Register 1 Byte 2 Instruction.
Bit 7 State 0 1 6 0 1 5 0 1 G4-G0
(*) State at power on initialization Setting = Please refer to software TS5077 2
attenuator. The Bi-Quad mode of Hybal1 is most suitable for balancing interfaces with transformers having high inductance of 1.5 Henries or more. An alternative configuration for smaller transformers is available by converting Hybal1 to a simple first-order section with a single real low frequency pole and 0 Hz zero. In this mode, the pole/zero frequency may be programmed. Many line interfaces can be adequately balanced by use of the Hybal1 section only, in which case the Hybal2 filter should be de-selected to bypass it. Hybal2, the higher frequency first-order section, is provided for balancing an electronic SLIC, and is also helpful with a transformer SLIC in providing additional phase correction for mid and high-band frequencies, typically 1 kHz to 3.4 kHz. Such a correction is particularly useful if the test balance impedance includes a capacitor of 100 nF or less, such as the loaded and non-loaded loop test networks in the United States. Independent placement of the pole and zero location is provided.
Function Disable Hybrid Balance Circuit Completely. * No internal cancellation is provided. Enable Hybrid Balance Cancellation Path Phase of the internal cancellation signal assumes inverted phase of the echo path from VFRO to VFXI. Phase of the internal cancellation signal assumes no phase inversion in the line interface. Bypass Hybal 2 Filter Section Enable Hybal 2 Filter Section Attenuation Adjustment for the Magnitude of the Cancellation Signal. Range is - 2.5 dB (00000) to - 8.5 dB (11000)
12/32
TS5070 - TS5071
Figure 1 shows a simplified diagram of the local echo path for a typical application with a transformer interface. The magnitude and phase of the local echo signal, measured at VFXI, are a function of the termination impedance ZT, the line transFigure 1: Simplified Diagram of Hybrid Balance Circuit former and the impedanceof the 2 W loop, ZL. If the impedance reflected back into the transformer primary is expressed as ZL' then the echo path transfer function from VFRO to VFXI is : H(W) = ZL' /(ZT + ZL') (1)
PROGRAMMING THE FILTER On initial power-up the Hybrid Balance filter is disabled. Before the hybrid balance filter can be programmed it is necessary to design the transformer and terminationimpedancein orderto meet system 2 W input return loss specifications, which are normally measured against a fixed test impedance (600 or 900 in most countries). Only then can the echo path be modeled and the hybrid balance filter programmed. Hybrid balancing is also measured against a fixed test impedance, specified by each national Telecom administration to provide adequate control of talker and listener echo over the majority of their network connections. This test impedance is ZL in figure 1. The echo signal and the degree of transhybrid loss obtained by the programmable filter must be measured from the PCM digital input DR0, to the PCM digital output DX0, either by digital test signalanalysisor by conversion back to analog by a PCM CODEC/Filter. Three registers must be programmed in COMBO IIG to fully configure the Hybrid Balance Filter as follows : Register 1: select/de-select Hybrid Balance Filter; invert/non-invert cancellation signal; select/de-select Hybal2 filter section; attenuatorsetting.
Register 2: select/de-select Hybal1 filter; set Hybal1 to Bi-Quad or 1st order; program pole and zero frequency. Table 10: Hybrid Balance Register 2 Byte 2 instructions
Bit Number 7 0 X 6 0 X 5 0 X 4 0 X 3 0 X 2 0 X 1 0 X 0 0 X By Pass Hybal 1 Filter Pole/zero Setting Function
Register 3 : programpole frequency in Hybal2 filter; program zero frequencyin Hybal2 filter; settings = Please refer to software TS5077-2. Standard filter design techniques may be used to model the echo path (see equation (1)) and design a matching hybrid balance filter configuration.Alternatively, the frequency response of the echo path can be measured and the hybrid balance filter programmed to replicate it. An Hybrid Balance filter design guide and software optimization program are available under license from SGS-THOMSON Microelectronics (order TS5077-2).
13/32
TS5070 - TS5071
APPLICATION INFORMATION Figure 2 shows a typical application of the TS5070 together with a transformer SLIC. The design of the transformer is greatly simplified due to the on-chip hybrid balancecancellation filter. Only one single secondary winding is required (see application note AN.091 - Designing a subscriber line card module using the TS5070/COMBO IIG). Figures 3 and 4 show an arrangement with SGSThomson monolithic SLICS. POWER SUPPLIES While the pins of the TS5070 and TS5071/COMBO IIG devices are well protected against electrical misuse, it is recommended that the standard CMOS practice of applying GND to the device before any otherconnectionsare made shouldalways be followed.In applicationswhere the printedcircuit card may be plugged into a hot socket with power and clocks already present, an extra long ground pin on the connectorshould be used and a Schottky diode connected between VSS and GND. To minimize noise sources all ground connections to each device should meet at a common point as close as possible to the GND pin in order to prevent the interaction of ground return currents flowing through a common bus impedance. Power supply decoupling capacitors of 0.1 F shouldbe connectedfrom this common device ground point to VCC and VSS as closeto thedevice pins as possible.VCC and VSS should also be decoupled with low effective series resis-tance capacitorsof at least10 F locatednear the card edge connector.
14/32
TS5070 - TS5071
Figure 2: Transformer SLIC + COMBO IIG.
15/32
TS5070 - TS5071
Figure 4: Interface with L3092 + L3000 Silicon SLIC.
16/32
L3000
L3092
TS5070 - TS5071
ELECTRICAL OPERATING CHARACTERISTICS Unless otherwise noted, limits in BOLD characters are guaranteed for VCC = + 5 V 5 % ; VSS = - 5 V 5 %. TA = -40 C to 85 C by correlation with DIGITAL INTERFACE
Symbol VIL VIH VOL Parameter Input Low Voltage All Digital Inputs (DC measurement) Input High Voltage All Digital Inputs (DC measurement) Output Low Voltage DX0 and DX1, TSX0, TSX1 and CO, IL = 3.2mA All Other Digital Outputs, IL = 1mA Output High Voltage DX0 and DX1 and CO, IL = -3.2mA All other digital outputs except TSX, IL = -1mA All Digital Outputs, IL = -100A Input Low Current all Digital Inputs (GND < VIN < VIL) Input High Current all Digital Inputs Except MR (VIH < VIN < VCC) Input High Current on MR Output Current in High Impedance State (TRI-STATE) DX0 and DX1, CO and CI/O (as an input) IL5-IL0 as inputs (GND < VO < VCC) 2.4 VCC-0.5 -10 -10 -10 -10 10 10 100 10 2.0 Min. Typ. Max. 0.7 Unit V V
100% electrical testing at TA = 25 C. All other limits are assured by correlation with other production tests and/or product design and characterisation. All signals referencedto GND. Typicals specified at VCC = + 5 V, VSS = - 5 V, TA = 25 C.
0.4
V V V A A A A
VOH
IIL IIH IIH IOZ
ANALOG INTERFACE
Symbol IVFXI R VFXI VOSX Parameter Input Current VFXI (-3.3V < VFXI < 3.3V) Input Resistance VFXI (-3.3V < VFXI < 3.3V) Input offset voltage at VFXI 0dBm0 = -19dBm 0dBm0 = +6.4dBm Load Resistance at VFRO 0dBm0 = 8.1dBm 0dBm0 = 7.6dBm 0dBm0 = 6.9dBm Load Capacitance CLVFRO from VFRO to GND Output Resistance VFRO (steady zero PCM code applied to DR0 or DR1) Output Offset Voltage at VFRO (alternating zero PCM code applied to DR0 or D R1, 0dBm0 = 8.1dBm) -200 1 15 600 300 200 3 200 Min. -10 390 620 10 200 Typ. Max. 10 Unit A k mV mV k pF mV
RLVFRO
CLVFRO ROVFRO VOSR
17/32
TS5070 - TS5071
ELECTRICAL OPERATING CHARACTERISTICS (continued) POWER DISSIPATION
Symbol ICC0 Parameter Power Down Current (CCLK, CI/O, CI = 0.4V, CS = 2.4V) Interface Latches set as Outputs with no load All over Inputs active, Power Amp Disabled Power Down Current (as above) Power Up Current (CCLK, CI/O, CI = 0.4V, CS = 2.4V) No Load on Power Amp Interface Latches set as Outputs with no Load Power Up Current (as above) Power Down Current with Power Amp Enabled Power Down Current with Power Amp Enabled Min. Typ. 0.3 Max. 1.5 Unit mA
-ISS0 ICC1
0.1
0.3
mA
7 7 2 2
11 11 4 4
mA mA mA mA
-ISS1 ICC2 -ISS2
TIMING SPECIFICATIONS Unless otherwisenoted,limits in BOLDcharactersare guaranteed for VCC = + 5 V 5 %; VSS = -5V 5 %. T A = -40 C to 85 C by correlation with 100 % electrical testing at TA = 25 C. All other limits are assured by correlation with other production tests MASTER CLOCK TIMING
Symbol fMCLK Parameter
and/or product design and characterization. All signals referenced to GND. Typicals specified at VCC = + 5 V, VSS = -5 V, T A = 25 C. All timing parametersaremeasuredatVOH =2.0V andVOL = 0.7 V. See Definitions and Timing Conventions section for test methods information.
Min.
Typ. 512 1.536 1.544 2.048 4.096
Max.
Unit kHz MHz MHz MHz MHz ns ns
Frequency of MCLK (selection of frequency is programmable, see table 2)
tWMH tWML tRM tFM tHBM tWFL
Period of MCLK High (measured from VIH to VIH, see note 1) Period of MCLK Low (measured from VIL to VIL, see note 1 ) Rise Time of MCLK (measured from VIL or VIH) Fall Time of MCLK (measured from VIH to VIL) Hold Time, BCLK Low to MCLK High (TS5070 only) Period of FSX or FSR Low (Measured from VIL to VIL)
80 80 30 30 50 1
ns
ns (*)
(*) MCLK period
18/32
TS5070 - TS5071
TIMING SPECIFICATIONS (continued) PCM INTERFACE TIMING
Symbol fBCLK tWBH tWBL tRB tFB tHBF tSFB tDBD tDBZ Parameter Frequency of BCLK (may vary from 64KHz to 4.096MHz in 8KHz increments, TS5070 only) Period of BCLK High (measured from VIH to VIH) Period of BCLK Low (measured from VIL to VIL) Rise Time of BCLK (measured from VIL to VIH) Fall Time of BCLK (measured from VIH to VIL) Hold Time, BCLK Low to FSX/R High or Low Setup Time FSX/R High to BCLK Low Delay Time, BCLK High to Data Valid (load = 100pF plus 2 LSTTL loads) Delay Time from BCLK8 Low to Dx Disabled (if FSx already low); FSx Low to Dx Disabled (if BCLK8 low); BCLK9 High to Dx Disabled (if FSx still high) Delay Time from BCLK and FSx Both High to TSx Low (Load = 100pF plus 2 LSTTL loads) Delay Time from BCLK8 low to TSx Disabled (if FSx already low); FSx Low to TSx Disabled (if BCLK8 low); BCLK9 High to TSx Disabled (if FSx still high); Delay Time, FSx High to Data Valid (load = 100pF plus 2 LSTTL loads, applies if FSx rises later than BCLK rising edge in nondelayed data mode only) Setup Time, DR 0/1 Valid to BCLK Low Hold Time, BCLK Low to DR0/1 Invalid 30 20 15 30 30 80 Min. 64 80 80 30 30 Typ. Max. 4096 Unit kHz ns ns ns ns ns ns ns
15
80 60 60
ns ns ns
tDBT tZBT
tDFD
80
ns
tSDB tHBD
ns ns
Figure 5: Non Delayed Data Timing (short frame mode)
19/32
TS5070 - TS5071
Figure 6: Delayed Data Timing (short frame mode)
SERIAL CONTROL PORT TIMING
Symbol fCCLK tWCH tWCL tRC tFC tHCS tHSC tSSC tSSCO tSDC tHCD tDCD tDSD tDDZ Frequency of CCLK Period of CCLK High (measured from VIH to VIH) Period of CCLK Low (measured from VIL to VIL) Rise Time of CCLK (measured from VIL to VIH) Fall Time of CCLK (measured from VIH to VIL) Hold Time, CCLK Low to CS Low (CCLK1) Hold Time, CCLK Low to CS High (CCLK8) Setup Time, CS Transition to CCLK Low Setup Time, CS Transition to CCLK High (to insure CO is not enabled for single byte) Setup Time, CI (CI/O) Data in to CCLK low Hold Time, CCLK Low to CI (CI/O) Invalid Delay Time, CCLK High to CO (CI/O) Data Out Valid (load = 100 pF plus 2 LSTTL loads) Delay Time, CS Low to CO (CI/O) Valid (applies only if separate CS used for byte 2) Delay Time, CS or CCLK9 High to CO (CI/O) High Impedance (applies to earlier of CS high or CCLK9 high) 15 10 100 70 50 50 50 80 80 80 160 160 50 50 Parameter Min. Typ. Max. 2.048 Unit MHz ns ns ns ns ns ns ns ns ns ns ns ns ns
INTERFACE LATCH TIMING
Symbol tSLC tHCL tDCL Parameter Setup Time, IL Valid to CCLK 8 of Byte 1 Low. I L as Input Hold Time, IL Valid from CCLK 8 of Byte 1 Low. IL as Input Delay Time, CCLK 8 of Byte 2 Low to IL. CL = 50 pF. IL as Output Min. 100 50 200 Typ. Max. Unit ns ns ns
MASTER RESET PIN
Symbol tWMR Parameter Duration of Master Reset High Min. 1 Typ. Max. Unit s 20/32
TS5070 - TS5071
Figure 7: Control Port Timing
21/32
TS5070 - TS5071
TRANSMISSION CHARACTERISTICS Unless otherwise noted, limits printed in BOLD characters are guaranteed for VCC = + 5 V 5 % ; VSS = - 5 V 5 %, TA =-40 Cto 85 C by correlation with 100 % electrical testing at TA = 25 C (-40C to 85C for TS5070-X and TS5071-X). f = 1031.25 Hz, VFXI = 0 dBm0, DR0 or DR 1 = 0 dBm0 PCM code, Hybrid Balance filter disabled. All other limits are assured by correlation with other production tests and/or product design and characterization. All signals referenced to GND. dBm levels are into 600 ohms. Typicals specified at VCC = + 5 V, VSS = -5 V, TA = 25 C.
AMPLITUDE RESPONSE
Symbol Absolute levels The nominal 0 dBm 0 levels are : 0 dB Tx Gain VFXI 25.4 dB Tx Gain VFRO 0 dB Rx Attenuation (RL 15 k) 0.5 dB Rx Attenuation (RL 600 ) 1.2 dB Rx Attenuation (RL 300 ) 25.4 dB Rx Attenuation 1.618 86.9 1.968 1.858 1.714 105.7 Vrms mVrms Vrms Vrms Vrms mVrms Parameter Min. Typ. Max. Unit
Maximum Overload The nominal overload levels are : A-law VFXI VFRO 0 dB Tx Gain 25.4 dB Tx Gain 0 dB Rx Attenuation (R L 15 k) 0.5 dB Rx Attenuation (R L 300 ) 1.2 dB Rx Attenuation (R L 300 ) 25.4 dB Rx Attenuation 0 dB Tx Gain 25.4 dB Tx Gain 0 dB Rx Attenuation (R L 15 k) 0.5 dB Rx Attenuation (R L 600 ) 1.2 dB Rx Attenuation (R L 300 ) 25.4 dB Rx Attenuation 2.323 124.8 2.825 2.667 2.461 151.7 2.332 125.2 2.836 2.677 2.470 152.3 Vrms mVrms Vrms Vrms Vrms mVrms Vrms mVrms Vrms Vrms Vrms mVrms
-law VFXI VFRO
Transmit Gain Absolute Accurary GXA Transmit Gain Programmed for 0 dBm0 = 6.4 dBm, A-law Measure Deviation of Digital Code from Ideal 0 dBm0 PCM Code at DX0/1, f = 1031.25 Hz TA = 25 C, VCC = 5 V, VSS = - 5 V Transmit gain Variation with Programmed Gain GXAG Programmed level from -12.6dBm 0dBm 6.4dBm Programmed level from -19dBm 0dBm 12.7dBm Note: 0.1dB min/max is available as a selected part Calculate the Deviation from the Programmed Gain Relative to GXA i.e., GXAG = Gactual - Gprog - GXA TA = 25 C, VCC = 5 V, VSS = - 5 V - 0.1 - 0.3 0.1 0.3 dB dB
- 0.15
0.15
dB
22/32
TS5070 - TS5071
AMPLITUDE RESPONSE (continued)
Symbol GXAF Parameter Transmit Gain Variation with Frequency Relative to 1031.25 Hz (note 2) -19 dBm < o dBm0 < 6.4 dBm DR0 (or D R1) = 0 dBm0 Code f = 60Hz f = 200 Hz f = 300 Hz to 3000 Hz f = 3400 Hz f = 4000 Hz f > 4600 Hz Measure Response at Alias Frequency from 0 kHz to 4 kHz 0 dBm0 = 6.4 dBm VFXI = -4 dBm0 (note2) f = 62.5 Hz f = 203.125 Hz f = 2093.750 Hz f = 2984.375 Hz f = 3296.875 Hz f = 3406.250 Hz f = 3984.375 Hz f = 5250 Hz, Measure 2750 Hz f = 11750Hz, Measure 3750 Hz f = 49750 Hz, Measure 1750 Hz GXAT GXAV Transmit Gain Variation with Temperature Measured Relative to GXA,VCC = 5V, VSS= -5V -19dBm < 0dBm < 6.4dBm Transmit Gain Variation with Supply VCC = 5V 5%, VSS = -5V 5% Measured Relative to GXA TA = 25 C, o dBm0 = 6.4dBm GXAL Transmit Gain Variation with Signal Level Sinusoidal Test Method, Reference Level = 0 dBm0 VFXI = -40 dBm0 to + 3 dBm0 VFXI = -50 dBm0 to -40 dBm0 VFXI = -55 dBm0 to -50 dBm0 GRA Receive Gain Absolute Accuracy 0 dBm0 = 8.1 dBm, A-law Apply 0 dBm0 PCM Code to DR0 or D R1 Measure VFRO, f =1015.625Hz TA = 25 C, VCC = 5V, VSS = -5V GRAG Receive Gain Variation with Programmed Gain Programmed level from -10.9dBm 0dBm 8.1dBm Programmed level from -17.3dBm 0dBm -11dBm Note: 0.1dB min/max is available as a selected part Calculate the Deviation from the Programmed Gain Relative to GRA I.e. GRAG = Gactual - Gprog - GRA TA = 25C, VCC = 5V, VSS = -5V -0.1 -0.3 0.1 0.3 dB dB -0.15 0.15 dB -0.2 -0.4 -1.2 0.2 0.4 1.2 dB dB dB Min. Typ. Max. Unit
-1.8 -0.15 -0.7
-26 -0.1 0.15 0 -14 -32 -24.9 -0.1 0.15 0.15 0.15 0 -13.5 -32 -32 -32 0.1
dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB
-1.7 -0.15 -0.15 -0.15 -0.74
-0.1
-0.05
0.05
dB
23/32
TS5070 - TS5071
AMPLITUDE RESPONSE (continued)
Symbol GRAT Parameter Receive Gain Variation with Temperature Measure Relative to GRA VCC = 5V, VSS = -5V -17dBm < 0dBm0 < 8.1dBm GRAV Receive Gain Variation with Supply Measured Relative to GRA VCC = 5V 5%, VSS = -5V 5% TA = 25C, 0dBm 0 = 8.1 dBm GRAF Receive Gain Variation with Frequency Relative to 1015.625 Hz, (note 2) DR0 or DR1 = 0 dBm0 Code -17.3dBm < 0 dBm0 < 8.1dBm f = 200Hz f = 300Hz to 3000Hz f = 3400Hz f = 4000Hz GR = 0dBm0 = 8.1dBm DR0 = -4dBm0 Relative to 1015.625 (note 2) f = 296.875 Hz f = 1906.250Hz f = 2812.500Hz f = 2984.375Hz f = 3406.250Hz f = 3984.375Hz GRAL Receive Gain Variation with Signal Level Sinusoidal Test Method Reference Level = 0dBm0 DR0 = -40dBm0 to +3dBm0 DR0 = -50dBm0 to -40dBm0 DR0 = -55dBm0 to -50dBm0 DR0 = 3.1dBm0 RL = 600, 0dBm0 = 7.6dBm RL = 300, 0dBm0 = 6.9dBm -0.2 -0.4 -1.2 -0.2 -0.2 0.2 0.4 1.2 0.2 0.2 dB dB dB dB dB -0.05 0.05 dB -0.1 0.1 dB Min. Typ. Max. Unit
-0.25 -0.15 -0.7
0.15 0.15 0 -14
dB dB dB dB
-0.15 -0.15 -0.15 -0.15 -0.74
0.15 0.15 0.15 0.15 0 -13.5
dB dB dB dB dB dB
24/32
TS5070 - TS5071
ENVELOPE DELAY DISTORTION WITH FREQUENCY
Symbol DXA Tx Delay Absolute f = 1600 Hz DXR Tx Delay, Relative to DXA f= f= f= f= f= f= f= DRA 500 - 600 Hz 600 - 800 Hz 800 - 1000 Hz 1000 - 1600 Hz 1600 - 2600 Hz 2600 - 2800 Hz 2800 - 3000 Hz 220 145 75 40 75 105 155 s s s s s s s s s s s s s 315 s Parameter Min. Typ. Max. Unit
Rx Delay, Absolute f = 1600 Hz 200
DRR
Rx Delay, Relative to DRA f= f= f= f= f= 500 - 1000 Hz 1000 - 1600 Hz 1600 - 2600 Hz 2600 - 2800 Hz 2800 - 3000 Hz - 40 - 30 90 125 175
25/32
TS5070 - TS5071
NOISE
Symbol NXC Parameter Transmit Noise, C Message Weighted -law Selected (note 3) 0 dBm0 = 6.4dBm Transmit Noise, Psophometric Weighted A-law Selected (note 3) 0 dBm0 = 6.4dBm Receive Noise, C Message Weighted -law Selected PCM code is alternating positive and negative zero Receive Noise, Psophometric Weighted A-law Selected PCM Code Equals Positive Zero Noise, Single Frequency f = 0Hz to 100kHz, Loop Around Measurement VFXI = 0Vrms Positive Power Supply Rejection Transmit VCC = 5VDC + 100mVrms f = 0Hz to 4000Hz (note 4) f = 4kHz to 50kHz Negative Power Supply Rejection Transmit VSS = -5VDC + 100mVrms f = 0Hz to 4000Hz (note 4) f = 4kHz to 50kHz Positive Power Supply Rejection Receive PCM Code Equals Positive Zero VCC = 5VDC + 100mVrms Measure VFR0 f = 0Hz to 4000Hz f = 4kHz to 25kHz f = 25kHz to 50kHz Negative Power Supply Rejection Receive PCM Code Equals Positive Zero VSS = -5VDC + 100mVrms Measure VFR0 f = 0Hz to 4000Hz f = 4kHz to 25kHz f = 25kHz to 50kHz Spurious Out-of Band Signals at the Channel Output 0dBm0 300Hz to 3400Hz input PCM code applied at DR0 (DR1) Relative to f = 1062.5Hz 4600Hz to 7600Hz 7600Hz to 8400Hz 8400Hz to 50000Hz Min. Typ. 12 Max. 15 Unit dBrnC0
NXP
-74
-67
dBm0p
NRC
8
11
dBrnC0
NRP
-82
-79
dBm0p
NRS PPSRX
-53
dBm0
30 30
dBp dBp
NPSRX
30 30
dBp dBp
PPSRR
30 40 36
dBp dB dB
NPSRR
30 40 36
dBp dB dB
SOS
-30 -40 -30
dB dB dB
26/32
TS5070 - TS5071
DISTORTION
Symbol STDX Parameter Signal to Total Distortion Transmit Sinusoidal Test Method Half Channel Level = 3dBm0 Level = -30dBm0 to 0dBm0 Level = -40dBm0 Level = -45dBm0 STDR Signal to Total Distortion Receive Sinusoidal Test Method Half Channel Level = 3dBm0 Level = -30dBm0 to 0dBm0 Level = -40dBm0 Level = -45dBm0 SFDX SFDR IMD Single Frequency Distortion Transmit Single Frequency Distortion Receive Intermodulation Distortion Transmit or Receive Two Frequencies in the Range 300Hz to 3400Hz 33 36 30 25 -46 -46 -41 dBp dBp dBp dBp dB dB dB 33 36 30 25 dBp dBp dBp dBp Min. Typ. Max. Unit
CROSSTALK
Symbol CTX-R Parameter Transmit to Receive Crosstalk, 0dBm0 Transmit Level f = 300 to 3400Hz DR = Idle PCM Code Receive to Transmit Crosstalk, 0dBm0 Receive Level f = 300 to 3400Hz (note 4) Min. Typ. -90 Max. -75 Unit dB
CTR-X
-90
-70
dB
Notes: 1. Applies only to MCLK frequencies 1.536 MHz. At 512 kHz A 50:50 2 % duty cycle must be used. 2. A multi-tone test technique is used (peak/rms 9.5 dB). 3. Measured by grounded input at VFXI. 4. PPSRX, NPSRX and CTR-X are measured with a - 50 dBm0 activation signal applied to VFXI. A signal is Valid if it is above VIH or below VIL and invalid if it is between VIL and VIH. For the purpose of the specification the following conditions apply : a) All input signals are defined as VIL = 0.4 V, VIH = 2.7 V, tR < 10 ns, tF 10 ns b) tR is measured from V IL to VIH, tF is measured from VIH to VIL c) Delay Times are measured from the input signal Valid to the clock input invalid d) Setup Times are measured from the data input Valid to the clock input invalid e) Hold Times are measured from the clock signal Valid to the data input invalid f) Pulse widths are measured from VIL to VIL or from VIH to VIH
27/32
TS5070 - TS5071
DEFINITIONS AND TIMING CONVENTIONS DEFINITIONS
VIH VIH is the D.C. input level above which an input level is guaranteed to appear as a logical one. This parameter is to be measured by performing a functional test at reduced clock speeds and nominal timing (i.e. not minimum setup and hold times or output strobes), with the high level of all driving signals set to VIH and maximum supply voltages applied to the device. VIL is the D.C. input level below which an input level is guaranteed to appear as a logical zero the device. This parameter is measured in the same manner as VIH but with all driving signal low levels set to VIL and minimum supply voltage applied to the device. VOH is the minimmum D.C. output level to which an output placed in a logical one state will converge when loaded at the maximum specified load current. VOL is the maximum D.C. output level to which an output placed in a logical zero state will converge when loaded at the maximum specified load current. The threshold region is the range of input voltages between VIL and VIH . A signal is Valid if it is in one of the valid logic states. (i.e. above VIH or below VIL). In timing specifications, a signal is deemed valid at the instant it enters a valid state. A signal is invalid if it is not in a valid logic state, i.e., when it is in the threshold region between VIL and VIH. In timing specifications, a signal is deemed Invalid at the instant it enters the threshold region.
VIL
VOH VOL Threshold Region Valid Signal Invalid signal
TIMING CONVENTIONS
For the purpose of this timing specifications the following conventions apply : Input Signals Period Rise Time Fall Time Pulse Width High All input signals may be characterized as : VL = 0.4 V, VH = 2.4 V, tR < 10 ns, tF < 10 ns. The period of the clock signal is designated as tPxx where xx represents the mnemonic of the clock signal being specified. Rise times are designated as tRyy, where yy represents a mnemonic of the signal whose rise time is being specified, tRyy is measured from VIL to VIH . Fall times are designated as tFyy, where yy represents a mnemonic of the signal whose fall time is being specified, tFyy is measured from VIH to VIL. The high pulse width is designated as tWzzH, where zz represents the mnemonic of the input or output signal whose pulse width is being specified. High pulse width are measured from VIH to VIH. The low pulse is designated as tWzzL' where zz represents the mnemonic of the input or output signal whose pulse width is being specified. Low pulse width are measured from VIL to VIL. Setup times are designated as tSwwxx where ww represents the mnemonic of the input signal whose setup time is being specified relative to a clock or strobe input represented by mnemonic xx. Setup times are measured from the ww Valid to xx Invalid. Hold times are designated as THwwxx where ww represents the mnemonic of the input signal whose hold time is being specified relative to a clock or strobe input represented by the mnemonic xx. Hold times are measured from xx Valid to ww Invalid Delay times are designated as TDxxyy [H/L], where xx represents the mnemonic of the input reference signal and yy represents the mnemonic of the output signal whose timing is being specified relative to xx. The mnemonic may optionally be terminated by an H or L to specify the high going or low going transition of the output signal. Maximum delay times are measured from xx Valid to yy Valid. Minimum delay times are measured from xx Valid to yy Invalid. This parameter is tested under the load conditions specified in the Conditions column of the Timing Specifications section of this datasheet.
Pulse Width Low Setup Time
Hold Time
Delay Time
28/32
TS5070 - TS5071
COMBO II SALES TYPE LIST
Ordering Number TS5070FN TS5070FNTR TS5071N TSW5070FN Electrical Package Marking Packing description Stdandard PLCC28 TS5070FN Tubes Selection Datasheet PLCC28 TS5070FN Tape December and reel 1997 PDIP20 TS5071N Tubes Conditions --6.3dBm<0dbm0<6.4dBm Min Max Unit -0.2 0.2 -0.1 0.1 dB dB dB dB dB dB dB dB dB dB
Relaxed PLCC28 TS5070FN Tubes Param Page selection TSW5070FNTR (Gxa, Gra, PLCC28 TS5070FN Tape Gxa 22 Grag, Gxag) and reel TSW5071N PDIP20 TS5071N Tubes Gxag 22
-12.7dBm<0dBm0<-6.4dBm -0.2 0.2 -19dBm<0dBm0<-12.8dBm -0.5 0.5 Gra Grag 23 23 --4.6dBm<0dBm0<8.1dBm -11dBm<0dBm0<-4.7dBm TSP5070FN TSP5070FNTR TSP5071N PLCC28 TS5070FN Tubes Param Page Special selection PLCC28 TS5070FN Tape Gxag 22 for and reel Grag/Gxag PDIP20 TS5071N Tubes Grag 23 Conditions all programmed gains all programmed gains -0.2 0.2 -0.1 0.1 -0.2 0.2
-17.3dBm<0dBm0<-11.1dBm -0.5 0.5 -0.1 0.1 -0.1 0.1
Min Max Unit
29/32
TS5070 - TS5071
PLCC28 PACKAGE MECHANICAL DATA
DIM. MIN. A B D D1 D2 E e e3 F F1 G M M1 1.24 1.143 12.32 11.43 4.2 2.29 0.51 9.91 1.27 7.62 0.46 0.71 0.101 0.049 0.045 10.92 mm TYP. MAX. 12.57 11.58 4.57 3.04 MIN. 0.485 0.450 0.165 0.090 0.020 0.390 0.050 0.300 0.018 0.028 0.004 0.430 inch TYP. MAX. 0.495 0.456 0.180 0.120
30/32
TS5070 - TS5071
DIP20 PACKAGE MECHANICAL DATA
DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.34 8.5 2.54 22.86 7.1 3.93 0.130 0.053 0.254 1.39 0.45 0.25 25.4 0.335 0.100 0.900 0.280 0.155 1.65 mm TYP. MAX. MIN. 0.010 0.055 0.018 0.010 1.000 0.065 inch TYP. MAX.
31/32
TS5070 - TS5071
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGSTHOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
32/32


▲Up To Search▲   

 
Price & Availability of TSP5070FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X