Part Number Hot Search : 
C75CK 00260 MK23H2 NZ2520S UMY3N US1AL C75CK C1502
Product Description
Full Text Search
 

To Download TFMAJ14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
TVS TFMAJ SERIES
GPP TRANSIENT VOLTAGE SUPPRESSOR
400 WATT PEAK POWER 1.0 WATT STEADY STATE
FEATURES
* * * * * * Plastic package has underwriters laboratory Glass passivated chip construction 400 watt surage capability at 1ms Excellent clamping capability Low zener impedance Fast response time
DO-214AC
Ratings at 25 o C ambient temperature unless otherwise specified.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types TFMAJ5.0 thru TFMAJ170 Electrical characteristics apply in both direction
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Peak Power Dissipation with a 10/1000uS (Note 1,2,5 Fig.1) Peak Pulse Current with a 10/1000uS waveform ( Note 1, Fig.2 ) Steady State Power Dissipation (Note 3) Peak Forward Surge Current per Fig.5 (Note 3) Maximum Instantaneous Forward Voltage at 25A (Note 4) Operating and Storage Temperature Range SYMBOL PPPM IPPM PM(AV) IFSM VF TJ, TSTG VALUE Minimum 400 SEE TABLE 1 1.0 40 3.5 -55 to + 150 UNITS Watts Amps Watts Amps Volts
0
C 1998-8
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on 0.2 X 0.2"( 5.0 X 5.0mm ) copper pad to each terminal. 3. Lead temperature at TL = 25oC 4. Measured on 8.3mS single half sine-wave duty cycle = 4 pules per minute maximum. 5. Peak pulse power waveform is 10/1000uS.
Back
RECTRON
RECTRON
RECTRON


▲Up To Search▲   

 
Price & Availability of TFMAJ14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X