Part Number Hot Search : 
D90N0 MB258 BZX556V2 GC4022M5 RL257 5556PBT3 CY7C1315 R5S72612
Product Description
Full Text Search
 

To Download TDA8175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA8175
TV VERTICAL DEFLECTION OUTPUT CIRCUIT
. . . . .
POWER AMPLIFIER FLYBACK GENERATOR AUTOMATIC PUMPING COMPENSATION THERMAL PROTECTION REFERENCE VOLTAGE
DESCRIPTION The TDA8175 is a monolithic integrated circuit in HEPTAWATT package. It is a high efficiency power booster for direct driving of vertical windings of TV yokes. It is intended for use in Color and B & W television sets as well as in monitors and displays. PIN CONNECTIONS
7 6 5 4 3 2 1 INPUT OUTPUT STAGE SUPPLY OUTPUT GROUND FLYBACK GENERATOR SUPPLY VOLTAGE INVERTING INPUT
HEPTAWATT (Plastic Package) ORDER CODE : TDA8175
Tab connecte dto Pin 4
BLOCK DIAGRAM
1000F 35V +VS
0.1F 1N4001
35V 220F 6 3
Flyback Generator
2
Variable Gain Amplifier
1
Power Amplifier
5
1.5
Thermal Protection
7
Variable Gain Amplifier
0.1F
200
YOKE
15k
22k
4
8.2k
1000F 16V
2
8175-02.EPS
September 1993
1/3
8175-01.EPS
TDA8175
ABSOLUTE MAXIMUM RATINGS
Symbol VS V5, V6 V3 V1, V7 IO IO Supply Voltage (PIn 2) Flyback Peak Voltage Voltage at PIn 3 Amplifier Input Voltage Output Peak Current (non-repetitive, t = 2ms) Output Peak Current at : f = 50 or 60Hz, t 10s f = 50 or 60Hz, t > 10s Pin 3 DC Current at V5 < V2 Pin 3 Peak-to-peak Flyback Current at f = 50 or 60Hz, tfly 1.5ms Total Power Dissipation at Tcase = 70 C Storage and Junction Temperature
o
Parameter
Value 35 60 +VS +VS 2.5 3 2 100 3 20 -40, +150
Unit V V
A A A mA A W
o
8175-01.TBL 8175-03.TBL 8175-02.TBL
I3 I3 Ptot Tj, Tstg
C
THERMAL DATA
Symbol R th (j-c) Parameter Junction-case Thermal Resistance Max. Value 3 Unit
o
C/W
ELECTRICAL CHARACTERISTICS (VS = 35V, Tamb = 25oC unless otherwise specified)
Symbol I2 I6 I1 V3 V5 V5 V5 VO G VO V7 R7 Tj Parameter Pin 2 Quiescent Current Pin 6 Quiescent Current Amplifier Input Bias Current Pin 3 Saturation to GND Quiescent Output Voltage Output Saturation Voltage to GND Output Saturation Voltage to Supply Ramp Amplitude versus Voltage Supply AC Gain DC Output Voltage Accuracy Internal Bias Input Resistance Junction Temperature for Thermal Shutdown V1 = 1V I3 = 20mA VS = 35V, Ra = 39k I5 = 1.2A I5 = 0.7A -I5 = 1.2A -I5 = 0.7A 22V < VS < 30V VS = 26V 0.54 Test Conditions Min. Typ. 18 16 -0.1 1 19 1 0.7 1.6 1.3 4 0.61 8 2.7 50 140 0.67 1.4 1 2.2 1.8 Max. 36 36 -1 1.5 Unit mA mA A V V V V V V %/V V % V k
o
C
THERMAL PROTECTION The thermal protection circuit intervenes when the die temperatures reaches 150oC and turns-off the output power device.
PUMPING COMPENSATION The device incorporates a special preampliflier, the gain of which varies with changes in supply voltage. This functionallows perfect compensationof height variations caused by changes in brightness.
2/3
TDA8175
PACKAGE MECHANICAL DATA :9 PINS - PLASTIC HEPTAWATT
L E L1 M1 A C D1 L2 L5 L3 G1 H3 Dia. G2 G M D
L6
Dimensions A C D D1 E F F1 G G1 G2 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 Dia.
Min.
Millimeters Typ.
H2
L7
2.4 1.2 0.35 0.6 2.41 4.91 7.49 10.05 16.97 14.92 21.54 22.62 2.6 15.1 6 2.8 5.08 3.65 2.54 5.08 7.62
Max. 4.8 1.37 2.8 1.35 0.55 08 0.9 2.67 5.21 7.8 10.4 10.4
Min.
Inches Typ.
0.094 0.047 0.014 0.024 0.095 0.193 0.295 0.396 0.668 0.587 0.848 0.891 0.100 0.200 0.300
Max. 0.189 0.054 0.110 0.053 0.022 0.031 0.035 0.105 0.205 0.307 0.409 0.409
3 15.8 6.6
0.102 0.594 0.236 0.110 0.200
0.118 0.622 0.260
HEPTV.TBL
3.85
0.144
0.152
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I2C system, is granted provided that the system confo rms to the I2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
2
3/3
PM-HEPTV.EPS
F1
F


▲Up To Search▲   

 
Price & Availability of TDA8175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X