Part Number Hot Search : 
CD4020B K10101WB CD6283CS X4165V8 XC2234N TGH20A EL2020C 4741A
Product Description
Full Text Search
 

To Download TDA8132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDA8132
5.1V +12V DISABLE VOLTAGE REGULATOR
. . . . . . . .
OUTPUT CURRENTS UP TO 1A FIXED PRECISION OUTPUT 1 VOLTAGE 5.1V +/- 2% FIXED PRECISION OUTPUT 2 VOLTAGE 12V +/- 2% OUTPUT 1 WITH DISABLE BY TTL INPUT OUTPUT 2 WITH DISABLE BY TTL INPUT SHORT CIRCUIT PROTECTION AT BOTH OUTPUTS THERMAL PROTECTION LOW DROP OUTPUT VOLTAGE
HEPTAWATT (Plastic Package) ORDER CODE : TDA8132
DESCRIPTION The TDA8132 is a monolithic dual positive voltage regulator designedto provide fixed precision output voltages of 5.1V and 12V at currents up to 1A. Each output can be disabled separately by a TTL input. Short circuit and thermal protections are included. PIN CONNECTIONS
7 6 5 4 3 2 1 Tab. connected to Pin 4 OUTPUT1 OUTPUT2 DISABLE FOR OUTPUT 1 GROUND DISABLE FOR OUTPUT 2 INPUT 2
8132-01.EPS
INPUT 1
January 1996
1/4
TDA8132
BLOCK DIAGRAM
INPUT 1 1 INPUT 2 2
REFERENCE
OUTPUT 1
7
OUTPUT 1
PROTECTION
DISABLE
5
DISABLE
DISABLE
3
DISABLE
OUTPUT 2
6
OUTPUT 2
4
CIRCUIT DESCRIPTION The TDA8132 is a dual voltage regulator with separate Disable for each output. The two regulation parts are supplied from one voltage reference circuit trimmed by zener zap during EWS test. Since the supply voltage of this last is connected at Pin 1 (VIN1), the regulator 2 will not work if Pin 1 is ABSOLUTE MAXIMUM RATINGS
Symbol VIN VDIS IO1, 2 Pt Tstg Tj DC Input Voltage Pin 1 Disable Input Voltage Pins 3-5 Output Currents Power Dissipation Storage Temperature Junction Temperature Parameter Value 20 20 Internally Limited -65, +150 0, +150
o o
not supplied. The outputs stage have been realized in darlington configuration with a drop typical 1.2V. For each output a disable circuit switches-off this output if a voltage lower than 0.8V is applied at corresponding Pin (Pin 3 for output 2, Pin 5 for output 1).
Unit V V
C C
THERMAL DATA
Rth (j-c) Tj Maximum Thermal Resistance Junction-case Maximum Recommended Junction Temperature 3 130
o
C/W
o
C
2/4
8132-02.TBL
Symbol
Parameter
Value
Unit
8132-01.TBL
Internally Limited
8132-02.EPS
TDA8132
TDA8132
ELECTRICAL CHRACTERISTICS (VIN1 = 7V, VIN2 = 14V, Tj = 25oC, unless otherwise specified)
Symbol VO1 VO2 VO1 VO2 VIO1,2 VO1,2LI Dropout Voltage Line Regulation Output Voltage Output Voltage Output Voltage Parameter Test Conditions IO1 = 10mA IO2 = 10mA 5mA < IO1,2 < 750mA 7V < VIN1 < 14V 14 < VIN2 < 18V IO1,2 = 750mA IO1,2 = 1A 7V < VIN1 < 14V 14 < VIN2 < 18V IO1,2 = 200mA 5mA < IO1 < 0.6A 5mA < IO2 < 0.6A IO1 = 10mA Output 2 Disabled Tj = 0 to 125 C VO 106 KO = T VO VIN1 = 7V, VIN2 = 14V VIN1,2 = 16V (see Note) 2 0.8 0V < VDIS < 7V -30 145 2
o
Min. 5 11.76 4.9 11.5
Typ. 5.1 12
Max. 5.2 12.24 5.3 12.5 1.4 2 50 120 100 250 2
Unit V V V V V V mV mV mV mV mA ppm/ C
o
VO1,2LO IQ KO1,2
Load Regulation Quiescent Current Output Voltage Thermal Drift
100
IO1,2SC VDISH VDISL IDIS Tjsd
Short Circuit Output Current Disable Voltage High (corresponding out active) Disable Voltage Low (corresponding out disabled) Disable Bias Current Junction Temperature for Thermal Shut Down
1.6 1
A A V V A
o
8132-03.TBL
C
Note : Safe permanent short-circuit is only guaranteed for input voltages up to 16V.
TYPICAL APPLICATION
DISABLE FOR OUTPUT 1 5 VIN1 VIN2 C1 C2 4 C1 to C4 = 10F DISABLE FOR OUTPUT 2 3
1
7
V O1 V O2 C3 C4
8132-03.EPS
TDA8132
2 6
3/4
TDA8132
PACKAGE MECHANICAL DATA : 9 PINS - PLASTIC HEPTAWATT
Dimensions A C D D1 E F F1 G G1 G2 H2 H3 L L1 L2 L3 L5 L6 L7 M M1 Dia.
Min.
Millimeters Typ.
2.4 1.2 0.35 0.6 2.41 4.91 7.49 10.05 16.97 14.92 21.54 22.62 2.6 15.1 6 2.8 5.08 3.65 2.54 5.08 7.62
Max. 4.8 1.37 2.8 1.35 0.55 08 0.9 2.67 5.21 7.8 10.4 10.4
Min.
Inches Typ.
0.094 0.047 0.014 0.024 0.095 0.193 0.295 0.396 0.668 0.587 0.848 0.891 0.100 0.200 0.300
Max. 0.189 0.054 0.110 0.053 0.022 0.031 0.035 0.105 0.205 0.307 0.409 0.409
3 15.8 6.6
0.102 0.594 0.236 0.110 0.200
0.118 0.622 0.260
HEPTV.TBL
3.85
0.144
0.152
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1996 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
4/4
PM-HEPTV.EPS


▲Up To Search▲   

 
Price & Availability of TDA8132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X