Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download TDA3606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA3606 Multiple voltage regulator with battery detection
Product specification Supersedes data of 1997 Jul 15 File under Integrated Circuits, IC01 1998 Jun 16
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
FEATURES * One VP-state controlled regulator * Regulator and reset outputs operate during load dump * Supply voltage range of -18 to +50 V * Low quiescent current (battery detection switched off) * High ripple rejection * Dual reset output. PROTECTIONS * Reverse polarity safe (down to -18 V without high reverse current) * Able to withstand voltages up to 18 V at the output (supply line may be short-circuited) * ESD protected on all pins * Load dump protection * Foldback current limit protection for regulator * DC short-circuit safe to ground and VP of regulator output. QUICK REFERENCE DATA SYMBOL Supply VP supply voltage operating jump start load dump protection Iq(tot) VREG VREGd total quiescent supply current Voltage regulator output voltage regulator drop-out voltage 7 V VP 18 V 0.5 mA IREG 50 mA IREG = 50 mA 4.85 4.8 - 5.0 5.0 - regulator on t 10 minutes during 50 ms; tr 2.5 ms standby mode 5.6 - - - 14.4 - - 95 PARAMETER CONDITIONS MIN. TYP. GENERAL DESCRIPTION
TDA3606
The TDA3606 is a low power voltage regulator. It contains: 1. One fixed voltage regulator with a foldback current protection, intended to supply a microprocessor that also operates during load dump 2. A reset-signal can be used to interface with the microprocessor 3. Supply pin can withstand load dump pulses and negative supply voltages 4. Defined start-up behaviour; regulator will be switched on at a supply voltage higher than 7.6 V and off when the output voltage of the regulator drops below 2.4 V.
MAX.
UNIT
25 30 50 120
V V V A
5.15 5.2 0.4
V V V
ORDERING INFORMATION TYPE NUMBER TDA3606T PACKAGE NAME SO8 DESCRIPTION plastic small outline package; 8 leads; body width 3.9 mm VERSION SOT96-1
1998 Jun 16
2
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
BLOCK DIAGRAM
TDA3606
handbook, full pagewidth
VP
(14.4 V) 8
LOAD DUMP PROTECTION
7 REGULATOR
(5 V/50 mA) REG
REFERENCE
4.7 k
5
RES2
&
VC 3 4.7 k 6
RES1
TDA3606
REG 1 BATTERY BUFFER 4 GND
MGB852
VI(bat)
2
VO(bat)
Fig.1 Block diagram.
PINNING SYMBOL VI(bat) VO(bat) VC GND RES2 RES1 REG VP PIN 1 2 3 4 5 6 7 8 DESCRIPTION battery input voltage battery detection output voltage reset delay capacitor ground (0 V) reset 2 output reset 1 output regulator output supply voltage
handbook, halfpage
VI(bat)
1 2
8 7
VP REG RES1 RES2
VO(bat) VC GND
TDA3606T
3 4
MGB856
6 5
Fig.2 Pin configuration.
1998 Jun 16
3
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
FUNCTIONAL DESCRIPTION The TDA3606 is a voltage regulator intended to supply a microprocessor (e.g. in car radio applications). Because of low voltage operation of the application, a low-voltage drop regulator is used in the TDA3606. This regulator will switch on when the supply voltage exceeds 7.5 V for the first time and will switch off again when the output voltage of the regulator drops below 2.4 V. When the regulator is switched on, the RES1 and RES2 outputs (RES2 can only be HIGH when RES1 is HIGH) will go HIGH after a fixed delay time (fixed by an external delay capacitor) to generate a reset to the microprocessor.
TDA3606
RES1 will go HIGH by an internal pull-up resistor of 4.7 k, and is used to initialize the microprocessor. RES2 is used to indicate that the regulator output voltage is within its voltage range. This start-up feature is built-in to secure a smooth start-up of the microprocessor at first connection, without uncontrolled switching of the regulator during the start-up sequence. All output pins are fully protected. The regulator is protected against load dump and short-circuit (foldback current protection). Interfacing with the microprocessor can be accomplished by means of a battery Schmitt-trigger and output buffer (simple full/semi on/off logic applications). The battery output will go HIGH when the battery input voltage exceeds the HIGH threshold level.
handbook, full pagewidth
50 V
VP
4.35 V regulator
4.35 V 2.4 V
reset 1
reset 2
reset delay capacitor on/off switch
2V
2V
battery input
2.1 V
2V
battery output
MGB857
Fig.3 Timing diagrams.
1998 Jun 16
4
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VP operating jump start load dump protection VP VI(bat)p VI(bat)n Ptot Tstg Tamb Tj reverse battery voltage positive pulse voltage at battery input negative pulse voltage at battery input total power dissipation storage temperature operating ambient temperature junction temperature operating PARAMETER supply voltage regulator on t 10 minutes during 50 ms; tr 2.5 ms non-operating VP = 14.4 V; RI = 5 k VP = 14.4 V; RI = 5 k Tamb = 25 C non-operating - - - - - - - -55 -40 -40 25 30 50 -18 50 -100 0.81 +150 +85 +150 CONDITIONS MIN.
TDA3606
MAX. V V V V V V W
UNIT
C C C
THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER CONDITIONS VALUE 155 UNIT K/W
thermal resistance from junction to ambient in free air
QUALITY SPECIFICATION In accordance with "SNW-FQ-611E". The number of the quality specification can be found in the "Quality Reference Handbook". The handbook can be ordered using the code 9397 750 00192.
1998 Jun 16
5
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
CHARACTERISTICS VP = 14.4 V; Tamb = 25 C; see Fig.5; unless otherwise specified. SYMBOL Supplies VP supply voltage operating jump start load dump protection Iq quiescent current regulator on; note 1 t 10 minutes during 50 ms, tr 2.5 ms VP = 12.4 V; note 2 VP = 14.4 V; note 2 load dump; VP = 50 V Schmitt-trigger for regulator and reset 1 Vthr Vthf Vhys Vthr Vthf Vhys Vthr Vthf Vhys Isink Rpu Reset delay Io Vthr td Battery buffer VOL VOH IOL IOH LOW-level output voltage HIGH-level output voltage LOW-level output current HIGH-level output current II = 0 mA Io = 5 A; note 5 VOL 0.8 V VOH 3 V 0 - 0.2 0.3 0.05 5.0 0.5 1.0 output current rising voltage threshold delay time Cd = 47 nF; note 4 - 1.4 40 0.75 2.0 125 rising supply voltage threshold falling voltage of regulator threshold hysteresis IREG = 5 mA IREG = 30 mA 6.2 2.2 - - 7.5 2.4 2.25 5.1 5.6 - - - - - 14.4 - - 95 100 5 PARAMETER CONDITIONS MIN. TYP.
TDA3606
MAX.
UNIT
25 30 50 120 - 15
V V V A A mA
8.2 2.6 - -
V V V V
Schmitt-trigger for battery detection rising voltage threshold falling voltage threshold hysteresis 1.95 1.85 - 2.05 1.95 0.1 2.15 2.05 - V V V
Schmitt-trigger for reset 2 rising voltage of regulator falling voltage of regulator hysteresis VRES 0.8 V; note 3 note 3 note 3 4.3 4.2 - 4.45 4.35 0.1 - 4.7 4.6 4.5 - - 5.7 - 2.8 - V V V
Reset 1/2 buffer LOW-level sink current internal pull-up resistor 2 3.7 mA k A V ms
0.8 5.2 - -
V V mA mA
1998 Jun 16
6
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
SYMBOL Regulator (IREG = 5 mA) Vo output voltage 0.5 mA IREG 50 mA 7 V VP 18 V 18 V VP 50 V; load dump; IREG = 30 mA Io VREG VREGL SVRR VREGd Iclr Iscr Notes 1. Minimum operating voltage, only if VP has exceeded 7.6 V. output current line regulation load regulation supply voltage ripple rejection drop-out voltage current limit short-circuit current load dump; VP > 25 V 7 V VP 18 V 0.5 mA IREG 30 mA fi = 200 Hz; Vi(p-p) = 2 V; Io = 5 mA IREG = 50 mA; VP = 5 V; note 6 VREG > 4.5 V; note 7 RL 0.5 ; note 8 4.8 4.85 4.75 - - - 55 - 0.1 15 5.0 5.0 5.0 - 3 - 60 0.27 0.27 60 PARAMETER CONDITIONS MIN. TYP.
TDA3606
MAX.
UNIT
5.2 5.15 5.25 45 50 50 - 0.4 0.6 -
V V V mA mV mV dB V A mA
2. The quiescent current is measured in stand-by mode. So, the battery input is connected to a low voltage source and RL = . 3. The voltage of regulator sinks as a result of a supply voltage drop. Cd C d x V thr 4. The delay time can be calculated with the following formula: t d = ------ dV thr = ---------------------- (ms) I ch I ch 5. Battery output voltage will be equal or less than the output voltage of regulator. 6. The drop-out voltage of regulator is measured between VP and VREG. 7. At current limit, Iclr is held constant (behaviour according to dashed line in Fig.4). 8. The foldback current protection limits the dissipated power at short-circuit (see Fig.4).
handbook, halfpage
MGB853
5.0 V
VREG
1V
Iscr
50 mA IREG
Iclr
Fig.4 Foldback current protection.
1998 Jun 16
7
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
TEST AND APPLICATION INFORMATION Test information
TDA3606
handbook, full pagewidth
7 VP 8 6 VC 3
regulator output 10 F reset 1 output RL(RES1) RL(REG) 1 k .. 0.5
VP
10 F
(1)
TDA3606
5 reset 2 output
1 k
battery input voltage 1 VI(bat) 10 F 2 4 GND
MGB808
RL(RES2) 1 k battery output voltage RL(bat) 1 k
(1) Capacitor not required for stability.
Fig.5 Test circuit.
Application information NOISE The noise at the output of the regulator depends on the bandwidth of the regulator, which can be adjusted by means of the output capacitor. In Table 1 the noise figures are given. Table 1 Noise figures NOISE FIGURE (V)(1) AT OUTPUT CAPACITOR CL (F) 10 58 250 47 50 200 100 45 180
of 100 F is connected directly to pins 8 and 4 (supply and ground) the noise is minimized. STABILITY The regulator is stabilized by means of the output capacitor. The value of the output capacitor can be selected using the diagram shown in Fig.6. The following two examples show the effects of the stabilization circuit using different values for the output capacitor.
OUTPUT CURRENT IO (mA) 0.5 50 Note
Example 1
The regulator is stabilized using an electrolytic output capacitor of 68 F (ESR = 0.5 ). At -40 C the capacitor value is decreased to 22 F and the ESR is increased to 3.5 . The regulator will remain stable at a temperature of -40 C.
1. Measured at a bandwidth of 10 Hz to 100 kHz. The noise on the supply line depends on the value of the supply capacitor and is caused by a current noise (output noise of the regulator is translated into a current noise by means of the output capacitor). When a high frequency capacitor of 220 nF in parallel with an electrolytic capacitor 1998 Jun 16 8
Example 2
The regulator is stabilized using an electrolytic output capacitor of 10 F (ESR = 3.3 ). At -40 C the capacitor value is decreased to 3 F and the ESR is increased to 23.1 . The regulator will be instable at a temperature of -40 C. This can be solved using a tantalum capacitor of 10 F.
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
TDA3606
handbook, full pagewidth
MBK118
8 ESR () 6
(1)
4 stable region 2
(2)
0
0.68
1
10
100 output capacitor (F)
1000
(1) Maximum ESR. (2) Minimum ESR.
Fig.6 Curve for selecting the value of the output capacitor.
APPLICATION CIRCUITS In Fig.7 the quiescent current equals Iq + IRdivider. The specified quiescent current equals Iq. When the supply voltage is connected, the regulator will switch on when the supply voltage exceeds 7.6 V. With the aid of a timing capacitor at pin 3 the reset can be delayed (the timer starts at the same moment as the regulator is switched on). Forced reset can be accomplished by short-circuiting the timer capacitor by using the push button switch. When the push button is released again, the timer restarts (only when the regulator is on) causing a second reset on both RES1 and RES2.
The maximum output current of the regulator equals: 150 - T amb 150 - T amb I max = ------------------------------------------------------ = -------------------------------------- (mA) R th j-a x ( V P - V REG ) 155 x ( V P - 5 ) When Tamb = 85 C, the maximum output current equals 45 mA. At lower ambient (Tamb < 0) temperature the maximum output current equals 100 mA.
1998 Jun 16
9
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
TDA3606
handbook, full pagewidth
choke coil 2200 F on/off (closed = on) 8 V detector R1 360 k VI(bat) 8 7 REG 10 F 1 TDA3606 VC forced reset Cd 2 4
MGB854
VP
R2 100 k 3
6
RES1
5
RES2 VO(bat) used for 8 V detector
Fig.7 Typical application.
1998 Jun 16
10
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
PACKAGE OUTLINE SO8: plastic small outline package; 8 leads; body width 3.9 mm
TDA3606
SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 A1 pin 1 index Lp 1 e bp 4 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.050 0.041 0.228 0.016 0.024
0.028 0.004 0.012
8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03S JEDEC MS-012AA EIAJ EUROPEAN PROJECTION
ISSUE DATE 95-02-04 97-05-22
1998 Jun 16
11
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (order code 9398 652 90011). Reflow soldering Reflow soldering techniques are suitable for all SO packages. Reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. Several techniques exist for reflowing; for example, thermal conduction by heated belt. Dwell times vary between 50 and 300 seconds depending on heating method. Typical reflow temperatures range from 215 to 250 C. Preheating is necessary to dry the paste and evaporate the binding agent. Preheating duration: 45 minutes at 45 C. Wave soldering
TDA3606
Wave soldering techniques can be used for all SO packages if the following conditions are observed: * A double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. * The longitudinal axis of the package footprint must be parallel to the solder flow. * The package footprint must incorporate solder thieves at the downstream end. During placement and before soldering, the package must be fixed with a droplet of adhesive. The adhesive can be applied by screen printing, pin transfer or syringe dispensing. The package can be soldered after the adhesive is cured. Maximum permissible solder temperature is 260 C, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 C within 6 seconds. Typical dwell time is 4 seconds at 250 C. A mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. Repairing soldered joints Fix the component by first soldering two diagonallyopposite end leads. Use only a low voltage soldering iron (less than 24 V) applied to the flat part of the lead. Contact time must be limited to 10 seconds at up to 300 C. When using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 C.
1998 Jun 16
12
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA3606
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Jun 16
13
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
NOTES
TDA3606
1998 Jun 16
14
Philips Semiconductors
Product specification
Multiple voltage regulator with battery detection
NOTES
TDA3606
1998 Jun 16
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA60
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545102/1200/03/pp16
Date of release: 1998 Jun 16
Document order number:
9397 750 03767


▲Up To Search▲   

 
Price & Availability of TDA3606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X