Part Number Hot Search : 
2N6896 BR404 X7R1C 1486CUB RS407 UPC2002 PL001 F1608
Product Description
Full Text Search
 

To Download SZM-01T-P07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crimp
ZL CONNECTOR
* Retainer
5.0mm
(.197") pitch
Disconnectable Crimp style Wire-to-wire connectors
Features ------------------------
* Housing lances
The lances on the resilient housing are not affected by external force. They allow the contact to be easily inserted and securely locked into the housing, and require only a light insertion force. The retainer ensures high reliability by preventing non-insertion or accidental release of the contact. Installed after the contacts are inserted, it locks and secures the contacts at the lance sections.
* Box-shaped contacts
Our box-shaped contacts serve as socket contacts in a wide variety of applications from low-voltage, low-current signal circuits to power supply circuits.
* Mountable on a variety of panels
Due to our unique panel installation locking mechanisms, the housing can be easily installed on panels of various thicknesses without using tools.
ZL connectors are reliable, smoothly mating wire-to-wire connectors.
Specifications -------------------
* Current rating: 10A AC, DC max. * Voltage rating: 300V AC, DC max. * Temperature range: -25C to +90C (including temperature rise in applying electrical current) * Contact resistance: Initial value/7m max. After environmental testing/10m max. * Insulation resistance: 1,000M min. * Withstanding voltage: 1,500V AC/minute * Applicable wire: AWG #26 to #16 0.13 to 1.25mm2 * Applicable panel thickness: 0.7 to 2.4mm(.028" to .094") * Contact JST for details. Note: The current rating varies depending on the number of circuits and the wire size used in each connector. The table below lists the current rating as a function of the number of circuits and wire size. Current unit: A
Circuits #16
2 4 6 10 9 8 6 6 5
Wire size (AWG) #18
6 5 4 4 4 3
#20
5 4 3 3 3 2
#22
4 3 3 3 3 2
#24
3 3 2 2 2 1
#26
2 2 2 2 2 1
Retainer
8 12 16
Housing lance Box-shaped contact
Standards ----------------------
0 1
Recognized E60389 Certified LR20812
666
ZL
CONNECTOR
Contact------------------------------------------------------------------
Pin contact
1.85 (.073)
Socket contact
3.2 (.126)
14.3(.563) 22.5(.886) 4.0 2.5 (.157) (.098) 4.5 (.177) 2.5 4.0 (.098) (.157)
Model No. Pin contact Socket contact mm2
Applicable wire AWG # Insulation O.D. mm(in.)
1.3 to 2.7 (.051 to .106) 3,000
Qty / reel
SZM-01T-P0.7
SZF-01T-P0.7
0.13 to 0.5
26 to 20
0.75 to 1.25
18 to 16 22+22 to 20+20
1.9 to 3.1 (.075 to .122) 1.7+1.7 to 2.0+2.0 (.067+.067 to .079+.079)
SZM-41T-P0.7
SZF-41T-P0.7
0.3+0.3 to 0.5+0.5
Material and Finish
Phoshor bronze , tin-plated
Note: Contact JST for special products.
Housing ----------------------------------------------------------------- Material: Housing...Nylon 6, UL94V-0, white
Retainer...Glass-filled nylon 66, UL94V-0, ivory
Circuits Voltage Current rating rating Receptacle housing(for pin contact) ZLR-02V Q'ty / bag
16.2(.638)
Plug housing(for socket contact) ZLP-02V
9.4 (.370)
Retainer Q'ty / bag ZLS-02V (Used with both housings with 2 and 4 circuits) Q'ty / bag
2
300V
10.0A
6.2(.244)
500
12.4 (.488) 17.5(.689)
8.2 (.323) 21.0(.827)
500
29.7(1.169)
12.9 (.508) 10.45 (.411)
1,000
ZLR-04V
Q'ty / bag
21.2(.835)
ZLP-04V
Q'ty / bag
11.7 (.461)
6.4 (.250)
8.8 (.346)
11.2(.441)
4
300V
9.0A
500
12.4 (.488) 17.5(.689) 8.2 (.323) 21.0(.827)
500
29.7(1.169)
12.9 (.508)
667
ZL
CONNECTOR
Housing -----------------------------------------------------------------
Material: Housing...Nylon 6, UL94V-0, white Retainer...Glass-filled nylon 66, UL94V-0, ivory
Retainer Q'ty / bag ZLS-03V Q'ty / bag Circuits Voltage Current rating rating Receptacle housing(for pin contact) ZLR-06V Q'ty / bag Plug housing(for socket contact) ZLP-06V
26.2(.1.031)
16.2(.638)
16.2(.638)
16.2(.638) 3.3 (.130) 8.8 (.346)
6
300V
8.0A
500
500
1,000
29.7(1.169)
12.9(.508)
12.4(.488) 17.5(.689)
8.2 (.323) 21.0(.827)
ZLR-08V
Q'ty / bag
ZLP-08V
Q'ty / bag
ZLS-08V
Q'ty / bag
31.2(1.228)
21.2(.835)
21.2(.835)
8
300V
6.0A
21.2(.835)
500
500
1,000
29.7(1.169)
12.9 (.508)
12.4 (.488) 17.5(.689)
8.2 (.323) 21.0(.827)
3.3 (.130)
8.8 (.346)
ZLR-12V
Q'ty / bag
ZLP-12V
Q'ty / bag
ZLS-12V
Q'ty / bag
31.2(1.228)
41.2(1.622)
31.2(1.228)
12
300V
6.0A
200
200
31.2(1.228) 3.3 (.130) 8.8 (.346)
1,000
29.7(1.169)
12.9 (.508)
12.4 (.488) 17.5(.689)
8.2 (.323) 21.0(.827)
ZLR-16V
Q'ty / bag
ZLP-16V
Q'ty / bag
ZLS-16V
Q'ty / bag
41.2(1.622)
51.2(2.016)
41.2(1.622)
16
300V
5.0A
200
200
41.2(1.622)
1,000
29.7(1.169)
12.9 (.508)
12.4 (.488) 17.5(.689)
8.2 (.323) 21.0(.827)
3.3 (.130)
8.8 (.346)
Note: 1. ZL connectors with any number of circuits can be used either panel mounted or free hanging. The panel hole dimensions are given on the next page. 2. Contact JST for special products.
668
ZL
CONNECTOR
Contact position location numbers-------------------------------------------
Contact position numbers are stamped Retainer Retainer
Receptacle housing
Plug housing
Receptacle housing
Plug housing
21
3 1
2
1
1
2
3
8
1
4
42 31
63 52 41
3
6
JST
12
24 13
36 25 14
JST
2
4
3
5
6
4
2
8 7 6 5
4 3 2 1
1
12 11 10 9 8 7
6 5 4 3 2 1
16 15 14 13 12 11 10 9
8 7 6 5 4 3 2 1
6
4
4 3 2 1
8 7 6 5
7
5
6
7
3
10
6
4
5
2
1
3
2
1
2
3
4
12
9
13
JST
1
2
5
2 8 7 6 5
JST
JST
JST
1
4 16
6 5 4 3 2 1
12 11 10 9 8 7
8 7 6 5 4 3 2 1
16 15 14 13 12 11 10 9
8
12 15 6 7 11 14 5 6
4 3 2
JST
JST
JST
10 9
13
4 3
5
12
4
JST
JST
1
JST
11
8 7
2 1
3
10 9
2 1
669
ZL
CONNECTOR
Panel layout--------------------------------------------------------------
Shape l
6.5 (.256) B
Shape ll
B
2.7 7.8 (.106) (.307)
DC
DC
A A
Circuits
2 4 6 8 12 16
Receptacle housing ZLR-02V ZLR-04V ZLR-06V ZLR-08V ZLR-12V ZLR-16V
Panel hole shape
Panel dimensions mm(in.) A
11.5( .453) 16.5( .650) 21.5( .846) 26.5(1.043) 36.5(1.437) 46.5(1.831)
General tolerance C
13.95(.549) 13.95(.549) 13.95(.549) 13.95(.549) 13.95(.549) 13.95(.549)
0.13 ( .005)
D
13.2(.520) 13.2(.520) 13.2(.520) 13.2(.520) 13.2(.520) 13.2(.520)
B
4.4(.173) 5.2(.205) 5.2(.205) 5.2(.205) 5.2(.205) 5.2(.205)
Applicable panel thickness mm(in.)
0.7 to 2.4 (0.28 to .094)
Note: 1. Punch holes in the panel according to the sketch and table shown above. Burrs must be removed. 2. The strength of the panel must be considered when punching two or more holes. 3. The connector must be inserted from the same side as the hole is punched.
Assembly layout ----------------------------------------------------------
Circuits
2, 4
41.5(1.634)
When retainers are mounted
Dimensions mm(in.)
18.1(.713) 17.5(.689)
6, 8, 12, 16
37.9(1.492)
Applicator for the semi-automatic press AP-K2N -------------------------------
Contact SZF-01T-P0.7 SZM-01T-P0.7 SZF-41T-P0.7 SZM-41T-P0.7 Crimp applicator MKS-L with safety cover without safety cover
APLMK SZF/M01-07 APLMK SZF/M01-07 APLMK SZF/M41-07 APLMK SZF/M41-07 APLNC SZF/M01-07 APLNC SZF/M01-07 APLNC SZF/M41-07 APLNC SZF/M41-07
Compact crimp applicator MKS-LS with safety cover without safety cover
- - - - - - - -
Strip-crimp applicator MKS-SC with safety cover
- - - -
670


▲Up To Search▲   

 
Price & Availability of SZM-01T-P07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X