|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SRN.KEN E L E C T R I C C O M P A N Y , LTD, SANKlDl SWJ'KtIIlVG 1UWLAlOR HYRRTD lC Type: STR-S6301 1. STR-S6301. 2. General Hybrid JC incorporated with a S-layer Silkon Transistor, . 2.2 Construction: Plastic Mold Package (`kansfer Mold) _ . 2.3 Applicat,ion: Dire& control., RLC. type Swjtching RcguJator featuring Drjve Circuit and the Over Current Protecljon. (using Photo Couplerb as pri nrarykccondary isolation element,) 2.1 Category : 3. FTuivalent Circuit Trl The present specifications shall only apply to &Sanken SwitchinR Regulator Ilybrjd IC, type 1 .Cogxtor i. !;h& ter/bnmon (Power Tr . > 4: ..- 7,EartWCurrent Detector 8 .lkive Tr2 Base 9 .YhoLo Coupler (-) Drj ve Control 5. J 6. Current Detectm Base 4. hw33rance and Outline 4 . 1. Appearance `J'he MY shall be clean and 4.2 Outline Drawings shall not bear any stiin, rust or flaw, Refer to PaEe 9, 4.3 Marking The type number and lot number shall be legitimat~.ly be marked by laser printing;, Refer to Page 9. Date: DecL 16, 1991 Specifhtion NO.: SW- 17J_7OE 1/Y 5, Maxhe Ratings (T&5r) .P--. - - - - __-I-____-___-. _--- -VP I _ _ .-Be I_. .--__ Unit --~;;;&y--;;--~DescripEion Symbol liat.i ng .- ----. _ .-_-. .--. ._-"- --- ------ ." . - . . __ . _ . . . . . . . __ . _ _._.I, Trl Colhc tor4hi ttor Voltage hx?% - - -v-.b.--- --I*- _500 V -.a*__ . w-w--. ,..--. --. XI Ph# 4-2 Applying Voktage 12 v2-d .--_-- ,.--A-B .-L-P-, .-_--v - .-- -. . 1,,---WC_ --V z- s Pin!! Z-5 Applying Vol tage 12 v * I-_s._---._..__---. ._ __-. G-s-- --*- -.-A.--_-. - ---- _- .---..--p-L 30 Yin# 5-8 Applying Voltage v Vs- 4 a. -Y-B--. _..- P.i.n# 7-6 Applying Voltage V 5 v7- 6 - ..-- ---- -*de--.._ .__- _.. - - _-.--. ..-.._-. . . _ . _ . ..I.. . --I* Tr 1 COJ. lector Current .._-- .-.. . -_.. -.- . m.. . e-q.. . I __Tr4 Collector Current .I_D2 Forward Current _P -..-. brr4 I . _Y -I INtD3) ZYNfD2) ~(-II~LI 1O(Pulse:20) A rnA ------. -----.I.--. I-- %2 500 -Da Forward Current --I. -. _ 100 500 mA .- --, _ RIA Max. Power Did paI.ion F'D -P-~--P". Trl - Junction Temperature L u p Frame Temperature (Operating) ._ 3.2 No fin _--. _- W --"l"----r,----.F3 ___ -_ I 2.7 T, r=lOO"C X3 -_--I +I50 .-h__- -.-_ "C / -.. , --%1 Tc2 Storage Tempmature -. --- TatIs -30 - +125 *c ----_ -.-_P Max. 011 tput Curren I; _- 10 1.7 -----_q Trl Characteristic ----. -_-.A___. _ _ _.... _ Vo =115V %5 _.--I __ Conditions 8. bctrical Characterist.ic - (T&!iV) .--C__v - - Description - - -WI-. Cdlector Saturation Vollage VCatSATI `-4-m-p - ___..._, -- L-p-- _-- . COllectOr Cut-Off Current _- - - - _I__ --.------- _.-0.5 Max. *. .--- ------_---~_-~..__ V 1c =6A, I,=I.2A 1-w-.ICEX Symb0.I Ratings Unit mA 1.0 Mm, .7_ m-m-_ I,_.._ - - - _ _ .-I-. IX: Current Gain - . - - I - . _ - - - ,--.--- .P -_ Swi tchi nB Time Rase-Emitter Sahraticjn Volt; Thermal Resistance 1.5 Max. + WI_ _--- Ic =fiA, Jn=1.2A 1 . . -__--_ 15-40 VCE=/IV, Tc=lA -- --P.. - --_ --. LCZ 0.7 "C/W Junction--Internal Frame _-- - - - - --..--_- - - - - .--.. ,._-_, -. _-_he .--.tr VDe (3ATj VcE=.soov, vrse =-I ,sv _-- .- L <-. --.- -I-, _- _ _. ._P*- - - .____I___ -.- ----- ---. .-___ _.___. ___ - --a___ 10 Max. 0.6 Max. vs Measuring Circuit #I 2) Suggedd Sikone Grease: C-746 8. Other Conditions YG6260 SW?2 I'ORAY SILICONE WTN-ETSU CIKMITAlS TUSIIT~A SIIJCON~ l.)This product is designed and built, for use under the normal environment. It is susceptible tokhe rad.iation. 2)AS `$j.s PrC$Ct is recomized as the S t r a t e g i c M a t e r i a l which is un&p control of I& Iradc & LJWrt Law, an export khxmce granted bi the govern-t j,s r&uj,ed for exportation, VOUT 0 ,/ 1 1 I I I I 1 Rc 1 * I Da lx! : Speci.f'.i~lion No. : Measuring circuit, (Svitching time) Base Current tb- _Lt IBZ 432 I . ---I- ~llector Current 2ops Rz -bBl GND C a 90% oI : `ON xse Ic = 3.5 A , Rr, = 2&6n , F k 1 h=800mA 182 =80CI mA Dir Le : kc. 18, 1991 Speci f icatioll No. I ss1+ 1 7 1 7 0 I' rr/sl b.- 0 SANKEN E L E C T R I C C O M P A N Y , LTD. STR-S6301 Reverse Bias A-S-0. curve h=100 p.sec (duky : 1% or less no fin natural cooling (Ta=Z!YC L q 6 mtl, Iel =3.&i, Iee =0.5A ._ 2 cl H 4-l E 153 $ 8 4 3 I / 0.1 0 100 200 300 400 SOrJ 600 Collector-Emitter vohge V,, (V) Date: kc, 16, 1991 Spmzihation No. : SSIFl.7170E 7/9 SANKEN ELECTR 1 C C O M P A N Y , LTU- STR-S6000 series derating curve 5- S- i.- 0 20 46 60 80 100 125 Ambht tzmperatwe Ta ("Cl Dale: rl=. IG, 1991 Spet5fication No. : sm- 1 7 1 7 0 E.': I B/9 SANKEN ELECTRIC COMPANY. LTD. unit : mm 1 (1) Part Number : S6301 (2) Lut Number : 1st digit : The last digit of AD y-1 2nd digit : yonth 5 9 : Jan, - Sept. N 3rd & 4th 123456709 n :OclLokr 5 November ; December digits : The date 01 - 31 *I :The lead center is offset by 0.4m hxn the center of the package. *2 :The dimension measured at the closest point to the My. Date: Dec. 16, 1991 Specification No.: SSE-'L7170E g/9 |
Price & Availability of STR-S6301 |