Part Number Hot Search : 
14R12 KI5904DC MAX150 85C22 E005916 B104K 2SC5342M 04470
Product Description
Full Text Search
 

To Download SL311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL311 High Performance Voltage Comparators
LOGIC DIAGRAM
Input polarity is reversed when GND pin is used as an output.
ORDERING INFORMATION SL311N Plastic SL311D SOIC TA = -45C to 85C for all packages
PIN ASSIGNMENT
MAXIMUM RATINGS
Symbol VCC + VEE VO - VEE VEE VID VIN PD 1/JA TJ(max) Tstg Parameter Total Supply Voltage Output to Negative Supply Voltage Ground to Negative Supply Voltage Input Differential Voltage Input Voltage (Note) Voltage at Strobe Pin Power Dissipation and Thermal Characteristics Plastic Dual In-Line Packages Derate above TA =+25C Operating Junction Temperature Storage Temperature Range Value 36 40 30 30 15 VCC to VCC - 5 625 5.0 +150 -60 to +150 Unit V V V V V V mW mW/C C C
Note: This rating applies for 15 volt supplies. The positive input voltage limit is 30 volts above the negative supply. The negative input voltage limit is equal to the negative supply voltage or 30 volts below the positive supply, whichever is less.
SLS
System Logic Semiconductor
SL311
RECOMMENDED OPERATING CONDITIONS
Symbol VCC + VEE TA Total Supply Voltage Operating Temperature, All Package Types - 45 Parameter Min Max 30 +85 Unit V C
ELECTRICAL CHARACTERISTICS (VCC=+15 V, VEE= -15 V, TA =+25C unless otherwise noted
[Note 1]) Symbol Parameter Test Conditions RS 50 k, TA = +25C RS 50 k, -45C TA 85C TA = +25C -45C TA 85C TA = +25C TA = -45C TA = +85C 150000 300 TA = +25C VID -10 mV, IO=50 mA -14.5 1.5 13.0 +7.5 -5.0 ns V V mA mA Guaranteed Limits Min VIO IIO IIB Input Offset Voltage (Note 2) Input Offset Current (Note 2) Input Bias Current Max 7.5 10 50 100 250 375 500 mV nA nA Unit
AV tDLH VDS VIR ICC IEE NOTES:
Voltage Gain Propagation Delay Time Saturation Voltage Input Voltage Range Positive Supply Current Negative Supply Current
1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 volt supply up to 15 volt supplies. 2. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA load. Thus, these parameters define an error band and take into account the "worst case" effects of voltage gain and input impedance.
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X