Part Number Hot Search : 
AP4959GM SM802109 2SC3657 83120 SI975005 LF711RW BUW11F AF4407
Product Description
Full Text Search
 

To Download SC1103CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1103 is a versatile, low-cost, voltagemode PWM controller designed for use in single ended DC/DC power supply applications. A simple, fixed-voltage buck regulator can be implemented using the SC1103 with a minimum of external components. Internal level shift and drive circuitry eliminates the need for an expensive pchannel, high-side switch. The small device footprint allows for compact circuit design. SC1103 features include a temperature compensated voltage reference, triangle wave oscillator, current limit comparator, frequency shift overcurrent protection, and an internally compensated error amplifier. Pulse by pulse current limiting is implemented by sensing the differential voltage across an external resistor, or an appropriately sized PC board trace. The SC1103 operates at a fixed frequency of 200kHz, providing an optimum compromise between efficiency, external component size, and cost.
FEATURES * * * * * * * * * * *
Low cost / small size Switch mode efficiency (90%) 1% reference voltage accuracy Over current protection 500mA output drive 5V to 12V Input power source
APPLICATIONS
Pentium(R) P55 Core Supply Low Cost Microprocessor Supplies Peripheral Card Supplies Industrial Power Supplies High Density DC/DC Conversion
ORDERING INFORMATION
DEVICE
(1)
PACKAGE SO-8
TEMP RANGE (T J) 0 to 125C
SC1103CS
Note: (1) Add suffix `TR' for tape and reel.
PIN CONFIGURATION
BLOCK DIAGRAM
Top View
(SO-8)
Pentium is a registered trademark of Intel Corporation
1
(c) 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
PIN DESCRIPTION
Pin # 1 2 3 4 5 6 7 8 Pin Name VCC Cs(-) Cs(+) PGND DH BST FB GND Pin Function Device Input Voltage Current Sense Input (Negative) Current Sense Input (Positive) Device Power Ground High Side Driver Output High Side Driver VBST (Boost) Error Amplifier Input (-) Small Signal Ground
ABSOLUTE MAXIMUM RATINGS
Parameter Input Voltage Ground Differential Boost Input Voltage Operating Temperature Storage Temperature Lead Temperature (Soldering) 10 seconds Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case Symbol VCC to GND PGND to GND BST to GND TA TS TL JA JC Maximum -0.3 to 14 1 -0.3 to +26 0 to +70 -45 to +125 300 165 40 Units V V V C C C C/W C/W
2 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
ELECTRICAL CHARACTERISTICS
VCC = 11.50V to 12.50V; GND = PGND = 0V; VO = 3.3V; TA = 25C; BST = 24+1V; Output current = 2A. Per test circuit, unless otherwise specified. PARAMETER Reference SYMBOL VREF Over Temp Feedback Bias Current Quiescent Current Regulation Load Regulation Line Current Limit Threshold Oscillator Frequency Oscillator Frequency Shift Max Duty Cycle DH Sink/Source Current UVLO Threshold IFB IQ REGLOAD REGLINE CLT OSC OFS d.c. IO VUVLO VBST - VDH = 4.5V (VDH - VPGND = 2V) VFB < VREF/2 90 500 3.8 Current into VCC pin IO = 1A to 10A IO = 10A CS(+) to CS(-) 60 180 70 200 50 95 CONDITIONS MIN 1.238 1.225 TYP 1.250 1.250 2.0 5.0 0.5 MAX 1.263 1.275 8.0 8.0 1.0 0.5 80 220 UNITS V V uA mA % % mV kHz kHz % mA V
TEST CIRCUIT
Q1 IRL3103S L1 5.6uH R5 0.01
+12V
Vout(+)
R6 *see note C9 1500/6.3 C10 1500/6.3 C11 1500/6.3V C12 0.1 R7 124
C1 0.1
C2 820/16V
C3 820/16V
C4 820/16V
D1 MBRB1530CT
GND
Vout(-)
R1 10
U1 SC1103 1 VCC GND 8 C7 0.01 7 R4 2.7
R2 1k C5 0.1
R3 1k C6 0.1
2
Cs(-)
FB
3
Cs(+)
BST
6
4
PGND
DH
5
C8 0.1
* NOTE: R6 = 124 x (Vout/1.25 - 1) rounded to nearest 1%value
+ 20 to 24V
3 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
40 35 30 25 Gain (dB) 20 15 10 5 0 -5 -10 100.0E+0 -45 10.0E+6 0
-0.020 0 2 4 6 8 10 Current (Amps)
180
0.050
135
Voltage Change (V) Normalized to 0 at Io=2A.
0.040 0.030 0.020 0.010 0.000 -0.010
90
Gain Phase
45
1.0E+3
10.0E+3
100.0E+3
1.0E+6
Frequency (Hz)
Fig.1: Error Amplifier, Gain and Phase
Phase (deg)
Fig. 2: Load Regulation @ VO = 3.3V, VIN = 12V
1.0% 0.8% 0.6% Load Regulation 0.4% 0.2% 0.0% -0.2% -0.4% -0.6% -0.8% -1.0% 0 2 4 6 8 10 12 14 Output Current, (A) Vo= 1.8V 2.5V 3.3V 5.0V
Fig. 3: VRIPPLE @ VIN = 12V, VO = 3.3V, IO = 10A
100% 90% 80% 70% 60% 50% 1.8V 2.5V 3.3V 5V Efficiency
Fig. 4: Load Regulation @ VIN = 12V
0.5% 0.4% 0.3% 0.2% Line Regulation 0.1% 0.0% -0.1% -0.2% -0.3% -0.4%
40% 0 2 4 6 8 10 12 14 Output Current, (A)
-0.5% 11.4
11.6
11.8
12.0
12.2
12.4
12.6
Input Voltage, (V)
Fig. 5: Efficiency @ VIN = 12V
Fig. 6: Line Regulation @ VO = 3.3V, IO = 10A
4 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary for successful implementation of the SC1103 PWM controller. High currents switching at 200kHz are present in the application and their effect on ground plane voltage differentials must be understood and minimized. 1). The high power parts of the circuit should be laid out first. A ground plane should be used, the number and position of ground plane interruptions should be such as to not unnecessarily compromise ground plane integrity. Isolated or semi-isolated areas of the ground plane may be deliberately introduced to constrain ground currents to particular areas, for example the input capacitor and bottom Schottky ground.
and the output inductor should be a wide trace or copper region. It should be as short as practical. Since this connection has fast voltage transitions, keeping this connection short will minimize EMI. The connection between the output inductor and the sense resistor should be a wide trace or copper area, there are no fast voltage or current transitions in this connection and length is not so important, however adding unnecessary impedance will reduce efficiency. 4) The Output Capacitor(s) (Cout) should be located as close to the load as possible, fast transient load currents are supplied by Cout only, and connections between Cout and the load must be short, wide copper areas to minimize inductance and resistance.
5) The SC1103 is best placed over an isolated ground plane area. GND and PGND should be returned to this 2). The loop formed by the Input Capacitor(s) (Cin), the Top FET (Q1) and the Schottky (D1) must be kept isolated ground. This isolated ground area should be connected to the main ground by a trace that runs as small as possible. This loop contains all the high current, fast transition switching. Connections should from the GND pin to the ground side of (one of) the be as wide and as short as possible to minimize loop output capacitor(s). If this is not possible, the GND pin inductance. Minimizing this loop area will reduce EMI, may be connected to the ground path between the lower ground injection currents, resulting in electrically Output Capacitor(s) and the Cin, Q1, D1 loop. Under "cleaner" grounds for the rest of the system and mini- no circumstances should GND be returned to a ground inside the Cin, Q1, D1 loop. mize source ringing, resulting in more reliable gate switching signals. 6) Vcc for the SC1103 should be supplied from the VIN supply through a 10 resistor, the Vcc pin should 3). The connection between the junction of Q1, D1
24V IN
12V
10
0.1uF 2.32k Cin SC1103CS 1 2 3 0.1uF 4 VCC CS(-) CS(+) PGND GND FB BST DH 8 7 Rb 6 5 D1 Cout 4uH + Q1 + 1.00k 5mOhm Vout
Ra
Heavy lines indicate high current paths.
Fig. 7 Layout diagram for the SC1103
5 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000 be decoupled directly to GND by a 0.1F ceramic capacitor, trace lengths should be as short as possible. Under Voltage Lockout The under voltage lockout circuit of the SC1103 assures that the high-side MOSFET driver outputs remain 7) The Current Sense resistor and the divider across it in the off state whenever the supply voltage drops beshould form as small a loop as possible, the traces runlow set parameters. Lockout occurs if VCC falls below ning back to CS(+) and CS(-) on the SC1103 should 3.8V. Normal operation resumes once VCC rises above run parallel and close to each other. The 0.1F capaci3.8V. tor should be mounted as close to the CS(+) and CS(-) pins as possible. 8) To minimize noise pickup at the sensitive FB pin, the feedback resistors should both be close to the SC1103 with the bottom resistor (Rb) returned to ground at the GND pin.
TYPICAL APPLICATIONS
+5V
Q1 IRL3103S L1 5.6uH R5 0.012
+3.3V
R6 205 C9 1500/6.3 C10 1500/6.3 C11 1500/6.3V C12 0.1 R7 124
C1 0.1
C2 1500/6.3V
C3 1500/6.3V
D1 MBRB1530CT
GND GND
R1 10
U1 SC1103 1 VCC GND 8 C7 0.01 7 R4 2.7
R2 1k C5 0.1
R3 1k C6 0.1
2
Cs(-)
FB
3
Cs(+)
BST
6
4
PGND
DH
5
C8 0.1
+12V
Fig. 8: 5V to 3.3V @ 8A
6 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
TYPICAL APPLICATIONS (cont.)
D2 LL42 Q1 Si4420DY C6 0.1 L1 6.8uH R5 0.012
+5V
+2.5V
R6 124 C7 1500/6.3V D1 MBRD340 C8 0.1 R7 124
C1 0.1
C2 1500/6.3V
GND
GND
R1 10
U1 SC1103 1 VCC GND 8 C5 0.01 R2 1k C3 0.1 C4 0.1 2 Cs(-) FB 7 R4 2.7
3
Cs(+)
BST
6
4
PGND
DH
5
Fig. 9: 5V to 2.5V @ 4A with "flying capacitor" boost voltage.
D2 LL42
C8 0.1
+12V
Q1 IRL3103S
L1 5.6uH
R5 0.01
Vout(+)
R6 205 C9 1500/6.3 D1 MBRB1530CT C10 1500/6.3 C11 1500/6.3V C12 0.1 R7 124
C1 0.1
C2 820/16V
C3 820/16V
C4 820/16V
3.3V
GND
Vout(-)
R1 10
U1 SC1103 1 VCC GND 8 C7 0.01 7 R4 2.7
R2 1k C5 1.0
R3 1k C6 0.1
2
Cs(-)
FB
3
Cs(+)
BST
6
4
PGND
DH
5
Fig. 10: 12V to 3.3V @ 10A with "flying capacitor" boost voltage.
7 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA
VOLTAGE MODE PWM CONTROLLER
SC1103
PRELIMINARY - February 29, 2000
OUTLINE DRAWING
JEDEC REF: MS-012AA
LAND PATTERN SO-8
ECN00-899
8 (c) 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA


▲Up To Search▲   

 
Price & Availability of SC1103CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X