Part Number Hot Search : 
S3F9454 R5005CNJ 2SK42 MMBT2369 FR014 470M0 CSP1027 74458002
Product Description
Full Text Search
 

To Download S201S05V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S101S05V/S101S06V/S201S05V/S201S06V
S101S05V/S101S06V S201S05V/S201S06V
s Features
1. High radiation resin mold package. 2. RMS ON-state current I T : MAX. 3Arms at T <= 100C C ( With heat sink) 3. Isolation voltage between input and output (Viso : 3 000 Vrms ) 4. Built-in zero-cross circuit ( S101S06V/S201S06V ) 5. Recognized by UL, file No. E94758 Approved by CSA, No. LR63705
SIP Type SSR with Mounting Capability for External Heat Sink
s Outline Dimensions ( Unit : mm )
* The metal parts marked * are common to terminal 1 . g Do not allow external connection. ( ) : Typical dimensions 18.5 0.2 16.4 0.3 3.2 0.2
A (Model No.) B S101S05V 3A125VAC S101S06V S201S05V 3A265VAC S201S06V
3.2 0.2
5.5 0.2 19.6 0.2 5.0 0.3 (36.0)
*
g 0.2MAX.
A B +4.2MAX.
1. OA equipment such as copiers 2. FA equipment
1
2
3
4
11.2MIN. 0.6 0.1
s Applications
4 - 1.1 0.2 4 - 1.25 0.3 4 - 0.8 0.2
s Model Line-ups
For 100V lines No built-in zero-cross circuit Built-in zero-cross circuit S101S05V S101S06V For 200V lines S201S05V S201S06V
(5.08) (7.62) Internal connection diagram S101S05V /S201S05V
(2.54)
(1.4)
S101S06V /S201S06V
Zero-cross circuit 1 1 2 3 4 2 34 Output ( Triac T2 ) Output ( Triac T1 ) Input ( + ) Input ( - ) 12 1 2 3 4 34 Output ( Triac T2 ) Output ( Triac T1 ) Input ( + ) Input ( - )
s Absolute Maximum Ratings
Parameter Input Forward current Reverse voltage RMS ON-state current *1 Peak one cycle surge current Repetitive peak OFF-state voltage Non-repetitive peak OFF-state voltage Critical rate of rise of ON-state current Operating freguency *2 Isolation voltage Operating temperature Storage temperature *3 Soldering temperature Symbol IF VR IT I surge V DRM V DSM dIT /dt f V iso T opr T stg T sol
( Ta = 25C )
Rating S101S05V / S101S06V S201S05V / S201S06V 50 6 *4 3 30 400 600 400 600 40 45 to 65 3 000 - 25 to + 100 - 30 to + 125 260 Unit mA V A rms A V V A/ s Hz V rms C C C
Output
*1 60Hz sine wave, start at Tj= 25C *2 60Hz AC for 1 minute, 40 to 60% RH. Apply voltages between input and output, by the dielectric withstand voltage tester with zero-cross circuit. ( Input and output shall be shorted respectively) ( Note) When the isolation voltage is necessary at using external heat sink, please use the insulation sheet. *3 For 10 seconds *4 Tc<=100C
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device."
S101S05V/S101S06V/S201S05V/S201S06V s Electrical Characteristics
Input Parameter Foward voltage Reverse current Repetitive peak OFF-state current RMS ON-state current Output Holding current Critical rate of rise of OFF-state voltage Critical rate of rise of commutating OFF-state voltage S101S05V/ S201S05V S101S06V/ S201S06V Isolation resistance S101S06V Transfer Zero-cross voltage characS201S06V teristics S101S05V/ S201S05V Turn-on time S101S06V/ S201S06V S101S05V/ S201S05V Turn-off time S101S06V/ S201S06V Thermal resistance ( Between junction and case ) Thermal resistance ( Between junction and ambience ) Minimum trigger current Symbol VF IR I DRM VT IH dV/dt (dV/dt) C I FT R ISO VOX t on t off R th (j-c) R th (j-a) Conditions IF = 20mA VR = 3V VD = VDRM Resistance load, I F = 20mA IT = 1.5Arms VD = 2/3V
DRM
( Ta = 25C )
MIN. 30 4 1010 TYP. 1.2 6 45 MAX. 1.4 10 - 4 10 - 4 1.5 50 15 15 35 35 1 10 10 10 Unit V A A V rms mA V/ s V/ s mA V ms ms C/W C/W
Tj = 125C, VD = 400V dI t/d t = -1.5A/ms VD = 12V, R L = 30 VD = 6V, R L = 30 DC500V, 40 to 60 % RH IF = 15mA AC50Hz AC50Hz -
Fig. 1 RMS ON-state Current vs. Ambient Temperature
( 1 ) With heat sink ( Al 100 x 100 x t 2mm ) ( 2 ) With heat sink ( Al 50 x 50 x t 2mm ) 5 Note ) With the Al heat sink set up vertically, install it as shown in the figure Torque : 0.4N * m Apply thermal conductive silicone grease 4 on the heat sink mounting plate. Forcible cooling shall not be carried out. 5mm 3 Al plate
Fig. 2 RMS ON-state Current vs. Case Temperature
5 SSR
RMS ON-state current IT ( Arms )
RMS ON-state current IT ( Arms )
4
(2)
3
(1)
2 Without heat sink 1
2
1
0 - 25
0
45 50 25 75 100 Ambient temperature T a ( C )
125
0 - 25
60
70 80 90 100 110 120 125 130 Case temperature T c ( C )
S101S05V/S101S06V/S201S05V/S201S06V
Fig. 3 Forward Current vs. Ambient Temperature
70 60 10 Forward current I F ( mA ) 50 40 30 20 10 0 - 25 Forward current I F ( mA ) 5
Fig. 4 Forward Current vs. Forward Voltage
50 T a = 75C 50C 25C 0C - 25C
1 0.5
0.1
0
50 25 75 100 Ambient temperature T a ( C )
125
0.6
0.8
1.0 1.2 1.4 Forward voltage V F ( V )
1.6
1.8
Fig. 5 Surge Current vs. Power-on Cycle
60 f= 60Hz T j= 25Cstart
Fig. 6 Maximum ON-state Power Dissipation vs. RMS ON-state Current ( Typical Value )
6 Maximum ON-state power dissipation ( W ) T a = 25C 5
50 Surge current I surge ( A )
40
4
30
3
20
2
10
1
0 1
10 Power-on cycle (Times )
100
0
1 2 3 4 5 RMS ON-state current I T ( Arms )
6
Fig.7-a Minimum Trigger Current vs. Ambient Temperature ( Typical Value ) ( S101S05V/S201S05V )
12 VD = 12V RL= 30 Minimum trigger current I FT ( mA ) 10
Fig.7-b Minimum Trigger Current vs. Ambient Temperature ( Typical Value ) ( S101S06V/S201S06V )
12 VD = 6V RL= 30
Minimum trigger current I FT ( mA ) 0 25 50 75 100 Ambient temperature T a ( C ) 125
10
8
8
6
6
4
4
2 0 - 25
2 0 - 25
0
25 50 75 100 Ambient temperature T a ( C )
125


▲Up To Search▲   

 
Price & Availability of S201S05V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X