Part Number Hot Search : 
FRS14 9S12DG SKL32CG BY255 ZMM4V3 312018 9S12DG 9S12DG
Product Description
Full Text Search
 

To Download RJ-0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RJ and RG Series, 1 Watt, DIP14, 3kV/4kV (Single & Dual Output) Features

3kVDC & 4kVDC Isolation Industry Standard Pinout Power Sharing on Dual Output

Efficiency to 78% Custom Solutions Available UL94V-0 Package Material
Selection Guide
Part Number DIP 14 RJ-XX1.8S RJ-XX3.3S RJ-XX05S RJ-XX09S RJ-XX12S RJ-XX15S RJ-XX24S 4kV (H) (H) (H) (H) (H) (H) (H) Input Voltage (VDC) 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 1.8, 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 1.8 3.3 5 9 12 15 24 1.8 3.3 5 9 12 15 24 Output Current (mA) 555 303 200 111 84 66 42 278 152 100 56 42 33 21 Efficiency (%) 70 75 70-78 78-82 78-82 78-82 74-83 70 70 70-78 75-80 78-84 80-84 80-84
RG-XX1.8D (H) RG-XX3.3D (H) RG-XX05D RG-XX09D RG-XX12D RG-XX15D RG-XX24D (H) (H) (H) (H) (H)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight EC 28 August 2002 1.8V, 3.3V output types 5V output type 9V, 12V, 15V, 24V output types Single output types Dual output types 10% Capacitor Type 5% 1.2%/1% V Input 20% max. 15% max. 10% max.
Output Power (Watts) 2.0 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 85 Operating Temperature C
100mVp-p max. 75mVp-p max. 70% min. 3.000VDC min. (also available with 4.000VDC, Suffix `H') 15 G min. 20pF min./65pF max. 1 Second 57kHz min. / 105kHz max. -40C to +85C (see Graph) -55C to +125C 2.5g
www.recom-international.com
ECONOLINE - DC/DC-Converter
RJ and RG Series, 1 Watt, DIP14, 3kV/4kV (Single & Dual Output) Package Style and Pinning (mm)
14 PIN DIP Package
3rd angle projection
1
7
1
7
RJ-Single Output Bottom View
14 10 8
RG-Dual Output Bottom View
14 10 9 8
19.90
RG-0512D RECOM ****
10.00
7.62
Pin Connections Pin # 1 7 8 9 10 14 Single -Vin NC +Vout No Pin -Vout +Vin Dual -Vin NC +Vout Com -Vout +Vin
7.10
2.0
15.24
3.05
Recommended Footprint Details
1.00 o+0.15/-0 2.54 1.00 o+0.15/-0 2.54
2.54
2.54
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC 29


▲Up To Search▲   

 
Price & Availability of RJ-0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X