Part Number Hot Search : 
TC40174 FN1016 015EZ0 250MA 1V0DS00 TA449W FFM15W T9340
Product Description
Full Text Search
 

To Download RF301B2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF
Diodes
1series
Fast recovery Diodes (Silicon Epitaxial Planar)
RF 1 series
External dimensions (Unit : mm)
CPD
1.5
5.5 2.3 0.5
Applications High frequency rectification
Features 1) Ultra low VF very fast recovery 2) Fast recovery 3) Low switching loss 4) Standard package TO-220FN, CPD
5.6
2.3 2.3
0.55 1.2 (1) Anode (2) Cathode (3) Anode
(1) (2)
(3)
TO-220FN
10.0
3.2
4.5
15.0 12.0
8.0
5.0
1.2
1.3 0.8 (1) Anode (2) Cathode (3) Anode
14.0
5.5
2.8 2.54 (1)(2)(3) 2.54 0.75 2.6
TO-220FN
Center tap type cathode common, Dual elements
VR IO
Ultra low VF type FRD Fast recovery type FRD
CPD
Center tap type cathode common, Dual elements
VR IO
Ultra low VF type FRD Fast recovery type FRD
200V Dual Single
- - - - - - - -
200V Dual Single
- - - - - - - - - -
Dual
- -
200V Single
Dual
- -
200V Single
6A 10A 15A 16A 20A 30A
3A 5A 6A 10A
- - - -
- -
1/2
RF
Diodes
Absolute maximum ratings (Ta=25C)
Parameter Reverse voltage (repetitive peak) Reverse voltage (DC) Average rectified forward current Forward peak surge current (60Hz 1cyc.) Junction temperature Storage temperature
Mounting on glass epoxi board
1series
Symbol VRM VR IO IFSM Tj Tstg
Limits Unit RF071M2S RF101L2S RF301B2S RF501B2S RF601B2D RF601T2D RF1001T2D RF1601T2D RF2001T2D 200 200 200 V 200 200 200 200 200 200 200 200 200 V 200 200 200 200 200 200 1 1 1 1 1 1 1 1 1 0.7 1.0 3.0 5.0 6.0 6.0 10.0 16.0 20.0 A 15 20 60 60 60 80 80 80 80 A C C
150 150 150 150 150 150 150 150 150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150 -55 to +150
Electrical characteristics (Ta=25C)
Part No. RF071M2S RF101L2S RF301B2S RF501B2S RF601B2D RF601T2D RF1001T2D RF1601T2D RF2001T2D IO 0.7A 1A 3A 5A 6A 6A 10A 16A 20A VR 200V 200V 200V 200V 200V 200V 200V 200V 200V Max. 0.850V 0.870V 0.930V 0.930V 0.930V 0.930V 0.930V 0.930V 0.930V VF Typ. 0.790V 0.815V 0.870V 0.870V 0.870V 0.870V 0.870V 0.870V 0.870V IR IF 0.7A 1A 3A 5A 3A 3A 5A 8A 10A Max. 10A 10A 10A 10A 10A 10A 10A 10A 10A Typ. 10nA 10nA 10nA 10nA 10nA 10nA 10nA 10nA 10nA Max. 25ns 25ns 25ns 30ns 25ns 25ns 30ns 30ns 30ns trr Typ. 12ns 12ns 14ns 15ns 14ns 14ns 15ns 18ns 20ns Configurate Single Single Cathode common Single Cathode common Cathode common Cathode common Cathode common Cathode common Package PMDU PMDS CPD(D-pack) CPD(D-pack) CPD(D-pack) TO-220FN TO-220FN TO-220FN TO-220FN
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of RF301B2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X