Part Number Hot Search : 
102J0 2SK3799 16CTQPBF 1N2627 HY5DU BAT54L UFT72SM BC32716
Product Description
Full Text Search
 

To Download PVT412L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD 60040-G
Series PVT412
Microelectronic Power IC
HEXFET Power MOSFET Photovoltaic Relay
(R)
Single Pole, Normally Open, 0-400V, 140mA AC/DC
General Description
The PVT412 Series Photovoltaic Relay is a singlepole, normally open solid-state relay that can replace electromechanical relays in many applications. It utilizes International Rectifier's proprietary HEXFET power MOSFET as the output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator. These SSRs are specifically designed for worldwide telecom applications. PVT412L employs an active current-limiting circuitry enabling it to pass FCC Part 68 and other regulatory agency current surge requirements when overvoltage protection is provided. PVT412 does not employ the current-limiting circuitry and offers lower on-state resistance. Series PVT412 Relays are packaged in a 6-lead molded DIP package with either thru-hole or surface mount (`gull-wing') terminals. It is available in standard plastic shipping tubes or on tape-and-reel. Please refer to part identification information opposite.
Features
! HEXFET Power MOSFET output ! Bounce-free operation ! 4,000 VRMS I/O isolation ! Load current limiting ! Linear AC/DC operation ! Solid-State Reliability ! UL recognized and BABT certified ! ESD Tolerance: 4000V Human Body Model 500V Machine Model
Applications
! ! ! ! On/Off Hook switch Dial-Out relay Ring relay General switching
Part Identification
PVT412L current limit, thru-hole PVT412LS current limit, surface-mount PVT412LS-T current limit, surface-mount, Tape and Reel PVT412 no current limit, thru-hole PVT412S no current limit, surface-mount PVT412S-T no current limit, surface-mount, Tape and Reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
www.irf.com
1
Series PVT412
Electrical Specifications (-40C TA +85C unless otherwise specified) INPUT CHARACTERISTICS
Minimum Control Current (see figures 1 and 2) Maximum Control Current for Off-State Resistance Control Current Range (Caution: current limit input LED, see figure 6) Maximum Reverse Voltage
Part Numbers PVT412L PVT412
3.0 0.4 3.0 to 25 7.0
Units
mA mA mA V
OUTPUT CHARACTERISTICS
Operating Voltage Range Maximum Load Current @ TA=+40C 5mA Control (see figures1 and 2) A Connection B Connection C Connection Maximum On-State Resistance @TA=+25C For 50mA Pulsed Load, 5mA Control (see figure 4) A Connection B Connection C Connection Maximum Off-State Leakage @TA=+25C, 400V (see figure 5) Current Limit @TA=+25C, For 5mA Control Current: Connection: Minimum Maximum Complies with FCC Part 68 Surge Requirements* Maximum Turn-On Time @TA=+25C (see figure 7) For 50mA, 100 VDC load, 5mA Control Maximum Turn-Off Time @TA=+25C (see figure 7) For 50mA, 100 VDC load, 5mA Control Maximum Thermal Offset Voltage @ 5mA Control Maximum Output Capacitance @ 50VDC
PVT412L
PVT412
V(DC or AC peak)
0 to 400
120 130 200
140 150 210
mA (AC or DC) mA (DC) mA (DC) A
35 18 9 1.0 A C 130 260 220 440 yes 2.0 0.5 0.5 12
27 14 7
n/a n/a yes
mA mA
ms ms V pF
GENERAL CHARACTERISTICS
Minimum Dielectric Strength, Input-Output Minimum Insulation Resistance, Input-Output @TA=+25C, 50%RH, 100VDC Maximum Capacitance, Input-Output Maximum Pin Soldering Temperature (10 seconds maximum) Ambient Temperature Range: Operating Storage
ALL MODELS
4000 1012 1.0 +260 -40 to +85 -40 to +100 VRMS pF C
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications. Users of this International Rectifier product in such applications assume all risks of such use and indemnify International Rectifier against all damages resulting from such use.
2
www.irf.com
Series PVT412
Connection Diagrams
ILED= ILED=
A A
ILED= I LED=
Figure 1. Current Derating Curves*
Figure 2. Current Derating Curves*
* Derating of `B' and `C' connection at +85C will be 70% of that specified at +40C and is linear from +40C to +85C.
200
PVT412
150 100 50 -5.0 -4.0 -3.0 -2.0 -1.0 1.0 -50 -100 -150 -200 2.0 3.0 4.0 5.0
PVT412L
5 mA control @ 25C pulsed
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
www.irf.com
3
Series PVT412
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics (Current Controlled)
20
10
ILED 90%
5 toff
tdly
ton
I D 10% tdly ton toff
3 20
50 100
200
500 1000 2000
Delay Time (microseconds)
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
4
Typical Capacitance (pF)
Figure 9. Typical Output Capacitance
min. devi
max. devi ce & -45C limit
ce & +85
C limit
CAUTION: Provide current limiting so that 25 mA max. steady-state control current rating is not exceeded.
TYPICA L
www.irf.com
Series PVT412
Case Outlines
01-2008 01
01-2009 01
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 10/20/2003
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of PVT412L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X