Part Number Hot Search : 
63000 2D100 63D18 AT2860 D3899 14A0707 C100L 2N3817A
Product Description
Full Text Search
 

To Download PB1010S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PB 1000 ... PB 1010 PB 1000S ... PB 1010S Silicon-Bridge Rectifiers Type: PB...
12.70.3
=
Silizium-Bruckengleichrichter Type: PB...S Nominal current - Nennstrom Alternating input voltage Eingangswechselspannung 10 A 35...700 V
10.90.3
10.90.3
O 3.9
O 4.1 _
Type: PB... 19 x 19 x 6.8 [mm] Plastic case Kunststoffgehause Weight approx. - Gewicht ca. 5,5 g Type: PB...S 15.1 x 15.1 x 5 [mm] Plastic case with al-bottom Kunststoffgehause mit Alu-Boden Weight approx. - Gewicht ca. 3,5 g Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s.Seite 22
=
190.2
15.10.2
6.8
0.2
50.2
19
1.2
1.0
Dimensions / Mae in mm
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ PB 1000/S PB 1001/S PB 1002/S PB 1004/S PB 1006/S PB 1008/S PB 1010/S max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
19
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t
50 A 2) 150 A 93 A2s
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 18.02.2003
1
PB 1000 ... PB 1010 PB 1000S ... PB 1010S Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 50...+150/C - 50...+150/C
Characteristics Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 5 A VR = VRRM IFAV IFAV VF IR VISO RthC M4
Kennwerte 10.0 A 8.0 A < 1.2 V 1) < 10 :A > 2500 V < 3.3 K/W 9 10% lb.in 1 10% Nm
Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment
1
) Valid for one branch - Gultig fur einen Bruckenzweig F:\Data\WP\DatBlatt\Einzelblatter\pb1000-1010sul.wpd
2


▲Up To Search▲   

 
Price & Availability of PB1010S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X