Part Number Hot Search : 
CA010 X9802406 05024 XXXFF 045984 N80C32 BD234 PK1912
Product Description
Full Text Search
 

To Download MRF01-J-178 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Push-On Coaxial Connectors (PC Card Type 2 Mountable)
MRF01 Series
Modem Card Mounting Example (A special frame kit has not been manufactured.)
Board Mounting Example
sFeatures
1. Uses a push-on type system which is easy to engage and disengage. (There is no lock.) 2. Mountable on PCMCIA Type II Card
The 3 mm receptacle thickness permits mounting to the back side of a type II card. Note that at the time of card mounting, use of 0.15mm offset of the board mounting surface from the card center line will result in the same card center axis and connector center axis.
3. High Degree of Matching
These connectors offer high frequency performance from 0 to 3 GHz with a V.S.W.R. of 1.3 or less.
4. Accommodates Ultra-Fine Cable
Suitable cable ...RG-178B/U (O1.8) ...RG-196A/U (O 2)
sApplications
Wireless LAN cards, GPS cards, and miniature wireless communications devices.
sFunction Diagrams
Jack Side sJack
MRF01-J-178 MRF01-PR-1
Plug Side sPlug Receptacle
sReceptacle
MRF 01-R-1
sConversion Adapter
(Coupling portion: MRF01 side plug - SMA side jack)
MRF01P-HRMJ
sConversion Adapter
(Coupling portion: MRF01 side jack - SMA side jack)
MRF01J-HRMJ
B27
s Product Specifications
Nominal characteristic impedance Ratings Voltage Rated Frequency 50 ohms 150 V AC DC to 3 GHz Operating temperature Operating humidity -20C to +60C 95% or less
Item
1. Contact resistance 2. Insulation resistance 3. Withstanding voltage 4. V.S.W.R.(*) 5. Female contact retention
Requirements
Inner : 10 m ohms max. Outer : 3 m ohms max. 5000 M ohms min. No flashover or insulation breakdown. 1.3 N max. 0.137 N min. 10 mA max. 500 V DC
Test Conditions
500 V AC / 1 minute DC to 3 GHz Measured with a O 0.381 pin gauge With corresponding connector
6. Insertion and withdrawal force (plug) 0.56 N min. 7. Durability (Insertion/withdrawal) 8. Vibration
Contact resistance: Amount of change 20 m ohms max. 10,000 cycles No electrical discontinuity of 1s or more No damage, cracks, or parts looseness. No electrical discontinuity of 1s or more No damage, cracks, or parts looseness. Frequency: 10 to 2000 Hz, single amplitude of 0.76 mm or acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions. Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 6 cycles in each of the 3 axis
9. Shock
10. Humidity (Steady state)
Insulation resistance: 100 M ohms min. 240 hours at temperature of -10c to 65c and humidity of Contact resistance: Amount of change 20 m ohms max. 90% to 96% No damage, cracks, or parts looseness. Temperature: -65C 20 to 35C 125C 20 to 35C 30 min Within 5 min 30 min. Within 5 min Time: Cycles: 5
11. Temperature cycle
No damage, cracks, or parts looseness.
12. Hydrogen sulfide gas 13. Salt spray
Contact resistance: Amount of change 20 m ohms max. Leave for 96 hours in an atmosphere of 3ppm concentration No damage, cracks, or parts looseness. sulfur dioxide gas at temperature of 40C and humidity of 80%. No marked corrosion Exposed to density 5% salt water for 48 hours
*Voltage standing wave ratio (V.S.W.R.) measuring system. The above voltage standing wave ratio (V.S.W.R.) standard value is measured in the measuring system as shown below.
Network Analyzer Test Set Test Port D.U.T Test Port Cable Termination
Note1: The cable connector is measured with double ended 10cm cable assembly. Note2: The printed circuit board connector is mounted on the 50 ohms PCB, to which Hirose's adaptor is connected.
sMaterials
Part Body Insulator Female inner contact Male inner contact Crimp sleeve Material Beryllium copper/Brass PTFE Beryllium copper Phosphor bronze Copper Finish Gold plating -------- Gold plating Gold plating Nickel plating
sOrdering Information
MRF01 - [
q q Series name : MRF01 w Connector types
J : Jack R : Receptacle PR : Plug receptacle
]-[
w e
]
e Applicable cable or suffix
178: RG-178B/U ( O 1.8) RG-196B/U ( O 2)
B28
sJack
O3.8 13 (14.5)
CL No. 313-1102-7
Part Number MRF01-J-178
0.3 O3.0
sReceptacle
4.7 O3
6.7 8
3
CL No. 313-1101-4
Part Number MRF01-R-1
0.3 O3.0
sPlug Receptacle
4.7
6.7 8
3
CL No. 313-1100-1
Part Number MRF01-PR-1
sConversion Adapter
qSMA conversion adapter (Coupling portion: MRF01 side plug - SMA side jack)
13.8 3.5 9.5 6.5 1/4-36UNS-2A 8HEX
CL No. 311-0289-1
Part Number MRF01P-HRMJ
13.8
qSMA conversion adapter (Coupling portion: MRF01 side jack - SMA side jack)
3.5
9.5 6.5 1/4-36UNS-2A
O3
8HEX
CL No. 311-0290-0
Part Number MRF01J-HRMJ
3.2
3.2
B29
sConnector Mounting Condition
The mounting reference diagram is an anticipated diagram of the condition of mounting to a frame offset 0.15 mm from the card center line.
0.3
(2.5)
(0.5)
0.5
(0.3) (Panel thickness) (O3.2) PCB
sPCB mounting pattern
(7) 5.5min 3.3 +0.1 0 (1)
(O 0.5 through hole)
(1.4)
(1.7)
0.7min
Corner escape portion
1.8min
Pad
Copper foil portion (Resist layer beyond the pad)
B30
3.2min
5Max


▲Up To Search▲   

 
Price & Availability of MRF01-J-178

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X