Part Number Hot Search : 
4034B MCZ33 KBU10 20CTQ BSO303S SXX18 PGT60107 2300S
Product Description
Full Text Search
 

To Download MAX4608 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-1392; Rev 1; 8/99
2.5, Dual, SPST, CMOS Analog Switches
General Description
The MAX4607/MAX4608/MAX4609 dual analog switches feature low on-resistance of 2.5 max. On-resistance is matched between switches to 0.5 max and is flat (0.5 max) over the specified signal range. Each switch can handle Rail-to-Rail(R) analog signals. The off-leakage current is only 2.5nA max at +85C. These analog switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automatic test equipment or applications where current switching is required. They have low power requirements, require less board space, and are more reliable than mechanical relays. The MAX4607 has two normally closed (NC) switches, the MAX4608 has two normally open (NO) switches, and the MAX4609 has one NC and one NO switch. These switches operate from a single supply of +4.5V to +36V or from dual supplies of 4.5V to 20V. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring TTL/CMOS-logic compatibility when using dual 15V or a single +12V supply. o Low On-Resistance (2.5 max) o Guaranteed RON Match Between Channels (0.5 max) o Guaranteed RON Flatness over Specified Signal Range (0.5 max) o Rail-to-Rail Signal Handling o Guaranteed ESD Protection > 2kV per Method 3015.7 o Single-Supply Operation: +4.5V to +36V Dual-Supply Operation: 4.5V to 20V o TTL/CMOS-Compatible Control Inputs
Features
MAX4607/MAX4608/MAX4609
Ordering Information
PART MAX4607CSE MAX4607CPE MAX4607ESE MAX4607EPE TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP
Applications
Reed Relay Replacement Test Equipment Communication Systems PBX, PABX Systems Audio-Signal Routing Avionics
Ordering Information continued at end of data sheet.
______________________Pin Configurations/Functional Diagrams/Truth Tables
TOP VIEW
N.C. IN1 N.C. VGND N.C. IN2 N.C. 1 2 3 4 5 6 7 8 16 15 14 13 NC1 N.C. COM1 V+ VL COM2 N.C. NC2 N.C. IN1 N.C. VGND N.C. IN2 N.C. 1 2 3 4 5 6 7 8 16 15 14 13 NO1 N.C. COM1 V+ VL COM2 N.C. NO2 N.C. IN1 N.C. VGND N.C. IN2 N.C. 1 2 3 4 5 6 7 8 16 15 14 13 NO1 N.C. COM1 V+ VL COM2 N.C. NC2
MAX4607
12 11 10 9
MAX4608
12 11 10 9
MAX4609
12 11 10 9
SO/DIP
LOGIC 0 1 SWITCH ON OFF
SO/DIP
LOGIC 0 1 SWITCH OFF ON LOGIC 0 1
SO/DIP
SWITCH 1 OFF ON SWITCH 2 ON OFF
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
________________________________________________________________ Maxim Integrated Products 1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800. For small orders, phone 1-800-835-8769.
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
ABSOLUTE MAXIMUM RATINGS
V+ to GND ..............................................................-0.3V to +44V V- to GND ...............................................................+0.3V to -44V V+ to V-...................................................................-0.3V to +44V VL to GND ........................................(GND - 0.3V) to (V+ + 0.3V) All Other Pins to GND (Note 1) .............(V- - 0.3V) to (V+ + 0.3V) Continuous Current (COM_, NO_, NC_).........................100mA Peak Current (COM_, NO_, NC_) (pulsed at 1ms, 10% duty cycle)................................ 300mA Continuous Power Dissipation (TA = +70C) Narrow SO (derate 8.70mW/C above +70C) .............696mW Plastic DIP (derate 10.53mW/C above +70C) ...........842mW Operating Temperature Ranges MAX460_C_E ......................................................0C to +70C MAX460_E_E ...................................................-40C to +85 C Storage Temperature Range .............................-65C to +160C Lead Temperature (soldering, 10sec) .............................+300C
Note 1: Signals on NC_, NO_, COM_, or IN_, exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current rating.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS--Dual Supplies
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) COM_ to NO_, COM_ to NC_ On-Resistance COM_ to NO_, COM_ to NC_ On-Resistance Match Between Channels (Note 4) COM_ to NO_, COM_ to NC_ On-Resistance Flatness (Note 5) Off-Leakage Current (NO_ or NC_) (Note 6) COM Off-Leakage Current (Note 6) COM On-Leakage Current (Note 6) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input High Voltage Logic Input Low Voltage IIN_H IIN_L VIN_H VIN_L IN_ = 2.4V, all others = 0.8V IN_ = 0.8V, all others = 2.4V -0.500 -0.500 2.4 0.001 0.001 1.7 1.7 0.8 0.500 0.500 A A V V VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_= -5V, 0, 5V ICOM_ = 10mA, VNO_ or VNC_ = 10V VCOM_ = 10V, - VNO_ or VNC_ = +10V VCOM_ = 10V, - VNO_ or VNC_ = +10V VCOM_ = 10V, VNO_ or VNC_= 10V, or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -2.5 -0.5 -2.5 -1 -10 0.02 0.01 0.01 0.1 0.05 V1.6 V+ 2.5 3 0.4 0.5 0.4 0.5 0.5 2.5 0.5 2.5 1 nA 10 nA nA V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT(ON) INO_, INC_ ICOM_(OFF)
ICOM_(ON)
2
_______________________________________________________________________________________
2.5, Dual, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS--Dual Supplies (continued)
(V+ = +15V, V- = -15V, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER POWER SUPPLY Power-Supply Range TA = +25C Positive Supply Current I+ VIN = 0 or 5V TA = TMIN to TMAX TA = +25C Negative Supply Current IVIN = 0 or 5V TA = TMIN to TMAX TA = +25C Logic Supply Current IL VIN = 0 or 5V TA = TMIN to TMAX TA = +25C Ground Current IGND VIN = 0 or 5V TA = TMIN to TMAX SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time Charge Injection tON tOFF Q VCOM_ = 10V, Figure 2, TA = +25C VCOM_ = 10V, Figure 2, TA = +25C CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3, TA = +25C RL = 50, CL = 5pF, f = 1MHz, Figure 4, TA = +25C RL = 50, CL = 5pF, f = 1MHz, Figure 5, TA = +25C f = 1MHz, Figure 6, TA = +25C f = 1MHz, Figure 6, TA = +25C f = 1MHz, Figure 7, TA = +25C 110 150 450 ns ns pC 5 5 5 -0.5 0.001 5 0.5 A 5 -0.5 0.001 5 0.5 A 5 -0.5 0.001 5 0.5 A 4.5 -0.5 0.001 20.0 0.5 A V SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX4607/MAX4608/MAX4609
Off-Isolation (Note 7) Crosstalk (Note 8) NC_ or NO_ Capacitance COM_ Off-Capacitance On-Capacitance
VISO VCT COFF CCOM CCOM
-60 -66 65 65 290
dB dB pF pF pF
_______________________________________________________________________________________
3
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
ELECTRICAL CHARACTERISTICS--Single Supply
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER ANALOG SWITCH Input Voltage Range (Note 3) COM_ to NO_, COM_ to NC_ On-Resistance COM_ to NO_, COM_ to NC_ On-Resistance Match Between Channels (Note 4) COM_ to NO_, COM_ to NC_ On-Resistance Flatness (Note 5) Off-Leakage Current (NO_ or NC_) (Notes 6, 9) VCOM_, VNO_, VNC_ RON ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = 10V ICOM_ = 10mA, VNO_ or VNC_ = 3V, 6V, 0V VCOM_ = 1V, 10V, VNO_ or VNC_ = 1V, 10V VCOM_ = 10V, 1V VNO_ or VNC_ = 1V, 10V VCOM_ = 1V, 10V, VNO_ or VNC_= 1V, 10V, or floating TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX -0.5 -2.5 -0.5 -2.5 -1 -10 0.01 0.01 0.01 0.05 0.05 GND 3 V+ 6 7 0.4 0.5 0.5 0.5 0.5 nA 2.5 0.5 nA 2.5 1 nA 10 V SYMBOL CONDITIONS MIN TYP MAX UNITS
RON
RFLAT(ON)
INO_ INC_
COM Off-Leakage Current (Notes 6, 9)
ICOM_(OFF)
COM On-Leakage Current (Notes 6, 9) LOGIC INPUT Input Current with Input Voltage High Input Current with Input Voltage Low Logic Input High Voltage Logic Input Low Voltage
ICOM_(ON)
IIN_H IIN_L VIN_H VIN_L
IN_ = 2.4V, all others = 0.8V IN_ = 0.8V, all others = 2.4V
-0.500 -0.500 2.4
0.001 0.001 1.7 1.7
0.500 0.500
A A V
0.8
V
4
_______________________________________________________________________________________
2.5, Dual, SPST, CMOS Analog Switches
ELECTRICAL CHARACTERISTICS--Single Supply (continued)
(V+ = +12V, V- = 0, VL = +5V, VIN_H = +2.4V, VIN_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Note 2) PARAMETER POWER SUPPLY Power-Supply Range Positive Supply Current Logic Supply Current Ground Current I+ IL IGND VIN = 0 or 5V VIN = 0 or 5V VIN = 0 or 5V TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX TA = +25C TA = TMIN to TMAX +4.5 -0.5 5 -0.5 5 -0.5 5 110 130 50 66 105 105 185 0.001 0.001 0.001 +36.0 0.5 5 0.5 5 0.5 5 V A A A SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX4607/MAX4608/MAX4609
SWITCH DYNAMIC CHARACTERISTICS Turn-On Time Turn-Off Time Charge Injection Crosstalk (Note 8) NC or NO Capacitance COM Off-Capacitance On-Capacitance tON tOFF Q VCT C(OFF) C(COM) C(COM) VCOM_ = 10V, Figure 2, TA = +25C VCOM_ = 10V, Figure 2, TA = +25C CL = 1.0nF, VGEN = 0, RGEN = 0, Figure 3, TA = +25C RL = 50, CL = 5pF, f = 1MHz, Figure 5, TA = +25C f = 1MHz, Figure 6, TA = +25C f = 1MHz, Figure 6, TA = +25C f = 1MHz, Figure 7, TA = +25C ns ns pC dB pF pF pF
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in this data sheet. Note 3: Guaranteed by design. Note 4: RON = RON(MAX) - RON(MIN) Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25C. Note 7: Off-isolation = 20log10 [VCOM / (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch. Note 8: Between any two switches. Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
_______________________________________________________________________________________
5
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
Typical Operating Characteristics
(TA = +25C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLY)
MAX4607/08/09-02 MAX4607/08/09-01
ON-RESISTANCE (DUAL SUPPLY)
4.0 ICOM = 10mA 3.5 3.0 RON () RON () 2.5 2.0 1.5 1.0 -20 -15 -10 -5 0 VCOM (V) 5 10 15 20 V+, V- = 15V V+, V- = 20V V+, V- = 5V 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 -15
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
8 7 6 RON () 5 4 3 2 V+ = 12V V+ = 24V V+ = 5V ICOM = 10mA
MAX4607/08/09-03
V+, V- = 15V ICOM = 10mA
9
TA = +85C
TA = +25C
TA = -40C -10 -5 0 VCOM (V) 5 10 15
1 0 0 5 10 15 20 25 VCOM (V)
ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY)
MAX4607/08/09-04
ON/OFF-LEAKAGE CURRENT vs. TEMPERATURE
10k 1k LEAKAGE (pA) 100 10 1 0.1 ON-LEAKAGE OFF-LEAKAGE -300 -400 -500 -40 -20 0 20 40 60 80 100 -15 Q (pC) V+ = 15V V- = -15V
MAX4607/08/09-05
CHARGE INJECTION vs. VCOM
MAX4607/08/09-06 MAX4607/08/09-09
4.5 ICOM = 10mA 4.0 3.5 RON () 3.0 TA = +25C 2.5 2.0 1.5 0 2 4 6 VCOM (V) 8 10 TA = -40C TA = +85C
100k
200 100 0 -100 -200 SINGLE SUPPLY V+ = 12V V- = 0
DUAL SUPPLY V+ = V- = 15V
0.01 1m 12 TEMPERATURE (C)
-10
-5
0 VCOM (V)
5
10
15
SUPPLY CURRENT vs. TEMPERATURE
MAX4607/08/09-07
ON/OFF TIME vs. TEMPERATURE
160 150 tON, tOFF (ns) 140 130 120 110 100 tON VCOM = +10V RL = 100 CL = 35pF tOFF tON, tOFF (ns)
MAX4607/08/09-08
ON/OFF TIME vs. SUPPLY VOLTAGE
170 160 150 140 130 120 110 100 90 80 70 tON VCOM = +10V RL = 100 CL = 35pF tOFF
100k 10k 1k I+, I- (nA) I+ 100 10 1 0.1 0.01 -40 -20 0 20 40 60 80 I-
170
90 80 100 -40 -20 0 20 40 60 80 100 TEMPERATURE (C) TEMPERATURE (C)
10 11 12 13 14 15 16 17 18 19 20 V+ = V- (V)
6
_______________________________________________________________________________________
2.5, Dual, SPST, CMOS Analog Switches
Typical Operating Characteristics (continued)
(TA = +25C, unless otherwise noted.)
MAX4607/MAX4608/MAX4609
ON/OFF TIME vs. VCOM
MAX4607/08/09-10
FREQUENCY RESPONSE
0 -10 -20 -30 LOSS (dB) -40 -50 -60 -70 -80 OFF-ISOLATION ON-PHASE ON-RESPONSE
MAX4607/08/09-11
200 180 160 tON, tOFF (ns) 140 120 100 80 60 -10 -8 -6 -4 -2 0 2 4 6 8 tON RL = 100 CL = 35pF tOFF
180 190 0 -90 -180 -270 -360 -450 -540 -630 -720 PHASE (C)
-90 10 -100 0.01 0.1 1 FREQUENCY (MHz) 10 100
VCOM (V)
Pin Description
PIN MAX4607 2, 7 14, 11 16, 9 -- -- -- 4 5 1, 3, 6, 8, 10, 15 12 13 MAX4608 2, 7 14, 11 -- 16, 9 -- -- 4 5 1, 3, 6, 8, 10, 15 12 13 MAX4609 2, 7 14, 11 -- -- 9 16 4 5 1, 3, 6, 8, 10, 15 12 13 NAME IN2, IN2 COM1, COM2 NC1, NC2 NO1, NO2 NC1 NO1 VGND N.C. VL V+ FUNCTION Logic-Control Digital Inputs Analog Switch, Common Terminals Analog Switch, Normally Closed Terminals Analog Switch, Normally Open Terminals Analog Switch, Normally Closed Terminal Analog Switch, Normally Open Terminal Negative Analog Supply-Voltage Input. Connect to DGND for single-supply operation. Ground No Connection. Not internally connected. Connect to GND as low impedance to improve on/off-isolation. Logic-Supply Input Positive Analog-Supply Input
_______________________________________________________________________________________
7
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
Applications Information
Overvoltage Protection
Proper power-supply sequencing is recommended for all CMOS devices. Do not exceed the absolute maximum ratings, because stresses beyond the listed ratings can cause permanent damage to the devices. Always sequence V+ on first, then V-, followed by the logic inputs, NO, or COM. If power-supply sequencing is not possible, add two small signal diodes (D1, D2) in series with supply pins for overvoltage protection (Figure 1). Adding diodes reduces the analog signal range to one diode drop below V+ and one diode drop above V-, but does not affect the devices' low switch resistance and low leakage characteristics. Device operation is unchanged, and the difference between V+ and V- should not exceed 44V. These protection diodes are not recommended when using a single supply. Above 5MHz, circuit-board layout becomes critical, and it becomes difficult to characterize the response of the switch independent of the circuit. The graphs shown in the Typical Operating Characteristics were taken using a 50 source and load connected with BNC connectors to a circuit board deemed "average;" that is, designed with isolation in mind, but not using strip-line or other special RF circuit techniques. For critical applications above 5MHz, use the MAX440, MAX441, and MAX442, which are fully characterized up to 160MHz.
+15V D1 V+
MAX4607 MAX4608 MAX4609
*
COM_
*
NO_
Off-Isolation at High Frequencies
With the N.C. pins connected to GND, the high-frequency on-response of these parts extends from DC to above 100MHz with a typical loss of -2dB. When the switch is turned off, however, it behaves like a capacitor, and off-isolation decreases with increasing frequency. (Above 300MHz, the switch actually passes more signal turned off than turned on.) This effect is more pronounced with higher source and load impedances.
*
*
VD2 -15V * INTERNAL PROTECTION DIODES
Figure 1. Overvoltage Protection Using External Blocking Diodes
Test Circuits/Timing Diagrams
MAX4607 MAX4608 MAX4609
+5V VL COM_
+15V V+ NO_ OR NC_ RL 100 V-15V SWITCH OUTPUT 0V t ON SWITCH OUTPUT VO CL 35pF VO LOGIC INPUT +3V 50% 0V t r < 20ns t f < 20ns
SWITCH V COM_ INPUT
t OFF
IN_ LOGIC INPUT GND 0
0.9V0
0.9V0
REPEAT TEST FOR EACH SWITCH. FOR LOAD CONDITIONS, SEE ELECTRICAL CHARACTERISTICS. CL INCLUDES FIXTURE AND STRAY CAPACITANCE. RL VO = VCOM RL + RON
(
)
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE.
Figure 2. Switching-Time Test Circuit
8 _______________________________________________________________________________________
2.5, Dual, SPST, CMOS Analog Switches
Test Circuits/Timing Diagrams (continued)
MAX4607/MAX4608/MAX4609
MAX4607 MAX4608 MAX4609
RGEN
+5V VL COM
+15V V+ VO NC OR NO CL IN VVO VIN
VO
V GEN GND
OFF
ON
OFF
-15V VIN = +3V
VIN
OFF
ON Q = (V O )(C L )
OFF
VIN DEPENDS ON SWITCH CONFIGURATION; INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
Figure 3. Charge-Injection Test Circuit
C SIGNAL GENERATOR 0dBm
+15V
+5V
MAX4607 MAX4608 MAX4609
SIGNAL GENERATOR 0dBm 0 or 2.4V
C
+15V
+5V
MAX4607 MAX4608 MAX4609
NO1 IN2 0 or 2.4V 50
V+ COM1 IN1
VL
V+ COM
VL
IN ANALYZER RL -15V COM NC OR NO GND VC
0 or 2.4V
ANALYZER RL
N02 GND
COM2 VC
N.C.
-15V
Figure 4. Off-Isolation Test Circuit
Figure 5. Crosstalk Test Circuit
_______________________________________________________________________________________
9
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
Test Circuits/Timing Diagrams (continued)
C
+15V
+5V
MAX4607 MAX4608 MAX4609
C
+15V
+5V
MAX4607 MAX4608 MAX4609
V+ COM
VL CAPACITANCE METER IN
V+ COM
VL
IN 0 or 2.4V f = 1MHz NC OR NO
CAPACITANCE METER NC OR NO f = 1MHz GND VC
0 or 2.4V
GND
V-
C
-15V
-15V
Figure 6. Switch Off-Capacitance Test Circuit
Figure 7. Switch On-Capacitance Test Circuit
Ordering Information (continued)
PART MAX4608CSE MAX4608CPE MAX4608ESE MAX4608EPE MAX4609CSE MAX4609CPE MAX4609ESE MAX4609EPE TEMP. RANGE 0C to +70C 0C to +70C -40C to +85C -40C to +85C 0C to +70C 0C to +70C -40C to +85C -40C to +85C PIN-PACKAGE 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP 16 Narrow SO 16 Plastic DIP
Chip Information
TRANSISTOR COUNT: 100
10
______________________________________________________________________________________
2.5, Dual, SPST, CMOS Analog Switches
Package Information
SOICN.EPS
MAX4607/MAX4608/MAX4609
______________________________________________________________________________________
11
2.5, Dual, SPST, CMOS Analog Switches MAX4607/MAX4608/MAX4609
Package Information (continued)
PDIPN.EPS
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 1999 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX4608

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X