Part Number Hot Search : 
2SC48 SMPJ110A VR10K 945ETTS S14K275 E1013 2SK2201 MGC32TA
Product Description
Full Text Search
 

To Download MAS1206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAS-SERIES
Features
(1) For equipment designed to conform EMI regulations such as VCCI, CISPR, FCC, VDE, etc. (2) Attenuation effect against high voltage pulse noise (3) Attenuates conductive emission from power supply (4) Leakage current: 1mA max. (250V, 60Hz) (5) High shielded effect (6) Compact and light weight
MAS-1215-33 MAS-1220-33
Safety standard
MAS-1210-33 MAS-1206-33
(
Model MAS-1206-33
UL1283, CSA Std. C22. 2 No. 8 VDE0565 Teil. 3 VDE0565 will transfer to EN133200 on and after July 23, 2003.
)
Specifications
Item 1 Rated voltage (AC, DC) 2 3 4 5 6 7 8 9 Rated current (AC, DC) MAS-1210-33 250V (Note) 6A 10A 2500V 100M min. 0.5mA max. 1mA max. 0.10 max. 0.05 max. 30C max. -25 ~ +85C (Typ) 310g
(Note) : Value at Ta < 55C. Refer to the derating curve shown below at Ta > 55C. =
MAS-1215-33
MAS-1220-33
15A
20A
Test voltage (terminal to case, AC 1 minute) Isolation resistance (terminal to case, 500VDC) Leakage current DC resistance Temperature rise Operating temperature range Weight 125V, 60Hz 250V, 60Hz
0.03 max.
0.02 max.
Noise Filter
Circuit
Derating
R: Breeder resistance
Outline drawings
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
Case: Metal (Unit: mm)
132


▲Up To Search▲   

 
Price & Availability of MAS1206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X