Part Number Hot Search : 
DD18EL LUR6100 ST92F FDB15N50 2SC2551 IRL2203 PJLPT05 121206
Product Description
Full Text Search
 

To Download LV2802A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UHF HYPERABRUPT TUNING DIODES
* Application frequencies up to 800 MHz * Linear tuning capability between 3 and 8 volts * Diode capacitance ranges from 10.5 to 31 pF support higher application frequencies
LV2101(A) - LV2103(A)
CT CAPACITANCE (pF) f = 1 MHz VR= 3 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 10.5 10.9 12.5 12.1 4.3 4.6 5.7 5.4 2.0 2.0 2.3 2.3 TR TUNING RATIO f = 1 MHz C*3/ C*8V C*3V / C*20V MIN MAX MIN MAX 5.0 5.0 5.8 5.8 Q VR = 3 Vdc f = 50 MHz MIN / TYP 300 300 350 350 VBR (Vdc) Ir = 10 Adc MIN 22 22 TYP 30 30 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 10 10 MAX 100 100
PART NUMBER
LV2101 LV2101A
LV2102 LV2102A
10.5 10.9
12.5 12.1
4.3 4.6
5.7 5.4
2.0 2.0
2.4 2.4
4.7 4.7
5.5 5.5
200 200
300 300
22 22
30 30
10 10
100 100
LV2103 LV2103A
10.5 10.9
12.5 12.1
4.3 4.6
5.7 5.4
1.9 2.0
2.7 2.6
200 200
300 300
15 15
18 18
50 50
500 500
LV2801(A) - LV2803(A)
CT CAPACITANCE (pF) f = 1 MHz VR= 3 Vdc VR= 8 Vdc VR=20 Vdc MIN MAX MIN MAX MIN MAX 25 31 26.5 29.5 10 11 13.5 13 4.5 4.5 5.1 5.1 TR TUNING RATIO f = 1 MHz C*3/ C*8V C*3V / C*20V MIN MAX MIN MAX 5.2 5.2 6.1 6.1 Q VR = 3 Vdc f = 50 MHz MIN / TYP 200 200 250 250 VBR (Vdc ) Ir = 10 Adc MIN 22 22 TYP 30 30 IR (nAdc) VR = 10 Vdc VR = 20 Vdc TYP MAX TYP 20 20 MAX 100 100
TYPE NUMBER
LV2801 LV2801A
LV2802 LV2802A
25 31 26.5 29.5
10 11
13.5 13
4.5 4.5
5.3 5.3
4.9 4.9
5.8 5.8
150 150
200 200
22 22
30 30
20 20
100 100
LV2803 LV2803A
25 31 26.5 29.5
10 11
13.5 13
1.9 2.0
2.8 2.7
150 150
200 200
15 15
18 18
50 50
500 500
Package Style Operating Temperature (Topr) Storage Temperature (Tstg) Other package styles are available
DO-7 -55 to + 150 -65 to + 200C
P.O. BOX 609 * ROCKPORT, MAINE 04856 * 207-236-6076 * FAX 207-236-9558


▲Up To Search▲   

 
Price & Availability of LV2802A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X