Part Number Hot Search : 
MMSZ5226 3NBSP 3N120 MAZD039 B1426 4N32XX 7406PC S541A
Product Description
Full Text Search
 

To Download LT102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
260 Hopping Brook Road Holliston, Massachusetts 01746 Tel. (508) 429-4440 Fax (800) 226-2100 http://www.intlpower.com
LT Series: 25/30 WATT Wide Input Range
FEATURES
* * * * 4:1 Input Range Isolated Outputs Efficiency to 84% 100 kHz Switching Frequency * * * * External Output Trim Remote Disable Six-sided Shield PCB Mountable
MODELS CHART
INPUT MODEL NUMBER
LT101 LT102 LT103 LT104 LT105 LT106 LT107 LT108 LT201 LT202 LT203 LT204 LT205 LT206 LT207 LT208
INPUT CURRENTS VOLTAGE RANGE
9-36VDC 9-36VDC 9-36VDC 9-36VDC 9-36VDC 9-36VDC 9-36VDC 9-36VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC 20-72VDC
OUTPUT VOLTAGE
5VDC 12VDC 15VDC 12VDC 15VDC +5/+12/-5VDC 5/12VDC 5/15VDC 5VDC 12VDC 15VDC 12VDC 15VDC +5/+12/-5VDC 5/12VDC 5/15VDC
OUTPUT CURRENT
5000mA 2500mA 2000mA 1250mA 1000mA 3000/+600/1000mA 3000/600mA 3000/500mA 5000mA 2500mA 2000mA 1250mA 1000mA 3000/+600/1000mA 3000/600mA 3000/500mA
NO LOAD
20mA 20mA 20mA 20mA 20mA 50mA 50mA 50mA 20mA 20mA 20mA 20mA 20mA 40mA 40mA 40mA
FULL LOAD
2700mA 3100mA 3100mA 3100mA 3100mA 3200mA 3200mA 3200mA 1360mA 1500mA 1500mA 1500mA 1500mA 1560mA 1500mA 1500mA
% EFF
75 81 81 81 81 71 77 78 77 83 83 81 83 73 82 83
NOTE: Nominal Input Voltage 12 or 24 VDC
42
ELECTRICAL SPECIFICATIONS
All specifications typical at nominal line, full load and 25C
OUTPUT SPECIFICATIONS
Single Output . . . . . . . . . . . . .1% max. Dual+Output . . . . . . . . . . . . .1% max. -Output . . . . . . . . . . . . . . . . .3% max. Triple 5V . . . . . . . . . . . . . . . .2% max. 12V/15V . . . . . . . . . . . . . . . .5% max. -5V . . . . . . . . . . . . . . . . . . . .2% max. Voltage Balance, Dual Output at Full Load . . . . . . .1% max. Transient Response: Single, 25% Step Load Change . . . . . . . . . . . .<500 sec. Dual, FL-1/2L1% Error Band . . . . . . . . . . . . . .<500 sec. External Trim Adj. Range . . . . . . . . . . . . . . . . . . . . . . . .10% Ripple & Noise, 20MHz BW . . . . . . . . . . . .10mV RMS, max. 75mV P-P max. Temperature Coefficient . . . . . . . . . . . . . . . .0.02%/C max. Short Circuit Protection . . . . . . . . . . . . . . . . . . . . . .Indefinite Overvoltage Protection, 5V . . . . . . . . . . . . . . . . . . . . . .6.8V 12V . . . . . . . . . . . . . . . . . . . . . .15V 15V . . . . . . . . . . . . . . . . . . . . . .18V Single Output . . . . . . . . . . .0.5% max. Line Regulation1: Triple Output . . . . . . . . . . . . .1% max. Load Regulation2: Single/Dual Output . . . . . . . . .1% max. Triple Output . . . . . . . . . . . . .5% max. Voltage Accuracy
INPUT SPECIFICATIONS
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . .See Table Input Filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Type Reverse Voltage Protection3 . . . . . . . . . .Internal Shunt Diode Use External Fuse
GENERAL SPECIFICATIONS
Efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .See Table Isolation Voltage . . . . . . . . . . . . . . . . . . . . . . . .500VDC min. Isolation Resistance . . . . . . . . . . . . . . . . . . . . .109 ohms min. Switching Frequency . . . . . . . . . . . . . . . . . . . . . . . . .100kHz Case Grounding . . . . . . . . . . . . . . .Capacity Coupled to Input Operating Temperature Range . . . . . . . . . . . .-25C to +71C Storage Temperature Range . . . . . . . . . . . . .-55C to +105C EM/RFI . . . . . . . . . . . . . . . . . . . .Six-sided Continuous Shield Dimensions . . . . . . . . . . . . . . . . . . . .2.56 x 3.0 x 0.83 inches (65 x 76.2 x 21.1 mm) Case Material . . . . . . . . . . . . . . . . .Black Coated Copper with Non-Conductive Base
DIMENSIONS AND CONNECTIONS
PIN
1 2 3 4 5 6 7 8
SINGLE
PIN CONNECTIONS DUAL
+ Input - Input + Output Common - Output No Pin No Pin Remote On/Off Control
TRIPLE
+ Input - Input + Output Common - Output +5V Output No Pin
+ Input - Input No Pin Output Trim No Pin + Output - Output
REMOTE ON/OFF CONTROL
Logic Compatibility . .CMOS or Open Collector TTL Ec-ON, . . . . . . . . . . . . .>+5.5 VDC or Open Circuit Ec-OFF, . . . . . . . . . . . . . . . . . . . . . . . . .<0.8 VDC Shutdown Idle Current . . . . . . . . . . . . . . . . . .10mA Input Resistance . . . .(Ein 0 VDC to 9 VDC) 100K Control Common . . . . . .Referenced to input Minus
EXTERNAL OUTPUT TRIMMING OUTPUT MAY OPTIONALLY BE EXTERNALLY TRIMMED (10%) WITH A FIXED RESISTOR OR AN EXTERNAL TRIMPOT AS SHOWN.
NOTE: 1. Measured from High Line to Low Line. 2. Measured from Full Load to 1/4 Full Load. 3. Determine the correct fuse size by calculating the maximum DC current drain at low line input, maximum load and then adding 20 to 25% to get the desired fuse size. 4. A 10% minimum load is required on dual and triple output models for rated performance. Dimensions in inches (mm) Specifications subject to change.
43


▲Up To Search▲   

 
Price & Availability of LT102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X