Part Number Hot Search : 
SHD12 JANTX2N AK4564VQ FSDM0 TZQ5239B 15266 2002A SF1093A
Product Description
Full Text Search
 

To Download JAN2N2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 580 Pleasant St. Watertown, MA 02172 PH: (617) 926-0404 FAX: (617) 924-1235
2N2222A
Features
* * * * Meets MIL 19500 /255 Collector - Base Voltage 75 V Collector - Current 800 mA High Speed, Medium Current Bipolar Transistor
SWITCHING TRANSISTOR JAN, JANTX, JANTXV SMALL SIGNAL BIPOLAR NPN SILICON
TO-18
COLLECTOR
BASE
EMITTER
Maximum Ratings
RATING Collector - Emitter Voltage Collector - Base Voltage Emitter - Base Voltage Collector Current -- Continuous Total Device Dissipation @ TA = 25 C Derate above 25 C Total Device Dissipation @ TC = 25 C Derate above 25 C Operating Junction&Storage Temperature Range SYMBOL VCEO VCBO VEBO IC PD PD TJ, Tstg VALUE 50 75 6 800 500 2.85 1.8 10.3 - 65 to + 200 UNIT Vdc Vdc Vdc mAdc mW mW/ C WATTS mW/ C C
Thermal Characteristics
CHARACTERISTIC Thermal Resistance, Junction to Ambient SYMBOL R JA MAX 350 UNIT C/W
MSCO275A 01-29-98
DSW2N2222A < - > ( 33807)
2N2222A
Electrical Characteristics (TA = 25 unless otherwise noted) C
OFF CHARACTERISTIC Collector - Emitter Breakdown Voltage (1) ( IC = 10 mA dc, IB = 0 ) Collector - Base Breakdown Voltage (1) ( IC = 10 Adc, IE = 0 ) Emitter - Base Breakdown Voltage (1) ( IE = 10 Adc, IC = 0 ) Collector - Emitter Cutoff Current ( VCE = 50 Vdc, VBE(off) = 0 V ) Collector - Base Cutoff Current ( VCB = 60 Vdc, IE = 0 ) ( VCB = 60 Vdc, IE = 0, TA = 150 ) C Emitter - Base Cutoff Current ( VEB = 4 Vdc ) ON CHARACTERISTIC DC Current Gain ( IC = 100 A dc, VCE = 10 Vdc ) ( IC = 1 mA dc, VCE = 10 Vdc ) ( IC = 10 mA dc, VCE = 10 Vdc ) ( IC = 150 mA dc, VCE = 10 Vdc ) (1) ( IC = 500 mA dc, VCE = 10 Vdc ) (1) ( IC = 10 mA dc, VCE = 10 Vdc, TJ = -55 ) C Collector - Emitter Saturation Voltage ( IC = 150 mAdc, IB = 15 mAdc ) (1) ( IC = 500 mAdc, IB = 50 mAdc ) (1) Base - Emitter Saturation Voltage ( IC = 150 mAdc, IB = 15 mAdc ) (1) ( IC = 500 mAdc, IB = 50 mAdc ) (1) SYMBOL V(BR)CEO V(BR)CBO 75 V(BR)EBO 6 ICES 50 ICBO 10 10 IEBO 10 SYMBOL hFE MIN 50 75 100 100 30 35 VCE(sat) 0.3 1.0 VBE(sat) 0.6 1.2 2.0 Vdc Vdc Vdc Vdc MAX nAdc UNIT nAdc Adc nAdc Vdc Vdc MIN 50 MAX UNIT Vdc
325 300
1. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
MSCO275A 01-29-98
DSW2N2222A < - > ( 33807)
2N2222A
Electrical Characteristics (TA = 25 unless otherwise noted) C
SMALL - SIGNAL CHARACTERISTICS Output Capacitance ( VCB = 10 Vdc, IE = 0, 100kHz f 1 MHz ) Input Capacitance ( VEB = 0.5 Vdc, IC = 0, 100kHz f 1 MHz ) SWITCHING CHARACTERISTICS Turn - On Time ( VCC = 30 Vdc, IC = 150 mAdc, IB1 =15 mAdc) ( See FIGURE 1 ) Turn - Off Time ( VCC = 30 Vdc, IC = 150 mAdc, IB1 = - IB2 = 15 mAdc) ( See FIGURE 2 ) SYMBOL Cobo Cibo 25 SYMBOL ton MIN MAX pF UNIT MIN MAX 8 UNIT pF
35 toff 300
ns
ns
Small - Signal AC Characteristics (TA = 25 C)
LOW FREQUENCY Common - Emitter Forward Current Transfer Ratio (IC = 1 mA, VCE = 10 V, f = 1kHz) HIGH FREQUENCY Common - Emitter Forward Current Transfer Ratio (IC = 20 mA, VCE = 20 V, f = 100 MHz) SYMBOL hfe MIN 50 |hfe| 2.5
*1
MAX
UNIT
Spice Model
(based upon typical device characteristics)
EG = 1.11 NK = 0.3052 RC = 0.3567 VJE = 0.9036 VTF=10 )
Q2N2222A NPN ( IS = 19.34n XT = 3.0 + NE = 1.647 IKF = 3.0 + NC = 1.88 IKR = 10.75 + FC = 0.5 CJE = 29.31p + ITF = 5.282 XTF = 249.9
VAF=250.3 XTB = 1.5 CJC = 11.02p MJE = 0.4101
BF = 163.8 BR = 11.49 VJC = 0.3869 TR = 38.32n
ISE =174.3f ISC = 19.9f MJC = 0.3292 TF =361.8p
*1. Microsemi Corp. claims no responsibility for misapplication of Spice Model information. Spice modeling should be used as a precursor guide to in-circuit performance. Actual performance is the responsibility of the user/designer.
MSCO275A 01-29-98
DSW2N2222A < - > ( 33807)
2N2222A
L
TO 18 CASE OUTLINE
19.8 MIL TYP SQUARE
DIE CHARACTERISTICS Back is Collector Chip Thickness is: 10 MILS TYP
(E)
(B)
Metalization is: Top = Al, Back = Au
DIE OUTLINE
MSC0275A 11-10-97
DSW2N2222A < - > ( 33807)
2N2222A
FIGURE 1
Saturated Turn-on Time Test Circuit
FIGURE 2
Saturated Turn-off Time Test Circuit
MSC0275A 11-10-97
DSW2N2222A < - > ( 33807)
2N2222A
DC CURRENT GAIN TJ = 25 C VCE = 10 V
250 250
hFE CURRENT GAIN
200 typ 150
200
150
100
100
50
50
0
-4 10 -3 10 -2 10 -1 10 0 10
0
IC COLLECTOR CURRENT (A)
FIGURE 3
COLLECTOR SATURATION vs BASE CURRENT TJ = 25 C VCE, COLLECTOR-EMITTER (V)
1.0 1.0
0.8 IC = 10 mA 0.6 IC = 150 mA 0.4 IC = 500 mA 0.2
0.8
0.6
0.4
0.2
0.0
-5 10 -4 10 -3 10 -2 10 -1 10 0 10
0.0
IB, BASE CURRENT
(A)
FIGURE 4
MSC0275A 11-10-97 DSW2N2222A < - > ( 33807)
2N2222A
BASE SATURATION vs BASE CURRENT TJ = 25 C
1.2 1.2 1.1 IC = 500 mA 1.0 0.9 0.8 IC = 10 mA 0.7 0.6 0.5
-4 10 -3 10 -2 10 -1 10 0 10
VBE, BASE-EMITTER (V)
1.1 1.0 0.9 0.8 0.7 0.6 0.5
-5 10
IC = 150 mA
IB, BASE CURRENT (A)
FIGURE 5
JUNCTION CAPACITANCE TJ = 25 C 100 kHz < f < 1 MHz JUNCTION CAPACITANCE (pF)
30
25 CIBO 20
15
10 COBO 5
0
.1
1
10
100
REVERSE JUNCTION VOLTAGE (V)
FIGURE 6
MSC0275A 11-10-97 DSW2N2222A < - > ( 33807)
2N2222A
SMALL SIGNAL CURRENT GAIN, hfe
SMALL SIGNAL CURENT GAIN vs COLLECTOR CURRENT TJ = 25 C VCE = 10 V f = 1kHz
250 250
200 typ.
200
150
150
100
.1
1
10
100 100
COLLECTOR CURRENT (mA)
FIGURE 7
HIGH FREQUENCY GAIN TJ = 25 C VCE = 20 V f = 100 MHz HIGH FREQUENCY GAIN | hfe |
5 5
4
4
3 typ. 2
3
2
1
1
0
1
10
0 100
COLLECTOR CURRENT (mA)
FIGURE 8
MSC0275A 11-10-97 DSW2N2222A < - > ( 33807)
2N2222A
GAIN vs FREQUENCY TJ = 25 C IC = 20 mA VCE = 20 V HIGH FREQUENCY GAIN | hfe |
40 40
30
30
20
20
10 typ.
10
0
10
100
0 1000
FREQUENCY (MHz)
FIGURE 9
MSC0275A 11-10-97
DSW2N2222A < - > ( 33807)


▲Up To Search▲   

 
Price & Availability of JAN2N2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X