Part Number Hot Search : 
STB30 TPS0402 550E009M SM7644HW DFB2005 VSKT152 R5F21357 7D271
Product Description
Full Text Search
 

To Download ISPLSI2096A-100LT128 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ispLSI 2096/A
In-System Programmable High Density PLD Features
* ENHANCEMENTS -- ispLSI 2096A is Fully Form and Function Compatible to the ispLSI 2096, with Identical Timing Specifcations and Packaging -- ispLSI 2096A is Built on an Advanced 0.35 Micron E2CMOS(R) Technology * HIGH DENSITY PROGRAMMABLE LOGIC -- -- -- -- -- 4000 PLD Gates 96 I/O Pins, Six Dedicated Inputs 96 Registers High Speed Global Interconnect Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. -- Small Logic Block Size for Random Logic * HIGH PERFORMANCE E2CMOS(R) TECHNOLOGY -- -- -- -- -- -- --
Output Routing Pool (ORP) Output Routing Pool (ORP)
(R)
Functional Block Diagram
C7 A0
C6
C5
C4
C3
C2
C1
C0 B7
Output Routing Pool (ORP)
DQ
A1
A2
GLB
Logic Array
DQ
B6
DQ
Global Routing Pool (GRP)
B5
DQ
A3 A4 A5 A6 A7 B0 B1 B2 B3
B4
Output Routing Pool (ORP)
Output Routing Pool (ORP)
0919/2096
Description
The ispLSI 2096 and 2096A are High Density Programmable Logic Devices. The devices contain 96 Registers, 96 Universal I/O pins, six Dedicated Input pins, three Dedicated Clock Input pins, two dedicated Global OE input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 2096 and 2096A feature 5V insystem programmability and in-system diagnostic capabilities. The ispLSI 2096 and 2096A offer nonvolatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems. The basic unit of logic on these devices is the Generic Logic Block (GLB). The GLBs are labeled A0, A1...C7 (Figure 1). There are a total of 24 GLBs in the ispLSI 2096 and 2096A devices. Each GLB is made up of four macrocells. Each GLB has 18 inputs, a programmable AND/OR/Exclusive OR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and dedicated inputs. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any GLB on the device.
fmax = 125 MHz Maximum Operating Frequency tpd = 7.5 ns Propagation Delay
TTL Compatible Inputs and Outputs Electrically Erasable and Reprogrammable Non-Volatile 100% Tested at Time of Manufacture Unused Product Term Shutdown Saves Power
* IN-SYSTEM PROGRAMMABLE -- In-System Programmable (ISPTM) 5V Only -- Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality -- Reprogram Soldered Devices for Faster Prototyping * OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS -- Complete Programmable Device Can Combine Glue Logic and Structured Designs -- Enhanced Pin Locking Capability -- Three Dedicated Clock Input Pins -- Synchronous and Asynchronous Clocks -- Programmable Output Slew Rate Control to Minimize Switching Noise -- Flexible Pin Placement -- Optimized Global Routing Pool Provides Global Interconnectivity * ispDesignEXPERTTM - LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING -- Superior Quality of Results -- Tightly Integrated with Leading CAE Vendor Tools -- Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZERTM -- PC and UNIX Platforms
Copyright (c) 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A. Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
February 2000
2096_06
1
Output Routing Pool (ORP)
Specifications ispLSI 2096/A
Functional Block Diagram
Figure 1. ispLSI 2096/A Functional Block Diagram
GOE 0 GOE 1 I/O 95 I/O 94 I/O 93 I/O 92 I/O 91 I/O 90 I/O 89 I/O 88 I/O 87 I/O 86 I/O 85 I/O 84 I/O 83 I/O 82 I/O 81 I/O 80 I/O 79 I/O 78 I/O 77 I/O 76 I/O 75 I/O 74 I/O 73 I/O 72 I/O 71 I/O 70 I/O 69 I/O 68 I/O 67 I/O 66 I/O 65 I/O 64
Input Bus
Input Bus Output Routing Pool (ORP)
Megablock Generic Logic Blocks (GLBs) C7
Output Routing Pool (ORP)
C6
C5
C4
C3
C2
C1
C0
Output Routing Pool (ORP)
Input Bus
I/O 8 I/O 9 I/O 10 I/O 11 I/O 12 I/O 13 I/O 14 I/O 15 SDI/IN 0 MODE/IN 1
Input Bus
I/O 4 I/O 5 I/O 6 I/O 7
A1
A2
Global Routing Pool (GRP)
Output Routing Pool (ORP)
I/O 0 I/O 1 I/O 2 I/O 3
IN 5 IN 4
A0
B7
I/O 63 I/O 62 I/O 61 I/O 60 I/O 59 I/O 58 I/O 57 I/O 56 I/O 55 I/O 54 I/O 53 I/O 52 I/O 51 I/O 50 I/O 49 I/O 48
B6
B5
A3
B4
A4
A5
A6
A7
B0
B1
B2
B3
SDO RESET ispEN
Output Routing Pool (ORP) Input Bus
Output Routing Pool (ORP)
Input Bus
CLK 0 CLK 1 CLK 2 I/O 44 I/O 45 I/O 46 I/O 47
IN 2 SCLK/IN 3
I/O 16 I/O 17 I/O 18 I/O 19
I/O 20 I/O 21 I/O 22 I/O 23
I/O 24 I/O 25 I/O 26 I/O 27
I/O 28 I/O 29 I/O 30 I/O 31
I/O 32 I/O 33 I/O 34 I/O 35
I/O 36 I/O 37 I/O 38 I/O 39
I/O 40 I/O 41 I/O 42 I/O 43
0917
The devices also have 96 I/O cells, each of which is directly connected to an I/O pin. Each I/O cell can be individually programmed to be a combinatorial input, output or bi-directional I/O pin with 3-state control. The signal levels are TTL compatible voltages and the output drivers can source 4 mA or sink 8 mA. Each output can be programmed independently for fast or slow output slew rate to minimize overall output switching noise. Eight GLBs, 32 I/O cells, two dedicated inputs and two ORPs are connected together to make a Megablock (Figure 1). The outputs of the eight GLBs are connected to a set of 32 universal I/O cells by the two ORPs. Each ispLSI 2096 and 2096A device contains three Megablocks.
The GRP has as its inputs, the outputs from all of the GLBs and all of the inputs from the bi-directional I/O cells. All of these signals are made available to the inputs of the GLBs. Delays through the GRP have been equalized to minimize timing skew. Clocks in the ispLSI 2096 and 2096A devices are selected using the dedicated clock pins. Three dedicated clock pins (Y0, Y1, Y2) or an asynchronous clock can be selected on a GLB basis. The asynchronous or Product Term clock can be generated in any GLB for its own clock.
2
Y0 Y1 Y2
Specifications ispLSI 2096/A
Absolute Maximum Ratings 1
Supply Voltage Vcc .................................. -0.5 to +7.0V Input Voltage Applied ........................ -2.5 to VCC +1.0V Off-State Output Voltage Applied ..... -2.5 to VCC +1.0V Storage Temperature ................................ -65 to 150C Case Temp. with Power Applied .............. -55 to 125C Max. Junction Temp. (TJ) with Power Applied ... 150C
1. Stresses above those listed under the "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation of the device at these or at any other conditions above those indicated in the operational sections of this specification is not implied (while programming, follow the programming specifications).
DC Recommended Operating Condition
SYMBOL PARAMETER Supply Voltage Input Low Voltage Input High Voltage Commercial Industrial TA = 0C to + 70C TA = -40C to + 85C MIN. 4.75 4.5 0 2.0 MAX. 5.25 5.5 0.8 Vcc+1 UNITS V V V V
Table 2 - 0005/2096
Vcc VIL VIH
Capacitance (TA=25C, f=1.0 MHz)
SYMBOL PARAMETER I/O and Dedicated Input Capacitance Clock Capacitance TYPICAL 8 15 UNITS pf pf TEST CONDITIONS VCC = 5.0V, VI/O, IN = 2.0V VCC = 5.0V, VY = 2.0V
Table 2-0006a
C1 C2
Data Retention Specifications
PARAMETER Data Retention Erase/Reprogram Cycles MINIMUM 20 10000 MAXIMUM - - UNITS Years Cycles
Table 2-0008A-isp
3
Specifications ispLSI 2096/A
Switching Test Conditions
Input Pulse Levels Input Rise and Fall Time 10% to 90% Input Timing Reference Levels Output Timing Reference Levels Output Load 3-state levels are measured 0.5V from steady-state active level. GND to 3.0V -125 Others 1.5V 1.5V See Figure 2
Table 2-0003/2096
Figure 2. Test Load
+ 5V R1 Device Output R2 CL* Test Point
2 ns 3 ns
Output Load Conditions (see Figure 2)
TEST CONDITION A B Active High Active Low Active High to Z at VOH -0.5V Active Low to Z at VOL +0.5V R1 470 470 470 R2 390 390 390 390 390 CL 35pF 35pF 35pF 5pF 5pF
*CL includes Test Fixture and Probe Capacitance.
0213/2096
C
Table 2-0004/2096
DC Electrical Characteristics
Over Recommended Operating Conditions
SYMBOL PARAMETER Output Low Voltage Output High Voltage Input or I/O Low Leakage Current Input or I/O High Leakage Current ispEN Input Low Leakage Current I/O Active Pull-Up Current Output Short Circuit Current Operating Power Supply Current IOL= 8 mA IOH = -4 mA 0V VIN VIL (Max.) 3.5V VIN VCC 0V VIN VIL (Max.) 0V VIN VIL VCC = 5V, VOUT = 0.5V VIL = 0.0V, VIH = 3.0V fCLOCK = 1 MHz Commercial Industrial CONDITION MIN. - 2.4 - - - - - - - TYP. - - - - - - - 150 150
3
MAX. UNITS 0.4 - -10 10 -150 -150 -200 295 - V V A A A A mA mA mA
VOL VOH IIL IIH IIL-isp IIL-PU IOS1 ICC2, 4
1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test problems by tester ground degradation. Characterized but not 100% tested. 2. Measured using six 16-bit counters. 3. Typical values are at VCC = 5V and TA= 25C. 4. Maximum I CC varies widely with specific device configuration and operating frequency. Refer to the Power Consumption section of this data sheet and the Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to estimate maximum I CC .
Table 2-0007/2096
4
Specifications ispLSI 2096/A
External Timing Parameters
Over Recommended Operating Conditions
PARAMETER TEST 2 # COND. A A A - - - A - - - - A - B C B C - - 1 2 3 4 5 6 7 8 9
4 1
DESCRIPTION
-125 - -
3 1
-100 - - 100 77.0 100 6.5 - 0.0 8.0 - 0.0 - 6.5 - - - - 5.0 5.0 10.0 13.0 - - - - 5.0 - - 6.0 - 13.5 - 15.0 15.0 9.0 9.0 - - - -
-80 15.0 18.5 - - - - 6.5 - - 8.0 - 17.0 - 18.0 18.0 12.0 12.0 - -
MIN. MAX. MIN. MAX. MIN. MAX. 7.5 10.0 - - - - 4.0 - - 4.5 - 10.0 - 12.0 12.0 7.0 7.0 - -
UNITS ns ns MHz MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tpd1 tpd2 fmax fmax (Ext.) fmax (Tog.) tsu1 tco1 th1 tsu2 tco2 th2 tr1 trw1 tptoeen tptoedis tgoeen tgoedis twh twl
1. 2. 3. 4.
Data Propagation Delay, 4PT Bypass, ORP Bypass Data Propagation Delay Clock Frequency with Internal Feedback Clock Frequency, Max. Toggle GLB Reg. Setup Time before Clock, 4 PT Bypass GLB Reg. Clock to Output Delay, ORP Bypass GLB Reg. Hold Time after Clock, 4 PT Bypass GLB Reg. Setup Time before Clock Clock Frequency with External Feedback ( tsu2 + tco1)
125 100 125 5.0 - 0.0 6.0 - 0.0 - 5.0 - - - - 4.0 4.0
81.0 57.0 83.0 9.0 - 0.0 11.0 - 0.0 - 10.0 - - - - 6.0 6.0
10 GLB Reg. Clock to Output Delay 11 GLB Reg. Hold Time after Clock 12 Ext. Reset Pin to Output Delay 13 Ext. Reset Pulse Duration 14 Product Term OE, Enable 15 Product Term OE, Disable 16 Global OE, Enable 17 Global OE, Disable 18 External Synchronous Clock Pulse Duration, High 19 External Synchronous Clock Pulse Duration, Low
Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock. Refer to Timing Model in this data sheet for further details. Standard 16-bit counter using GRP feedback. Reference Switching Test Conditions section.
Table 2-0030/2096
5
Specifications ispLSI 2096/A
Internal Timing Parameters1
Over Recommended Operating Conditions
PARAMETER #2 DESCRIPTION -125 -100 -80 MIN. MAX. MIN. MAX. MIN. MAX. - - - - - - - - - 0.8 3.0 - - - - 3.3 - - - - - - - 2.3 2.3 - 0.2 1.5 1.3 4.5 5.0 5.7 6.0 6.5 0.5 - - 0.2 1.1 4.8 7.3 5.6 0.8 0.3 1.2 10.0 3.2 3.2 3.8 2.3 2.3 6.9 - - - - - - - - - 1.2 4.0 - - - - 4.1 - - - - - - - 2.7 2.7 - 0.5 2.2 1.7 5.8 5.8 6.8 7.3 8.0 0.5 - - 0.3 1.3 6.1 8.6 7.1 1.4 0.4 1.6 10.0 4.2 4.2 4.8 2.7 2.7 9.2 - - - - - - - - - 1.4 6.0 - - - - 5.6 - - - - - - - 3.6 3.6 - 1.8 4.4 2.6 8.1 6.8 8.0 8.8 9.8 1.3 - - 0.4 1.6 8.6 9.0 10.2 2.0 0.5 2.0 10.0 4.6 4.6 7.4 3.6 3.6 11.4 UNITS
Inputs
tio tdin
GRP
20 Input Buffer Delay 21 Dedicated Input Delay 22 GRP Delay 23 4 Product Term Bypass Comb. Path Delay 24 4 Product Term Bypass Reg. Path Delay 25 1 Product Term/XOR Path Delay 26 20 Product Term/XOR Path Delay 27 XOR Adjacent Path Delay 3 28 GLB Register Bypass Delay 29 GLB Register Setup Time before Clock 30 GLB Register Hold Time after Clock 31 GLB Register Clock to Output Delay 32 GLB Register Reset to Output Delay 33 GLB Product Term Reset to Register Delay 34 GLB Product Term Output Enable to I/O Cell Delay 35 GLB Product Term Clock Delay 36 ORP Delay 37 ORP Bypass Delay 38 Output Buffer Delay 39 Output Slew Limited Delay Adder 40 I/O Cell OE to Output Enabled 41 I/O Cell OE to Output Disabled 42 Global Output Enable 43 Clock Delay, Y0 to Global GLB Clock Line (Ref. Clock) 44 Clock Delay, Y1 or Y2 to Global GLB Clock Line 45 Global Reset to GLB
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
tgrp
GLB
t4ptbpc t4ptbpr t1ptxor t20ptxor txoradj tgbp tgsu tgh tgco tgro tptre tptoe tptck
ORP
torp torpbp
Outputs
tob tsl toen todis tgoe
Clocks
tgy0 tgy1/2 tgr
Global Reset
1. Internal Timing Parameters are not tested and are for reference only. 2. Refer to Timing Model in this data sheet for further details. 3. The XOR adjacent path can only be used by hard macros.
Table 2-0036/2096
6
Specifications ispLSI 2096/A
ispLSI 2096/A Timing Model
I/O Cell GRP Feedback Ded. In Comb 4 PT Bypass #23 GRP #22 Reg 4 PT Bypass #24 20 PT XOR Delays #25, 26, 27 Reset #45 D RST #29, 30, 31, 32 GLB Reg Bypass #28 GLB Reg Delay Q ORP Bypass #37 ORP Delay #36 #38, 39 I/O Pin (Output) GLB ORP I/O Cell
#21 I/O Delay #20
I/O Pin (Input)
Control RE PTs OE #33, 34, CK 35 Y0,1,2 GOE 0,1 #43, 44 #42
0491/2000
#40, 41
Derivations of tsu, th and tco from the Product Term Clock tsu
= = = 3.5 ns = = = = 2.6 ns = = = = 9.3 ns = Logic + Reg su - Clock (min) (tio + tgrp + t20ptxor) + (tgsu) - (tio + tgrp + tptck(min)) (#20+ #22+ #26) + (#29) - (#20+ #22+ #35) (0.2 + 1.3 + 6.0) + (0.8) - (0.2 + 1.3 + 3.3) Clock (max) + Reg h - Logic (tio + tgrp + tptck(max)) + (tgh) - (tio + tgrp + t20ptxor) (#20+ #22+ #35) + (#30) - (#20+ #22+ #26) (0.2 + 1.3 + 5.6) + (3.0) - (0.2 + 1.3 + 6.0) Clock (max) + Reg co + Output (tio + tgrp + tptck(max)) + (tgco) + (torp + tob) (#20+ #22+ #35) + (#31) + (#36 + #38) (0.2 + 1.3 + 5.6) + (0.2) + (0.8 + 1.2)
th
tco
Note: Calculations are based upon timing specifications for the ispLSI 2096/A-125L.
Table 2-0042B/2096
7
Specifications ispLSI 2096/A
Power Consumption
Power consumption in the ispLSI 2096 and 2096A devices depends on two primary factors: the speed at which the device is operating and the number of Product Terms Figure 4. Typical Device Power Consumption vs fmax used. Figure 4 shows the relationship between power and operating speed.
300 250
ispLSI 2096/A
ICC (mA)
200 150 100 50 0 20 40 60 80 100 120 140
fmax (MHz)
Notes: Configuration of six 16-bit counters Typical current at 5V, 25C
ICC can be estimated for the ispLSI 2096/A using the following equation: ICC(mA) = 20 + (# of PTs * 0.67) + (# of nets * Max freq * 0.011) Where: # of PTs = Number of Product Terms used in design # of nets = Number of Signals used in device Max freq = Highest Clock Frequency to the device (in MHz) The ICC estimate is based on typical conditions (VCC = 5.0V, room temperature) and an assumption of two GLB loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating conditions and the program in the device, the actual ICC should be verified.
0127/2096
8
Specifications ispLSI 2096/A
Pin Description
NAME
I/O 0 - I/O 5 I/O 6 - I/O 11 I/O 12 - I/O 17 I/O 18 - I/O 23 I/O 24 - I/O 29 I/O 30 - I/O 35 I/O 36 - I/O 41 I/O 42 - I/O 47 I/O 48 - I/O 53 I/O 54 - I/O 59 I/O 60 - I/O 65 I/O 66 - I/O 71 I/O 72 - I/O 77 I/O 78 - I/O 83 I/O 84 - I/O 89 I/O 90 - I/O 95 GOE 0, GOE 1 IN 2, IN 4, IN 5 ispEN
PQFP & TQFP PIN NUMBERS
21, 27, 34, 40, 52, 58, 66, 72, 85, 91, 98, 104, 117, 123, 2, 8, 64, 51, 18 22, 28, 35, 41, 53, 59, 67, 73, 86, 92, 99, 105, 118, 124, 3, 9, 114 84, 110 23, 29, 36, 42, 54, 60, 68, 74, 87, 93, 100, 106, 119, 125, 4, 10, 24, 30, 37, 43, 55, 61, 69, 75, 88, 94, 101, 107, 120, 126, 5, 11, 25, 31, 38, 44, 56, 62, 70, 76, 89, 95, 102, 108, 121, 127, 6, 12, 26 32 39 45 57 63 71 77 90 96 103 109 122 128 7 13
DESCRIPTION
Input/Output Pins - These are the general purpose I/O pins used by the logic array.
Global Output Enables input pins. Dedicated input pins to the device. Input - Dedicated in-system programming enable input pin. This pin is brought low to enable the programming mode. The MODE, SDI, SDO and SCLK options become active. Input - This pin performs two functions. When ispEN is logic low, it functions as an input pin to load programming data into the device. SDI/IN0 also is used as one of the two control pins for the isp state machine. When ispEN is high, it functions as a dedicated input pin. Input - This pin performs two functions. When ispEN is logic low, it functions as a pin to control the operation of the isp state machine. When ispEN is high, it functions as a dedicated input pin. Output - When ispEN is logic low, it functions as an output pin to read serial shift register data. Input - This pin performs two functions. When ispEN is logic low, it functions as a clock pin for the Serial Shift Register. When ispEN is high, it functions as a dedicated input pin. Active Low (0) Reset pin which resets all of the GLB and I/O registers in the device.
SDI/IN 02
20
MODE/IN 12
46
SDO SCLK/IN 32
50 78
RESET Y0, Y1, Y2 GND VCC NC1
19 15 1, 97, 16, 14, 83, 17, 112 48, 47, 80 33, 82, 79, 49, 113 111, 115, 116 65, 81,
Dedicated Clock input. This clock input is connected to one of the clock inputs of all the GLBs on the device. Ground (GND) VCC No Connect.
1. NC pins are not to be connected to any active signals, VCC or GND. 2. Pins have dual function capability.
Table 2-0002-2096
9
Specifications ispLSI 2096/A
Pin Configuration
ispLSI 2096/A 128-pin PQFP and TQFP Pinout Diagram
I/O 83 I/O 82 I/O 81 I/O 80 I/O 79 I/O 78 I/O 77 I/O 76 I/O 75 I/O 74 I/O 73 I/O 72 NC1 NC1 GOE 1 VCC GND NC1 IN 5 I/O 71 I/O 70 I/O 69 I/O 68 I/O 67 I/O 66 I/O 65 I/O 64 I/O 63 I/O 62 I/O 61 I/O 60 GND 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97
GND I/O 84 I/O 85 I/O 86 I/O 87 I/O 88 I/O 89 I/O 90 I/O 91 I/O 92 I/O 93 I/O 94 I/O 95 1NC Y0 VCC GND ispEN RESET 2SDI/IN 0 I/O 0 I/O 1 I/O 2 I/O 3 I/O 4 I/O 5 I/O 6 I/O 7 I/O 8 I/O 9 I/O 10 I/O 11
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
ispLSI 2096/A
Top View
96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
I/O 59 I/O 58 I/O 57 I/O 56 I/O 55 I/O 54 I/O 53 I/O 52 I/O 51 I/O 50 I/O 49 I/O 48 IN 4 Y1 VCC GND Y2 NC1 SCLK/IN 32 I/O 47 I/O 46 I/O 45 I/O 44 I/O 43 I/O 42 I/O 41 I/O 40 I/O 39 I/O 38 I/O 37 I/O 36 GND
1. NC pins are not to be connected to any active signals, VCC or GND. 2. Pins have dual function capability.
0124A-2096
GND I/O 12 I/O 13 I/O 14 I/O 15 I/O 16 I/O 17 I/O 18 I/O 19 I/O 20 I/O 21 I/O 22 I/O 23 2MODE/IN 1 1NC VCC GND SDO IN 2 I/O 24 I/O 25 I/O 26 I/O 27 I/O 28 I/O 29 I/O 30 I/O 31 I/O 32 I/O 33 I/O 34 I/O 35 GOE 0
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64
10
Specifications ispLSI 2096/A
Part Number Description
ispLSI XXXXX - XXX
Device Family Device Number 2096 2096A Speed 125 = 125 MHz fmax 100 = 100 MHz fmax 80 = 81 MHz fmax
X
X
X
Grade Blank = Commercial I = Industrial Package T = TQFP Q = PQFP Power L = Low
212-80Cisp/2096
ispLSI 2096/A Ordering Information
COMMERCIAL
FAMILY fmax (MHz) 125 125 100 100 81 ispLSI 81 125 125 100 100 81 81 tpd (ns) 7.5 7.5 10 10 15 15 7.5 7.5 10 10 15 15 ORDERING NUMBER ispLSI 2096A-125LQ128 ispLSI 2096A-125LT128 ispLSI 2096A-100LQ128 ispLSI 2096A-100LT128 ispLSI 2096A-80LQ128 ispLSI 2096A-80LT128 ispLSI 2096-125LQ ispLSI 2096-125LT ispLSI 2096-100LQ ispLSI 2096-100LT ispLSI 2096-80LQ ispLSI 2096-80LT PACKAGE 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP
Table 2-0041B/2096
INDUSTRIAL
FAMILY fmax (MHz) 81 ispLSI 81 81 81 tpd (ns) 15 15 15 15 ORDERING NUMBER ispLSI 2096A-80LQ128I ispLSI 2096A-80LT128I ispLSI 2096-80LQI ispLSI 2096-80LTI PACKAGE 128-Pin PQFP 128-Pin TQFP 128-Pin PQFP 128-Pin TQFP
Table 2-0041D/2096
11


▲Up To Search▲   

 
Price & Availability of ISPLSI2096A-100LT128

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X