Part Number Hot Search : 
SP38F6 2SC4484 SMART SKIIP2 TLP3114 MW7IC EPM240F RJP30E
Product Description
Full Text Search
 

To Download ISL6223EVA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL6223
Data Sheet February 2003 FN9013
Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
The ISL6223 multi-phase PWM control IC together with its companion gate drivers, the HIP6601, HIP6602 or HIP6603 and Intersil MOSFETs provides a precision voltage regulation system for advanced mobile microprocessors. A single-stage regulator that directly converts a battery voltage to a microprocessor core voltage can be designed when high voltage drivers are employed. Multiphase power conversion is a marked departure from earlier single phase converter configurations previously employed to satisfy the ever increasing current demands of modern microprocessors. Multi-phase converters, by distributing the power and load current, result in smaller and lower cost transistors with fewer input and output capacitors. These reductions accrue from the higher effective conversion frequency with higher frequency ripple current due to the phase interleaving process of this topology. For example, a two phase converter operating at 350kHz will have a ripple frequency of 700kHz. Moreover, greater converter bandwidth of this design results in faster response to load transients. Outstanding features of this controller IC include programmable VID codes from the microprocessor that range from 0.925V to 2.00V with a system accuracy of 1%. Pull up currents on these VID pins eliminates the need for external pull up resistors. In addition "droop" compensation, used to reduce the overshoot or undershoot of the CORE voltage, is easily programmed with a single resistor. Another feature of this controller IC is the PGOOD monitor circuit which is held low until the CORE voltage increases, during its Soft-Start sequence, to 0.9V. Overvoltage, the CORE voltage going above 2.35V, results in the converter shutting down and turning the lower MOSFETs ON to clamp and protect the microprocessor. Under voltage is also detected and results in PGOOD low if the CORE voltage falls below 0.9V. Overcurrent protection reduces the regulator current to less than 25% of the programmed trip value. An external capacitor connected to the DACOUT pin and ground slows down the transition of the DAC output to avoid triggering the overcurrent protection when the VID code changes. These features provide monitoring and protection for the microprocessor and power system.
Features
* Mobile VID Compatible Multi-Phase Power Conversion * Precision Channel Current Sharing - Loss Less Current Sampling - Uses rDS(ON) * Precision CORE Voltage Regulation - 1% System Accuracy Over Temperature * Microprocessor Voltage Identification Input - 5-Bit VID Input - 1.30V to 2.00V in 50mV Steps - 0.925V to 1.275V in 25mV Steps - Programmable "Droop" Voltage * Fast Transient Recovery Time * Over Current Protection * High Ripple Frequency (Channel Frequency Times Number of Channels, Two). . . . . . . . . . . .100kHz to 3MHz
Ordering Information
PART NUMBER ISL6223CA ISL6223CA-T ISL6223EVAL1 ISL6223EVAL2 TEMP. (oC) 0 to 70 PACKAGE 20 Ld SSOP PKG. NO. M20.15
20 Ld SSOP Tape and Reel Evaluation Platform Evaluation Platform
Pinout
ISL6223 (SSOP) TOP VIEW
VID4 1 VID3 2 VID2 3 VID1 4 VID0 5 COMP 6 FB 7 FS/DIS 8 GND 9 VSEN 10 20 VCC 19 PGOOD 18 NC 17 NC 16 ISEN1 15 PWM1 14 PWM2 13 ISEN2 12 NC 11 DACOUT
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL6223 Block Diagram
PGOOD VCC
VSEN 0.9V
UV +
POWER-ON RESET (POR) OV LATCH S CLOCK AND SAWTOOTH GENERATOR
-
THREE STATE
FS/DIS
OVP + 2.35V
-
+ SOFTSTART AND FAULT LOGIC COMP DACOUT VID0 VID1 VID2 VID3 VID4 FB I_TOT OC + D/A + E/A
PWM +
-
-
PWM1
+
PWM
+
-
-
PWM2
CURRENT CORRECTION
I_TRIP
+ +
ISEN1 ISEN2
-
GND
2
ISL6223 Simplified Power System Diagram
VSEN PWM 1 SYNCHRONOUS RECTIFIED BUCK CHANNEL MICROPROCESSOR PWM 2 VID SYNCHRONOUS RECTIFIED BUCK CHANNEL
DACOUT (Pin 11)
The DAC output. Connect a capacitor to this pin slows down the transition of the DAC output that is also the reference voltage to the error amplifier.
ISL6223
NC (Pin 12, Pin 17, Pin 18)
No connection.
ISEN2 (Pin 13) and ISEN1 (Pin 16)
Current sense inputs from the individual converter channel's phase nodes.
PWM2 (Pin 14) and PWM1 (Pin 15)
Functional Pin Descriptions
VID4 1 VID3 2 VID2 3 VID1 4 VID0 5 COMP 6 FB 7 FS/DIS 8 GND 9 VSEN 10 20 VCC 19 PGOOD 18 NC 17 NC 16 ISEN1 15 PWM1 14 PWM2 13 ISEN2 12 NC 11 DACOUT
PWM outputs for each driven channel in use. Connect these pins to the PWM input of a HIP6601/2/3 driver.
PGOOD (Pin 19)
Power good. This pin provides an open-drain logic-high signal when the microprocessor CORE voltage (VSEN pin) is within specified limits and Soft-Start has timed out.
VCC (Pin 20)
Bias supply. Connect this pin to a 5V supply.
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4) and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins respond to TTL and 3.3V logic signals. The ISL6223 decodes VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the external feedback and compensation network.
FB (Pin 7)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8)
Channel frequency, FSW, select and disable. A resistor from this pin to ground sets the switching frequency of the converter. Pulling this pin to ground disables the converter and three states the PWM outputs. See Figure 11.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessorCORE voltage.
3
ISL6223 Typical Application - Two Phase Converter Using HIP6601 Gate Drivers
+12V PVCC BOOT UGATE VCC +5V FB VSEN VCC PGOOD VID4 VID3 VID2 VID1 VID0 PWM PWM2 +12V VIN = +5V PVCC VCC BOOT UGATE PHASE COMP PWM VIN = +5V
DRIVER HIP6601
PHASE LGATE GND +VCORE
MAIN CONTROL ISL6223
ISEN2
DRIVER HIP6601
LGATE GND
FS/DIS GND
PWM1 ISEN1 DACOUT
Typical Application - Two Phase Converter Using a HIP6602 Gate Driver
+5V +12V BOOT1 VIN = +12V
FB VSEN PGOOD VID4 VID3 VID2 VID1 VID0
COMP VCC VCC ISEN1 PWM1
UGATE1 PHASE1 PWM1
MAIN CONTROL ISL6223
PWM2 ISEN2 GND DACOUT GND PWM2
DUAL DRIVER HIP6602
LGATE1 PVCC BOOT2
+VCORE
+5V VIN +12V
UGATE2 PHASE2 LGATE2 PGND
FS/DIS
4
ISL6223
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V Input, Output, or I/O Voltage . . . . . . . . . . GND -0.3V to VCC + 0.3V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SSOP - Lead Tips Only)
Recommended Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5% Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
PARAMETER INPUT SUPPLY POWER Input Supply Current POR (Power-On Reset) Threshold
Operating Conditions: VCC = 5V, TA = 0oC to 70oC, Unless Otherwise Specified TEST CONDITIONS MIN TYP MAX UNITS
RT = 100k, Active and Disabled Maximum Limit VCC Rising VCC Falling
4.25 3.75
10 4.38 3.88
15 4.5 4.00
mA V V
REFERENCE AND DAC System Accuracy DAC (VID0 - VID4) Input Low Voltage DAC (VID0 - VID4) Input High Voltage VID Pull-Up CHANNEL GENERATOR Frequency, FSW Adjustment Range Disable Voltage ERROR AMPLIFIER DC Gain Gain-Bandwidth Product Slew Rate Maximum Output Voltage Minimum Output Voltage ISEN Full Scale Input Current Overcurrent Trip Level POWER GOOD MONITOR Undervoltage Threshold VSEN Rising VSEN Falling PGOOD Low Output Voltage PROTECTION Overvoltage Threshold VSEN Rising VSEN Falling After Overvoltage 2.28 2.35 1.7 2.45 V V IPGOOD = 4mA 0.90 0.88 0.18 0.4 V V V 60 50 75 90 A A RL = 10K to GND CL = 100pF, RL = 10K to GND CL = 100pF, Load = 400A RL = 10K to GND, Load = 400A RL = 10K to GND, Load = -400A 3.6 72 18 5.3 4.1 0.16 0.5 dB MHz V/s V V RT = 100k, 1% See Figure 11 Maximum Voltage at FS/DIS to Disable Controller. IFS/DIS = 1mA 245 0.05 275 305 1.5 1.0 kHz MHz V Percent System Deviation from Programmed VID Codes DAC Programming Input Low Threshold Voltage DAC Programming Input High Threshold Voltage VIDx = 0V -1 2.0 5 12 1 0.8 30 % V V A
5
ISL6223
RIN FB VIN
ISL6223
ERROR AMPLIFIER CORRECTION + COMPARATOR Q1 PWM CIRCUIT PWM1 HIP6601 IL1 Q2 PHASE L01
-
+
+
-
PROGRAMMABLE REFERENCE DAC
+
CURRENT SENSING
ISEN1
RISEN1
I AVERAGE CURRENT AVERAGING ISEN2 RISEN2 VIN PHASE + VCORE COUT RLOAD
+ CURRENT SENSING
COMPARATOR +
Q3 PWM CIRCUIT PWM2 HIP6601
L02
CORRECTION
-
IL2 Q4
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE ISL6223 VOLTAGE AND CURRENT CONTROL LOOPS FOR A TWO POWER CHANNEL REGULATOR
Operation
Figure 1 shows a simplified diagram of the voltage regulation and current control loops. Both voltage and current feedback are used to precisely regulate voltage and tightly control output currents, IL1 and IL2 , of the two power channels. The voltage loop comprises the Error Amplifier, Comparators, gate drivers and output MOSFETs. The Error Amplifier is essentially connected as a voltage follower that has an input, the Programmable Reference DAC and an output that is the CORE voltage.
This increased duty cycle signal is passed through the PWM CIRCUIT with no phase reversal and on to the HIP6601, again with no phase reversal for gate drive to the upper MOSFETs, Q1 and Q3. Increased duty cycle or ON time for the MOSFET transistors results in increased output voltage to compensate for the low output voltage sensed.
Current Loop
The current control loop works in a similar fashion to the voltage control loop, but with current control information applied individually to each channel's Comparator. The information used for this control is the voltage that is developed across rDS(ON) of each lower MOSFET, Q2 and Q4, when they are conducting. A single resistor converts and scales the voltage across the MOSFETs to a current that is applied to the Current Sensing circuit within the ISL6223. Output from these sensing circuits is applied to the current averaging circuit. Each PWM channel receives the difference current signal from the summing circuit that compares the average sensed current to the individual channel current. When a power channel's current is greater than the average current, the signal applied via the summing Correction circuit to the Comparator, reduces the output pulse width of the
Voltage Loop
Feedback from the CORE voltage is applied via resistor RIN to the inverting input of the Error Amplifier. This signal can drive the Error Amplifier output either high or low, depending upon the CORE voltage. Low CORE voltage makes the amplifier output move towards a higher output voltage level. Amplifier output voltage is applied to the positive inputs of the Comparators via the Correction summing networks. Outof-phase sawtooth signals are applied to the two Comparators inverting inputs. Increasing Error Amplifier voltage results in increased Comparator output duty cycle.
6
ISL6223
Comparator to compensate for the detected "above average" current in that channel. state condition that makes these outputs essentially open. This state results in no gate drive to the output MOSFETs. Once the VCC voltage reaches 4.375V (+125mV), a voltage level to insure proper internal function, the PWM outputs are enabled and the Soft-Start sequence is initiated. If for any reason, the VCC voltage drops below 3.875V (+125mV). The POR circuit shuts the converter down and again three states the PWM outputs.
Droop Compensation
In addition to control of each power channel's output current, the average channel current is also used to provide CORE voltage "droop" compensation. Average full channel current is defined as 50A. By selecting an input resistor, RIN, the amount of voltage droop required at full load current can be programmed. The average current driven into the FB pin results in a voltage increase across resistor RIN that is in the direction to make the Error Amplifier "see" a higher voltage at the inverting input, resulting in the Error Amplifier adjusting the output voltage lower. The voltage developed across RIN is equal to the "droop" voltage. See the "Current Sensing and Balancing" section for more details.
Soft-Start
After the POR function is completed with VCC reaching 4.375V, the Soft-Start sequence is initiated. Soft-Start, by its slow rise in CORE voltage from zero, avoids an overcurrent condition by slowly charging the discharged output capacitors. This voltage rise is initiated by an internal DAC that slowly raises the reference voltage to the error amplifier input. The voltage rise is controlled by the oscillator frequency and the DAC within the ISL6223, therefore, the output voltage is effectively regulated as it rises to the final programmed CORE voltage value. For the first 64 PWM switching cycles, the DAC output remains inhibited and the PWM outputs remain three stated. From the 65th cycle and for another, approximately 300 cycles the PWM output remains low, clamping the lower output MOSFETs to ground, see Figure 3. The time variability is due to the Error Amplifier, Sawtooth Generator and Comparators moving into their active regions. After this short interval, the PWM outputs are enabled and increment the PWM pulse width from zero duty cycle to operational pulse width, thus allowing the output voltage to slowly reach the CORE voltage. The CORE voltage will reach its programmed value before the 4096 cycles, but the PGOOD output will not be initiated until the 4096th switching cycle. The Soft-Start time or delay time, DT = 4096/FSW. For an oscillator frequency, FSW, of 200kHz, the first 64 cycles or 320s, the PWM outputs are held in a three state level as explained above. After this period and a short interval described above, the PWM outputs are initiated and the voltage rises in 20.16ms, for a total delay time DT of 20.48ms. Figure 3 shows the start-up sequence as initiated by an enable (EN) switch, applied to the ISL6223. The start-up is enabled at the falling edge of the EN switch output. Figure 4 shows the waveforms when the regulator is operating at 200kHz. Note that the Soft-Start duration is a function of the Channel Frequency as explained previously. Also note the pulses on the COMP terminal. These pulses are the current correction signal feeding into the comparator input (see the Block Diagram on page 2). Figure 5 shows the regulator operating from a 12V battery supply. In this system, the battery voltage is available before any other voltages, including the 5V bias voltage VCC for the controller IC. In this figure, note the slight rise in PGOOD as
Applications and Convertor Start-Up
Each PWM power channel's current is regulated. This enables the PWM channels to accurately share the load current for enhanced reliability. The HIP6601, HIP6602 or HIP6603 MOSFET driver interfaces with the ISL6223. For more information, see the HIP6601, HIP6602 or HIP6603 data sheets. The ISL6223 controls the two PWM power channels 180o out of phase. Figure 2 shows the out of phase relationship between the two PWM channels.
PWM 1
PWM 2
FIGURE 2. TWO PHASE PWM OUTPUT AT 500kHz
Power supply ripple frequency is determined by the channel frequency, FSW, multiplied by the number of active channels. For example, if the channel frequency is set to 250kHz, the ripple frequency is 500kHz with two channels. The IC monitors and precisely regulates the CORE voltage of a microprocessor. After initial start-up, the controller also provides protection for the load and the power supply. The following section discusses these features.
Initialization
The ISL6223 operates from a 5V power supply. Many functions are initiated by the rising supply voltage to the VCC pin of the ISL6223. Oscillator, Sawtooth Generator, SoftStart and other functions are initialized during this interval. These circuits are controlled by POR, Power-On Reset. During this interval, the PWM outputs are driven to a three
7
ISL6223
the 5V supply rises. The PGOOD output stage is made up of NMOS and PMOS transistors. On the rising VCC, the PMOS device becomes active slightly before the NMOS transistor pulls "down", generating the slight rise in the PGOOD voltage. Note that Figure 5 shows the 12V battery voltage available before the 5V supply to the ISL6223 has reached its threshold level. If conditions were reversed and the 5V supply was to rise first, the start-up sequence would be different. In this case the ISL6223 will sense an overcurrent condition due to charging the output capacitors. The supply will then restart and go through the normal Soft-Start cycle.
.
12V SUPPLY
DELAY TIME
PGOOD
VCORE
5V SUPPLY
FIGURE 5. SUPPLY POWERED BY ATX SUPPLY
PWM 1 OUTPUT
Fault Protection
The ISL6223 protects the microprocessor and the entire power system from damaging stress levels. Within the ISL6223 both Overvoltage and Overcurrent circuits are incorporated to protect the load and regulator.
DELAY TIME
PGOOD VCORE
Overvoltage
The VSEN pin is connected to the microprocessor CORE voltage. A CORE overvoltage condition is detected when the VSEN pin goes above 2.35V.
EN SWITCH VIN = 12V
FIGURE 3. START-UP OF A SYSTEM OPERATING AT 200kHz
The overvoltage condition is latched, disabling normal PWM operation, and causing PGOOD to go low. The latch can only be reset by lowering and returning VCC high to initiate a POR and Soft-Start sequence. During a latched overvoltage, the PWM outputs will be driven either low or three state, depending upon the VSEN input. PWM outputs are driven low when the VSEN pin detects that the CORE voltage is above 2.35V. This condition drives the PWM outputs low, resulting in the lower or synchronous rectifier MOSFETs to conduct and shunt the CORE voltage to ground to protect the load. If after this event, the CORE voltage falls below 1.7V, the PWM outputs will be three state. The HIP6601 family drivers pass the three state information along, and shuts off both upper and lower MOSFETs. This prevents "dumping" of the output capacitors back through the lower MOSFETs, avoiding a possibly destructive ringing of the capacitors and output inductors. If the conditions that caused the overvoltage still persist, the PWM outputs will be cycled between three state and VCORE clamped to ground, as a hysteretic shunt regulator.
V COMP
DELAY TIME
PGOOD
VCORE
EN SWITCH VIN = 12V
Undervoltage
The VSEN pin also detects when the CORE voltage falls below 0.9V level. This causes PGOOD to go low, but has no other effect on operation and is not latched. There is also hysteresis in this detection point.
FIGURE 4. START-UP A SYSTEM OPERATING AT 200kHz
8
ISL6223
Overcurrent
In the event of an overcurrent condition, the overcurrent protection circuit reduces the average current delivered to less than 25% of the current limit. When an overcurrent condition is detected, the controller forces all PWM outputs into a three state mode. This condition results in the gate driver removing drive to the output stages. The ISL6223 goes into a wait delay timing cycle that is equal to the SoftStart ramp time. PGOOD also goes "low" during this time due to VSEN going below its threshold voltage. To lower the average output dissipation, the Soft-Start initial wait time is increased from 64 to 4096 cycles, then the Soft-Start ramp is initiated. At a PWM frequency of 200kHz, for instance, an overcurrent detection would cause a dead time of 20.48ms, then a ramp of 20.16ms. At the end of the delay, PWM outputs are restarted and the Soft-Start ramp is initiated. If a short is present at that time, the cycle is repeated. This is the hiccup mode. Figure 6 shows the supply shorted under operation and the hiccup operating mode described above. Note that due to the high short circuit current, overcurrent is detected before completion of the start-up sequence so the delay is not quite as long as the normal Soft-Start cycle.
SHORT APPLIED HERE PGOOD
DACOUT Pin
The internal DAC output is brought out to pin 11, DACOUT, in ISL6223. The typical output impedance of the DAC is 1.7k. The DACOUT pin allows the user to connect a capacitor between this pin and the ground to form an RC filter to slow down the voltage transition at the non-inverting input of the error amplifier, when the VID code is being changed. Slower voltage transition reduces the inrush current to avoid tripping the overcurrent protection during the transition. Typical systems require the transition to be finished within 100s, therefore, a time constant of 30s to 40s is a good tradeoff between the inrush current and the transition time. Connecting a 22nF capacitor to the DACOUT results in a time constant of 37s for the RC filter. Figure 7 shows the waveforms for the VID changes from 1.3V to 1.6V. From top to bottom, the waveforms are the core voltage, the DACOUT, and the two inductor currents.
TABLE 1. VOLTAGE IDENTIFICATION CODES VOLTAGE IDENTIFICATION CODE AT PROCESSOR PINS VID4 1 1 1 1 1 1 1
SHORT CURRENT 50A/DIV.
VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0
VID2 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0
VID1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0
VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
VCCCORE (VDC) Shutdown 0.925 0.950 0.975 1.000 1.025 1.050 1.075 1.100 1.125 1.150 1.175 1.200 1.225 1.250 1.275 Shutdown 1.300 1.350 1.400 1.450 1.500 1.550 1.600 1.650 1.700 1.750 1.800 1.850 1.900 1.950 2.000
1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0
FIGURE 6. SHORT APPLIED TO SUPPLY AFTER POWER-UP
VCORE DACOUT
INDUCTOR CURRENTS
0 0 0 0
FIGURE 7. VID CHANGES FROM 1.3V TO 1.6V. THE LOAD CURRENT IS SET TO 10A.
0 0 0
9
ISL6223
RIN RFB FB Cc COMP VIN
ISL6223
SAWTOOTH ERROR AMPLIFIER GENERATOR CORRECTION + + COMPARATOR Q1 PWM CIRCUIT HIP6601 PWM Q2 IL L01 VCORE COUT RLOAD
-
+
-
REFERENCE DAC DIFFERENCE + CURRENT SENSING ISEN RISEN
PHASE
TO OTHER CHANNEL
AVERAGING TO OVER CURRENT TRIP +
CURRENT SENSING FROM OTHER CHANNEL
ONLY ONE OUTPUT STAGE SHOWN
-
REFERENCE COMPARATOR
INDUCTOR CURRENT FROM OTHER CHANNEL
FIGURE 8. SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM SHOWING CURRENT AND VOLTAGE SAMPLING
CORE Voltage Programming
The voltage identification pins (VID0, VID1, VID2, VID3 and VID4) set the CORE output voltage. Each VID pin is pulled to VCC by an internal 12A current source and accepts opencollector/open-drain/open-switch-to-ground or standard lowvoltage TTL or CMOS signals. Table 1 shows the nominal DAC voltage as a function of the VID codes. The power supply system is 1% accurate over the operating temperature and voltage range.
2. Reduce the regulator output voltage with increasing load current (droop) 3. Balance the IL currents in the two phases
Overcurrent, Selecting RISEN
The current detected through the RISEN resistor is averaged with the current detected in the other channel. The averaged current is compared with a trimmed, internally generated current, and used to detect an overcurrent condition. The nominal current through the RISEN resistor should be 50A at full output load current, and the nominal trip point for overcurrent detection is 150% of that value, or 75A. Therefore, RISEN = IL x rDS(ON) (Q2) / 50A. For a full load of 25A per phase, and an rDS(ON) (Q2) of 4m, RISEN = 2k. The overcurrent trip point would be 150% of 25A, or approximately 37.5A per phase. The RISEN value can be adjusted to change the overcurrent trip point, but it is suggested to stay within 25% of nominal.
Current Sensing and Balancing
Overview
The ISL6223 samples the on-state voltage drop across each synchronous rectifier FET, Q2, as an indication of the inductor current in that phase, see Figure 8. Neglecting AC effects (to be discussed later), the voltage drop across Q2 is simply rDS(ON)(Q2) x inductor current (IL). Note that IL, the inductor current, is 1/2 of the total current (ILT). The voltage at Q2's drain, the PHASE node, is applied to the RISEN resistor to develop the IISEN current to the ISL6223 ISEN pin. This pin is held at virtual ground, so the current through RISEN is IL x rDS(ON)(Q2) / RISEN. The IISEN current provides information to perform the following functions: 1. Detection of an overcurrent condition
Droop, Selection of RIN The average of the currents detected through the RISEN resistors is also steered to the FB pin. There is no DC return path connected to the FB pin except for RIN, so the average current creates a voltage drop across RIN. This drop increases the apparent VCORE voltage with increasing load current, causing the system to decrease VCORE to maintain balance at the FB pin. This is the desired "droop" voltage used to maintain VCORE within limits under transient conditions.
10
ISL6223
With a high dv/dt load transient, typical of high performance microprocessors, the largest deviations in output voltage occur at the leading and trailing edges of the load transient. In order to fully utilize the output-voltage tolerance range, the output voltage is positioned in the upper half of the range when the output is unloaded and in the lower half of the range when the controller is under full load. This droop compensation allows larger transient voltage deviations and thus reduces the size and cost of the output filter components. RIN should be selected to give the desired "droop" voltage at the normal full load current 50A applied through the RISEN resistor (or at a different full load current if adjusted as under "Overcurrent, Selecting RISEN" above). RIN = VDROOP / 50A For a VDROOP of 80mV, RIN = 1.6k The AC feedback components, RFB and Cc, are scaled in relation to RIN.
FIGURE 9. TWO CHANNEL MULTIPHASE SYSTEM WITH CURRENT BALANCING DISABLED
25 20 AMPERES 15 10 5 0
Current Balancing
The detected currents are also used to balance the phase currents.
AMPERES 25 20 15 10 5 0
Each phase's current is compared to the average of the two phase currents, and the difference is used to create an offset in that phase's PWM comparator. The offset is in a direction to reduce the imbalance. The balancing circuit can not make up for a difference in rDS(ON) between synchronous rectifiers. If a FET has a higher rDS(ON), the current through that phase will be reduced. Figures 9 and 10 show the inductor current of a two phase system without and with current balancing.
Inductor Current
The inductor current in each phase of a multi-phase Buck converter has two components. There is a current equal to the load current divided by the number of phases (ILT / n), and a sawtooth current (iPK-PK), resulting from switching. The sawtooth component is dependent on the size of the inductors, the switching frequency of each phase, and the values of the input and output voltage. Ignoring secondary effects, such as series resistance, the peak to peak value of the sawtooth current can be described by: iPK-PK = (VIN x VCORE - VCORE2) / (L x FSW x VIN) Where: VCORE = DC value of the output or VID voltage VIN = DC value of the input or supply voltage L = value of the inductor FSW = switching frequency Example: For VCORE = 1.6V, VIN = 12V, L = 1.3H, FSW = 250kHz, Then iPK-PK = 4.3A 11
FIGURE 10. TWO CHANNEL MULTIPHASE SYSTEM WITH CURRENT BALANCING ENABLED
The inductor, or load current, flows alternately from VIN through Q1 and from ground through Q2. The ISL6223 samples the on-state voltage drop across each Q2 transistor to indicate the inductor current in that phase. The voltage drop is sampled 1/3 of a switching period, 1/FSW, after Q1 is turned OFF and Q2 is turned on. Because of the sawtooth current component, the sampled current is different from the average current per phase. Neglecting secondary effects, the sampled current (ISAMPLE) can be related to the load current (ILT) by: ISAMPLE = ILT / n + (VINVCORE - 3VCORE2) / (6L x FSW x VIN) Where: ILT = total load current n = the number of channels
Example: Using the previously given conditions, and For ILT = 50A, n =2 Then ISAMPLE = 25.49A
ISL6223
As discussed previously, the voltage drop across each Q2 transistor at the point in time when current is sampled is rDS(ON) (Q2) x ISAMPLE. The voltage at Q2's drain, the PHASE node, is applied through the RISEN resistor to the ISL6223 ISEN pin. This pin is held at virtual ground, so the current into ISEN is: ISENSE= ISAMPLE x rDS(ON) (Q2) / RISEN. RIsen= ISAMPLE x rDS(ON) (Q2) / 50A Example: From the previous conditions, where ILT= 50A, ISAMPLE= 25.49A, rDS(ON) (Q2)= 4m Then: RISEN = 2.04K and ICURRENT TRIP= 150% Short circuit ILT= 75A.
1,000 500
spikes can degrade efficiency, radiate noise into the circuit and lead to device overvoltage stress. Careful component layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turnoff transition of the upper PWM MOSFET. Prior to turnoff, the upper MOSFET was carrying channel current. During the turnoff, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET. Any inductance in the switched current path generates a large voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. Contact Intersil for evaluation board drawings of the component placement and printed circuit board. There are two sets of critical components in a DC-DC converter using a ISL6223 controller and a HIP6601 gate driver. The power components are the most critical because they switch large amounts of energy. Next are small signal components that connect to sensitive nodes or supply critical bypassing current and signal coupling. The power components should be placed first. Locate the input capacitors close to the power switches. Minimize the length of the connections between the input capacitors, CIN, and the power switches. Locate the output inductors and output capacitors between the MOSFETs and the load. Locate the gate driver close to the MOSFETs. The critical small components include the bypass capacitors for VCC and PVCC on the gate driver ICs. Locate the bypass capacitor, CBP, for the ISL6223 controller close to the device. It is especially important to locate the resistors associated with the input to the amplifiers close to their respective pins, since they represent the input to feedback amplifiers. Resistor RT, that sets the oscillator frequency should also be located next to the associated pin. It is especially important to place the RSEN resistor(s) at the respective terminals of the ISL6223. A multi-layer printed circuit board is recommended. Figure 12 shows the connections of the critical components for one output channel of the converter. Note that capacitors CIN and COUT could each represent numerous physical capacitors. Dedicate one solid layer, usually the middle layer of the PC board, for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. Keep the metal runs from the PHASE terminal to inductor LO1 short. The power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the phase nodes. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the driver IC to the MOSFET gate and source should be sized to carry at least one ampere of current.
200 100 50
RT (k)
20 10 5 2 1 10 20 50 100 200 500 1,000 2,000 5,000 10,000 CHANNEL OSCILLATOR FREQUENCY, FSW (kHz)
FIGURE 11. RESISTANCE RT vs FREQUENCY
Channel Frequency Oscillator
The channel oscillator frequency is set by placing a resistor, RT, to ground from the FS/DIS pin. Figure 11 is a curve showing the relationship between frequency, FSW, and resistor RT. To avoid pickup by the FS/DIS pin, it is important to place this resistor next to the pin. If this pin is also used to disable the converter, it is also important to locate the pulldown device next to this pin.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. These voltage 12
ISL6223
+5VIN +12V CBP LOCATE NEXT TO IC PIN(S) CBP VCC PWM COMP FS/DIS CT RFB LOCATE NEXT TO FB PIN RIN VSEN ISEN FB LOCATE NEXT TO IC PIN RSEN ISL6223 RT HIP6601 PHASE COUT VCC PVCC CBOOT CIN LO1 LOCATE NEAR TRANSISTOR VCORE
USE INDIVIDUAL METAL RUNS FOR EACH CHANNEL TO HELP ISOLATE OUTPUT STAGES
KEY
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
VIA CONNECTION TO GROUND PLANE
FIGURE 12. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
Component Selection Guidelines
Output Capacitor Selection
The output capacitor is selected to meet both the dynamic load requirements and the voltage ripple requirements. The load transient for the microprocessor CORE is characterized by high slew rate (di/dt) current demands. In general, multiple high quality capacitors of different size and dielectric are paralleled to meet the design constraints. Modern microprocessors produce severe transient load rates. High frequency capacitors supply the initially transient current and slow the load rate-of-change seen by the bulk capacitors. The bulk filter capacitor values are generally determined by the ESR (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load on specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications for the bulk capacitors. The bulk capacitor's ESR determines the output ripple voltage and the initial voltage drop following a high slew-rate transient's edge. In most cases, multiple capacitors of small case size perform better than a single large case capacitor. Bulk capacitor choices include aluminum electrolytic, OSCon, Tantalum and even ceramic dielectrics. An aluminum electrolytic capacitor's ESR value is related to the case size with lower ESR available in larger case sizes. However, the equivalent series inductance (ESL) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Consult the capacitor manufacturer and measure the capacitor's impedance with frequency to select a suitable component. For surface mount designs, solid tantalum capacitors or Panasonic Speciality Polymer (SP) capacitors can be used.
Output Inductor Selection
One of the parameters limiting the converter's response to a load transient is the time required to change the inductor current. Small inductors in a multi-phase converter reduces the response time without significant increases in total ripple current. The output inductor of each power channel controls the ripple current. The control IC is stable for channel ripple current (peak-to-peak) up to twice the average current. A single channel's ripple current is approximately:
V IN - V OUT V OUT I = ------------------------------- x --------------V IN F SW xL
1.0 RIPPLE CURRENT (APEAK-PEAK) SINGLE CHANNEL
0.8 VO / (LX FSW)
0.6 2 CHANNEL 0.4 3 CHANNEL 0.2 4 CHANNEL 0 0 0.1 0.2 0.3 0.4 0.5 DUTY CYCLE (VO/VIN)
FIGURE 13. RIPPLE CURRENT vs DUTY CYCLE
13
ISL6223
0.5 SINGLE CHANNEL
CURRENT MULTIPLIER
0.4
0.3 2 CHANNEL 0.2 3 CHANNEL 0.1 4 CHANNEL
For bulk capacitance, several electrolytic capacitors (Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX or equivalent) may be needed. For surface mount designs, solid tantalum capacitors or Panasonic Speciality Polymer (SP) capacitors can be used. Caution must be exercised with regard to the capacitor surge current rating when using the Tantalum capacitors. These capacitors must be capable of handling the surge-current at power-up. The TPS series available from AVX, and the 593D series from Sprague are both surge current tested.
MOSFET Selection and Considerations
0.2 0.3 0.4 0.5
0 0 0.1 DUTY CYCLE (VO/VIN)
FIGURE 14. CURRENT MULTIPLIER vs DUTY CYCLE
The current from multiple channels tend to cancel each other and reduce the total ripple current. Figure 13 gives the total ripple current as a function of duty cycle, normalized to the parameter ( Vo ) ( L F S ) at zero duty cycle. To determine the total ripple current from the number of channels and the duty cycle, multiply the y-axis value by ( Vo ) ( LxF SW ) . Small values of output inductance can cause excessive power dissipation. The ISL6223 is designed for stable operation for ripple currents up to twice the load current. However, for this condition, the RMS current is 115% above the value shown in the following MOSFET Selection and Considerations section. With all else fixed, decreasing the inductance could increase the power dissipated in the MOSFETs by 30%.
In high-current PWM applications, the MOSFET power dissipation, package selection and heatsink are the dominant design factors. The power dissipation includes two loss components; conduction loss and switching loss. These losses are distributed between the upper and lower MOSFETs according to duty factor (see the following equations). The conduction losses are the main component of power dissipation for the lower MOSFETs, Q2 and Q4 of Figure 1. Only the upper MOSFETs, Q1 and Q3 have significant switching losses, since the lower device turns on and off into near zero voltage. The equations assume linear voltage-current transitions and do not model power loss due to the reverse-recovery of the lower MOSFETs body diode. The reverse-recovery loss can be a significant portion of the upper MOSFETs. The gatecharge losses are dissipated by the Driver IC and don't heat the MOSFETs. However, large gate-charge increases the switching time, tSW which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. A separate heatsink may be necessary depending upon MOSFET power, package type, ambient temperature and air flow.
I O x r DS ( ON ) x V OUT I O x V IN x t SW x F SW P UPPER = ----------------------------------------------------------- + --------------------------------------------------------V IN 2 I O x r DS ( ON ) x ( V IN - V OUT ) P LOWER = -------------------------------------------------------------------------------V IN
2 2
Input Capacitor Selection
The important parameters for the bulk input capacitors are the voltage rating and the RMS current rating. For reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. The RMS current required for a multi-phase converter can be approximated with the aid of Figure 14. First determine the operating duty ratio as the ratio of the output voltage divided by the input voltage. Find the Current Multiplier from the curve with the appropriate power channels. Multiply the current multiplier by the full load output current. The resulting value is the RMS current rating required by the input capacitor. Use a mix of input bypass capacitors to control the voltage overshoot across the MOSFETs. Use ceramic capacitance for the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors should be placed very close to the drain of the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances. 14
A diode, anode to ground, may be placed across Q2 and Q4 of Figure 1. These diodes function as a clamp that catches the negative inductor swing during the dead time between the turn off of the lower MOSFETs and the turn on of the upper MOSFETs. The diodes must be a Schottky type to prevent the lossy parasitic MOSFET body diode from conducting. It is usually acceptable to omit the diodes and let the body diodes of the lower MOSFETs clamp the negative inductor swing, but efficiency could drop one or two percent as a result. The diode's rated reverse breakdown voltage must be greater than the maximum input voltage.
ISL6223 Shrink Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 h x 45o GAUGE PLANE H 0.25(0.010) M BM
M20.15
20 LEAD SHRINK NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B C MIN 0.053 0.004 0.008 0.007 0.337 0.150 MAX 0.069 0.010 0.061 0.012 0.010 0.344 0.157 MILLIMETERS MIN 1.35 0.10 0.20 0.18 8.56 3.81 MAX 1.75 0.25 1.54 0.30 0.25 8.74 3.98 NOTES 9 3 4 5 6 7 8o Rev. 0 5/96
A1 0.10(0.004) A2 C
D E e H h L N
e
B 0.17(0.007) M C AM BS
0.025 BSC 0.228 0.0099 0.016 20 0o 8o 0.244 0.0196 0.050
0.635 BSC 5.80 0.26 0.41 20 0o 6.19 0.49 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15


▲Up To Search▲   

 
Price & Availability of ISL6223EVA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X