Part Number Hot Search : 
2SK32 13007E ATA6823 STP4NA40 SMF6V5A 3477M000 B200C AOI472A
Product Description
Full Text Search
 

To Download HMC221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Features
Low Insertion Loss: 0.4 dB Ultra Small Package: SOT26 Input IP3: +45 dBm Positive Control: 0/+3V @ 10 uA
Typical Applications
The HMC221 is ideal for: * ISM Applications * PCMCIA Wireless Cards * Cellular Applications
Functional Diagram
General Description
The HMC221 is a low-cost SPDT switch in a 6-lead SOT26 plastic package for use in general switching applications which require very low insertion loss and very small size. The device can control signals from DC to 3.0 GHz and is especially suited for 900 MHz, 1.8 - 2.2 GHz, and 2.4 GHz ISM applications with less than 1 dB loss. The design provides exceptional insertion loss performance, ideal for filter and receiver switching. RF1 and RF2 are reflective shorts when "Off". The two control voltages require a minimal amount of DC current and offer compatibility with most CMOS & TTL logic families. See HMC197 for same performance in an alternate SOT26 pin-out.
14
SWITCHES - SMT
Electrical Specifications, TA = +25 C, Vctl = 0/+3 to +8 Vdc
Parameter Frequency DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz DC - 3.0 GHz tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 3 10 ns ns 24 24 21 14 20 17 16 11 25 23 40 38 Min. Typ. 0.4 0.45 0.6 0.8 28 28 25 18 23 22 20 15 30 29 45 43 Max. 0.7 0.8 0.9 1.1 Units dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Insertion Loss
Isolation
Return Loss
Input Power for 1 dB Compression (Vctl = 0/+5V) Input Third Order Intercept (Vctl = 0/+5V) (Two-tone Input Power = +7 dBm Each Tone) Switching Characteristics
14 - 66
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
GaAs MMIC Insertion Loss
0 -0.5
SUB-HARMONICALLY Isolation MIXER 17 - 25 GHz PUMPED
0
INSERTION LOSS (dB)
-10
-1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
ISOLATION (dB)
-20
-30
-40
-50 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Return Loss
0 -5
14
SWITCHES - SMT
8 9
RETURN LOSS (dB)
-10 -15 -20 -25 -30 -35 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Input 0.1 and 1.0 dB Compression vs. Control Voltage
35
Input Third Order Intercept Point vs. Control Voltage
48
INPUT POWER FOR 0.1 AND 1 dB COMPRESSION (dBm)
1 dB at 1900 MHz 1 dB at 900 MHz 30 900 MHz
INPUT THIRD ORDER INTERCEPT(dBm)
46
44
25 0.1 dB at 900 MHz 20 0.1 dB at 1900 MHz 15 3 4 5 6 7 8 9 CONTROL INPUT (Vdc)
42 1900 MHz 40
38 2 3 4 5 6 7 CONTROL INPUT (Vdc)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
14 - 67
MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Compression vs. Control Voltage
Carrier at 900 MHz Control Input (Vdc) +3 +5 +8 Input Power for 0.1 dB Compression (dBm) 17 25 31 Input Power for 1.0 dB Compression (dBm) 20 30 33 Carrier at 1900 MHz Input Power for 0.1 dB Compression (dBm) 17 24 30 Input Power for 1.0 dB Compression (dBm) 20 29 32
Caution: Do not operate in 1dB compression at power levels above +31 dBm (Vctl = +5 Vdc) and do not "hot switch" power levels greater than +20 dBm (Vctl = +5Vdc). DC blocks are required at ports RFC, RF1 and RF2.
Distortion vs. Control Voltage
Control Input Third Order Intercept (dBm) +7 dBm Each Tone 900 MHz 41 45 46 1900 MHz 39 43 44
14
SWITCHES - SMT
(Vdc) +3 +5 +8
Truth Table
*Control Input Voltage Tolerances are 0.2 Vdc.
Control Input* A (Vdc) 0 +3 0 +5 0 +7 0 +8 B (Vdc) +3 0 +5 0 +7 0 +8 0 Control Current Ia (uA) -10 10 -55 55 -210 210 -280 280 Ib (uA) 10 -10 55 -55 210 -210 280 -280 Signal Path RF to RF1 ON OFF ON OFF ON OFF ON OFF RF to RF2 OFF ON OFF ON OFF ON OFF ON
14 - 68
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Absolute Maximum Ratings
Control Voltage Range (A & B) Storage Temperature Operating Temperature -0.2 to +12 Vdc -65 to +150 C -40 to +85 C
Outline Drawing
14
SWITCHES - SMT
14 - 69
NOTES: 1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED. 2. LEADFRAME MATERIAL: COPPER ALLOY 3. LEADFRAME PLATING: Sn/Pb SOLDER 4. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 6. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 7. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT Switch , DC - 3 GHz
Typical Application Circuit
14
SWITCHES - SMT
Notes: 1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface. 2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of 5 to 8 Volts applied to the CMOS logic gates. 3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation. 4. Highest RF signal power capability is achieved with Vdd = +8V and A/B set to 0/+8V.
14 - 70
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v01.0700
HMC221
GaAs MMIC SOT26 SPDT Switch , DC - 3 GHz
Evaluation Circuit Board
14
SWITCHES - SMT
14 - 71
List of Material
Item J1 - J3 J4 - J7 C1 - C3 U1 PCB* Description PC Mount SMA RF Connector DC Pin 330 pF capacitor, 0402 Pkg. HMC221 SPDT Switch 101659 Evaluation PCB
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
* Circuit Board Material: Rogers 4350
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X