Part Number Hot Search : 
RDM30006 SM240A 3362X501 PTB20193 MC6801 RM202615 DG418 SBYV26C
Product Description
Full Text Search
 

To Download HCPL-T250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 Amp Output Current IGBT Gate Drive Optocoupler Technical Data
HCPL-T250
Features
* Input Threshold Current (IFLH): 5 mA (Max.) * Supply Current (ICC): 11 mA (Max.) * Supply Voltage (VCC): 15-35 V * Output Current (IO): 0.5 A (Min.) * Switching Time (tPLH/tPHL): 0.5 s (Max.) * Isolation Voltage (VISO): 3750 Vrms (Min.) * UL 1577 Recognized: File No. E55361 * CSA Approved * IEC/EN/DIN EN 60747-5-2 Approved with VIORM = 630 Vpeak * 8 kV/s Minimum Common Mode Rejection (CMR) at Vcm = 1500 V * Creepage Distance: 7.4 mm. Clearance: 7.1 mm.
Description
The HCPL-T250 contains GaAs LED. The LED is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving IGBTs with ratings up to 1200 V/25 A. For IGBTs with higher ratings, the HCPL-T250 can be used to drive a discrete power stage which drives the IGBT gate.
Functional Diagram
N/C
1 Q1
8
VCC VO VO VEE
ANODE CATHODE N/C
2 3
7 6
Q2 4 SHIELD 5
Truth Table
LED
ON OFF
Vout
LOW HIGH
Ordering Information
Specify Part Number followed by Option Number. Example: HCPL-T250 #XXXX No Option = Standard DIP Package, 50 per tube. 060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 Vpeak Option, 50 per tube. 300 = Gull Wing Surface Mount Option, 50 per tube. 500 = Tape and Reel Packaging Option, 1000 per reel. XXXE = Lead Free Option
Remarks: The notation "#" is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use "-"
Applications
* IGBT/MOSFET Gate Drive * AC/Brushless DC Motor Drives * Industrial Inverters * Switch Mode Power Supplies
A 0.1 F bypass capacitor must be connected between pins 5 and 8.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by ESD.
2
Package Outline Drawings
Standard DIP Package
9.65 0.25 (0.380 0.010) 8 7 6 5 7.62 0.25 (0.300 0.010) 6.35 0.25 (0.250 0.010) DATE CODE
A T250 YYWW
PIN ONE 1.19 (0.047) MAX.
1
2
3
4 1.78 (0.070) MAX.
3.56 0.13 (0.140 0.005) PIN ONE
4.70 (0.185) MAX. 5 TYP. 0.51 (0.020) MIN. 2.92 (0.115) MIN.
0.254
+ 0.076 - 0.051 + 0.003) (0.010 - 0.002)
1.080 0.320 (0.043 0.013)
0.65 (0.025) MAX. 2.54 0.25 (0.100 0.010)
DIMENSIONS IN MILLIMETERS AND (INCHES). NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
Gull Wing Surface Mount Option 300
LAND PATTERN RECOMMENDATION 9.65 0.25 (0.380 0.010)
8 7 6 5
1.016 (0.040)
6.350 0.25 (0.250 0.010)
10.9 (0.430)
1
2
3
4
1.27 (0.050)
2.0 (0.080)
1.19 (0.047) MAX.
1.780 (0.070) MAX.
9.65 0.25 (0.380 0.010) 7.62 0.25 (0.300 0.010) + 0.076 0.254 - 0.051 + 0.003) (0.010 - 0.002)
3.56 0.13 (0.140 0.005)
1.080 0.320 (0.043 0.013) 0.635 0.130 2.54 (0.025 0.005) (0.100) BSC DIMENSIONS IN MILLIMETERS (INCHES). LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
0.635 0.25 (0.025 0.010)
12 NOM.
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3
Solder Reflow Thermal Profile
300
PREHEATING RATE 3C + 1C/-0.5C/SEC. REFLOW HEATING RATE 2.5C 0.5C/SEC. PEAK TEMP. 245C PEAK TEMP. 240C PEAK TEMP. 230C 2.5C 0.5C/SEC. 160C 150C 140C 3C + 1C/-0.5C 30 SEC. 30 SEC. SOLDERING TIME 200C
TEMPERATURE (C)
200
100
PREHEATING TIME 150C, 90 + 30 SEC. 50 SEC. TIGHT TYPICAL LOOSE
ROOM TEMPERATURE
0
0
50
100
150
200
250
TIME (SECONDS)
Recommended Pb-Free IR Profile
TIME WITHIN 5 C of ACTUAL PEAK TEMPERATURE 20-40 SEC.
tp Tp TL 260 +0/-5 C 217 C RAMP-UP 3 C/SEC. MAX. 150 - 200 C
TEMPERATURE
Tsmax Tsmin
RAMP-DOWN 6 C/SEC. MAX.
ts PREHEAT 60 to 180 SEC. 25 t 25 C to PEAK
tL
60 to 150 SEC.
TIME NOTES: THE TIME FROM 25 C to PEAK TEMPERATURE = 8 MINUTES MAX. Tsmax = 200 C, Tsmin = 150 C
4
Regulatory Information
The HCPL-T250 has been approved by the following organizations: UL Recognized under UL 1577, Component Recognition Program, File E55361.
CSA Approved under CSA Component Acceptance Notice #5, File CA 88324. IEC/EN/DIN EN 60747-5-2 Approved under: IEC 60747-5-2:1997 + A1:2002 EN 60747-5-2:2001 + A1:2002 DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01. (Option 060 only)
Insulation and Safety Related
Parameter Minimum External Air Gap (Clearance) Minimum External Tracking (Creepage) Minimum Internal Plastic Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) Isolation Group CTI Symbol L(101) Value Units 7.1 mm Conditions Measured from input terminals to output terminals, shortest distance through air. Measured from input terminals to output terminals, shortest distance path along body. Insulation thickness between emitter and detector; also known as distance through insulation DIN IEC 112/VDE 0303 Part 1 Material Group (DIN VDE 0110, 1/89, Table 1)
L(102)
7.4
mm
0.08
mm
175 IIIa
Volts
Absolute Maximum Ratings (Compared with HCPL-3120)
Parameter Operating Temperature "High" Peak Output Current "High" Peak Output Current Storage Temperature Average Input Current Peak Transient Input Current (<1 s Pulse Width, 300 pps) Reverse Input Voltage Supply Voltage Output Voltage Output Power Dissipation Lead Solder Temperature Solder Reflow Temperature Profile Symbol TA IOH(PEAK) IOL(PEAK) TS IF(AVG) IF(TRAN) VR (VCC - VEE) VO PO Units C A A C mA A HCPL-3120 Min. Max. -40 100 2.5 2.5 -55 125 25 1.0 HCPL-T250 Min. Max. -20 85 1.5 1.5 -55 125 20 1.0 Note 1
2
V 5 5 V 0 35 0 35 V 0 VCC 0 VCC mW 250 250 3 260C for 10 sec., 1.6 mm below seating plane See Package Outline Drawings section
Notes: 1. Maximum pulse width = 10 s, maximum duty cycle = 0.2%. See HCPL-3120 Applications section for additional details on limiting I OH(PEAK). 2. Derate linearly above 70C free-air temperature at a rate of 0.3 mA/C. 3. Derate lineraly above 70C free-air temperature at a rate of 4.8 mW/C.
5
Recommended Operating Conditions
Parameter Power Supply Voltage Input Current (ON) Input Voltage (OFF) Symbol VCC - VEE IF(ON) VF(OFF) Min. 15 7 -3.0 Max. 30 16 0.8 Units V mA V
DC Electrical Specifications (Compared with HCPL-3120)
Over recommended operating conditions (IF(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V, VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
Parameter Input Forward Voltage Temperature Coefficient of Forward Voltage Input Reverse Current Input Capacitance High Level Output Current Low Level Output Current High Level Output Voltage Low Level Output Voltage Symbol VF VF /TA Units V mV/ C Min. 1.2 HCPL-3120 Typ.* Max. 1.5 1.8 -1.6 Min. HCPL-T250 Typ.* Max. 1.6 1.8 -2.0 Test Conditions IF = 10 mA IF = 10 mA Note
IR CIN IOH IOL VOH V OL
A pF A A V V 0.5 2.0 0.5 2.0 VCC - 4 60 1.5 2.0 VCC - 3
10 60 0.5 N.A. 0.5 N.A. VCC - 4 1.5 2.0 VCC - 3
10 250
VR = 5 V VF = 0 V, F = 1 MHz VO VO VO VO = VCC - 4 V = VCC - 15 V = VCC - 4 V = VCC - 15 V IO = -100 mA
VEE +0.1 VEE +0.5 2.0 2.0 5 5
VEE +0.8 VEE +2.5 IO = 100 mA 7 7.5 11 11 Output Open IF = 7 to 16 mA Output Open V F = -3.0 to +0.8 V IO = 0 mA, VO > 5 V
High Level ICCH mA Supply CurrentntSupply Current Low Level ICCL mA Supply Current Threshold Input Current Low to High Threshold Input Voltage High to Low Supply Voltage Capacitance (Input-Output) Resistance (Input-Output) IFLH mA
2.3
5
1.2
5
V FHL
V
0.8
0.8
VCC C I-0 RI-0
V pF
15 0.6 1012
30
15 1.0 1012
30
*All typical values at T A = 25C and VCC - VEE = 3 V, unless otherwise noted.
6
Switching Specifications (AC) (Compared with HCPL-3120)
Over recommended operating conditions (TA = -40 to 100C, I F(ON) = 7 to 16 mA, VF(OFF) = -3.0 to 0.8 V, VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
HCPL-3120 (-40C ~ 100C) Parameter Symbol Units Propagation Delay tPHL s Time to High Output Level Propagation Delay Time to Low Output Level Output Rise Time Output Fall Time Pulse Width Distortion TPLH s Min. 0.1 Typ.* 0.27 HCPL-T250 (-20C ~ 85C) Typ.* 0.27 Test Max. Conditions 0.5 Rg = 10 Cg = 10 nF, f = 10 kHz, 0.5 Duty Cycle = 50% Note
Max. Min. 0.5
0.1
0.3
0.5
0.3
tR tF PWD
s s s s -0.35
0.1 0.1 0.3 0.35
N.A. N.A. N.A. N.A. N.A. 4
Propagation (tPHL Delay Difference tPLH ) Between Any PDD Two Parts Output High |CMH | Level Common Mode Transient Immunity
kV/s
15
30
5
TA = 25C VCC = 30 V HCPL -3120 HCPL -T250 IF = 10 mA V CM = 1500 V IF = 10 mA V CM = 600 V
5
Output Low Level Common Mode Transient Immunity
|CML |
kV/s
15
30
5
TA = 25C VF = 0 V HCPL -3120 HCPL -T250 V CM = 1500 V V CM = 600 V
5
*All typical values at TA = 25C and VCC - VEE = 30 V, unless otherwise noted. Notes: 4. The difference between t PHL and tPLH between any two HCPL-3120 parts under the same test condition. 5. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in the high state (i.e., VO > 15.0 V). 6. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that the output will remain in a low state (i.e., VO < 1.0 V).
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2005 Agilent Technologies, Inc. Obsoletes 5989-0797EN March 1, 2005 5989-2144EN


▲Up To Search▲   

 
Price & Availability of HCPL-T250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X