Part Number Hot Search : 
TA7687 HD404354 TLP3527 A968A U1001 2HHXX TA44912W A6902D
Product Description
Full Text Search
 

To Download HCC40161B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF40160B-40161B HCC/HCF40162B-40163B SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
40160B CLEAR 40161B CLEAR 40162B CLEAR 40163B CLEAR - DECADE WITH ASYNCHRONOUS - BINARY WITH ASYNCHRONOUS - DECADE WITH SYNCHRONOUS - BINARY WITH SYNCHRONOUS
EY (Plastic Package) F (Ceramic Package)
.I .CARRYOUTPUTFORCASCADI .SYNCHRONOUSLYPROGRAMMABLE .LOW.STANDARDI .QUI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
NTERNAL LOOK-AHEAD FOR FAST COUNTING NG POWER TTL COMPATIBILITY ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED AT 20V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25oC FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES "
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCC40XXXBF HCF40XXXBEY HCF40XXXBC1
DESCRIPTION The HCC40160B, 40161B, 40162B, 40163B (extended temperature range) and HCF40160B, 40161B, 40162B, 40163B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in line plastic or ceramic package and plastic micropackage. HCC/HCF40160B, 40161B, 40162B and 40163B are 4-bit synchronous programmable counters. The CLEAR function of the HCC/HCF40162B and 40163B is synchronous and a low on the at the clear CLEAR input sets all four outputs low on the next positive CLOCK edge. The CLEAR function of the HCC/HCF40160B and 40161B is asynchronous and a low level at the CLEAR input sets all four outputs low regardless of the state of the CLOCK, LOAD or ENABLE inputs. A low level at the LOAD input disables the counter and causes the output to agree with the set-up data after the next CLOCK pulse regardless of the conditions of the ENABLE in-
PIN CONNECTIONS
September 1988
1/15
HCC/HCF40160B-40161B-40162-40163
cascading counter for n-bit synchronour application without additional gating. Instrumental in accomplishing this function are two count-enable input and a carry output (COUT). Counting is enable when both PE and TE inputs are high. The TE input is fed forward to enable COUT. This enable output ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW o C o C o C
produces a positive output pulse with a duration approximately equal to the positive portion of the Q1 output. This positive overflow carry pulse can be used to enable successive cascaded stages. Logic transitions at the PE or TE inputs may occur when the clock is either high or low.
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
TRUTH TABLE
Clock CLR 1 1 1 1 X 0 0 1 LOAD 0 1 1 1 X X X PE X 0 X 1 X X X TE X X 0 1 X X X Operation Preset NC NC Count Reset (HCC/HCF40160B, HCC/HCF40161B) Reset (HCC/HCF40162B, HCC/HCF40163B) NC (HCC/HCF40162B, HCC/HCF40163B)
1 = HIGH LEVEL, 0 = LOW LEVEL, X = DON'T CARE, NC = NO CHANGE
2/15
HCC/HCF40160B-40161B-40162B-40163B
LOGIC DIAGRAMS
HCC40160B/HCC40162B
HCC40161B/HCC40163B
3/15
HCC/HCF40160B-40161B-40162-40163
TIMING DIAGRAMS
HCC40160B/HCC40162B
HCC40161B/HCC40163B
4/15
HCC/HCF40160B-40161B-40162B-40163B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Test Conditios Symbol IL Parameter Quiescent Current VI (V) 0/5 HCC Types 0/10 0/15 0/20 HCF Types V OH Output High Voltage Output Low Voltage Input High Voltage Input Low Voltage Output Drive Current 0/5 HCC Types 0/5 0/10 0/15 0/5 HCF Types 0/5 0/10 0/15 IOL Output Sink Current HCC Types HCF Types IIH, IIL HCC Types HCC Types Input Capacitance Input Leakage Current 0/5 0/10 0/15 0/5 0/10 0/15 0/18 Any Input 0/15 Any Input 15 0.3 10 5
-5
Value TLOW * Min. Max. 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 -0.64 -1.6 -4.2 -1.53 -0.52 -1.3 -3.6 0.64 1.6 4.2 0.53 1.3 3.6 0.1 -1.6 -0.51 -1.3 -3.4 -1.36 -0.44 -1.1 -3.0 0.51 1.3 3.4 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 -3.2 -1 -2.6 -6.8 1 2.6 6.8 1 2.6 6.8 10-5 0.1 0.3 7.5 3.5 7 11 1.5 3 4 -1.15 -0.36 -0.9 -2.4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1 pF A mA mA 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 V V 25 oC Min. Typ. Max. 0.04 0.04 0.04 0.08 0.04 0.04 0.04 5 10 20 100 20 40 80 4.95 9.95 14.95 0.05 0.05 0.05 V V THIGH * Min. Max. 150 300 600 3000 150 300 600 A Unit
VO (V)
|IO| VDD (A) (V) 5 10 15 20 5 10 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18
0/5 0/10 0/15 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5
VOL
VIH
V IL
IOH
CI
* TLOW = -55 oC for HCC device: -40 oC for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
5/15
HCC/HCF40160B-40161B-40162-40163
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPLH tPHL tPLH tPHL tPLH tPHL tsetup Parameter Propagation Delay Time Clock to Q Propagation Delay Time Clock to COUT Propagation Delay Time TE to COUT Setup Time Data to Clock Setup Time Load to Clock Setup Time PE or TE to Clock Hold Time Test Conditions VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 Min. Value Typ. 200 80 60 225 95 70 125 55 40 120 45 30 120 45 30 170 70 50 Max. 400 160 120 450 190 140 250 110 80 Unit ns
ns
ns
tsetup
tsetup
thold
240 90 60 240 90 60 340 140 100 0 0 0
ns
ns
ns
ns 100 50 40 85 35 25 3 8.5 12 200 100 80
tTHL tTLH tW
Transition Time
ns
CLock Input Pulse Width
fCL
Maximum Clock Input Frequency
170 70 50 2 5.5 8
ns
MHz 200 70 15 500 220 160
tr tf
Clock Input Rise or Fall Time *
ns
tPHL
Propagation Delay Time (40160B, 40161B) Clear to Q Setup Time (40162B, 40163B) Clear to Clock Hold Time (40162B, 40163B) Clear to Clock Clear Removal Time (40162B, 40163B)
tsetup
thold
trem
tW
Clear Input Pulse Width Low Level (40160B, 40161B)
5 10 15 5 10 15 5 10 15 5 10 15 5 10 15
340 140 100 0 0 0 200 100 70 170 70 50
250 110 80 170 70 50
ns
ns
ns 100 50 35 85 35 25
ns
ns
* If more than one unit is cascated in the parallel clocked application, tr should be made less than or equal to the sum of the fixed propagation delay at 50 pF and the transition time of the carry output driving stage for the estimated capacitance
6/15
HCC/HCF40160B-40161B-40162B-40163B
Output Low (sink) Current Characteristics Output High (source) Current Characteristics
Typical Propagation Delay Time vs Load Capacitance
Typical Transition Time vs Load Capacitance
Typical Dynamic Power Dissipation vs Input Frequency
7/15
HCC/HCF40160B-40161B-40162-40163
TYPICAL APPLICATIONS Detail of Flip-flops For 40160B And 40161B (Asynchronous Clear)
Detail of Flip-flops For 40162B And 40163B (Synchronous Clear)
8/15
HCC/HCF40160B-40161B-40162B-40163B
Cascading Counter Packages In The Parallel-Clocked Mode
Cascading Counter Packages In The Ripple-Clocked Mode
9/15
HCC/HCF40160B-40161B-40162-40163
TEST CIRCUIT Quiescent Device Current.
Input Voltage.
Input Leakage Current.
Dinamic Power Dissipation
10/15
HCC/HCF40160B-40161B-40162B-40163B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
11/15
HCC/HCF40160B-40161B-40162-40163
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
12/15
HCC/HCF40160B-40161B-40162B-40163B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
13/15
HCC/HCF40160B-40161B-40162-40163
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
14/15
HCC/HCF40160B-40161B-40162B-40163B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
15/15


▲Up To Search▲   

 
Price & Availability of HCC40161B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X