Part Number Hot Search : 
BA643 B655M BDR2G FFM16W 0TFI023 SM230 PS911 PBY301
Product Description
Full Text Search
 

To Download HC5519 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
HC5519
SLIC Subscriber Line Interface Circuit
Description
The HC5519 SLIC is designed to meet the technical requirements of the China Telecommunications network. It provides many of the BORSCHT functions associated with a Central Office line circuit. The HC5519 consists of an A-Law Codec/Filter, a 2-wire interface circuit, an impedance control circuit, a ringing control circuit, a power management circuit, and a serial control interface circuit which is used to program and monitor the operation of the device. The integration of the line interface and coder/decoder functions into a 80 pin MQFP surface mount package and standard value surface mount components avoids the need for costly hybrid packaging techniques and offers the superior reliability of an integrated solution for dense circuit board layouts. The SLIC combines Harris' patented Bonded Wafer Dielectrically Isolated fabrication techniques with a state of the art CMOS process to produce the world's most compact line circuit signal processing solution.
ADVANCE INFORMATION
January 1997
Features
* Complete A-Law Codec, Filter, and SLIC Functions with Serial Digital Control and Status Monitoring * 30mA Current Limit on Normal or Reverse Loop Feed * Constant Voltage (Resistance) Feed on Long Loops * On-Hook Transmission * Switch Hook Detection * User Selectable 2-Wire Complex Impedance * User Selectable Receive Gain * User Selectable Transmit Gain * Ringing, Test-In, and Test-Out Relay Drivers * Zero Crossing Ring Trip Detection and Ring Relay Release * Thermal Shutdown Protection * Meets CCITT/China Transmission Requirements
Ordering Information
PART NUMBER HC5519CQ TEMP. RANGE (oC) 0 to 70 PACKAGE 80 Ld MQFP PKG. NO. Q80.14x20
Applications
* CO/PABX Line Circuits
Pinout
HC5519 (MQFP) TOP VIEW
Block Diagram
DR DX VFXI VFRO RX TX TX4W RN KZO
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 BCLKR BCLKX MCLKX TSX FSR FSX CO CI CS SUP AGND BGND RGND VBAT VCC VEE PROGRAMMING INTERFACE PCM INTERFACE A/D AND D/A TIP TIPSEN RINGSEN RING TA TB RD RBH RBL CRTD RPSB RPSR RPST RPSG
2-WIRE INTERFACE
STATUS AND CONTROL
TEST CONTROL
RING CONTROL BATTERY REFERENCE
BIAS
POWER MANAGEMENT
GNDD GNDA CP
RDC CDC
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright
(c) Harris Corporation 1997
File Number
4232
4-1


▲Up To Search▲   

 
Price & Availability of HC5519

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X