Part Number Hot Search : 
4805E MAX6957 CF017R ENA0922 MC10197P M5243PXX KTCB8 KSP77BU
Product Description
Full Text Search
 

To Download FRA1601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRA1601G THRU FRA1607G
16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 16.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220A
.185(4.70) .175(4.44) .412(10.5) MAX DIA .154(3.91) .148(3.74) .27(6.86) .23(5.84) .594(15.1) .587(14.9) .055(1.40) .045(1.14)
.113(2.87) .103(2.62)
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds .16",(4.06mm) from case. Mounting position: Any Weight: 2.24 grams
.16(4.06) .14(3.56) .037(0.94) .027(0.68)
PIN1
2 .11(2.79) .10(2.54)
.56(14.22) .53(13.46)
.205(5.20) .195(4.95)
.025(0.64) .014(0.35)
PIN 1 PIN 2 CASE
Case Positive
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol FRA FRA FRA Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 2 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 16.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125 Maximum Reverse Recovery Time ( Note 1) Typical Thermal resistance (Note 2)
FRA FRA FRA FRA 1601G 1602G 1603G 1604G 1605G 1606G 1607G
Units V V V A A V uA uA nS /W
VRRM VRMS VDC I(AV) IFSM VF IR Trr RJC TJ ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 16.0 250 1.3 5.0 100
600 420 600
800 1000 560 700 800 1000
150
250
500
2.5 -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
Operating and Storage Temperature Range
- 464 -
RATINGS AND CHARACTERISTIC CURVES (FRA1601G THRU FRA1607G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
20.0 16.0 12.0 8.0 4.0 0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.5- TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=125 0C
10
0
50 CASE TEMPERATURE. ( C)
o
100
150
Tj=25 0C
PEAK FORWARD SURGE CURRENT. (A)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
300 250 200 150 100 50 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave JEDEC Method
1.0
0.1 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
80 40 20 10
FIG.4- TYPICAL JUNCTION CAPACITANCE
300 250
INSTANTANEOUS FORWARD CURRENT. (A)
4 2 1.0
CAPACITANCE.(pF)
200 150 100 50 0 Tj=25 C f=1.0MHz Vsig=50mVp-p 0.5 1.0 5 10 50 100 500 1000
0
.4 .2 .1 .8
Tj=25oC Pulse Width=300 s 1% Duty Cycle
.9
1.0
1.1
1.2
1.3
1.4
1.5
0.1
INSTANTANEOUS FORWARD VOLTAGE. (V)
REVERSE VOLTAGE. (V)
- 465 -


▲Up To Search▲   

 
Price & Availability of FRA1601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X